Part Number Hot Search : 
NTXV1 2N690 IDT54 43223 LM738 A1122 2518T TN2124
Product Description
Full Text Search
 

To Download MBRB2090CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR20100CT, MBRF20100CT & MBRB20100CT Series
New Product
Vishay Semiconductors
formerly General Semiconductor
Dual High-Voltage Schottky Rectifiers
Reverse Voltage 90 to 100V Forward Current 20A
ITO-220AB (MBRF2090CT, MBRF20100CT)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
TO-220AB (MBR2090CT, MBR20100CT)
0.415 (10.54) MAX. 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) 1 0.160 (4.06) 0.140 (3.56) PIN 2 3 0.603 (15.32) 0.573 (14.55) 0.055 (1.39) 0.045 (1.14) 0.600 (15.5) 0.580 (14.5)
PIN 1 2 3
0.185 (4.70) 0.175 (4.44)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52)
PIN 1 PIN 2
1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46)
0.110 (2.80) 0.100 (2.54)
PIN 3
PIN 1 PIN 3
PIN 2 CASE
0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36)
0.205 (5.20) 0.195 (4.95)
TO-263AB (MBRB2090CT, MBRB20100CT)
0.411 (10.45) 0.380 (9.65) 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
0.245 (6.22) MIN K 0.055 (1.40) 0.047 (1.19) 0.624 (15.85) 1 K 2 0.591 (15.00) 0-0.01 (0-0.254) 0.110 (2.79) 0.090 (2.29) 0.037 (0.940) 0.027 (0.686)
PIN 1 PIN 2 K - HEATSINK
0.360 (9.14)
0.33 (8.38) 0.63 (17.02)
Dimensions in inches and (millimeters)
0.320 (8.13)
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.08 (2.032) 0.24 (6.096)
0.105 (2.67)
0.12 (3.05)
0.095 (2.41)
0.205 (5.20) 0.195 (4.95)
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Dual rectifier construction, positive center tap * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Document Number 88672 02-Jul-02
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g
www.vishay.com 1
MBR20100CT, MBRF20100CT & MBRB20100CT Series
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TC = 25C unless otherwise noted)
Symbol VRRM VRWM VDC IF(AV)
MBR2090CT 90 90 90 20 10 150 0.5
MBR20100CT 100 100 100
Unit V V V A
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Total device at TC = 133C Per leg Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Peak repetitive reverse current per leg at tp = 2s, 1KHZ Voltage rate of change (rated VR) Operating junction and storage temperature range RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1 second, RH 30%
IFSM IRRM dv/dt TJ, TSTG VISOL
A A V/s C V
10,000 -65 to +150 4500 3500 1500
(1) (2) (3)
Electrical Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage per leg at(4): IF = IF = IF = IF = 10A, TC = 10A, TC = 20A, TC = 20A, TC = 25C 125C 25C 125C Symbol Value 0.80 0.65 0.95 0.75 100 6.0 Unit
VF
V A mA
Maximum reverse current per leg at working peak reverse voltage(4)
TJ = 25C TJ = 100C
IR
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Typical thermal resistance per leg Symbol RJA RJC MBR 60 2 MBRF -- 3.5 MBRB 60 2 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
Ordering Information
Product MBR2090CT, MBR20100CT MBRF2090CT, MBRF20100CT MBRB2090CT, MBRB20100CT Case TO-220AB ITO-220AB TO-263AB Package Code 45 45 31 45 81 Package Option Anti-Static tube, 50/tube, 2K/carton Anti-Static tube, 50/tube, 2K/carton 13" reel, 800/reel, 4.8K/carton Anti-Static tube, 50/tube, 2K/carton Anti-Static 13" reel, 800/reel, 4.8K/carton
www.vishay.com 2
Document Number 88672 02-Jul-02
MBR20100CT, MBRF20100CT & MBRB20100CT Series
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
20 160 140 120 12 100 8 80 4 60 40 1 10 100
16
0 0 50 100 150
50
20 10
10
1.0 5.0 3.0 0.1 1.0 0.01 0.5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 20 40 60 80 100
100
10
1
0.1 0.01
0.1
1
10
100
Document Number 88672 02-Jul-02
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of MBRB2090CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X