Part Number Hot Search : 
75237 74LVC245 TS158R 4069UBP FTSO5130 BFU610F ARD22U ED302T03
Product Description
Full Text Search
 

To Download MB90096 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS04-28826-5E
ASSP For Screen Display Control
CMOS
On-screen Display Controller
MB90096
s DESCRIPTION
The MB90096 is a multi-scan on-screen display controller that supports horizontal sync signal frequencies of 15 kHz to 120 kHz.The on-screen display configuration is up to 32 characters x 16 lines. The character configuration is up to 24 dots x 32 dots for high resolution, ideal for wide-screen TV, HDTV, and high-resolution personal computer displays. The character display functions include sprite character, character background display, and graphics functions, contributing to the use of colorful GUI displays. The MB90096 contains display memory (VRAM), character font ROM, and VCO, allowing characters to be displayed with a minimum of external components. This device also includes command table ROM for storage of display command data, greatly reducing the load on the microcontroller.
s PACKAGES
28-pin plastic SH-DIP 28-pin plastic SOP
(DIP-28P-M03)
(FPT-28P-M17)
MB90096
s FEATURES
* Screen display capacity: Up to 32 characters x 16 lines (512 characters) * Character configuration: L size: 24 dots (horizontal) x 2h * dots (vertical) M size: 18 dots (horizontal) x 2h * dots (vertical) S size: 12 dots (horizontal) x 2h * dots (vertical) *: h = 9 to 16 * L, M, S sizes can be selected by individual character * Graphics characters can be displayed in L or S size only * Two h values can be set per screen, and either of the two can be selected for each line on the screen. Font types: 512 different fonts included (user selectable over entire screen) Display modes: Normal characters/graphic characters: (set for each character) Trimmed display (horizontal trimming/pattern back ground): (set for each screen) Character background (fill/shaded background): (set for each character) Line background (fill/shaded back ground): (set for each line) Enlarged (normal, double width, double height, double width x double height): (set for each line) Blinking: Blinking characters: (set for each character) Blink period, duty ratio: (set for each screen) Sprite character display (graphics display only): Capable of displaying one block of characters (maximum 2 x 2 characters) on main screen. (Can move horizontally and vertically in 2-dot increments.) Setting applies to the first 256 characters only (character codes 000 to 0FFH). Background character display (graphics display only): Capable of displaying a repeated pattern (2 x 2 characters) on main screen. Setting applies to the first 256 characters only (character codes 000 to 0FFH). Display colors: Character/background colors: 16 colors each (set for each character) Line background/fill colors: 16 characters each (set for each line) Screen background colors: 16 colors (set for each screen) Graphics character dot colors: 16 colors (set for each dot) Shading background frame colors (highlight/shadow): 16 colors each (set for each screen) Display position control: Horizontal display start position:Set in 4-dot units (for each screen) Vertical display start position: Set in 4-dot units (for each screen) Line spacing control: Set in 2-dot units (for each line) Character/color signal output: ROUT, GOUT, BOUT, IOUT (color signals) VOB1 (OSD display period output signal) VOB2 (semi-transparent color period output signal) Command transfer function (macro service): Command table ROM, 16Kbyte included Compatible horizontal sync signal frequencies: 15 kHz to 120 kHz (PLL circuit included) Microcontroller interface: 16-bit serial input (3 signal input pins) Packages: SH-DIP-28, SOP-28 Power supply voltage: +5 V
* *
*
*
*
*
*
* * * * *
2
MB90096
s PIN ASSIGNMENTS
(TOP VIEW)
CPOUT AVSS VCOIN AVSS RESET TEST VSS DOCKI DOCKO FH EVEN HSYNC VSYNC DISP
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
AV3V AVCC CS SIN SCLK TRE VCC V3V BOUT (C0) ROUT (C1) GOUT (C2) IOUT (C3) VOB1 VOB2
(DIP-28P-M03) (FPT-28P-M17)
3
MB90096
s PIN DESCRIPTIONS
Pin no. 1 3 Pin name CPOUT VCOIN I/O O I Circuit type A B Function Horizontal sync phase comparison result signal output pin. Connects to external low-pass filter. Internal VCO voltage input pin. Receives voltage signal input from external low-pass filter Dot clock input pin. Used only when operating on an externally generated dot clock signal. *1 When unused, the horizontal sync signal *2 should be input at this pin. Internal pull-up resistance included. Output pin for the dot clock signal generated by the internal VCO. This signal can be fixed at "H" level by a command. Output pin for the horizontal sync signal generated by the PLL circuit. Field control signal input pin. This pin is disabled when noninterlaced display or internally generated field control signals are selected by command. Internal pull-up resistance included. Horizontal sync signal input pin. The period of this signal is used to generate the dot clock signal. The active level is programmable. Internal pull-up resistance included. Vertical sync signal input pin. The active level is programmable. Internal pull-up resistance included. Display output (ROUT, GOUT, BOUT, IOUT, VOB1, VOB2) control pin. When this pin is set to "L" level, the display control is forcibly set to inactive. Normally, the horizontal and vertical blanking signals are input here. *3 Internal pull-up resistance included. Color signal output pins. The active level is programmable. Display period output pin. The active level is programmable. Semi-transparent period output signal. The active level is programmable. Serial transfer shift clock input pin. Internal pull-up resistance included. Serial data input pin. Internal pull-up resistance included. Chip select pin. Set to "L" level for serial transfer. Internal pull-up resistance included.
8
DOCKI
I
D
9 10
DOCKO FH
O O
C C
11
EVEN
I
D
12
HSYNC
I
D
13
VSYNC
I
D
14
DISP
I
D
17 18 19 20 16 15 24 25
IOUT (C3) GOUT (C2) ROUT (C1) BOUT (C0) VOB1 VOB2 SCLK SIN
O
C
O O I I
C C D D
26
CS
I
D
(Continued)
4
MB90096
(Continued) Pin Pin name no.
23 5 TRE RESET
I/O O I
Circuit type C D
Function Output pin for indicator that command transfer and fill operations are in progress. Active "H" level output. Reset input pin. Input a "L" level signal *4 at power-on. Internal pull-up resistance included. Test signal input pin. Input "H" level (fixed) for normal operation. Internal pull-up resistance included. +5 V power supply pin. Connect 0.1 F capacitance between this pin and VSS. Ground pin. +5 V power supply pin for VCO. Connect 0.1 F capacitance between this pin and AVSS. Ground pin for VCO.
6 22 21 7 27 28 2, 4
TEST VCC V3V VSS AVCC AV3V AVSS
I
D
*1: The clock signal should be input even during a reset interval. *2: The active level of the horizontal sync signal input may be either "H" or "L" level. During reset intervals, including power-on resets, apply a "L" level fixed signal or a horizontal sync signal with one or more "L" level intervals at the DOCKI pin. *3: The MB90096 display signals (IOUT, ROUT, GOUT, BOUT, VOB1, VOB2) may be output during horizontal or vertical blanking intervals. Normally devices such as TV or monitors use a reverence color setting during horizontal and vertical blanking intervals, so that during this period the MB90096 display signals must be masked at the DISP pin signal. *4: When power is switched on, apply a "L" level signal for 1ms or longer after the VCC (AVCC) is stabilized.
5
MB90096
s I/O CIRCUIT TYPES
Type Circuit (internal 3 V)
Pch
Remarks * CMOS output (internal 3 V) 3-state output
A
Nch
* Analog input
Nch Pch
B
(5 V) Pch
* CMOS output (5 V)
C
Nch
(5 V)
* CMOS hysteresis input Pull-up resistance (approx. 50 k) included
D
6
MB90096
s BLOCK DIAGRAM
DISP VSYNC EVEN RESET
BOUT ROUT
Display control
CS SIN SCLK
Serial input control
Display output control
GOUT IOUT VOB1 VOB2
TRE
Command table ROM control
Display memory VRAM
Font ROM
(512 char.)
(32 char. x 16 line) Command table ROM
Dot clock
(16 KByte) DOCKI HSYNC CPOUT VCOIN
Dot clock generator circuit (PLL circuit)
FH DOCKO
7
MB90096
s ABSOLUTE MAXIMUM RATINGS
(VSS = AVSS = 0 V Typ) Parameter Power supply voltage Capacitance pins Input voltage Output voltage Power consumption Operating temperature Storage temperature Symbol VCC AVCC V3V, AV3V VIN VOUT Pd Ta Tstg Rating Min VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 -40 -55 Max VSS + 6.0 VSS + 6.0 VSS + 3.6 VCC + 0.3 VCC + 0.3 600 +85 +150 Unit V V V V V mW C C * * Remarks
*: AVcc and Vcc must have equal potential. WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
(VSS = AVSS = 0 V Typ) Parameter Power supply voltage "H" level input voltage "L" level input voltage Operating temperature Analog input voltage Smoothing capacitor (capacitance pin) Value
Symbol
Min VCC AVCC VIHS VILS2 Ta VIN CS 4.5 4.5
Max 5.5 5.5
Unit
Remarks Specification guarantee range *1
V V V V C V
0.8 x VCC VCC + 0.3 VSS - 0.3 0.2 x VCC -40 0 0.1 +85 3.0 1.0
VCOIN input *2
Use a ceramic capacitor or other capacitor having F equivalent frequency characteristics. The capacitance at the Vcc and AVcc pins must be greater than Cs.
*1: AVcc and Vcc must have equal potential. *2: This recommended input voltage range does not imply that stable PLL operation is warranted. For stable PLL operation it is recommended that input voltage be between 1.0 V and 2.5 V. Note however that PLL operating status is greatly affected by variations in the input horizontal sync signal period, as well as external filter settings and operating temperature, etc. Thorough testing and evaluation is recommended. WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand. 8
MB90096
s ELECTRICAL CHARACTERISTICS
1. DC Characteristics
Parameter "H" level output voltage 1 "H" level output voltage 2 "L" level output voltage Pull-up resistance Input leak current
Symbol
Pin name
All output pins except CPOUT pin
(VSS = AVSS = 0 V, Ta = -40 C to +85 C) Value Condition Unit Min Typ Max VCC = AVCC = 4.5 V, IOH = -4.0 mA VCC = AVCC = 4.5 V, IOH = -4.0 mA VCC = AVCC = 4.5 V, IOL = 4.0 mA VCC = AVCC = 5.5 V VCC = AVCC = 5.5 V, VSS < VIL < VCC VCC = AVCC = 5.5 V (no load), Dot clock 60 MHz Dot clock 40 MHz Dot clock 20 MHz 4.0 2.5 20 -10 10 0.4 100 10 40 30 20 V V V k A mA mA mA pF
VOH1 VOH2 VOL RPULL IIL
CPOUT pin All output pins
All input pins except VCOIN pin
VCOIN pin
Power supply current
ICC
VCC + AVCC
Input capacitance
CIN
Other than power supply and capacitance pins *
*: Power supply pins: VCC, AVCC, VSS, AVSS, Capacitance pins: V3V, AV3V
9
MB90096
2. AC Characteristics
(1) Serial Input Timing (VCC = AVCC = 5.0 V 10%, VSS = AVSS = 0 V, Ta = -40 C to +85 C) Value Symbol Pin name Unit Remarks Min Max tCYC tWCH tWCL tCR tCF tSS tSU tH tEC tCRC tCFC SCLK SCLK SCLK SCLK SIN SIN CS CS 250 100 100 100 100 50 100 200 200 200 200 ns ns ns ns ns ns ns ns ns ns ns
Parameter Shift clock cycle time Shift clock pulse width Shift clock signal rise/fall time Shift clock start time Data setup time Data hold time Chip select end time Chip select signal rise/fall time
* Serial input timing
CS 0.8 VCC 0.2 VCC tSS 0.8 VCC 0.2 VCC tCRC tCYC tEC 0.8 VCC SCLK tWCH tCR tCF tSU tH 0.8 VCC SIN 0.2 VCC tWCL 0.2 VCC
tCFC
10
MB90096
(2) Vertical and horizontal sync signal input timing (VCC = AVCC = 5.0 V 10%, VSS = AVSS = 0 V, Ta = -40 C to +85 C) Value Remarks Parameter Symbol Pin name Unit Min Max Horizontal sync signal rise time Horizontal sync signal fall time Vertical sync signal rise time Vertical sync signal fall time Horizontal sync signal pulse width *1 Vertical sync signal pulse width Horizontal sync signal setup time Horizontal sync signal hold time Vertical sync signal setup time Vertical sync signal hold time Vertical sync signal setup time when field signal is generated Vertical sync signal hold time when field signal is generated tHR tHF tVR tVF tWH tWV tDHST tDHHD tHVST tHVHD tEVST tEVHD HSYNC VSYNC HSYNC VSYNC HSYNC VSYNC VSYNC VSYNC 18 2 6 3 4 2 18 18 500 500 500 500 6 20 1H - 4 20 ns ns ns ns Dot clock s H ns ns Dot clock H Dot clock Dot clock *3 *3 *2 *2
*1: The horizontal sync pulse time is applied after MB90096 internal operations have paused and horizontal operation has been synchronized. For this reason it is necessary to leave an interval between commands so that writing to VRAM (command 2, 4) is not performed more than once. It is necessary to set the horizontal sync signal pulse width and interval for writing to VRAM so that the horizontal sync signal pulse width is less than the writing interval to VRAM. *2: Applied when an external dot clock signal is input. *3: Applied in interlaced display, when the EVEN signal is applied from an external source. * Vertical and horizontal sync signal input timing
HSYNC
0.8 VCC 0.2 VCC tHF tWH
0.8 VCC 0.2 VCC tHR
VSYNC
0.8 VCC 0.2 VCC tVF tWV
0.8 VCC 0.2 VCC tVR
11
MB90096
* Horizontal sync signal setup and hold timing
0.8 VCC DOCKI 0.2 VCC
tDHST 0.8 VCC HSYNC 0.2 VCC
tDHHD 0.8 VCC 0.2 VCC
* Vertical sync signal setup and hold timing HSYNC: VSYNC detection at front edge (VHE = 0)
tHVST
tHVHD
VSYNC
0.2 VCC 0.2 VCC
HSYNC
0.8 VCC 0.2 VCC
* Vertical sync signal setup and hold timing HSYNC: VSYNC detection at back edge (VHE = 1)
tHVST
tHVHD
VSYNC
0.2 VCC 0.2 VCC
HSYNC
0.2 VCC
0.8 VCC
12
MB90096
* EVEN signal generation timing Detection of EVEN = 1 (Valid with settings for internal field signal generation [FLD = 0], and dot clock internal generation [DCO = 0].)
3H/4 H/4 HSYNC 0.2 VCC
VSYNC
0.8 VCC
0.2 VCC
tEVHD
tEVST
Chip internal generation field signal *
* EVEN signal generation timing Detection of EVEN = 0 (Valid with settings for internal field signal generation [FLD = 0], and dot clock internal generation [DCO = 0].)
H/4 H/4
HSYNC
0.2 VCC
VSYNC 0.8 VCC 0.2 VCC
Chip internal generation field signal *
tEVHD
tEVST
*: Sample of internal generation without field signal correction (command 11-0 FC = 0) Note: In a normal NTSC signal, H/4 = 63.5 s / 4 = 15.9 s, 3H/4 = 47.6 s. : :
13
MB90096
* EVEN signal input timing (Valid with settings for external field signal input [FLD = 1].) VSYNC
Video signal
V blanking
V blanking
EVEN
Note: There is no numerical standard for EVEN signal input timing. Set so that the signal changes during the V blanking interval when no video signal is output.
14
MB90096
(3) Display signal timing
Parameter Dot clock input frequency Dot clock input cycle time Dot clock input pulse width
(VCC = AVCC = 5.0 V 10%, VSS = AVSS = 0 V, Ta = -40 C to +85 C) Value Symbol Pin name Unit Remarks Min Max fDCK tDCK tDIWH tDIWL tMASK tDLIO tRGB1 tRGB1HD tRGB2 tRGB2HD tDLFH DOCKI DOCKI DOCKI ROUT, GOUT, BOUT, IOUT, VOB1, VOB2 DOCKO ROUT, GOUT, BOUT, IOUT, VOB1, VOB2 ROUT, GOUT, BOUT, IOUT, VOB1, VOB2 FH 7 16.7 7 7 5 12 21 60 142.8 30 24 33 MHz ns ns ns ns ns ns ns 9 5 ns ns ns
Display signal output mask timing Dot clock output delay Display signal output delay 1 Display signal output hold time 1 Display signal output delay 2 Display signal output hold time 2 FH output delay
tRGB1 - 11 -2 -5
* Display signal output mask timing
DISP 0.8 VCC 0.2 VCC
tMASK
tMASK
ROUT, GOUT IOUT, BOUT VOB1, VOB2
0.8 VCC 0.2 VCC
Note: * Display related output logic is written in normal logic settings[command 13-0: DHX = DBX = DCX = 0]. * Sync signal input logic is written in inverse logic settings [command 13-0: SIX = 0].
15
MB90096
* Display signal output delay Prescaler setting: 1/1 (DP1 = 0, DP0 = 0)
tDIWH tDCK tDIWL
DOCKI
0.8 VCC 0.2 VCC
0.8 VCC 0.2 VCC
0.8 VCC 0.2 VCC
tDLIO
0.8 VCC DOCKO
0.8 VCC
tRGB2 tRGB1 tRGB1HD
tRGB2HD
ROUT, GOUT IOUT, BOUT VOB1,VOB2
0.8 VCC 0.2 VCC
VALID
0.8 VCC 0.2 VCC
* FH output delay
0.8 VCC DOCKO
0.8 VCC
tDLFH
tDLFH
0.8 VCC FH 0.2 VCC
16
MB90096
(4) Power supply input, reset input timing (VCC = AVCC = 5.0 V 10 %, VSS = AVSS = 0 V, Ta = -40 C to +85 C) Vlaue Parameter Symbol Pin name Unit Remarks Min Max Power supply rise time Reset input at power on Reset input with power stabilized tPON tPRT tRST VCC, AVCC RESET RESET 100 1 10 s ms s *
*: Ensure that the slope of the power supply rise (V/t) does not exceed 0.05 V/s. * Power-on and reset input timing
tPON
VCC, AVCC 0.2 VCC
0.8 VCC
RESET tPRT 0.2 VCC 0.2 VCC tRST 0.2 VCC
AC rating measurement conditions C = 28 pF tr = 5 ns tf = 5 ns VOH = 0.8 VCC VOL = 0.2 VCC VIH = 0.8 VCC VIL = 0.2 VCC
17
MB90096
s COMMAND LIST
1. Command List
Command no.
Function
Set VRAM write address Character data 1 Character data 2 Line control data 1 Line control data 2 Screen output control 1 Screen output control 2 Vertical display position control Horizontal display position control Character vertical size control Shading background frame color control Transparent / semitransparent color control Graphic color control Screen background character control 1 Screen background character control 2 Sprite character control 1 Sprite character control 2 Sprite character control 3 Sprite character control 4 Sync control Dot clock control 1 Dot clock control 2 I/O pin control CROM transfer start address 1 CROM transfer start address 2 CROM transfer end address 1 CROM transfer end address 2
Command code/data
15 to 12 0000 0001 0010 0011 0100 0101 0101 0101 0101 0110 0110 0110 0110 0111 0111 1000 1000 1001 1001 1011 1011 1011 1101 1110 1110 1110 1110 11 10 9 AY1 8 AY0 7 FL 6 0 5 0 4 3 2 1 0 AY3 AY2 AX4 AX3 AX2 AX1 AX0
0 1 2 3 4 5-0 5-1 5-2 5-3 6-0 6-1 6-2 6-3 7-1 7-3 8-1 8-2 9-0 9-1 11-0 11-2 11-3 13-0 14-0 14-1 14-2 14-3
MS1 MS0 MM1 MM0 MB3 MB2 MB1 MB0 MC3 MC2 MC1 MC0 MR MG MBL M8 M7 M6 M5 LFB M4 LFA M3 LF3 L3 0 0 Y3 X3 0 M2 LF2 L2 0 0 Y2 X2 M1 LF1 L1 0 0 Y1 X1 M0 LF0 L0 0 0 Y0 X0
LHS LW2 LW1 LW0 LFD LFC LDS 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 1 0 0 0 0 0 0 0 1 0 1 0 1 0 1 1 1 1 0 0 0 0 0 1 0 0 0 1 1 LG1 0 LG0 0 LD LE
LM1 LM0
SDS UDS PDS DSP BT0 BD1 BD0 Y6 X6 Y5 X5 Y4 X4
FM1 FM0 BT1 0 0 0 0 TC GF 1 1 Y8 X8 0 0 HC GC 1 0 Y7 X7 0
HB2 HB1 HB0
HA2 HA1 HA0
BH3 BH2 BH1 BH0 TC3
BS3 BS2 BS1 BS0
TC2 TC1 TC0 HC3 HC2 HC1 HC0
GF3 GF2 GF1 GF0 GC3 GC2 GC1 GC0 PM7 PM6 PM5 PM4 PM3 PM2 PM1 PM0 0 PH2 PH1 PH0 U3 U2 U1 U0
SD1 SD0 SM7 SM6 SM5 SM4 SM3 SM2 SM1 SM0 1 SY9 SX9 0 DO SBL SY8 SX8 0 0 0 SH2 SH1 SH0 0 0 0 0
SY7 SY6 SY5 SY4 SY3 SY2 SY1 SY0 SX7 SX6 SX5 SX4 SX3 SX2 SX1 SX0 EG1 EG0 0 0 0 FC0 FLD 0 0 0 0 0 0 DC0
DP1 DP0
DK9 DK8 DK7 DK6 DK5 DK4 DK3 DK2 DK1 DK0 0 0 1 0 1 VHE 0 0 0 TSV 0 0 TS7 0 TE7 0 0 TS6 0 TE6 SIX 0 0 DHX DBX DCX TS8 0 TE8 1
TSD TSC TSB TSA TS9 TS5 TS4 TS3 TS2 TS1
TED TEC TEB TEA TE9 TE5 TE4 TE3 TE2 TE1
(Continued)
18
MB90096
(Continued)
Notes: * Initial values are undefined for the VRAM and line VRAM settings in commands 0, 1, 2, 3, and 4. Therefore all VRAM and line VRAM values must be initialized by issuing commands. (FIL functions are valid for all VRAM initializations.) * The initial value for command 5-0 and command 13-0 is "0" for all bits. However, to protect against abnormal operation due to causes such as external noise, initial settings should be made to all commands *. *: Initial settings should be made for all commands other than the command ROM transfer commands (command 14-0 through 14-3). Note that initial settings for command 0 through command 9-1 may be stored in command ROM, and initialized by command ROM transfer.
2. Command content
* Command 0 (Set VRAM write address) 15 0 14 0 13 0 12 0 11 10 9 8 7 FL 6 0 5 0 4 3 2 1 0
AY3 AY2 AY1 AY0
AX4 AX3 AX2 AX1 AX0
AY3-AY0 : Line address (0 to FH) [Functions]
AX4-AX0 : Column address (0 to 1FH) FL : VRAM file setting (0 : OFF, 1 : ON)
Command 0 specifies the write address in VRAM memory. This command is used to specify the line and column address before using commands 1 and 2 to set character data, and to specify the line address before using commands 3 and 4 to set line control data. [Description] * Normal writing (writing in units of 1 character data or 1 line control data) is done with the VRAM fill setting OFF (FL = 0). * After executing command 2, the VRAM address is incremented automatically. (At the end of a column, the address is incremented to the head of the next column, and at the end of the last line the address is incremented to the head of the next page.) * If the VRAM fill setting (FL=1) is used, the same character data (specified by commands 1, 2) is written to all addresses from the line and column address specified by command 0 to the end of the page. VRAM fill is executed by the set character data 2 command (command 2). When this command is executing, the TRE pin output is at "H" level. Notes: * When command 3 and 4 settings (line control data) are in effect, the column address values in this command (AX4-AX0) are ignored. * VRAM addresses are not incremented automatically by executing commands 3 and 4 (line control data). * VRAM fill settings are valid only for commands 1 and 2 (character data). * When VRAM fill is executing, commands 1-4 may not be issued.
19
MB90096
* Command 1 (Character data 1) 15 0 14 0 13 0 12 1 11 10 9 8 7 6 5 4 3 2 1 0
MS1 MS0 MM1 MM0 MB3 MB2 MB1 MB0 MC3 MC2 MC1 MC0 MS1, MS0: Character horizontal size control 0, 0: 12-dot 0, 1: 18-dot 1, 0: 24-dot 1, 1: (prohibited)
MC3-MC0: Character color (16 colors) MB3-MB0: Character background color (16 colors) MM1, MM0:Character background control (0, 0 : OFF) (0, 1 : Fill in) (1, 0 : Shaded concave) (1, 1 : Shaded convex) [Function]
Command 1 sets character data. This data is written in VRAM and displayed on the screen by executing the character data 2 command (command 2). [Description] * The character color, background color, character background type, and horizontal size can be set in any combination, for each character separately. * Shading can be oriented towards, top, bottom, right, or left using a combination of the MR bit in command 2 and the LD and LE bits in command 4. * Shading background frame color settings are made using command 6-1. Note: These settings are not available for M size graphics characters.
20
MB90096
* Command 2 (Character data 2) 15 0 14 0 13 1 12 0 11 MR 10 MG 9 MBL 8 M8 7 M7 6 M6 5 M5 4 M4 3 M3 2 M2 1 M1 0 M0
MR: Shaded background right-character fusion control (0: No fusion with right-character) (1: Fusion with right-character) M8-M0: Character code [Function]
MG: Character/graphics character control (0: character, 1: graphics character) MBL: Blinking control (0: OFF, 1: ON)
Command 2 writes the character data set by the character data 1 command (command 1) as well as the data contained in this command to the VRAM address specified by the VRAM write address command (command 0). After command 2 is executed, the VRAM write address is automatically incremented. [Description] * The blinking control setting (MBL=1) causes the display to blink according to the settings of the BT1, BT0, BD1, BD0 bits in command 5-1. * The shaded background right-character fusion control bit (MR) is used only with characters having the shading setting specified in command 1 (MM1=1). Notes: * Because all VRAM settings are undefined after a reset, it is necessary to enter all VRAM settings before executing a display. *These settings are not available for M size graphics characters.
* Command 3 (Line control data 1) 15 0 14 0 13 1 12 1 11 10 9 8 7 6 5 4 LFA 3 LF3 2 LF2 1 LF1 0 LF0
LHS LW2 LW1 LW0 LFD LFC LFB
LHS: Line character vertical size type (0: Character vertical size A) (1: Character vertical size B) LW2-LW0: Line spacing control (0-14 dots, in 2-dot increments) LF3-LF0: Trimming color (16 colors)
LFD, LFC: Trimming output control (0,0: All OFF) (0,1: Trimming ON for characters without background only) (1,0: Trimming ON for characters without background and filled characters only) (1,1: Trimming output ON) LFB, LFA: Trimming control (0,0: Trimming OFF) (0,1: Right trimming) (1,0: Left trimming) (1,1: Left and right trimming)
[Function] Command 3 sets line control data. This data is written in VRAM and reflected on the screen display when the line data 2 command (command 4) is executed. [Description] * Command 6-0 (Character vertical size control) determines the specification of the actual size of the characters controlled by the line character vertical size type setting (LHS). * The trimming format is specified by the FM1, FM0 bits in command 5-1 (Trimming format control). 21
MB90096
* Command 4 (Line control data 2) 15 0 14 1 13 0 12 0 11 LDS 10 0 9 8 7 LD 6 LE 5 4 3 L3 2 L2 1 L1 0 L0
LG1 LG0
LM1 LM0
LDS: Line character output control (0: OFF, 1: ON) LG1, LG0: Line expansion control (0:,0: Normal) (0,1: Double width) (1,0: Double height) (1,1: Double height and width)
LE: Character background expansion control (0: Normal, 1: Expanded) LD: Shaded background lower side fusion control (0: Not fused, 1: Lower side fused) LM1, LM0: Line background control (0,0: OFF) (0,1: Fill display) (1,0: Shaded concave display) (1,1: Shaded convex display) L3-L0: Line background color (16 colors)
[Function] Command 4 writes the line control data set by the line control data 1 command (command 3) as well as the data contained in this command to the VRAM address specified by the VRAM write address command (command 0). Notes: * Because all VRAM settings are undefined after a reset, it is necessary to enter all VRAM settings before executing a display. * Executing this command does not cause automatic incrementing of the VRAM write address. The address must be set by command 0 for each line for which this command is executed.
* Command 5-0 (Screen output control 1) 15 0 14 1 13 0 12 1 11 0 10 0 9 0 8 0 7 6 5 4 3 0 2 0 1 0 0 0
SDS UDS PDS DSP
SDS: Sprite character output control (0: OFF, 1: ON) UDS: Screen background output control (0: OFF, 1: ON)
PDS: Screen background character output control (0: OFF, 1: ON) DSP: Display output control (Character + trimming + character background + line background control) (0: OFF, 1: ON)
[Function] Command 5-0 controls screen display output. Note: When the display is turned ON by turning the SDS, PDS, UDS, DSP bits ON, starting from a state in which at least one of those bits is already ON, it may happen that the display screen (characters) appear displaced vertically by the amount of the initial field in the setting.
22
MB90096
* Command 5-1 (Screen output control 2) 15 0 14 1 13 0 12 1 11 0 10 1 9 8 7 6 5 4 3 0 2 0 1 0 0 0
FM1 FM0 BT1
BT0 BD1 BD0
BT1, BT0: Blinking period control (0,0: 16 V) (0,1: 32 V) (1,0: 48 V) (1,1: 64 V) BD1, BD0: Blinking duty control (0,0: On:off = 1:0 (always on)) (0,1: On:off = 1:1) (1,0: On:off = 1:3) (1,1: On:off = 3:1) [Function] Command 5-1 controls screen display output. [Description]
FM1, FM0: Trimming format control (0,0: Horizontal trimming 1 dot) (0,1: Horizontal trimming 2 dots) (1,0: Pattern background 1) (1,1: Pattern background 2)
The blinking control bits of this command are applied to characters for which blinking control is specified (MBL=1) in command 2, as well as sprite characters for which blinking control is specified (SBL=1) in command 8-2.
* Command 5-2 (Vertical display position control) 15 0 14 1 13 0 12 1 11 1 10 0 9 0 8 Y8 7 Y7 6 Y6 5 Y5 4 Y4 3 Y3 2 Y2 1 Y1 0 Y0
Y8-Y0: Vertical display position control (0-2044, in 4-dot units) [Function] Command 5-2 controls the vertical display position on the screen.
* Command 5-3 (Horizontal display position control) 15 0 14 1 13 0 12 1 11 1 10 1 9 0 8 X8 7 X7 6 X6 5 X5 4 X4 3 X3 2 X2 1 X1 0 X0
X8-X0: Horizontal display position control (0-2044, in 4-dot units) [Function] Command 5-3 controls the horizontal display position on the screen.
23
MB90096
* Command 6-0 (Character vertical size control) 15 0 14 1 13 1 12 0 11 0 10 0 9 0 8 0 7 0 6 5 4 3 0 2 1 0
HB2 HB1 HB0
HA2 HA1 HA0
HB2-HB0: Character vertical size control B (18-32 dots, in 2-dot units) HA2-HA0: Character vertical size control A (18-32 dots, in 2-dot units) [Function] Command 6-0 controls the vertical size of character types A and B. [Description] This command specifies the actual values of the vertical size settings (LHS=0: Size A, LHS=1: Size B) for individual lines in command 3. * Command 6-1 (Shading background frame color) 15 0 14 1 13 1 12 0 11 0 10 1 9 0 8 0 7 6 5 4 3 2 1 0
BH3 BH2 BH1 BH0 BS3 BS2 BS1 BS0 BH2-BH0: Shaded background frame highlight color (16 colors) BS2-BS0: Shaded background frame shadow color (16 colors)
[Function] Command 6-1 controls the frame color of the shading background. [Description] * This command sets the frame color for characters for which shaded character background is specified in command 1 (MM1=1), as well as shading background for lines for which shaded line background is specified in command 4 (LM1=1). * The highlight color indicates the color of the left and top edges of the character area when convex shaded character background is selected, or the color of the top edge of the line area when convex shaded line background is selected. * The shadow color indicates the color of the right and bottom sides of the character area when convex shaded character background is selected, or the color of the bottom edge of the line area when convex shaded line background is selected. * When concave shaded character background or concave shaded line background is selected, the highlight and shadow colors are the reverse of those selected for convex display.
24
MB90096
* Command 6-2 (Transparent / semi-transparent color control) 15 0 14 1 13 1 12 0 11 1 10 0 9 TC 8 HC 7 6 5 4 3 2 1 0
TC3 TC2 TC1 TC0 HC3 HC2 HC1 HC0
TC: Transparent color control (0: OFF, 1: ON) TC3-TC0: Transparent color code (16 colors) HC: Semi-transparent color control (0: OFF, 1: ON) HC3-HC0: Semi-transparent color code (16 colors) [Function] Command 6-2 controls the transparent and semi-transparent color settings. [Description] * The setting TC=1 causes areas of the designated transparent color (TC3-TC0) to be excluded (so that the color behind those areas shows through). * The setting HC=1 causes areas of the designated semi-transparent color (HC3-HC0) to be excluded at the same time a semi-transparent interval signal output from the VOB2 pin, so that the signal can be used by external circuits to reduce brightness, etc. Notes: * If both the transparent and semi-transparent settings are selected at the same time, they should be set for different colors. * The semi-transparent interval signal output from the VOB2 pin is applied to areas other than the main screen character, trimming, and graphics areas. * Command 6-3 (Graphic color control) 15 0 14 1 13 1 12 0 11 1 10 1 9 GF 8 GC 7 6 5 4 3 2 1 0
GF3 GF2 GF1 GF0 GC3 GC2 GC1 GC0 GF3-GF0: Trimming color replacement color code (16 colors) GC3-GC0:Character color replacement color code (16 colors)
GF: Graphic color trimming color replacement control (0: OFF, 1: ON) GC: Graphic color character color replacement control (0: OFF, 1: ON) [Function]
Command 6-3 controls the replacement of a specified color in graphics characters with the character color or trimming color. [Description] * Graphics characters are registered in font ROM in fixed colors, but this command allows two of the 16 colors to be designated for replacement as the trimming color and character color. * The setting GF=1 causes areas of the color specified as the trimming color to be replaced by the color that is designated as the trimming color for that line (by command 3). * The setting GC=1 causes areas of the color specified as the character color to be replaced by the color that is designated as the character color for that line (by command 1). Notes: * This command applies only to colors of graphics characters in a main screen display. * If both the trimming color replacement and character color replacement settings are selected at the same time, they should be set for different colors. * Transparent and semi-transparent colors are applied to colors after replacement.
25
MB90096
* Command 7-1 (Screen background character control 1) 15 0 14 1 13 1 12 1 11 0 10 1 9 1 8 1 7 6 5 4 3 2 1 0
PM7 PM6 PM5 PM4 PM3 PM2 PM1 PM0
PM7-PM0: Screen background character code (000H to 0FFH, 256 types) [Function] Command 7-1 controls screen background characters. [Description] * The display can be started by using command 5-0 to turn screen background character output control ON (PDS-1). * Vertical character size can be set by command 7-3 for screen background character vertical size control (PH2PH0). Notes: * Screen background characters can only be selected from the first 256 or the 512 characters, using character codes in multiples of 4 (PM1=0, PM0=0). * Only graphics character arrays of 2 characters wide x 2 characters high may be designated. * Screen background character replacement colors (command 6-3) may not be applied.
* Command 7-3 (Screen background character control 2) 15 0 14 1 13 1 12 1 11 1 10 1 9 1 8 0 7 0 6 5 4 3 U3 2 U2 1 U1 0 U0
PH2 PH1 PH0
PH2-PH0: Screen background character vertical size control (18-32 dots, in 2-dot units) U3-U0: Screen background color (16 colors) [Function] Command 7-3 controls screen background characters and the screen background color. [Description] * The screen background color is displayed by using command 5-0 to turn the screen background output control ON (UDS=1). * The screen background characters are displayed by using command 5-0 to turn the screen background character output control ON (PDS=1).
26
MB90096
* Command 8-1 (Sprite character control 1) 15 1 14 0 13 0 12 0 11 0 10 1 9 8 7 6 5 4 3 2 1 0
SD1 SD0 SM7 SM6 SM5 SM4 SM3 SM2 SM1 SM0
SD1, SD0: Sprite character configuration control SM7-SM0:Sprite character codes (0,0: 1 character) (000H to 0FFH, 256 types) (0,1: Horizontal 2 characters) (1,0: Vertical 2 characters) (1,1: Vertical 2 x horizontal 2 characters) [Function] Command 8-1 controls sprite characters. [Description] * Sprite character display is started by using command 5-0 to turn sprite character output control ON (SDS=1). * The sprite character start position is set by command 9-0 and command 9-1. * Vertical size is controlled by using command 8-2 to set the sprite character vertical size control (SH2-SH0), and blinking is controlled by the sprite character blinking control bit (SBL). * The sprite character blinking period and duty are controlled by the BT1, BT0, BD1, and BD0 bits in command 5-1. Notes: * Sprite characters may only be selected from the first 256 of the 512 characters. * For configurations of 2 characters or greater, only characters codes in multiples of 4 (SM1=0, SM0=0) may be used. * Sprite characters are always displayed in graphic character displays * Replacement color control (command 6-3) cannot be applied to sprite characters.
* Command 8-2 (Sprite character control 2) 15 1 14 0 13 0 12 0 11 1 10 0 9 1 8 SBL 7 0 6 5 4 3 0 2 0 1 0 0 0
SH2 SH1 SH0
SBL:Sprite character blinking control (0: OFF, 1: ON) [Function] Command 8-2 controls sprite characters.
SH2-SH0: Sprite character vertical size control (18-32 dots, in 2-dot units)
* Command 9-0 (Sprite character control 3) 15 1 14 0 13 0 12 1 11 0 10 0 9 8 7 6 5 4 3 2 1 0
SY9 SY8 SY7 SY6 SY5 SY4 SY3 SY2 SY1 SY0 SY9-SY0: Sprite character vertical display position control (0-2046, in 2-dot units)
[Function] Command 9-0 controls the sprite character vertical display position.
27
MB90096
* Command 9-1 (Sprite character control 4) 15 1 14 0 13 0 12 1 11 1 10 0 9 8 7 6 5 4 3 2 1 0
SX9 SX8 SX7 SX6 SX5 SX4 SX3 SX2 SX1 SX0 SX9-SX0: Sprite character horizontal display position control (0-2046, in 2-dot units)
[Function] Command 9-1 controls the sprite character horizontal display position. [Description] For information related to sprite character settings, see the description under command 8-1.
* Command 11-0 (Sync control) 15 1 14 0 13 1 12 1 11 0 10 0 9 0 8 0 7 6 5 0 4 3 2 0 1 0 0 0
EG1 EG0
FC0 FLD
EG1, EG0: Vertical enlargement control (0,0: Interlaced) (0,1: Non-interlaced ) (1,0: Setting prohibited) (1,1: Vertical 2x) [Function] Command 11-0 controls the synchronization system.
FC0: Field 0 correction control Field E-0 conversion (0: No correction, 1: Correction) FLD: Field 0 signal input control (0: Internal separation generation, 1: External input)
[Description] * The vertical display area is adjusted by the combination of vertical enlargement control (EG1, EG0) and the scan method. This setting is applied to all vertical count parameters (display position, dot size). * If interlaced display (EG1=0, EG0=0) is used, the field 0 signal input control (FLD) is used to select either an internally generated field signal or an externally input signal. If an external input is used the field signal must be input from the EVEN pin.
28
MB90096
* Command 11-2 (Dot clock control 1) 15 1 14 0 13 1 12 1 11 1 10 0 9 DO 8 0 7 0 6 0 5 4 3 0 2 0 1 0 0 DC0
DP1 DP0
DO: Dot clock pin output control (0: OFF, 1: ON) DP1, DP0: Dot clock prescaler control (0,0: 1/1) (0,1: 1/2) (1,0: 1/4) (1,1: 1/8) [Function] Command 11-2 controls the dot clock signal. [Description]
DC0: Dot clock selection control (0: external input, 1: internal VCO (H-PLL)
The internal dot clock signal can be output from the DOCKO pin by setting the dot clock pin output control to ON (DO=1). Note: If no external dot clock signal is needed, it is recommended that the dot clock pin output control be set to OFF (DO=0) to keep noise to a minimum.
* Command 11-3 (Dot clock control 2) 15 1 14 0 13 1 12 1 11 1 10 1 9 8 7 6 5 4 3 2 1 0
DK9 DK8 DK7 DK6 DK5 DK4 DK3 DK2 DK1 DK0 DK9-DK0: Dot clock multiplier value (4-dot units)
[Function] Command 11-3 adjusts the dot clock frequency. [Description] This command sets the number by which the prescaler multiplies the input dot clock signal to produce the horizontal sync signal period (in 4-dot units). Notes: * Settings lower than 040H may not be used. * This setting is necessary only when an internal VCO signal is used.
29
MB90096
* Command 13-0 (I/O pin control) 15 1 14 1 13 0 12 1 11 0 10 0 9 0 8 VHE 7 0 6 0 5 SIX 4 0 3 0 2 1 0
DHX DBX DCX
VHE: Vertical sync detection HSYNC edge selection (0: Front edge, 1: back edge)
SIX: Sync signal input logic control (0: inverse logic, 1: normal logic) DCX: Display color signal output logic control (0: normal logic, 1: inverse logic) DBX: Display output period signal logic control (0: normal logic, 1: inverse logic) DHX: Semi-transparent period signal output logic control (0: normal logic, 1: inverse logic)
[Function] Command 13-0 controls the input-output pin functions. [Description] This command can eliminate vertical movement (dancing) by using the vertical sync detection HSYNC edge selection (VHE) to adjust the vertical sync signal and horizontal sync signal input timing. Note: The sync signal input logic control bit (SIX) is applied to both the vertical sync signal and horizontal sync signal.
* Command 14-0 (Command ROM transfer start address 1) 15 1 14 1 13 1 12 0 11 0 10 0 9 0 8 0 7 0 6 0 5 4 3 2 1 0 TS8
TSD TSC TSB TSA TS9
TSD-TS8: Command ROM transfer start address 1 (high address) [Function] Command 14-0 is used for the command ROM transfer start address 1 setting. [Description] This command sets the upper half of the starting address for a command ROM transfer.
* Command 14-1 (Command ROM transfer start address 2) 15 1 14 1 13 1 12 0 11 0 10 0 9 1 8 0 7 TS7 6 TS6 5 TS5 4 TS4 3 TS3 2 TS2 1 TS1 0 0
TS7-TS1: Command ROM transfer start address 2 (low address) [Function] Command 14-1 is used for the command ROM transfer start address 2 setting. [Description] This command sets the lower half of the starting address for a command ROM transfer.
30
MB90096
* Command 14-2 (Command ROM transfer end address 1) 15 1 14 1 13 1 12 0 11 0 10 1 9 0 8 0 7 0 6 0 5 4 3 2 1 0 TE8
TED TEC TEB TEA TE9
TED-TE8: Command ROM transfer end address 1 (high address) [Function] Command 14-2 is used for the command ROM transfer end address 1 setting. [Description] This command sets the upper half of the ending address for a command ROM transfer.
* Command 14-3 ( Command ROM transfer end address 2) 15 1 14 1 13 1 12 0 11 0 10 1 9 1 8 7 6 TE6 5 TE5 4 TE4 3 TE3 2 TE2 1 TE1 0 1
TSV TE7
TSV: Command ROM transfer sync control (0: Not synchronized, 1: V synchronized) [Function]
TE7-TE1: Command ROM transfer end address 2 (low address)
Command 14-3 is used for the command ROM transfer end address 2 setting. [Description] * This command sets the lower half of the ending address for a command ROM transfer. * Turn the command ROM transfer sync control ON (TSV=1) to start a transfer in sync with the front edge of the vertical sync signal. * When the command ROM transfer sync control is OFF (TSV=0), a transfer is started when this command is issued. Note: If command ROM transfer sync control is used, it is necessary to use the screen output control command (command 5-0) to turn one of the output control bits (SDS, PDS, UDS, DSP) ON.
31
MB90096
s SAMPLE APPLICATION CIRCUIT
MB90096
VCC : +5 V (digital) GND : Ground (digital) AVCC : +5 V (analog) AGND : Ground (analog)
BOUT ROUT GOUT IOUT VOB1 VOB2 20 19 18 17 16 15 9
12
HSYNC VSYNC DISP EVEN DOCKI
Sync separation
13 14 11 8
Display controller
26 25
CS DOCKO SIN SCLK TRE TEST 6 VCC
Microcontroller
24 23
VCC 22 + 10 F 0.1 F 21 0.1 F 7 GND VSS V3V VCC RESET 5
Reset
*
AVCC 27 + 10 F 0.1 F 28 0.1 F 2 AGND 4 AVSS AVSS AGND AV3V R2 AGND C1 AVCC CPOUT 1 C2 VCOIN 3 R1
* : Must be adjusted according to usage conditions 32
MB90096
s ORDERING INFORMATIONS
Part number MB90096P MB90096PF Package 28-pin plastic SH-DIP (DIP-28P-M03) 28-pin plastic SOP (FPT-28P-M17) Remarks
33
MB90096
s PACKAGE DIMENSIONS
28-pin plastic SH-DIP
(DIP-28P-M03)
26.00 -0.30 1.024
+.008 -.012 +0.20
INDEX-1 9.100.25 (.358.010) INDEX-2
4.85(.191)MAX
0.51(.020)MIN 0.250.05 (.010.002)
3.00(.118)MIN
0.450.10 (.018.004) 1.00 -0
+0.50 +.020
.039 -0 1.7780.18 (.070.007) 1.778(.070) MAX
10.16(.400) TYP
15MAX
23.114(.910)REF
C
1994 FUJITSU LIMITED D28012S-3C-3
Dimensions in mm (inches) .
(Continued)
34
MB90096
(Continued)
28-pin plastic SOP
(FPT-28P-M17)
.007 -.002
28 15
11.800.30 (.465.012) INDEX
*2 8.600.20
(.339.008) Details of "A" part 2.650.15 (Mounting height) (.104.006) 0.25(.010)
1
14
"A"
0~8
1.27(.050)
0.470.08 (.019.003)
0.13(.005)
M
0.800.20 (.031.008) 0.880.15 (.035.006)
0.200.15 (.008.006) (Stand off)
0.10(.004)
C
2002 FUJITSU LIMITED F28048S-c-3-4
Dimensions in mm (inches) .
35
MB90096
FUJITSU LIMITED
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information, such as descriptions of function and application circuit examples, in this document are presented solely for the purpose of reference to show examples of operations and uses of Fujitsu semiconductor device; Fujitsu does not warrant proper operation of the device with respect to use based on such information. When you develop equipment incorporating the device based on such information, you must assume any responsibility arising out of such use of the information. Fujitsu assumes no liability for any damages whatsoever arising out of the use of the information. Any information in this document, including descriptions of function and schematic diagrams, shall not be construed as license of the use or exercise of any intellectual property right, such as patent right or copyright, or any other right of Fujitsu or any third party or does Fujitsu warrant non-infringement of any third-party's intellectual property right or other right by using such information. Fujitsu assumes no liability for any infringement of the intellectual property rights or other rights of third parties which would result from the use of information contained herein. The products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). Please note that Fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the prior authorization by Japanese government will be required for export of those products from Japan.
F0303 (c) FUJITSU LIMITED Printed in Japan


▲Up To Search▲   

 
Price & Availability of MB90096

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X