Part Number Hot Search : 
F9630S 100TS CP2125 00AXC C2104 324015P VISHAY F7103
Product Description
Full Text Search
 

To Download MAX19538 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3403; Rev 0; 10/04
KIT ATION EVALU ILABLE AVA
12-Bit, 95Msps, 3.3V ADC
Features
Direct IF Sampling Up to 400MHz Excellent Dynamic Performance 70.9dB/68.4dB SNR at fIN = 3MHz/175MHz 89.0dBc/76.2dBc SFDR at fIN = 3MHz/175MHz -71.5dBFS Small-Signal Noise Floor 3.3V Low-Power Operation 465mW (Single-Ended Clock Mode) 492mW (Differential Clock Mode) 63W (Power-Down Mode) Fully Differential or Single-Ended Analog Input Adjustable Full-Scale Analog Input Range: 0.35V to 1.10V Common-Mode Reference CMOS-Compatible Outputs in Two's Complement or Gray Code Data-Valid Indicator Simplifies Digital Design Data Out-of-Range Indicator Miniature 6mm x 6mm x 0.8mm 40-Pin Thin QFN Package with Exposed Paddle Evaluation Kit Available (Order MAX1211EVKIT)
General Description
The MAX19538 is a 3.3V, 12-bit, 95Msps analog-to-digital converter (ADC) featuring a fully differential wideband track-and-hold (T/H) input amplifier, driving a low-noise internal quantizer. The analog input accepts single-ended or differential signals. The MAX19538 is optimized for low power, small size, and high dynamic performance. Excellent dynamic performance is maintained from baseband to input frequencies of 175MHz and beyond, making the MAX19538 ideal for intermediate frequency (IF) sampling applications. Powered from a single 3.3V supply, the MAX19538 consumes only 492mW while delivering a typical 68.4dB signal-to-noise ratio (SNR) performance at a 175MHz input frequency. In addition to low operating power, the MAX19538 features a 63W power-down mode to conserve power during idle periods. A flexible reference structure allows the MAX19538 to use the internal 2.048V bandgap reference or accept an externally applied reference. The reference structure allows the full-scale analog input range to be adjusted from 0.35V to 1.10V. The MAX19538 provides a common-mode reference to simplify design and reduce external component count in differential analog input circuits. The MAX19538 supports either a single-ended or differential input clock drive. The internal clock duty-cycle equalizer accepts a wide range of clock duty cycles. Analog-to-digital conversion results are available through a 12-bit, parallel, CMOS-compatible output bus. The digital output format is pin selectable to be either two's complement or Gray code. A data-valid indicator eliminates external components that are normally required for reliable digital interfacing. A separate digital power input accepts a wide 1.7V to 3.6V supply allowing the MAX19538 to interface with various logic levels. The MAX19538 is available in a 6mm x 6mm x 0.8mm, 40-pin thin QFN package with exposed paddle (EP), and is specified for the extended industrial (-40C to +85C) temperature range. See the Pin-Compatible Versions table for a complete family of 14-bit and 12-bit high-speed ADCs.
MAX19538
Ordering Information
PART* MAX19538ETL MAX19538ETL+ PIN-PACKAGE 40 Thin QFN 40 Thin QFN PKG CODE T4066-3 T4066-3
+Denotes lead-free package. *All devices are specified over the -40C to +85C operating range.
Pin-Compatible Versions
PART MAX12555 MAX12554 MAX12553 MAX19538 MAX1209 MAX1211 MAX1208 MAX1207 MAX1206 SAMPLING RATE (Msps) 95 80 65 95 80 65 80 65 40 RESOLUTION (BITS) 14 14 14 12 12 12 12 12 12 TARGET APPLICATION IF/Baseband IF/Baseband IF/Baseband IF/Baseband IF IF Baseband Baseband Baseband
Applications
IF and Baseband Communication Receivers Cellular, Point-to-Point Microwave, HFC Medical Imaging Including Positron Emission Tomography (PET) Video Imaging Portable Instrumentation Low-Power Data Acquisition
Pin Configuration appears at end of data sheet. 1
________________________________________________________________ Maxim Integrated Products
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
12-Bit, 95Msps, 3.3V ADC MAX19538
ABSOLUTE MAXIMUM RATINGS
VDD to GND ...........................................................-0.3V to +3.6V OVDD to GND........-0.3V to the lower of (VDD + 0.3V) and +3.6V INP, INN to GND ...-0.3V to the lower of (VDD + 0.3V) and +3.6V REFIN, REFOUT, REFP, REFN, COM to GND.....-0.3V to the lower of (VDD + 0.3V) and +3.6V CLKP, CLKN, CLKTYP, G / T, DCE, PD to GND ........-0.3V to the lower of (VDD + 0.3V) and +3.6V D11-D0, I.C., DAV, DOR to GND ........................................-0.3V to (OVDD + 0.3V) Continuous Power Dissipation (TA = +70C) 40-Pin Thin QFN 6mm x 6mm x 0.8mm (derated 26.3mW/C above +70C) ......................................2105.3mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering 10s) ..................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G/T = low, fCLK = 95MHz (50% duty cycle), TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER DC ACCURACY (Note 2) Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error ANALOG INPUT (INP, INN) Differential Input Voltage Range Common-Mode Input Voltage Input Capacitance (Figure 3) CONVERSION RATE Maximum Clock Frequency Minimum Clock Frequency Data Latency Figure 6 8.5 fCLK 95 5 MHz MHz Clock cycles dBFS dB CPAR CSAMPLE Fixed capacitance to ground Switched capacitance VDIFF Differential or single-ended inputs 1.024 VDD / 2 2 4.5 V V pF INL DNL fIN = 3MHz fIN = 3MHz, no missing codes over temperature VREFIN = 2.048V VREFIN = 2.048V 12 -1.7 -0.55 0.4 0.30 0.10 0.6 +1.4 +0.95 0.58 4.9 Bits LSB LSB %FS %FS SYMBOL CONDITIONS MIN TYP MAX UNITS
DYNAMIC CHARACTERISTICS (Differential Inputs) (Note 2) Small-Signal Noise Floor Signal-to-Noise Ratio SSNF SNR Input at less than -35dBFS fIN = 3MHz at -0.5dBFS (Note 3) fIN = 70MHz at -0.5dBFS fIN = 175MHz at -0.5dBFS (Note 3) fIN = 3MHz at -0.5dBFS (Note 3) Signal-to-Noise and Distortion SINAD fIN = 70MHz at -0.5dBFS fIN = 175MHz at -0.5dBFS (Note 3) 63.3 65.5 66.5 67.2 -71.5 70.9 70.4 68.4 70.8 70.0 67.5 dB
2
_______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G/T = low, fCLK = 95MHz (50% duty cycle), TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Spurious-Free Dynamic Range SYMBOL SFDR CONDITIONS fIN = 3MHz at -0.5dBFS (Note 3) fIN = 70MHz at -0.5dBFS fIN = 175MHz at -0.5dBFS (Note 3) fIN = 3MHz at -0.5dBFS (Note 3) Total Harmonic Distortion THD fIN = 70MHz at -0.5dBFS fIN = 175MHz at -0.5dBFS (Note 3) fIN = 3MHz at -0.5dBFS Second Harmonic HD2 fIN = 70MHz at -0.5dBFS fIN = 175MHz at -0.5dBFS fIN = 3MHz at -0.5dBFS Third Harmonic HD3 fIN = 70MHz at -0.5dBFS fIN = 175MHz at -0.5dBFS fIN1 = 68.5MHz at -7dBFS fIN2 = 71.5MHz at -7dBFS fIN1 = 172.5MHz at -7dBFS fIN2 = 177.5MHz at -7dBFS fIN1 = 68.5MHz at -7dBFS fIN2 = 71.5MHz at -7dBFS fIN1 = 172.5MHz at -7dBFS fIN2 = 177.5MHz at -7dBFS Two-Tone Spurious Free Dynamic Range Aperture Delay Aperture Jitter Output Noise Overdrive Recovery Time fIN1 = 68.5MHz at -7dBFS fIN2 = 71.5MHz at -7dBFS fIN1 = 172.5MHz at -7dBFS fIN2 = 177.5MHz at -7dBFS Figure 4 Figure 4 INP = INN = COM 10% beyond full scale 67.2 MIN 73.5 TYP 89.0 83.5 76.2 -86.3 -81.2 -74.7 -92.4 -91.3 -82.3 -89.6 -83.7 -76.2 -82.5 dBc -73.6 -84.3 dBc -76.0 84.7 dBc 75.6 1.2 <0.2 0.36 1 ns psRMS LSBRMS Clock cycles 2.063 V V V mV/mA ppm/C mA dBc dBc -66.2 -72.9 dBc dBc MAX UNITS
MAX19538
Intermodulation Distortion
IMD
Third-Order Intermodulation
IM3
SFDRTT
tAD tAJ nOUT
INTERNAL REFERENCE (REFIN = REFOUT; VREFP, VREFN, and VCOM are generated internally) REFOUT Output Voltage COM Output Voltage Differential-Reference Output Voltage REFOUT Load Regulation REFOUT Temperature Coefficient REFOUT Short-Circuit Current TCREF Short to VDD, sinking Short to GND, sourcing VREFOUT VCOM VREF VDD / 2 VREF = VREFP - VREFN = VREFIN x 3/4 -1.0mA < IREFOUT < 0.1mA 1.996 2.048 1.65 1.536 35 +50 0.24 2.1
_______________________________________________________________________________________
3
12-Bit, 95Msps, 3.3V ADC MAX19538
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G/T = low, fCLK = 95MHz (50% duty cycle), TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS
BUFFERED EXTERNAL REFERENCE (REFIN driven externally; VREFIN = 2.048V, VREFP, VREFN, and VCOM are generated internally) REFIN Input Voltage REFP Output Voltage REFN Output Voltage COM Output Voltage Differential-Reference Output Voltage Differential-Reference Temperature Coefficient REFIN Input Resistance COM Input Voltage REFP Input Voltage REFN Input Voltage Differential-Reference Input Voltage REFP Sink Current REFN Source Current COM Sink Current REFP, REFN Capacitance COM Capacitance CLOCK INPUTS (CLKP, CLKN) Single-Ended-Input High Threshold Single-Ended-Input Low Threshold Differential Input Voltage Swing Differential Input Common-Mode Voltage Input Resistance Input Capacitance RCLK CCLK 0.8 x OVDD 0.2 x OVDD VIH = OVDD VIL = 0 CDIN 5 5 5 VIH VIL CLKTYP = GND, CLKN = GND CLKTYP = GND, CLKN = GND CLKTYP = high CLKTYP = high Figure 5 1.4 VDD / 2 5 2 0.8 x VDD 0.2 x VDD V V VP-P V k pF VREF IREFP IREFN ICOM VCOM VDD / 2 VREFP - VCOM VREFN - VCOM VREF = VREFP - VREFN = VREFIN x 3/4 VREFP = 2.418V VREFN = 0.882V VCOM = 1.65V VREFIN VREFP VREFN VCOM VREF (VDD / 2) + (VREFIN x 3/8) (VDD / 2) - (VREFIN x 3/8) VDD / 2 VREF = VREFP - VREFN = VREFIN x 3/4 1.60 1.462 2.048 2.418 0.882 1.65 1.536 25 >50 1.65 +0.768 -0.768 1.536 1.4 1.0 1.0 13 6 1.70 1.594 V V V V V ppm/C M V V V V mA mA mA pF pF
UNBUFFERED EXTERNAL REFERENCE (REFIN = GND; VREFP, VREFN, and VCOM are applied externally)
DIGITAL INPUTS (CLKTYP, DCE, G / T , PD) Input High Threshold Input Low Threshold Input Leakage Current Input Capacitance VIH VIL V V A pF
4
_______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G/T = low, fCLK = 95MHz (50% duty cycle), TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS D11-D0, DOR, ISINK = 200A DAV, ISINK = 600A D11-D0, DOR, ISOURCE = 200A Output-Voltage High VOH DAV, ISOURCE = 600A Tri-State Leakage Current D11-D0, DOR Tri-State Output Capacitance DAV Tri-State Output Capacitance POWER REQUIREMENTS Analog Supply Voltage Digital Output Supply Voltage VDD OVDD Normal operating mode, fIN = 175MHz at -0.5dBFS CLKTYP = GND, single-ended clock Analog Supply Current IVDD Normal operating mode, fIN = 175MHz at -0.5dBFS CLKTYP = OVDD, differential clock Power-down mode clock idle PD = OVDD Normal operating mode, fIN = 175MHz at -0.5dBFS CLKTYP = GND, single-ended clock Analog Power Dissipation PDISS Normal operating mode, fIN = 175MHz at -0.5dBFS CLKTYP = OVDD, differential clock Power-down mode clock idle PD = OVDD Digital Output Supply Current IOVDD Normal operating mode, fIN = 175MHz at -0.5dBFS, CL 5pF Power-down mode clock idle PD = OVDD 3.15 1.7 3.30 1.8 3.60 VDD + 0.3V V V ILEAK COUT CDAV (Note 4) (Note 4) (Note 4) 3 6 OVDD 0.2 V OVDD 0.2 5 A pF pF MIN TYP MAX 0.2 0.2 UNITS
MAX19538
DIGITAL OUTPUTS (D11-D0, DAV, DOR) Output-Voltage Low VOL V
141 mA 149 0.22 465 mW 492 0.063 9.9 1.0 mA A 538 163
_______________________________________________________________________________________
5
12-Bit, 95Msps, 3.3V ADC MAX19538
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G/T = low, fCLK = 95MHz (50% duty cycle), TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Clock Pulse-Width High Clock Pulse-Width Low Data-Valid Delay Data Setup Time Before Rising Edge of DAV Data Hold Time After Rising Edge of DAV Wake-Up Time from Power-Down SYMBOL tCH tCL tDAV tSETUP tHOLD tWAKE CL 5pF (Note 5) CL 5pF (Notes 5, 6) CL 5pF (Notes 5, 6) VREFIN = 2.048V 5.7 4.2 10 CONDITIONS MIN TYP 5.26 5.26 6.8 MAX UNITS ns ns ns ns ns ms
TIMING CHARACTERISTICS (Figure 6)
Note 1: Specifications +25C guaranteed by production test, <+25C guaranteed by design and characterization. Note 2: See definitions in the Parameter Definitions section at the end of this data sheet. Note 3: Limit specifications include performance degradations due to production test socket. Performance is improved when the MAX19538 is soldered directly to the PC board. Note 4: During power-down, D11-D0, DOR, and DAV are high impedance. Note 5: Digital outputs settle to VIH or VIL. Note 6: Guaranteed by design and characterization.
6
_______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC
Typical Operating Characteristics
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G / T = low, fCLK 95MHz (50% duty cycle), TA = +25C, unless otherwise noted.
SINGLE-TONE FFT PLOT (8192-POINT DATA RECORD)
MAX19538 toc01
MAX19538
SINGLE-TONE FFT PLOT (8192-POINT DATA RECORD)
MAX19538 toc02
SINGLE-TONE FFT PLOT (8192-POINT DATA RECORD)
-10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 fCLK = 95MHz fIN = 69.89318848MHz AIN = -0.472dBFS SNR = 70.65dB SINAD = 70.35dB THD = -82.1dBc SFDR = 85.8dBc HD3
MAX19538 toc03
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 0 5 10 15 20 25 30 35 40 45 FREQUENCY (MHz) HD3 HD4 fCLK = 95MHz fIN = 3.00354004MHz AIN = -0.519dBFS SNR = 70.89dB SINAD = 70.83dB THD = -89.3dBc SFDR = 93.6dBc
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 0 5 10 15 20 25 30 35 40 45 FREQUENCY (MHz) HD2 HD5 fCLK = 95MHz fIN = 47.30285645MHz AIN = -0.510dBFS SNR = 70.80dB SINAD = 70.41dB THD = -81.0dBc SFDR = 83.2dBc
0
HD5 HD2
0
5
10 15 20 25 30 35 40 45 FREQUENCY (MHz)
SINGLE-TONE FFT PLOT (8192-POINT DATA RECORD)
MAX19538 toc04
SINGLE-TONE FFT PLOT (8192-POINT DATA RECORD)
MAX19538 toc05
TWO-TONE FFT PLOT (16,384-POINT DATA RECORD)
-10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 fCLK = 95MHz fIN1 = 68.50739MHz AIN1 = -7.0dBFS fIN2 = 71.51093MHz AIN2 = -7.0dBFS SFDRTT = 84.7dB IMD = -82.4dBc IM3 = -84.3dBc 2 x fIN2 + fIN1 2 x fIN1 + fIN2 fIN1 fIN2
MAX19538 toc06 MAX19538 toc09
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 0 5 HD5
AMPLITUDE (dBFS)
fCLK = 95MHz fIN = 174.8895264MHz AIN = -0.521dBFS SNR = 69.02dB SINAD = 68.19dB THD = -75.8dBc SFDR = 76.8dBc HD3 HD2
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 fCLK = 95MHz fIN = 224.8944092MHz AIN = -0.531dBFS SNR = 68.14dB SINAD = 66.42dB THD = -71.3dBc SFDR = 72.4dBc HD3 HD5
0
HD2
3 x fIN1 + 2 x fIN2 fIN1 + fIN2
10 15 20 25 30 35 40 45 FREQUENCY (MHz)
0
5
10 15 20 25 30 35 40 45 FREQUENCY (MHz)
0
5
10 15 20 25 30 35 40 45 FREQUENCY (MHz)
TWO-TONE FFT PLOT (16,384-POINT DATA RECORD)
MAX19538 toc07
INTEGRAL NONLINEARITY
0.8 0.6 0.4 DNL (LSB) INL (LSB) 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
MAX19538 toc08
DIFFERENTIAL NONLINEARITY
1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 0 5 fIN2 - fIN1 fIN1 fIN2
fCLK = 95MHz fIN1 = 172.4716MHz AIN1 = -7.0dBFS fIN2 = 177.4698MHz AIN2 = -7.0dBFS SFDRTT = 75.5dBc IMD = -73.6dBc IM3 = -76.0dBc 2 x fIN1 + fIN2 fIN1 + fIN2 2 x fIN2 + fIN1
1.0
10 15 20 25 30 35 40 45 FREQUENCY (MHz)
0
512 1024 1536 2048 2560 3072 3584 4096 DIGITAL OUTPUT CODE
0
512 1024 1536 2048 2560 3072 3584 4096 DIGITAL OUTPUT CODE
_______________________________________________________________________________________
7
12-Bit, 95Msps, 3.3V ADC MAX19538
Typical Operating Characteristics (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G / T = low, fCLK 95MHz (50% duty cycle), TA = +25C, unless otherwise noted.
POWER DISSIPATION vs. SAMPLING RATE
MAX19538 toc11
SNR, SINAD vs. SAMPLING RATE
MAX19538 toc10
SFDR, -THD vs. SAMPLING RATE
100 fIN = 70MHz 95 90 SFDR, -THD (dBc) 85 80 75 70 550
71 70 SNR, SINAD (dB) 69 68 67 66 65 64 63 62 0
fIN = 70MHz
POWER DISSIPATION (mW)
500
DIFFERENTIAL CLOCK fIN = 70MHz CL 5pF
450
400
SNR SINAD 25 50 75 100 125
65 60 0 25
SFDR -THD 50 75 100 125
350
ANALOG + DIGITAL POWER ANALOG POWER 0 25 50 75 100 125
300 fCLK (MHz) fCLK (MHz)
fCLK (MHz)
SNR, SINAD vs. SAMPLING RATE
MAX19538 toc13
SFDR, -THD vs. SAMPLING RATE
MAX19538 toc14
POWER DISSIPATION vs. SAMPLING RATE
650 POWER DISSIPATION (mW) 600 550 500 450 400 350 300 ANALOG + DIGITAL POWER ANALOG POWER 0 25 50 75 100 125 DIFFERENTIAL CLOCK fIN = 175MHz CL 5pF
MAX19538 toc15 MAX19538 toc18
70 69 68 SNR, SINAD (dB) 67 66 65 64 63 62 61 60 0 25 50 75 100 SNR SINAD fIN = 175MHz
100 fIN = 175MHz 95 90 SFDR, -THD (dBc) 85 80 75 70 65 60 SFDR -THD 0 25 50 75 100
700
125
125
fCLK (MHz)
fCLK (MHz)
fCLK (MHz)
SNR, SINAD vs. ANALOG INPUT FREQUENCY
MAX19538 toc16
SFDR, -THD vs. ANALOG INPUT FREQUENCY
MAX19538 toc17
POWER DISSIPATION vs. ANALOG INPUT FREQUENCY
700 650 POWER DISSIPATION (mW) 600 550 500 450 400 0 50 100 150 200 250 300 350 400 ANALOG INPUT FREQUENCY (MHz) ANALOG + DIGITAL POWER ANALOG POWER DIFFERENTIAL CLOCK fCLK = 95MHz CL 5pF
75 73 71 SNR, SINAD (dB) 69 67 65 63 61 59 57 55 0 50 SNR SINAD fCLK = 95MHz
100 95 90 SFDR, -THD (dBc) 85 80 75 70 65 60 55 0 50 SFDR -THD fCLK = 95MHz
100 150 200 250 300 350 400
100 150 200 250 300 350 400
ANALOG INPUT FREQUENCY (MHz)
ANALOG INPUT FREQUENCY (MHz)
8
_______________________________________________________________________________________
MAX19538 toc12
72
12-Bit, 95Msps, 3.3V ADC
Typical Operating Characteristics (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G / T = low, fCLK 95MHz (50% duty cycle), TA = +25C, unless otherwise noted.
SNR, SINAD vs. ANALOG INPUT AMPLITUDE
MAX19538 toc19
MAX19538
SFDR, -THD vs. ANALOG INPUT AMPLITUDE
MAX19538 toc20
POWER DISSIPATION vs. ANALOG INPUT AMPLITUDE
DIFFERENTIAL CLOCK fCLK = 96MHz fIN = 175MHz CL 5pF
MAX19538 toc21
75 70 65 SNR, SINAD (dB) 60 55 50 45 40 35 30 25 -40
fCLK = 95MHz fIN = 175MHz
90 85 80 SFDR, -THD (dBc) 75 70 65 60 55 50
fCLK = 95MHz fIN = 175MHz
700 650 POWER DISSIPATION (mW) 600 550 500 450 400
SNR SINAD -35 -30 -25 -20 -15 -10 -5 0
45 40 -40 -35 -30 -25 -20 -15 -10
SFDR -THD -5 0
ANALOG + DIGITAL POWER ANALOG POWER -40 -35 -30 -25 -20 -15 -10 -5 0
ANALOG INPUT AMPLITUDE (dBFS)
ANALOG INPUT AMPLITUDE (dBFS)
ANALOG INPUT AMPLITUDE (dBFS)
SNR, SINAD vs. ANALOG SUPPLY VOLTAGE
MAX19538 toc22
SFDR, -THD vs. ANALOG SUPPLY VOLTAGE
MAX19538 toc23
POWER DISSIPATION vs. ANALOG SUPPLY VOLTAGE
DIFFERENTIAL CLOCK fCLK = 95MHz fIN = 175MHz CL 5pF
MAX19538 toc24
72 71 70 SNR, SINAD (dB) 69 68 67 66 65 64 63 62 2.6 2.8 3.0 3.2 VDD (V) SNR SINAD 3.4 fCLK = 95MHz fIN = 175MHz
100 95 90 SFDR, -THD (dBc) 85 80 75 70 65 60 SFDR -THD 2.6 2.8 3.0 3.2 3.4 fCLK = 95MHz fIN = 175MHz
600 550 POWER DISSIPATION (mW) 500 450 400 350 300
ANALOG + DIGITAL POWER ANALOG POWER 2.6 2.8 3.0 3.2 3.4 3.6 VDD (V)
3.6
3.6
VDD (V)
SNR, SINAD vs. DIGITAL SUPPLY VOLTAGE
MAX19538 toc25
SFDR, -THD vs. DIGITAL SUPPLY VOLTAGE
MAX19538 toc26
POWER DISSIPATION vs. DIGITAL SUPPLY VOLTAGE
DIFFERENTIAL CLOCK fIN = 175.8953247MHz fIN = 95MHz CL 5pF
MAX19538 toc27
72 71 70 SNR, SINAD (dB) 69 68 67 66 65 64 63 62 1.4
100 95 90 SFDR, -THD (dBc) 85 80 75 70 fIN = 174.8953247MHz fCLK = 95MHz
700 650 POWER DISSIPATION (mW) 600 550 500 450 400
fIN = 174.8953247MHz fCLK = 95MHz
SNR SINAD 1.8 2.2 2.6 OVDD (V) 3.0 3.4 3.8
65 60 1.4 1.8 2.2 2.6 OVDD (V) 3.0
SFDR -THD 3.4 3.8
ANALOG + DIGITAL POWER ANALOG POWER 1.4 1.8 2.2 2.6 OVDD (V) 3.0 3.4 3.8
_______________________________________________________________________________________
9
12-Bit, 95Msps, 3.3V ADC MAX19538
Typical Operating Characteristics (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G / T = low, fCLK 95MHz (50% duty cycle), TA = +25C, unless otherwise noted.
SNR, SINAD vs. TEMPERATURE
MAX19538 toc28
SFDR, -THD vs. TEMPERATURE
MAX19538 toc29
POWER DISSIPATION vs. TEMPERATURE
ANALOG POWER DISSIPATION (mW) DIFFERENTIAL CLOCK fCLK = 95MHz fIN = 175MHz CL 5pF
MAX19538 toc30
72 71 70 SNR, SINAD (dB) 69 68 67 66 65 64 63 62 -40 -15 10 35 60 TEMPERATURE (C) SNR SINAD fCLK = 95MHz fIN = 175MHz
100 95 90 SFDR, -THD (dBc) 85 80 75 70 65 60 SFDR -THD -40 -15 10 35 60 fCLK = 95MHz fIN = 175MHz
700 650 600 550 500 450 400
ANALOG + DIGITAL POWER ANALOG POWER -40 -15 10 35 60 85
85
85
TEMPERATURE (C)
TEMPERATURE (C)
OFFSET ERROR vs. TEMPERATURE
MAX19538 toc31
GAIN ERROR vs. TEMPERATURE
VREFIN = 2.048V 1.5 1.0 GAIN ERROR (%FS) 0.5 0 -0.5 -1.0 -2.0 -3.0
MAX19538 toc32
0.5 0.4 0.3 OFFSET ERROR (%FS) 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5
VREFIN = 2.048V
2.0
-40
-15
10
35
60
85
-40
-15
10
35
60
85
TEMPERATURE (C)
TEMPERATURE (C)
10
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC
Typical Operating Characteristics (continued)
(VDD = 3.3V, OVDD = 1.8V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low, G / T = low, fCLK 95MHz (50% duty cycle), TA = +25C, unless otherwise noted.
REFERENCE OUTPUT VOLTAGE LOAD REGULATION
MAX19538 toc33
MAX19538
REFERENCE OUTPUT VOLTAGE SHORT-CIRCUIT PERFORMANCE
MAX19538 toc34
REFERENCE OUTPUT VOLTAGE vs. TEMPERATURE
MAX19538 toc35
2.05 2.04 2.03 2.02 VREFOUT (V)
3.5 3.0 2.5 VREFOUT (V) +85C
2.039
2.037 VREFOUT (V)
2.01 2.00 1.99 1.98 1.97 1.96 1.95 -2.0
+85C +25C -40C
2.0 1.5 1.0 0.5 0 +25C -40C
2.035
2.033
2.031
2.029 -3.0 -2.0 -1.0 0 1.0 -40 -15 10 35 60 85 IREFOUT SINK CURRENT (mA) TEMPERATURE (C)
-1.5
-1.0
-0.5
0
0.5
IREFOUT SINK CURRENT (mA)
REFP, COM, REFN LOAD REGULATION
MAX19538 toc36
REFP, COM, REFN SHORT-CIRCUIT PERFORMANCE
MAX19538 toc37
3.0 2.5 2.0 1.5 1.0 VREFN 0.5 0 -2 -1 0 SINK CURRENT (mA) 1 2 INTERNAL REFERENCE MODE AND BUFFERED EXTERNAL REFERENCE MODE. VCOM VREFP
3.5 3.0 2.5 VOLTAGE (V) 2.0 1.5 1.0 0.5 0 -8 -4 VREFN INTERNAL REFERENCE MODE AND BUFFERED EXTERNAL REFERENCE MODE. 0 4 8 VREFP
VOLTAGE (V)
VCOM
12
SINK CURRENT (mA)
______________________________________________________________________________________
11
12-Bit, 95Msps, 3.3V ADC MAX19538
Pin Description
PIN NAME FUNCTION Positive Reference I/O. The full-scale analog input range is (VREFP - VREFN) x 2/3. Bypass REFP to GND with a 0.1F capacitor. Connect a 1F capacitor in parallel with a 10F capacitor between REFP and REFN. Place the 1F REFP-to-REFN capacitor as close to the device as possible on the same side of the PC board. Negative Reference I/O. The full-scale analog input range is (VREFP - VREFN) x 2/3. Bypass REFN to GND with a 0.1F capacitor. Connect a 1F capacitor in parallel with a 10F capacitor between REFP and REFN. Place the 1F REFP-to-REFN capacitor as close to the device as possible on the same side of the PC board. Common-Mode Voltage I/O. Bypass COM to GND with a 2.2F capacitor. Place the 2.2F COM-toGND capacitor as close to the device as possible. This 2.2F capacitor can be placed on the opposite side of the PC board and connected to the MAX19538 through a via. Ground. Connect all ground pins and EP together. Positive Analog Input Negative Analog Input Duty-Cycle Equalizer Input. Connect DCE low (GND) to disable the internal duty-cycle equalizer. Connect DCE high (OVDD or VDD) to enable the internal duty-cycle equalizer. Negative Clock Input. In differential clock input mode (CLKTYP = OVDD or VDD), connect the differential clock signal between CLKP and CLKN. In single-ended clock mode (CLKTYP = GND), apply the single-ended clock signal to CLKP and connect CLKN to GND. Positive Clock Input. In differential clock input mode (CLKTYP = OVDD or VDD), connect the differential clock signal between CLKP and CLKN. In single-ended clock mode (CLKTYP = GND), apply the single-ended clock signal to CLKP and connect CLKN to GND. Clock-Type Definition Input. Connect CLKTYP to GND to define the single-ended clock input. Connect CLKTYP to OVDD or VDD to define the differential clock input. Analog Power Input. Connect VDD to a 3.15V to 3.60V power supply. Bypass VDD to GND with a parallel capacitor combination of 2.2F and 0.1F. Connect all VDD pins to the same potential. Output-Driver Power Input. Connect OVDD to a 1.7V to VDD power supply. Bypass OVDD to GND with a parallel capacitor combination of 2.2F and 0.1F. Data Out-of-Range Indicator. The DOR digital output indicates when the analog input voltage is out of range. When DOR is high, the analog input is beyond its full-scale range. When DOR is low, the analog input is within its full-scale range (Figure 6). CMOS Digital Output, Bit 11 (MSB) CMOS Digital Output, Bit 10 CMOS Digital Output, Bit 9 CMOS Digital Output, Bit 8 CMOS Digital Output, Bit 7 CMOS Digital Output, Bit 6 CMOS Digital Output, Bit 5 CMOS Digital Output, Bit 4 CMOS Digital Output, Bit 3 CMOS Digital Output, Bit 2
1
REFP
2
REFN
3 4, 7, 16, 35 5 6 8
COM GND INP INN DCE
9
CLKN
10
CLKP
11 12-15, 36 17, 34
CLKTYP VDD OVDD
18 19 20 21 22 23 24 25 26 27 28
DOR D11 D10 D9 D8 D7 D6 D5 D4 D3 D2
12
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC
Pin Description (continued)
PIN 29 30 31, 32 33 37 38 NAME D1 D0 I.C. DAV PD REFOUT CMOS Digital Output, Bit 1 CMOS Digital Output, Bit 0 (LSB) Internally Connected. Leave I.C. unconnected. Data-Valid Output. DAV is a single-ended version of the input clock that is compensated to correct for any input clock duty-cycle variations. DAV is typically used to latch the MAX19538 output data into an external back-end digital circuit. Power-Down Input. Force PD high for power-down mode. Force PD low for normal operation. Internal Reference Voltage Output. For internal reference operation, connect REFOUT directly to REFIN or use a resistive divider from REFOUT to set the voltage at REFIN. Bypass REFOUT to GND with a 0.1F capacitor. Reference Input. In internal reference mode and buffered external reference mode, bypass REFIN to GND with a 0.1F capacitor. In these modes VREFP - VREFN = VREFIN x 3/4. For unbuffered external reference mode operation, connect REFIN to GND. Output-Format-Select Input. Connect G/ T to GND for the two's-complement digital output format. Connect G/ T to OVDD or VDD for the Gray-code digital output format. Exposed Paddle. The MAX19538 relies on the exposed paddle connection for a low-inductance ground connection. Connect EP to GND to achieve specified performance. Use multiple vias to connect the top-side PC board ground plane to the bottom-side PC board ground plane. FUNCTION
MAX19538
39
REFIN
40
G/ T
--
EP
MAX19538
T/H
+
CLKP
-
CLKN DCE CLKTYP
CLOCK GENERATOR AND DUTY-CYCLE EQUALIZER
MAX19538
VDD GND
FLASH ADC
DAC
OVDD 12-BIT PIPELINE ADC D11-D0 DAV DOR G/T REFERENCE SYSTEM POWER CONTROL AND BIAS CIRCUITS
INP INN
INP T/H INN DIGITAL ERROR CORRECTION D11-D0 OUTPUT DRIVERS D11-D0 STAGE 1 STAGE 2 STAGE 9 STAGE 10 END OF PIPE
T/H
DEC
OUTPUT DRIVERS
REFOUT REFIN REFP COM REFN
PD
Figure 1. Pipeline Architecture--Stage Blocks
Figure 2. Simplified Functional Diagram
Detailed Description
The MAX19538 uses a 10-stage, fully differential, pipelined architecture (Figure 1) that allows for highspeed conversion while minimizing power consumption. Samples taken at the inputs move progressively through the pipeline stages every half clock cycle. From input to output, the total clock-cycle latency is 8.5 clock cycles.
Each pipeline converter stage converts its input voltage into a digital output code. At every stage, except the last, the error between the input voltage and the digital output code is multiplied and passed along to the next pipeline stage. Digital error correction compensates for ADC comparator offsets in each pipeline stage and ensures no missing codes. Figure 2 shows the MAX19538 functional diagram.
13
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC MAX19538
Input Track-and-Hold (T/H) Circuit
Figure 3 displays a simplified functional diagram of the input track-and-hold (T/H) circuit. This input T/H circuit allows for high analog input frequencies of 175MHz and beyond and supports a VDD / 2 0.5V commonmode input voltage. The MAX19538 sampling clock controls the ADC's switched-capacitor T/H architecture (Figure 3), allowing the analog input signal to be stored as charge on the sampling capacitors. These switches are closed (track) when the sampling clock is high and they are open (hold) when the sampling clock is low (Figure 4). The analog input signal source must be capable of providing the dynamic current necessary to charge and discharge the sampling capacitors. To avoid signal degradation, these capacitors must be charged to 1/2 LSB accuracy within one half of a clock cycle. The analog input of the MAX19538 supports differential or single-ended input drive. For optimum performance with differential inputs, balance the input impedance of INP and INN and set the common-mode voltage to midsupply (VDD / 2). The MAX19538 provides the optimum common-mode voltage of VDD / 2 through the COM output when operating in internal reference mode and buffered external reference mode. This COM output voltage can be used to bias the input network as shown in Figures 10, 11, and 12.
BOND WIRE INDUCTANCE 1.5nH INP
VDD
Reference Output (REFOUT)
MAX19538
CPAR 2pF *CSAMPLE 4.5pF
BOND WIRE INDUCTANCE 1.5nH INN
VDD
An internal bandgap reference is the basis for all the internal voltages and bias currents used in the MAX19538. The power-down logic input (PD) enables and disables the reference circuit. The reference circuit requires 10ms to power up and settle when power is applied to the MAX19538 or when PD transitions from high to low. REFOUT has approximately 17k to GND when the MAX19538 is in power-down. The internal bandgap reference and its buffer generate VREFOUT to be 2.048V. The reference temperature coefficient is typically +50ppm/C. Connect an external 0.1F bypass capacitor from REFOUT to GND for stability. REFOUT sources up to 1.0mA and sinks up to 0.1mA for external circuits with a load regulation of 35mV/mA. Short-circuit protection limits I REFOUT to a 2.1mA source current when shorted to GND and a 0.24mA sink current when shorted to VDD.
CPAR 2pF
*CSAMPLE 4.5pF
SAMPLING CLOCK *THE EFFECTIVE RESISTANCE OF THE SWITCHED SAMPLING CAPACITORS IS: RSAMPLE = 1 fCLK x CSAMPLE
Figure 3. Simplified Input Track-and-Hold Circuit
CLKP CLKN tAD ANALOG INPUT tAJ SAMPLED DATA
T/H
TRACK
HOLD
TRACK
HOLD
TRACK
HOLD
TRACK
HOLD
Figure 4. T/H Aperture Timing
14
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC MAX19538
Table 1. Reference Modes
VREFIN REFERENCE MODE Internal Reference Mode. Drive REFIN with REFOUT either through a direct short or a resistive divider. The full-scale analog input range is VREFIN / 2: VCOM = VDD / 2 VREFP = VDD / 2 + VREFIN x 3/8 VREFN = VDD / 2 - VREFIN x 3/8 Buffered External Reference Mode. Apply an external 0.7V to 2.2V reference voltage to REFIN. The full-scale analog input range is VREFIN / 2: VCOM = VDD / 2 VREFP = VDD / 2 + VREFIN x 3/8 VREFN = VDD / 2 - VREFIN x 3/8 Unbuffered External Reference Mode. Drive REFP, REFN, and COM with external reference sources. The full-scale analog input range is (VREFP - VREFN) x 2/3.
35% VREFOUT to 100% VREFOUT
0.7V to 2.2V
<0.4V
Analog Inputs and Reference Configurations
The MAX19538 full-scale analog input range is adjustable from 0.35V to 1.10V with a commonmode input range of VDD / 2 0.5V. The MAX19538 provides three modes of reference operation. The voltage at REFIN (VREFIN) sets the reference operation mode (Table 1). To operate the MAX19538 with the internal reference, connect REFOUT to REFIN either with a direct short or through a resistive divider. In this mode, COM, REFP, and REFN are low-impedance outputs with VCOM = VDD / 2, VREFP = VDD / 2 + VREFIN x 3/8, and VREFN = VDD / 2 - VREFIN x 3/8. The REFIN input impedance is very large (>50M). When driving REFIN through a resistive divider, use resistances 10k to avoid loading REFOUT. Buffered external reference mode is virtually identical to internal reference mode except that the reference source is derived from an external reference and not the MAX19538 REFOUT. In buffered external reference mode, apply a stable 0.7V to 2.2V source at REFIN. In this mode, COM, REFP, and REFN are low-impedance
outputs with VCOM = VDD / 2, VREFP = VDD / 2 + VREFIN x 3/8, and VREFN = VDD/2 - VREFIN x 3/8. To operate the MAX19538 in unbuffered external reference mode, connect REFIN to GND. Connecting REFIN to GND deactivates the on-chip reference buffers for COM, REFP, and REFN. With the respective buffers deactivated, COM, REFP, and REFN become highimpedance inputs and must be driven through separate, external reference sources. Drive VCOM to VDD / 2 5%, and drive REFP and REFN such that VCOM = (VREFP + VREFN) / 2. The full-scale analog input range is (VREFP - VREFN) x 2/3. All three modes of reference operation require the same bypass capacitor combinations. Bypass COM with a 2.2F capacitor to GND. Bypass REFP and REFN each with a 0.1F capacitor to GND. Bypass REFP to REFN with a 1F capacitor in parallel with a 10F capacitor. Place the 1F capacitor as close to the device as possible on the same side of the PC board. Bypass REFIN and REFOUT to GND with a 0.1F capacitor. For detailed circuit suggestions, see Figures 13 and 14.
______________________________________________________________________________________
15
12-Bit, 95Msps, 3.3V ADC MAX19538
Low clock jitter is required for the specified SNR performance of the MAX19538. Analog input sampling occurs on the falling edge of the clock signal, requiring this edge to have the lowest possible jitter. Jitter limits the maximum SNR performance of any ADC according to the following relationship: 1 SNR = 20 x log 2 x x fIN x t J
S2H S1L 10k CLKN 10k SWITCHES S1_ AND S2_ ARE OPEN DURING POWER-DOWN, MAKING CLKP AND CLKN HIGH IMPEDANCE. SWITCHES S2_ ARE OPEN IN SINGLE-ENDED CLOCK MODE. DUTY-CYCLE EQUALIZER
VDD S1H
MAX19538
10k
CLKP 10k
S2L GND
where fIN represents the analog input frequency and tJ is the total system clock jitter. Clock jitter is especially critical for undersampling applications. For example, assuming that clock jitter is the only noise source, to obtain the specified 68.4dB of SNR with an input frequency of 175MHz, the system must have less than 0.35ps of clock jitter. In actuality, there are other noise sources such as thermal noise and quantization noise that contribute to the system noise requiring the clock jitter to be less than 0.23ps to obtain the specified 68.4dB of SNR at 175MHz.
Clock Duty-Cycle Equalizer (DCE)
Figure 5. Simplified Clock Input Circuit
Clock Input and Clock Control Lines (CLKP, CLKN, CLKTYP)
The MAX19538 accepts both differential and singleended clock inputs. For single-ended clock input operation, connect CLKTYP to GND, CLKN to GND, and drive CLKP with the external single-ended clock signal. For differential clock input operation, connect CLKTYP to OVDD or VDD, and drive CLKP and CLKN with the external differential clock signal. To reduce clock jitter, the external single-ended clock must have sharp falling edges. Consider the clock input as an analog input and route it away from any other analog inputs and digital signal lines. CLKP and CLKN are high impedance when the MAX19538 is powered down (Figure 5).
Connect DCE high to enable the clock duty-cycle equalizer (DCE = OVDD or VDD). Connect DCE low to disable the clock duty-cycle equalizer (DCE = GND). With the clock duty-cycle equalizer enabled, the MAX19538 is insensitive to the duty cycle of the signal applied to CLKP and CLKN. Duty cycles from 35% to 65% are acceptable with the clock duty-cycle equalizer enabled. The clock duty-cycle equalizer uses a delay-locked loop (DLL) to create internal timing signals that are duty-cycle independent. Due to this DLL, the MAX19538 requires approximately 100 clock cycles to acquire and lock to new clock frequencies. Although not recommended, disabling the clock dutycycle equalizer reduces the analog supply current by 1.5mA. With the clock duty-cycle equalizer disabled, the MAX19538's dynamic performance varies depending on the duty cycle of the signal applied to CLKP and CLKN.
16
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC
System Timing Requirements
Figure 6 shows the relationship between the clock, analog inputs, DAV indicator, DOR indicator, and the resulting output data. The analog input is sampled on the falling edge of the clock signal and the resulting data appears at the digital outputs 8.5 clock cycles later. The DAV indicator is synchronized with the digital output and optimized for use in latching data into digital back-end circuitry. Alternatively, digital back-end circuitry can be latched with the rising edge of the conversion clock (CLKP-CLKN). Data-Valid Output (DAV) DAV is a single-ended version of the input clock (CLKP). Output data changes on the falling edge of DAV, and DAV rises once output data is valid (Figure 6). The state of the duty-cycle equalizer input (DCE) changes the waveform at DAV. With the duty-cycle equalizer disabled (DCE = low), the DAV signal is the inverse of the signal at CLKP delayed by 6.8ns. With the dutycycle equalizer enabled (DCE = high), the DAV signal has a fixed pulse width that is independent of CLKP. In either case, with DCE high or low, output data at D11-D0 and DOR are valid from 5.7ns (tSETUP) before the rising edge of DAV to 4.2ns (tHOLD) after the rising edge of DAV, and the rising edge of DAV is synchronized to have a 6.8ns (tDAV) delay from the falling edge of CLKP. DAV is high impedance when the MAX19538 is in powerdown (PD = high). DAV is capable of sinking and sourcDIFFERENTIAL ANALOG INPUT (INP-INN) (VREFP - VREFN) x 2/3 N+3 N-3 N-2 N-1 N N+1 N+2 N+4 N+5 N+6 N+7 N+8 tAD CLKN CLKP tDAV DAV tSETUP D0-D11 tHOLD N-3 8.5 CLOCK-CYCLE DATA LATENCY DOR N-2 N-1 N N+1 N+2 N+3 N+4 N+5 tSETUP N+6 N+7 N+8 N+9 tHOLD tCL tCH N+9
ing 600A and has three times the drive strength of D11-D0 and DOR. DAV is typically used to latch the MAX19538 output data into an external back-end digital circuit. Keep the capacitive load on DAV as low as possible (<25pF) to avoid large digital currents feeding back into the analog portion of the MAX19538 and degrading its dynamic performance. An external buffer on DAV isolates it from heavy capacitive loads. Refer to the MAX1211 evaluation kit schematic for an example of DAV driving back-end digital circuitry through an external buffer. Data Out-of-Range Indicator (DOR) The DOR digital output indicates when the analog input voltage is out of range. When DOR is high, the analog input is out of range. When DOR is low, the analog input is within range. The valid differential input range is from (VREFP - VREFN) x 2/3 to (VREFN - VREFP) x 2/3. Signals outside this valid differential range cause DOR to assert high as shown in Table 2 and Figure 6. DOR is synchronized with DAV and transitions along with the output data D11-D0. There is an 8.5 clockcycle latency in the DOR function, as is with the output data (Figure 6). DOR is high impedance when the MAX19538 is in power-down (PD = high). DOR enters a high-impedance state within 10ns after the rising edge of PD and becomes active 10ns after PD's falling edge.
MAX19538
(VREFN - VREFP) x 2/3
Figure 6. System Timing Diagram
______________________________________________________________________________________
17
12-Bit, 95Msps, 3.3V ADC MAX19538
Digital Output Data (D11-D0), Output Format (G/ T) The MAX19538 provides a 12-bit, parallel, tri-state output bus. D11-D0 and DOR update on the falling edge of DAV and are valid on the rising edge of DAV. The MAX19538 output data format is either Gray code or two's complement, depending on the logic input G/T. With G/T high, the output data format is Gray code. With G/T low, the output data format is two's complement. See Figure 9 for a binary-to-Gray and Gray-tobinary code conversion example. The following equations, Table 2, Figure 7, and Figure 8 define the relationship between the digital output and the analog input: VINP - VINN = (VREFP - VREFN ) x for Gray code (G/T = 1). VINP - VINN = (VREFP - VREFN ) x for two's complement (G/T = 0). 4 CODE10 x 3 4096 4 CODE10 - 2048 x 3 4096 where CODE10 is the decimal equivalent of the digital output code as shown in Table 2. Digital outputs D11-D0 are high impedance when the MAX19538 is in power-down (PD = high). D11-D0 transition high 10ns after the rising edge of PD and become active 10ns after PD's falling edge. Keep the capacitive load on the MAX19538 digital outputs D11-D0 as low as possible (<15pF) to avoid large digital currents feeding back into the analog portion of the MAX19538 and degrading its dynamic performance. The addition of external digital buffers on the digital outputs isolates the MAX19538 from heavy capacitive loading. To improve the dynamic performance of the MAX19538, add 220 resistors in series with the digital outputs close to the MAX19538. Refer to the MAX1211 evaluation kit schematic for an example of the digital outputs driving a digital buffer through 220 series resistors.
(VREFP - VREFN) x 2/3 0x7FF 0x7FE 0x7FD
(VREFP - VREFN) x 2/3 0x800 0x801 0x803 GRAY OUTPUT CODE (LSB)
(VREFP - VREFN) x 2/3
(VREFP - VREFN) x 2/3
TWO'S-COMPLEMENT OUTPUT CODE (LSB)
0x001 0x000 0xFFF
0xC01 0xC00 0x400
0x803 0x802 0x801 0x800 -2047 -2045 -1 0 +1 +2045 +2047
0x002 0x003 0x001 0x000 -2047 -2045 -1 0 +1 +2045 +2047
DIFFERENTIAL INPUT VOLTAGE (LSB)
DIFFERENTIAL INPUT VOLTAGE (LSB)
Figure 7. Two's-Complement Transfer Function (G/ T = 0)
Figure 8. Gray-Code Transfer Function (G/ T = 1)
18
______________________________________________________________________________________
Table 2. Output Codes vs. Input Voltage
TWO'S-COMPLEMENT OUTPUT CODE T (G/T = 0) VINP - VINN VREFP = 2.418V VREFN = 0.882V
GRAY-CODE OUTPUT CODE T (G/T = 1)
BINARY D11 D0 BINARY D11 D0 DOR
DOR
HEXADECIMAL EQUIVALENT OF D11 D0 0x800 1 0 0 0 0 0 0 0 0 0 1 0x800 0x801 0x800 -2047 -2048 -2048 0x002 0x001 0x000 0xFFF 0xFFE +2 +1 0 -1 -2 0x7FF 0x7FE +2047 +2046 0x800 0x801 0xC03 0xC01 0xC00 0x400 0x401 0x001 0x000 0x000 0 1000 0000 0000 +1 0 1000 0000 0001 1000 0000 0000 +2050 +2049 +2048 +2047 +2046 0000 0000 0010 0000 0000 0001 0000 0000 0000 1111 1111 1111 1111 1111 1110 +4095 +4094 0111 1111 1111 0111 1111 1110 +4095 0111 1111 1111 0x7FF +2047
DECIMAL EQUIVALENT OF D11 D0 (CODE10)
DECIMAL HEXADECIMAL EQUIVALENT OF EQUIVALENT OF D11 D0 D11 D0 (CODE10)
1000 0000 0000
1
1000 0000 0000 1000 0000 0001
0 0
>+1.0235V (DATA OUT OF RANGE) +1.0235V +1.0230V +0.0010V +0.0005V +0.0000V -0.0005V -0.0010V -1.0235V -1.0240V <-1.0240V (DATA OUT OF RANGE)
1100 0000 0011 1100 0000 0001 1100 0000 0000 0100 0000 0000 0100 0000 0001
0 0 0 0 0
0000 0000 0001 0000 0000 0000
0 0
MAX19538
______________________________________________________________________________________
0000 0000 0000
1
12-Bit, 95Msps, 3.3V ADC
19
12-Bit, 95Msps, 3.3V ADC MAX19538
BINARY-TO-GRAY-CODE CONVERSION 1) THE MOST SIGNIFICANT GRAY-CODE BIT IS THE SAME AS THE MOST SIGNIFICANT BINARY BIT. D11 0 0 2) SUBSEQUENT GRAY-CODE BITS ARE FOUND ACCORDING TO THE FOLLOWING EQUATION: GRAYX = BINARYX + BINARYX + 1 WHERE + IS THE EXCLUSIVE OR FUNCTION (SEE TRUTH TABLE BELOW) AND X IS THE BIT POSITION: GRAY10 = BINARY10 + BINARY11 GRAY10 = 1 + 0 GRAY10 = 1 D11 0 0 + 1 1 1 1 D7 0 1 0 0 D3 1 1 0 D0 0 BIT POSITION BINARY GRAY CODE 1 1 1 D7 0 1 0 0 D3 1 1 0 D0 0 BIT POSITION BINARY GRAY CODE
GRAY-TO-BINARY-CODE CONVERSION 1) THE MOST SIGNIFICANT BINARY BIT IS THE SAME AS THE MOST SIGNIFICANT GRAY-CODE BIT. D11 0 0 2) SUBSEQUENT BINARY BITS ARE FOUND ACCORDING TO THE FOLLOWING EQUATION: BINARYX = BINARYX+1 + GRAYX WHERE + IS THE EXCLUSIVE OR FUNCTION (SEE TRUTH TABLE BELOW) AND X IS THE BIT POSITION: BINARY10 = BINARY11 + GRAY10 BINARY10 = 0 + 1 BINARY10 = 1 D11 0 + 0 1 BINARY 1 0 0 D7 1 1 1 0 D3 1 0 1 D0 0 BIT POSITION GRAY CODE 1 0 0 D7 1 1 1 0 D3 1 0 1 D0 0 BIT POSITION GRAY CODE BINARY
3) REPEAT STEP 2 UNTIL COMPLETE: GRAY9 = BINARY9 + BINARY10 GRAY9 = 1 + 1 GRAY9 = 0
3) REPEAT STEP 2 UNTIL COMPLETE: BINARY9 = BINARY10 + GRAY9 BINARY9 = 1 + 0 BINARY9 = 1
D11 0 0 1 1 + 1 0 1
D7 0 1 0 0
D3 1 1 0
D0 0
BIT POSITION BINARY GRAY CODE 0 0
D11 1 + 1 1 0 0
D7 1 1 1 0
D3 1 0 1
D0 0
BIT POSITION GRAY CODE BINARY
4) THE FINAL GRAY-CODE CONVERSION IS: D11 0 0 1 1 1 0 1 0 D7 0 1 1 1 0 1 0 0 D3 1 1 1 0 0 1 D0 0 0 BIT POSITION BINARY GRAY CODE
4) THE FINAL BINARY CONVERSION IS: D11 0 0 1 1 0 1 0 1 D7 1 0 1 1 1 0 0 0 D3 1 1 0 1 1 0 D0 0 0 BIT POSITION GRAY CODE BINARY
EXCLUSIVE OR TRUTH TABLE A 0 0 1 1 B 0 1 0 1 Y = A + 0 1 1 0 B
Figure 9. Binary-to-Gray and Gray-to-Binary Code Conversion 20 ______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC MAX19538
24.9 0.1F VIN N.C. 1 T1 2 5 2.2F 3 4 MINI-CIRCUITS TT1-6 OR T1-1T 24.9 INN 12pF COM 6 12pF INP VIN
MAX4108 0.1F INP 5.6pF 100 24.9
MAX19538
MAX19538
COM 2.2F
100
24.9
Figure 10. Transformer-Coupled Input Drive for Input Frequencies Up to Nyquist
INN 5.6pF
Figure 12. Single-Ended, AC-Coupled Input Drive
0* 0.1F VIN N.C. 1 T1 2 3 5 4 75 0.5% 6 75 0.5% N.C. 1 T2 2 3 5 4 N.C. 110 0.1% 2.2F 0* INN 5.6pF** 6 110 0.1% 5.6pF** INP
MAX19538
COM
MINI-CIRCUITS ADT1-1WT
MINI-CIRCUITS ADT1-1WT
*0 RESISTORS CAN BE REPLACED WITH LOW-VALUE RESISTORS TO LIMIT THE BANDWIDTH.
**TUNE THESE CAPACITORS FROM 5.6pF TO 18pF IN ORDER TO OPTIMIZE DYNAMIC PERFORMANCE VARIATIONS DUE TO: PRINTED CIRCUIT BOARD (PCB) LAYOUT ANALOG INPUT SIGNAL POWER ANALOG INPUT CARRIER FREQUENCY
Figure 11. Transformer-Coupled Input Drive for Input Frequencies Beyond Nyquist
Power-Down Input (PD)
The MAX19538 has two power modes that are controlled with the power-down digital input (PD). With PD low, the MAX19538 is in normal operating mode. With PD high, the MAX19538 is in power-down mode. The power-down mode allows the MAX19538 to efficiently use power by transitioning to a low-power state when conversion is not required. Additionally, the MAX19538 parallel output bus is high impedance in power-down mode, allowing other devices on the bus to be accessed.
In power-down mode, all internal circuits are off, the analog supply current reduces to 0.02mA, and the digital supply current reduces to 1A. The following list shows the state of the analog inputs and digital outputs in power-down mode: * INP, INN analog inputs are disconnected from the internal input amplifier (Figure 3). * REFOUT has approximately 17k to GND. * REFP, COM, REFN go high impedance with respect to VDD and GND, but there is an internal 4k resistor between REFP and COM, as well as an internal 4k resistor between REFN and COM.
21
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC MAX19538
+3.3V 2.2F +3.3V 1 2 0.1F 0.1F VDD 38 2.048V NOTE: ONE FRONT-END REFERENCE CIRCUIT IS CAPABLE OF SOURCING 15mA AND SINKING 30mA OF OUTPUT CURRENT. 0.1F 16.2k 1 1F 3 2 5 +3.3V 39 3 REFIN GND COM 2.2F 0.1F REFOUT 1F* 10F
MAX6029EUK21
0.1F 5 REFP 1
MAX19538
REFN 2 0.1F
MAX4230
4 47
2.048V
+3.3V 10F 6V 330F 6V 2.2F 0.1F 0.1F 1.47k *PLACE THE 1F REFP-to-REFN BYPASS CAPACITOR AS CLOSE TO THE DEVICE AS POSSIBLE. 0.1F VDD 38 REFOUT 1F* 10F REFP 1
MAX19538
REFN 2 0.1F 39 3 REFIN GND COM 2.2F
Figure 13. External Buffered Reference Driving Multiple ADCs
* D11-D0, DOR, and DAV go high impedance. * CLKP, CLKN go high impedance (Figure 5). The wake-up time from power-down mode is dominated by the time required to charge the capacitors at REFP, REFN, and COM. In internal reference mode and buffered external reference mode the wake-up time is typically 10ms with the recommended capacitor array (Figure 13). When operating in unbuffered external reference mode, the wake-up time is dependent on the external reference drivers.
Applications Information
Using Transformer Coupling
In general, the MAX19538 provides better SFDR and THD performance with fully differential input signals as opposed to single-ended input drive. In differential input mode, even-order harmonics are lower as both inputs are balanced, and each of the ADC inputs only requires half the signal swing compared to singleended input mode. An RF transformer (Figure 10) provides an excellent solution to convert a single-ended input source signal to a fully differential signal, required by the MAX19538 for optimum performance. Connecting the center tap of the transformer to COM provides a VDD / 2 DC level
22
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC MAX19538
+3.3V 1 0.1F 2
MAX6029EUK30
5 3.000V 0.1F 1 20k 1% 20k 1% 3 2 5 0.1F +3.3V
+3.3V 2.2F 0.1F
MAX4230
4 47
2.413V 1 330F 6V REFP VDD REFOUT 38 0.1F 2
10F 6V 1.47k
10F
1F*
MAX19538
REFN
0.47F 52.3k 1%
0.1F
+3.3V
0.1F
1 52.3k 1% 3
5
MAX4230
4 47
3 1.647V 2.2F
COM
GND
REFIN
39
+3.3V 2 10F 6V 1.47k 0.1F +3.3V 1 1 3 2 REFP VDD REFOUT 0.880V 47 10F 1F* 38 0.1F 330F 6V 0.1F 0.1F 2.2F
20k 1% 20k 1% 20k 1%
5
MAX4230
4
MAX19538
2 330F 6V REFN
10F 6V
0.1F
1.47k *PLACE THE 1F REFP-TO-REFN BYPASS CAPACITOR AS CLOSE TO THE DEVICE AS POSSIBLE. 2.2F
3
COM
GND
REFIN
39
Figure 14. External Unbuffered Reference Driving Multiple ADCs
shift to the input. Although a 1:1 transformer is shown, a step-up transformer can be selected to reduce the drive requirements. A reduced signal swing from the input driver, such as an op amp, can also improve the overall distortion. The configuration of Figure 10 is good for frequencies up to Nyquist (fCLK / 2). The circuit of Figure 11 converts a single-ended input signal to fully differential just as Figure 10. However Figure 11 utilizes an additional transformer to improve the common-mode rejection allowing high-frequency signals beyond the Nyquist frequency. The two sets of termination resistors provide an equivalent 50 termi-
nation to the signal source, as the ADT1-1WT transformer has a 1:1.5 impedance ratio. The second set of termination resistors connects to COM, providing the correct input common-mode voltage. Two 0 resistors in series with the analog inputs allow high IF input frequencies. These 0 resistors can be replaced with lowvalue resistors to limit the input bandwidth.
Single-Ended AC-Coupled Input Signal
Figure 12 shows an AC-coupled, single-ended input application. The MAX4108 operational amplifier provides high speed, high bandwidth, low noise, and low distortion to maintain the input signal integrity.
23
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC MAX19538
Buffered External Reference Drives Multiple ADCs
The buffered external reference mode allows for more control over the MAX19538 reference voltage and allows multiple converters to use a common reference. The REFIN input impedance is >50M. Figure 13 uses the MAX6029EUK21 precision 2.048V reference as a common reference for multiple converters. The 2.048V output of the MAX6029 passes through a one-pole, 10Hz lowpass filter to the MAX4230. The MAX4230 buffers the 2.048V reference and provides additional 10Hz lowpass filtering before its output is applied to the REFIN input of the MAX19538. Multilayer boards with ample ground and power planes produce the highest level of signal integrity. All MAX19538 GNDs and the exposed backside paddle must be connected to the same ground plane. The MAX19538 relies on the exposed backside paddle connection for a low-inductance ground connection. Use multiple vias to connect the top-side ground to the bottom-side ground. Isolate the ground plane from any noisy digital system ground planes such as a DSP or output buffer ground. Route high-speed digital signal traces away from the sensitive analog traces. Keep all signal lines short and free of 90 turns. Ensure that the differential analog input network layout is symmetric and that all parasitics are balanced equally. Refer to the MAX1211 evaluation kit data sheet for an example of symmetric input layout.
Unbuffered External Reference Drives Multiple ADCs
The unbuffered external reference mode allows for precise control over the MAX19538 reference and allows multiple converters to use a common reference. Connecting REFIN to GND disables the internal reference, allowing REFP, REFN, and COM to be driven directly by a set of external reference sources. Figure 14 uses the MAX6029EUK30 precision 3.000V reference as a common reference for multiple converters. A seven-component resistive divider chain follows the MAX6029 voltage reference. The 0.47F capacitor along this chain creates a 10Hz lowpass filter. Three MAX4230 operational amplifiers buffer taps along this resistor chain providing 2.413V, 1.647V, and 0.880V to the MAX19538's REFP, COM, and REFN reference inputs, respectively. The feedback around the MAX4230 op amps provides additional 10Hz lowpass filtering. The 2.413V and 0.880V reference voltages set the full-scale analog input range to 1.022V = (VREFP - VREFN) x 2/3. A common power source for all active components removes any concern regarding power-supply sequencing when powering up or down
Parameter Definitions
Integral Nonlinearity (INL)
Integral nonlinearity is the deviation of the values on an actual transfer function from a straight line. For the MAX19538, this straight line is between the end points of the transfer function, once offset and gain errors have been nullified. INL deviations are measured at every step of the transfer function and the worst-case deviation is reported in the Electrical Characteristics table.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between an actual step width and the ideal value of 1 LSB. A DNL error specification of less than 1 LSB guarantees no missing codes and a monotonic transfer function. For the MAX19538, DNL deviations are measured at every step of the transfer function and the worst-case deviation is reported in the Electrical Characteristics table.
Offset Error
Offset error is a figure of merit that indicates how well the actual transfer function matches the ideal transfer function at a single point. Ideally the midscale MAX19538 transition occurs at 0.5 LSB above midscale. The offset error is the amount of deviation between the measured midscale transition point and the ideal midscale transition point.
Grounding, Bypassing, and Board Layout
The MAX19538 requires high-speed board layout design techniques. Refer to the MAX1211 evaluation kit data sheet for a board layout reference. Locate all bypass capacitors as close to the device as possible, preferably on the same side of the board as the ADC, using surface-mount devices for minimum inductance. Bypass VDD to GND with a 0.1F ceramic capacitor in parallel with a 2.2F ceramic capacitor. Bypass OVDD to GND with a 0.1F ceramic capacitor in parallel with a 2.2F ceramic capacitor.
Gain Error
Gain error is a figure of merit that indicates how well the slope of the actual transfer function matches the slope of the ideal transfer function. The slope of the actual transfer function is measured between two data points: positive full scale and negative full scale. Ideally the positive full-scale MAX19538 transition occurs at 1.5
24
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC
LSB below positive full scale, and the negative fullscale transition occurs at 0.5 LSB above negative full scale. The gain error is the difference of the measured transition points minus the difference of the ideal transition points.
Effective Number of Bits (ENOB)
ENOB specifies the dynamic performance of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists of quantization noise only. ENOB for a full-scale sinusoidal input waveform is computed from: SINAD - 1.76 ENOB = 6.02
MAX19538
Small-Signal Noise Floor (SSNF)
Small-signal noise floor is the integrated noise and distortion power in the Nyquist band for small-signal inputs. The DC offset is excluded from this noise calculation. For this converter, a small signal is defined as a single tone with an amplitude less than -35dBFS. This parameter captures the thermal and quantization noise characteristics of the converter and can be used to help calculate the overall noise figure of a receive channel. Go to www.maxim-ic.com for application notes on thermal + quantization noise floor.
Single-Tone Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio expressed in decibels of the RMS amplitude of the fundamental (maximum signal component) to the RMS amplitude of the next-largest spurious component, excluding DC offset.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first six harmonics of the input signal to the fundamental itself. This is expressed as: V22 + V32 + V4 2 + V52 + V62 + V72 THD = 20 x log V1
Signal-to-Noise Ratio (SNR)
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNR[max] = 6.02 x N + 1.76 In reality, there are other noise sources besides quantization noise: thermal noise, reference noise, clock jitter, etc. SNR is computed by taking the ratio of the RMS signal to the RMS noise. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first six harmonics (HD2 to HD7), and the DC offset: SIGNALRMS SNR = 20 x log NOISERMS
where V1 is the fundamental amplitude, and V2 through V7 are the amplitudes of the 2nd- through 7th-order harmonics (HD2-HD7).
Intermodulation Distortion (IMD)
IMD is the ratio of the RMS sum of the intermodulation products to the RMS sum of the two fundamental input tones. This is expressed as:
VIM12 + VIM22 + ........... + VIM132 + VIM14 2 IMD = 20 x log V12 + V22
Signal-to-Noise Plus Distortion (SINAD)
SINAD is computed by taking the ratio of the RMS signal to the RMS noise plus the RMS distortion. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first six harmonics (HD2-HD7), and the DC offset. RMS distortion includes the first six harmonics (HD2-HD7):
SIGNALRMS SINAD = 20 x log 2 2 NOISERMS + DISTORTIONRMS
The fundamental input tone amplitudes (V1 and V2) are at -7dBFS. Fourteen intermodulation products (VIM_) are used in the MAX19538 IMD calculation. The intermodulation products are the amplitudes of the output spectrum at the following frequencies, where fIN1 and fIN2 are the fundamental input tone frequencies: * Second-order intermodulation products: fIN1 + fIN2, fIN2 - fIN1 * Third-order intermodulation products: 2 x fIN1 - fIN2, 2 x fIN2 - fIN1, 2 x fIN1 + fIN2, 2 x fIN2 + fIN1 * Fourth-order intermodulation products: 3 x fIN1 - fIN2, 3 x fIN2 - fIN1, 3 x fIN1 + fIN2, 3 x fIN2 + fIN1
______________________________________________________________________________________
25
12-Bit, 95Msps, 3.3V ADC MAX19538
* Fifth-order intermodulation products: 3 x fIN1 - 2 x fIN2, 3 x fIN2 - 2 x fIN1, 3 x fIN1 + 2 x fIN2, 3 x fIN2 + 2 x fIN1
G/T TOP VIEW REFIN
Pin Configuration
REFOUT OVDD GND DAV VDD I.C. I.C. 30 29 28 27 26 25 24 23 22 EXPOSED PADDLE (GND) 11 12 13 14 15 16 17 18 19 20 CLKTYP D11 OVDD GND DOR D10 VDD VDD VDD VDD 21 PD
Third-Order Intermodulation (IM3)
IM3 is the total power of the third-order intermodulation products to the Nyquist frequency relative to the total input power of the two input tones fIN1 and fIN2. The individual input tone levels are at -7dBFS. The thirdorder intermodulation products are 2 x fIN1 - fIN2, 2 x fIN2 - fIN1, 2 x fIN1 + fIN2, 2 x fIN2 + fIN1.
REFP REFN COM GND INP INN GND DCE CLKN CLKP 1 2 3 4 5 6 7 8 9 10
40 39 38 37 36 35 34 33 32 31 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
Two-Tone Spurious-Free Dynamic Range (SFDRTT)
SFDRTT represents the ratio, expressed in decibels, of the RMS amplitude of either input tone to the RMS amplitude of the next-largest spurious component in the spectrum, excluding DC offset. This spurious component can occur anywhere in the spectrum up to Nyquist and is usually an intermodulation product or a harmonic.
MAX19538
Aperture Delay
The MAX19538 samples data on the falling edge of its sampling clock. In actuality, there is a small delay between the falling edge of the sampling clock and the actual sampling instant. Aperture delay (tAD) is the time defined between the falling edge of the sampling clock and the instant when an actual sample is taken (Figure 4).
THIN QFN 6mm x 6mm x 0.8mm
Overdrive Recovery Time
Overdrive recovery time is the time required for the ADC to recover from an input transient that exceeds the full-scale limits. The MAX19538 specifies overdrive recovery time using an input transient that exceeds the full-scale limits by 10%.
Aperture Jitter
Figure 4 depicts the aperture jitter (tAJ), which is the sample-to-sample variation in the aperture delay.
Output Noise (nOUT)
The output noise (nOUT) parameter is similar to the thermal + quantization noise parameter and is an indication of the ADC's overall noise performance. No fundamental input tone is used to test for nOUT; INP, INN, and COM are connected together and 1024k data points collected. n OUT is computed by taking the RMS value of the collected data points after the mean is removed.
26
______________________________________________________________________________________
12-Bit, 95Msps, 3.3V ADC
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
MAX19538
D2 D D/2 k
C L
b D2/2
E/2 E2/2 E (NE-1) X e
C L
E2
k
e (ND-1) X e
L
e L
C L C L
L1 L L
e
e
A1
A2
A
PACKAGE OUTLINE 36, 40, 48L THIN QFN, 6x6x0.8mm
21-0141
E
1
2
______________________________________________________________________________________
QFN THIN 6x6x0.8.EPS
27
12-Bit, 95Msps, 3.3V ADC MAX19538
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
NOTES: 1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994. 2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES. 3. N IS THE TOTAL NUMBER OF TERMINALS. 4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE. 5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP. 6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY. 7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION. 8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS. 9. DRAWING CONFORMS TO JEDEC MO220, EXCEPT FOR 0.4mm LEAD PITCH PACKAGE T4866-1. 10. WARPAGE SHALL NOT EXCEED 0.10 mm.
PACKAGE OUTLINE 36, 40, 48L THIN QFN, 6x6x0.8mm
21-0141
E
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
28 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2004 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX19538

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X