Part Number Hot Search : 
AN8096JC MC92600 SF109 2N692E3 ZMM9B1 HER604 LA38B SP025
Product Description
Full Text Search
 

To Download M74HC107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC107 M74HC107
DUAL J-K FLIP FLOP WITH CLEAR
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
GH SPEED fMAX = 75 MHz (TYP.) AT VCC = 5 V SSIPATION ICC = 2 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE IOH = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 54/74LS107
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HC107F1R M74HC107M1R M74HC107B1R M74HC107C1R
DESCRIPTION The M54/74HC107 is a high speed CMOS DUAL JK FLIP FLOP fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. These flip-flop are edge sensitive to the clock input and change state on the negative going transition of the clock pulse. Each one has independent J, K, CLOCK, and CLEAR input and Q and Q outputs. CLEAR is independent of the clock and accomplished by a logic low on the input. All inputs are equipped with protection circuits against static discharge and transient excess voltage. INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN CONNECTIONS (top view)
NC = No Internal Connection
October 1992
1/11
M54/M74HC107
TRUTH TABLE
INPUTS CLR L H H H H H
X: Don't Care
OUTPUTS K X L H L H X CK X Q L Qn L H Qn Qn Q H Qn H L Qn Qn
J X L L H H X
FUNCTION CLEAR NO CHANGE
TOGGLE NO CHANGE
PIN DESCRIPTION
PIN No 1, 8, 4, 11 2, 6 3, 5 12, 9 13, 10 7 14 SYMBOL 1J, 2J, 1K, 2K 1Q, 2Q 1Q, 2Q 1CK, 2CK 1CLR, 2CLR GND V CC NAME AND FUNCTION Synchronous Inputs; Flip-Flop 1 And 2 Complement Flip-Flop Outputs True Flip-Flop Outputs Clock Input Asynchronous Reset Inputs Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOL
LOGIC DIAGRAM (1/2 Package)
2/11
M54/M74HC107
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Parameter Value -0.5 to +7 -0.5 to VDD + 0.5 -0.5 to VDD + 0.5 20 20 25 50 500 (*) -65 to +150 Unit V V V mA mA mA mA mW
o
C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time VCC = 2 V VCC = 4.5 V VCC = 6 V Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C o C
o
ns
3/11
M54/M74HC107
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 V OH High Level Output Voltage 2.0 4.5 6.0 4.5 VOL Low Level Output Voltage 6.0 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = VCC or GND VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 2 TA = 25 C 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 20
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 40 A A V V 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit
VIH
High Level Input Voltage Low Level Input Voltage
V IL
4/11
M54/M74HC107
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tREM Minimum Removal Time (CLR) Input Capacitance Power Dissipation Capacitance 2.0 4.5 6.0 5 32 6.2 31 37 TA = 25 C 54HC and 74HC Min. Typ. Max. 30 8 7 48 14 12 52 15 13 23 70 80 20 5 4 20 5 4 28 7 6 75 15 13 75 15 13 75 15 13 0 0 0 25 5 5 10 75 15 13 125 25 21 140 28 24 5.0 25 30 95 19 16 95 19 16 95 19 16 0 0 0 30 6 5 10
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 95 19 16 155 31 26 175 35 30 4.2 21 25 110 22 19 110 22 19 110 22 19 0 0 0 40 8 7 10 pF pF ns ns ns ns MHz 110 22 19 190 38 32 210 42 36 ns ns ns Unit
tTLH tTHL tPLH tPHL tPLH tPHL fMAX
Output Transition Time Propagation Delay Time (CK - Q, Q) Propagation Delay Time (CLR - Q, Q) Maximum Clock Frequency Minimum Pulse Width (CLOCK) Minimum Pulse Width (CLR) Minimum Set-up Time Minimum Hold Time
tW(H) tW(L) tW(L)
ts
th
ns
CIN CPD (*)
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/2 (per FLIP/FLOP)
5/11
M54/M74HC107
SWITCHING CHARACTERISTICS TEST TEST CIRCUIT ICC (Opr.)
TRANSITION TIME OF INPUT WAVEFORM IS THE SAVE AS THAT IN CASE OF SWITCHING CHARACTERISTICSTEST.
SWITCHING CHARACTERISTICS TEST WAVEFORM
6/11
M54/M74HC107
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
7/11
M54/M74HC107
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
8/11
M54/M74HC107
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
9/11
M54/M74HC107
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
10/11
M54/M74HC107
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
11/11


▲Up To Search▲   

 
Price & Availability of M74HC107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X