Part Number Hot Search : 
CERA44U LD1026 TDA3803A A7812 AD5252 1N5471A RB551 30007
Product Description
Full Text Search
 

To Download LINKSWITCH-XT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LNK362-364
(R)
LINKSWITCH-XT Family
Energy Efficient, Low Power Off-Line Switcher IC
Product Highlights
Optimized for Lowest System Cost * Proprietary IC trimming and transformer construction techniques enable ClamplessTM designs with LNK362 for lower system cost, component count and higher efficiency * Fully integrated auto-restart for short circuit and open loop protection * Self-biased supply - saves transformer auxiliary winding and associated bias supply components * Frequency jittering greatly reduces EMI * Meets HV creepage requirements between DRAIN and all other pins both on the PCB and at the package * Lowest component count switcher solution Features Superior to Linear/RCC * Accurate hysteretic thermal shutdown protection - automatic recovery improves field reliability * Universal input range allows worldwide operation * Simple ON/OFF control, no loop compensation needed * Eliminates bias winding - simpler, lower cost transformer * Very low component count - higher reliability and single side printed circuit board * Auto-restart reduces delivered power by 95% during short circuit and open loop fault conditions * High bandwidth provides fast turn on with no overshoot and excellent transient load response EcoSmart - Extremely Energy Efficient * Easily meets all global energy efficiency regulations with no added components * No-load consumption <300 mW without bias winding at 265 VAC input (<50 mW with bias winding) * ON/OFF control provides constant efficiency to very light loads - ideal for mandatory CEC regulations Applications * Chargers/adapters for cell/cordless phones, PDAs, digital cameras, MP3/portable audio players, and shavers * Supplies for appliances, industrial systems, and metering
(R)
+
DC Output
+
Wide Range HV DC Input
LINKSWITCH-XT LNK362 D
FB BP S
a) Clampless flyback converter with LNK362
PI-4086-081005
+
DC Output
+
Wide Range HV DC Input
LINKSWITCH-XT LNK363-364 D
FB BP S
b) Flyback converter with LNK363/4
PI-4061-081005
Figure 1. Typical Application with LINKSWITCH-XT.
OUTPUT POWER TABLE(4)
PRODUCT(3)
LNK362P or G LNK363P or G LNK364P or G
230 VAC 15%
85-265 VAC
Adapter(1) 2.8 W 5W 5.5 W
Open Open Adapter(1) Frame(2) Frame(2) 2.8 W 7.5 W 9W 2.6 W 3.7 W 4W 2.6 W 4.7 W 6W
Table 1. Notes: 1. Minimum continuous power in a typical nonventilated enclosed adapter measured at 50 C ambient. 2. Minimum practical continuous power in an open frame design with adequate heat sinking, measured at 50 C ambient. 3. Packages: P: DIP-8B, G: SMD-8B. Please see Part Ordering Information. 4. See Key Application Considerations section for complete description of assumptions.
Description
LINKSWITCH-XT incorporates a 700 V power MOSFET, oscillator, simple ON/OFF control scheme, a high voltage switched current source, frequency jittering, cycle-by-cycle current limit and
thermal shutdown circuitry onto a monolithic IC. The start-up and operating power are derived directly from the DRAIN pin, eliminating the need for a bias winding and associated circuitry.
November 2005
LNK362-364
BYPASS (BP) DRAIN (D)
REGULATOR 5.8 V FAULT PRESENT AUTORESTART COUNTER CLOCK RESET 6.3 V 5.8 V 4.8 V BYPASS PIN UNDER-VOLTAGE
+ -
CURRENT LIMIT COMPARATOR
+ -
VI
LIMIT
JITTER CLOCK DCMAX OSCILLATOR FEEDBACK (FB) VFB -VTH S R Q Q LEADING EDGE BLANKING THERMAL SHUTDOWN
SOURCE (S)
PI-4232-110205
Figure 2. Functional Block Diagram.
Pin Functional Description
DRAIN (D) Pin: Power MOSFET drain connection. Provides internal operating current for both start-up and steady-state operation. BYPASS (BP) Pin: Connection point for a 0.1 F external bypass capacitor for the internally generated 5.8 V supply. If an external bias winding is used, the current into the BP pin must not exceed 1 mA. FEEDBACK (FB) Pin: During normal operation, switching of the power MOSFET is controlled by this pin. MOSFET switching is disabled when a current greater than 49 A is delivered into this pin. SOURCE (S) Pin: This pin is the power MOSFET source connection. It is also the ground reference for the BYPASS and FEEDBACK pins.
P Package (DIP-8B) G Package (SMD-8B)
S S BP FB
1 2 3 4
8 7
S S
5
D
PI-3491-111903
Figure 3. Pin Configuration.
2
B 11/05
LNK362-364
LINKSWITCH-XT Functional Description
LINKSWITCH-XT combines a high voltage power MOSFET switch with a power supply controller in one device. Unlike conventional PWM (pulse width modulator) controllers, a simple ON/OFF control regulates the output voltage. The controller consists of an oscillator, feedback (sense and logic) circuit, 5.8 V regulator, BYPASS pin under-voltage circuit, over-temperature protection, frequency jittering, current limit circuit, and leading edge blanking integrated with a 700 V power MOSFET. The LINKSWITCH-XT incorporates additional circuitry for auto-restart. Oscillator The typical oscillator frequency is internally set to an average of 132 kHz. Two signals are generated from the oscillator: the maximum duty cycle signal (DCMAX) and the clock signal that indicates the beginning of each cycle. The oscillator incorporates circuitry that introduces a small amount of frequency jitter, typically 9 kHz peak-to-peak, to minimize EMI emission. The modulation rate of the frequency jitter is set to 1.5 kHz to optimize EMI reduction for both average and quasi-peak emissions. The frequency jitter should be measured with the oscilloscope triggered at the falling edge of the DRAIN waveform. The waveform in Figure 4 illustrates the frequency jitter. Feedback Input Circuit The feedback input circuit at the FB pin consists of a low impedance source follower output set at 1.65 V for LNK362 and 1.63 V for LNK363/364. When the current delivered into this pin exceeds 49 A, a low logic level (disable) is generated at the output of the feedback circuit. This output is sampled at the beginning of each cycle on the rising edge of the clock signal. If high, the power MOSFET is turned on for that cycle (enabled), otherwise the power MOSFET remains off (disabled). Since the sampling is done only at the beginning of each cycle, subsequent changes in the FB pin voltage or current during the remainder of the cycle are ignored. 5.8 V Regulator and 6.3 V Shunt Voltage Clamp The 5.8 V regulator charges the bypass capacitor connected to the BYPASS pin to 5.8 V by drawing a current from the voltage on the DRAIN, whenever the MOSFET is off. The BYPASS pin is the internal supply voltage node. When the MOSFET is on, the LINKSWITCH-XT runs off of the energy stored in the bypass capacitor. Extremely low power consumption of the internal circuitry allows the device to operate continuously from the current drawn from the DRAIN pin. A bypass capacitor value of 0.1 F is sufficient for both high frequency decoupling and energy storage. In addition, there is a 6.3 V shunt regulator clamping the BYPASS pin at 6.3 V when current is provided to the BYPASS
pin through an external resistor. This facilitates powering of the device externally through a bias winding to decrease the no-load consumption to less than 50 mW. BYPASS Pin Under-Voltage The BYPASS pin under-voltage circuitry disables the power MOSFET when the BYPASS pin voltage drops below 4.8 V. Once the BYPASS pin voltage drops below 4.8 V, it must rise back to 5.8 V to enable (turn-on) the power MOSFET. Over-Temperature Protection The thermal shutdown circuitry senses the die temperature. The threshold is set at 142 C typical with a 75 C hysteresis. When the die temperature rises above this threshold (142 C) the power MOSFET is disabled and remains disabled until the die temperature falls by 75 C, at which point it is re-enabled. Current Limit The current limit circuit senses the current in the power MOSFET. When this current exceeds the internal threshold (ILIMIT), the power MOSFET is turned off for the remainder of that cycle. The leading edge blanking circuit inhibits the current limit comparator for a short time (tLEB) after the power MOSFET is turned on. This leading edge blanking time has been set so that current spikes caused by capacitance and rectifier reverse recovery time will not cause premature termination of the switching pulse. Auto-Restart In the event of a fault condition such as output overload, output short circuit, or an open loop condition, LINKSWITCH-XT enters into auto-restart operation. An internal counter clocked by the oscillator gets reset every time the FB pin is pulled high. If the FB pin is not pulled high for approximately 40 ms, the power MOSFET switching is disabled for 800 ms. The auto-restart alternately enables and disables the switching of the power MOSFET until the fault condition is removed.
PI-4047-110205
600 500 400 300 200 100 0 136.5 kHz 127.5 kHz
V
DRAIN
0
5
10
Figure 4. Frequency Jitter.
Time (s)
B 11/05
3
LNK362-364
CY1 100 pF 250 VAC L1 1 mH T1 EE16 9 C4 330 F 16 V D5 1N4934 VR1 BZX79B5V1 5.1 V, 2% R2 390 1/8 W 6.2 V, 322 mA J3
4 5 3
8 NC NC
J1
RF1 8.2 2.5 W
D1 1N4005
D2 1N4005
R1 3.9 k 1/8 W
J4
85-265 VRMS
C1 3.3 F 400 V
C2 3.3 F 400 V U2 PC817A
J2 LINKSWITCH-XT U1 LNK362P D3 1N4005 D4 1N4005 L2 1 mH
D
R3 1k 1/8 W
FB BP
S
C3 100 nF 50 V
PI-4162-110205
Figure 5. 2 W Universal Input CV Adapter Using LNK362.
Applications Example
A 2 W CV Adapter The schematic shown in Figure 5 is a typical implementation of a universal input, 6.2 V 7%, 322 mA adapter using LNK362. This circuit makes use of the Clampless technique to eliminate the primary clamp components and reduce the cost and complexity of the circuit. The Ecosmart features built into the LINKSWITCH-XT family allow this design to easily meet all current and proposed energy efficiency standards, including the mandatory California Energy Commission (CEC) requirement for average operating efficiency. The AC input is rectified by D1 to D4 and filtered by the bulk storage capacitors C1 and C2. Resistor RF1 is a flameproof, fusible, wire wound type and functions as a fuse, inrush current limiter and, together with the filter formed by C1, C2, L1 and L2, differential mode noise attenuator. Resistor R1 damps ringing caused by L1 and L2. This simple input stage, together with the frequency jittering of LINKSWITCH-XT, a low value Y1 capacitor and PIs E-ShieldTM windings within T1, allow the design to meet both conducted and radiated EMI limits with >10 dBV margin. The low value of CY1 is important to meet the requirement for a very low touch current (the line frequency current that flows through CY1) often specified for adapters, in this case <10 A.
The rectified and filtered input voltage is applied to the primary winding of T1. The other side of the primary is driven by the integrated MOSFET in U1. No primary clamp is required as the low value and tight tolerance of the LNK362 internal current limit allows the transformer primary winding capacitance to provide adequate clamping of the leakage inductance drain voltage spike. The secondary of the flyback transformer T1 is rectified by D5, a low cost, fast recovery diode, and filtered by C4, a low ESR capacitor. The combined voltage drop across VR1, R2 and the LED of U2 determines the output voltage. When the output voltage exceeds this level, current will flow through the LED of U2. As the LED current increases, the current fed into the FEEDBACK pin of U1 increases until the turnoff threshold current (~49 A) is reached, disabling further switching cycles of U1. At full load, almost all switching cycles will be enabled, and at very light loads, almost all the switching cycles will be disabled, giving a low effective frequency and providing high light load efficiency and low no-load consumption. Resistor R2 provides 1 mA through VR1 to bias the Zener closer to its test current. Resistor R1 allows the output voltage to be adjusted to compensate for designs where the value of the Zener may not be ideal, as they are only available in discrete voltage ratings. For higher output accuracy, the Zener may be replaced with a reference IC such as the TL431.
4
B 11/05
LNK362-364
The LINKSWITCH-XT is completely self-powered from the DRAIN pin, requiring only a small ceramic capacitor C3 connected to the BYPASS pin. No auxiliary winding on the transformer is required. The following requirements are recommended for a universal input or 230 VAC only Clampless design: 1. A Clampless design should only be used for PO 2.5 W, using the LNK362 and a VOR** 90 V. 2. For designs where PO 2 W, a two-layer primary should be used to ensure adequate primary intra-winding capacitance in the range of 25 pF to 50 pF. 3. For designs where 2 < PO 2.5 W, a bias winding should be added to the transformer using a standard recovery rectifier diode to act as a clamp. This bias winding may also be used to externally power the device by connecting a resistor from the bias-winding capacitor to the BYPASS pin. This inhibits the internal high voltage current source, reducing device dissipation and no-load consumption. 4. For designs where PO > 2.5 W Clampless designs are not practical and an external RCD or Zener clamp should be used. 5. Ensure that worst-case high line, peak drain voltage is below the BVDSS specification of the internal MOSFET and ideally 650 V to allow margin for design variation. For 110 VAC only input designs it may be possible to extend the power range of Clampless designs to include the LNK363. However, the increased leakage ringing may degrade EMI performance. **VOR is the secondary output plus output diode forward voltage drop that is reflected to the primary via the turns ratio of the transformer during the diode conduction time. The VOR adds to the DC bus voltage and the leakage spike to determine the peak drain voltage. Audible Noise The cycle skipping mode of operation used in LINKSWITCH-XT can generate audio frequency components in the transformer. To limit this audible noise generation, the transformer should be designed such that the peak core flux density is below 1500 Gauss (150 mT). Following this guideline and using the standard transformer production technique of dip varnishing practically eliminates audible noise. Vacuum impregnation of the transformer should not be used due to the high primary capacitance and increased losses that result. Higher flux densities are possible, however careful evaluation of the audible noise performance should be made using production transformer samples before approving the design. Ceramic capacitors that use dielectrics, such as Z5U, when used in clamp circuits may also generate audio noise. If this is the case, try replacing them with a capacitor having a different dielectric or construction, for example a film type.
Key Application Considerations
LINKSWITCH-XT Design Considerations Output Power Table The data sheet maximum output power table (Table 1) represents the maximum practical continuous output power level that can be obtained under the following assumed conditions: 1. The minimum DC input voltage is 90 V or higher for 85 VAC input, or 240 V or higher for 230 VAC input or 115 VAC with a voltage doubler. The value of the input capacitance should be large enough to meet these criteria for AC input designs. 2. Secondary output of 6 V with a fast PN rectifier diode. 3. Assumed efficiency of 70%. 4. Voltage only output (no secondary-side constant current circuit). 5. Discontinuous mode operation (KP >1). 6. A primary clamp (RCD or Zener) is used. 7. The part is board mounted with SOURCE pins soldered to a sufficient area of copper to keep the SOURCE pin temperature at or below 100 C. 8. Ambient temperature of 50 C for open frame designs and an internal enclosure temperature of 60 C for adapter designs. Below a value of 1, KP is the ratio of ripple to peak primary current. Above a value of 1, KP is the ratio of primary MOSFET OFF time to the secondary diode conduction time. Due to the flux density requirements described below, typically a LINKSWITCH-XT design will be discontinuous, which also has the benefits of allowing lower cost fast (instead of ultra-fast) output diodes and reducing EMI. Clampless Designs Clampless designs rely solely on the drain node capacitance to limit the leakage inductance induced peak drain-to-source voltage. Therefore, the maximum AC input line voltage, the value of VOR, the leakage inductance energy, a function of leakage inductance and peak primary current, and the primary winding capacitance determine the peak drain voltage. With no significant dissipative element present, as is the case with an external clamp, the longer duration of the leakage inductance ringing can increase EMI.
B 11/05
5
LNK362-364
Input Filter Capacitor
Y1Capacitor
TOP VIEW
T r a n s f o r m e r
LINKSWITCH-XT
D
FB S S
BP S - HV DC + INPUT CBP
S S
S
Optocoupler
+ DC OUT Output Filter Capacitor
Maximize hatched copper areas ( ) for optimum heatsinking
PI-4155-102705
Figure 6. Recommended Printed Circuit Layout for LINKSWITCH-XT in a Flyback Converter Configuration.
LINKSWITCH-XT Layout Considerations See Figure 6 for a recommended circuit board layout for LINKSWITCH-XT. Single Point Grounding Use a single point ground connection from the input filter capacitor to the area of copper connected to the SOURCE pins. Bypass Capacitor CBP The BYPASS pin capacitor should be located as near as possible to the BYPASS and SOURCE pins. Primary Loop Area The area of the primary loop that connects the input filter capacitor, transformer primary and LINKSWITCH-XT together should be kept as small as possible. Primary Clamp Circuit A clamp is used to limit peak voltage on the DRAIN pin at turn off. This can be achieved by using an RCD clamp or a Zener
(~200 V) and diode clamp across the primary winding. In all cases, to minimize EMI, care should be taken to minimize the circuit path from the clamp components to the transformer and LINKSWITCH-XT. Thermal Considerations The copper area underneath the LINKSWITCH-XT acts not only as a single point ground, but also as a heatsink. As this area is connected to the quiet source node, it should be maximized for good heat sinking of LINKSWITCH-XT. The same applies to the cathode of the output diode. Y Capacitor The placement of the Y capacitor should be directly from the primary input filter capacitor positive terminal to the common/return terminal of the transformer secondary. Such a placement will route high magnitude common-mode surge currents away from the LINKSWITCH-XT device. Note that if an input pi (C, L, C) EMI filter is used, then the inductor in the filter should be placed between the negative terminals of the input filter capacitors.
6
B 11/05
LNK362-364
Optocoupler Place the optocoupler physically close to the LINKSWITCH-XT to minimize the primary-side trace lengths. Keep the high current, high voltage drain and clamp traces away from the optocoupler to prevent noise pick up. Output Diode For best performance, the area of the loop connecting the secondary winding, the output diode and the output filter capacitor should be minimized. In addition, sufficient copper area should be provided at the anode and cathode terminals of the diode for heat sinking. A larger area is preferred at the quiet cathode terminal. A large anode area can increase high frequency radiated EMI. Quick Design Checklist As with any power supply design, all LINKSWITCH-XT designs should be verified on the bench to make sure that component specifications are not exceeded under worst-case conditions. The following minimum set of tests is strongly recommended: 1. Maximum drain voltage - Verify that VDS does not exceed 650 V at the highest input voltage and peak (overload) output power. The 50 V margin to the 700 V BVDSS specification gives margin for design variation, especially in Clampless designs. 2. Maximum drain current - At maximum ambient temperature, maximum input voltage and peak output (overload) power, verify drain current waveforms for any signs of transformer saturation and excessive leading-edge current spikes at startup. Repeat under steady state conditions and verify that the leading-edge current spike event is below ILIMIT(MIN) at the end of the tLEB(MIN). Under all conditions, the maximum drain current should be below the specified absolute maximum ratings. 3. Thermal Check - At specified maximum output power, minimum input voltage and maximum ambient temperature, verify that the temperature specifications are not exceeded for LINKSWITCH-XT, transformer, output diode and output capacitors. Enough thermal margin should be allowed for part-to-part variation of the RDS(ON) of LINKSWITCH-XT as specified in the data sheet. Under low line, maximum power, a maximum LINKSWITCH-XT SOURCE pin temperature of 105 C is recommended to allow for these variations. Design Tools Up-to-date information on design tools can be found at the Power Integrations web site: www.powerint.com.
B 11/05
7
LNK362-364 ABSOLUTE MAXIMUM RATINGS(1,5)
DRAIN Voltage .................................. .............-0.3 V to 700 V Peak DRAIN Current: LNK362................200 mA (375 mA)(2) LNK363/364.........400 mA (750 mA)(2) FEEDBACK Voltage ...........................................-0.3 V to 9 V FEEDBACK Current ...................................................100 mA BYPASS Voltage.................................................. -0.3 V to 9 V Storage Temperature .....................................-65 C to 150 C Operating Junction Temperature(3) ................-40 C to 150 C Lead Temperature(4) ....................................................... 260 C Notes: 1. All voltages referenced to SOURCE, TA = 25 C. 2. The higher peak DRAIN current is allowed while the DRAIN voltage is simultaneously less than 400 V. 3. Normally limited by internal circuitry. 4. 1/16 in. from case for 5 seconds. 5. Maximum ratings specified may be applied, one at a time, without causing permanent damage to the product. Exposure to Absolute Maximum Rating conditions for extended periods of time may affect product reliability.
THERMAL IMPEDANCE
Thermal Impedance: P or G Package: Notes: (JA) ........................... 70 C/W(2); 60 C/W(3) 1. Measured on pin 2 (SOURCE) close to plastic interface. (JC)(1) ............................................... 11 C/W 2. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad. 3. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
Conditions Parameter Symbol
SOURCE = 0 V; TJ = -40 to 125 C See Figure 7 (Unless Otherwise Specified) Average Peak-Peak Jitter S2 Open TJ = 25 C TJ = 0 C to 125 C LNK362 LNK363-364 60 30 1.55 1.53 49 1.65 1.63 200 68 1.75 1.73 250
Min
Typ
Max
Units
CONTROL FUNCTIONS Output Frequency Maximum Duty Cycle FEEDBACK Pin Turnoff Threshold Current FEEDBACK Pin Voltage at Turnoff Threshold DRAIN Supply Current
fOSC DCMAX IFB TJ = 25 C 124 132 9 140 kHz % A
VFB
V
IS1 IS2 ICH1 ICH2 VBP VBPH
VFB 2 V (MOSFET Not Switching) See Note A FEEDBACK Open (MOSFET Switching) VBP = 0 V, TJ = 25 C See Note C VBP = 4 V, TJ = 25 C See Note C -5.5 -3.8 5.55 0.8
A
250 -3.5 -2.3 5.8 1.0
300 -1.8 -1.0 6.10 1.2
A
BYPASS Pin Charge Current BYPASS Pin Voltage BYPASS Pin Voltage Hysteresis
mA
V V
8
B 11/05
LNK362-364 Conditions
Parameter
Symbol
SOURCE = 0 V; TJ = -40 to 125 C See Figure 7 (Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS (cont) BYPASS Pin Supply Current
IBPSC See Note D 68 A
CIRCUIT PROTECTION
ILIMIT (See Note E) di/dt = 30 mA/s TJ = 25 C di/dt = 42 mA/s TJ = 25 C di/dt = 50 mA/s TJ = 25 C di/dt = 30 mA/s TJ = 25 C LNK362 LNK363 LNK364 LNK362 LNK363 LNK364 LNK362 LNK363/364 130 195 233 2199 4948 7425 300 170 140 210 250 2587 5821 8250 375 250 125 ns ns A2Hz 150 225 268 mA
Current Limit
Power Coefficient
I2f
di/dt = 42 mA/s TJ = 25 C di/dt = 50 mA/s TJ = 25 C
Leading Edge Blanking Time Current Limit Delay Thermal Shutdown Temperature Thermal Shutdown Hysteresis OUTPUT
tLEB tILD
TJ = 25 C See Note F
TJ = 25 C See Note F 135
TSD
142
150
C
TSHD
See Note G
75
C
LNK362 ID = 14 mA
TJ = 100 C TJ = 100 C TJ = 100 C TJ = 25 C TJ = 25 C
TJ = 25 C
48 76 29 46 24 38
55 88 33 54 28 45 50 A
ON-State Resistance
RDS(ON)
LNK363 ID = 21 mA LNK364 ID = 25 mA
OFF-State Drain Leakage Current
IDSS
VBP = 6.2 V, VFB 2 V, VDS = 560 V, TJ = 125 C
B 11/05
9
LNK362-364 Conditions Parameter OUTPUT (cont) Breakdown Voltage DRAIN Supply Voltage Output Enable Delay Output Disable Setup Time Auto-Restart ON-Time Auto-Restart Duty Cycle
tEN tDST tAR DCAR TJ = 25 C See Note I LNK362 LNK363-364 See Figure 9 0.5 40 45 5 BVDSS VBP = 6.2 V, VFB 2 V, See Note H, TJ = 25 C 700 50 10 V V s s ms %
Symbol
SOURCE = 0 V; TJ = -40 to 125 C See Figure 7 (Unless Otherwise Specified)
Min
Typ
Max
Units
NOTES: A. Total current consumption is the sum of IS1 and IDSS when FEEDBACK pin voltage is 2 V (MOSFET not switching) and the sum of IS2 and IDSS when FEEDBACK pin is shorted to SOURCE (MOSFET switching). B Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the DRAIN. An alternative is to measure the BYPASS pin current at 6 V. C. See Typical Performance Characteristics section Figure 14 for BYPASS pin start-up charging waveform. D. This current is only intended to supply an optional optocoupler connected between the BYPASS and FEEDBACK pins and not any other external circuitry. E. For current limit at other di/dt values, refer to Figure 13. F. This parameter is guaranteed by design. G. This parameter is derived from characterization. H. Breakdown voltage may be checked against minimum BVDSS specification by ramping the DRAIN pin voltage up to but not exceeding minimum BVDSS. I. Auto-restart on time has the same temperature characteristics as the oscillator (inversely proportional to frequency).
10
B 11/05
LNK362-364
470 5W S1
50 V
S
S D FB
470 k
BP S
S
S2 0.1 F
50 V
PI-3490-060204
Figure 7. LINKSWITCH-XT General Test Circuit.
t2
(internal signal) tP
DCMAX
HV 90% DRAIN VOLTAGE 0V
t1
90%
FB
t D= 1 t2
10%
tP =
PI-2048-033001
VDRAIN
1 fOSC
tEN
PI-3707-112503
Figure 8. LINKSWITCH-XT Duty Cycle Measurement.
Figure 9. LINKSWITCH-XT Output Enable Timing.
B 11/05
11
LNK362-364
Typical Performance Characteristics
PI-2213-012301
PI-2680-012301
1.1
1.2 1.0 0.8 0.6 0.4 0.2 0
Breakdown Voltage (Normalized to 25 C)
1.0
0.9 -50 -25 0 25 50 75 100 125 150
Output Frequency (Normalized to 25 C)
-50
-25
0
25
50
75
100 125
Junction Temperature (C)
Figure 10. Breakdown vs. Temperature.
1.4 1.2
Junction Temperature (C)
Figure 11. Frequency vs. Temperature.
1.4
PI-4091-081505
1.0 0.8 0.6 0.4 0.2 0 -50
Normalized Current Limit
1.2 1.0 0.8 0.6 0.4 0.2 0 1 2 3 4
Normalized di/dt TBD = 1 LNK362 30 mA/s LNK363 42 mA/s LNK364 50 mA/s Normalized Current Limit = 1 140 mA 210 mA 250 mA
Current Limit (Normalized to 25 C)
0
50
100
150
5
Temperature (C) Figure 12. Current Limit vs. Temperature.
7
Normalized di/dt Figure 13. Current Limit vs. di/dt.
PI-2240-012301 PI-4093-081605
400 350
BYPASS Pin Voltage (V)
6 5 4 3 2 1 0
DRAIN Current (mA)
300 250 200 150 100 50 0
25 C 100 C
Scaling Factors: LNK362 0.5 LNK363 0.8 LNK364 1.0
0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8 10 12 14 16 18 20
Time (ms)
Figure 14. BYPASS Pin Start-up Waveform.
DRAIN Voltage (V) Figure 15. Output Characteristics.
12
B 11/05
PI-4092-081505
LNK362-364
Typical Performance Characteristics (cont.)
PI-4094-081605
1000
Drain Capacitance (pF)
100
Scaling Factors: LNK362 0.5 LNK363 0.8 LNK364 1.0
10
1 0 100 200 300 400 500 600
Drain Voltage (V)
Figure 16. COSS vs. Drain Voltage.
PART ORDERING INFORMATION
LinkSwitch Product Family XT Series Number Package Identifier G P N Plastic Surface Mount DIP Plastic DIP Pure Matte Tin (Pb-Free)
Lead Finish Tape & Reel and Other Options Blank Standard Configurations
LNK 364 G N - TL
TL
Tape & Reel, 1000 pcs minimum, G Package only
B 11/05
13
LNK362-364
DIP-8B
D S .004 (.10)
-E.137 (3.48) MINIMUM
.240 (6.10) .260 (6.60)
Pin 1 -D.367 (9.32) .387 (9.83)
.057 (1.45) .068 (1.73) (NOTE 6) .015 (.38) MINIMUM
Notes: 1. Package dimensions conform to JEDEC specification MS-001-AB (Issue B 7/85) for standard dual-in-line (DIP) package with .300 inch row spacing. 2. Controlling dimensions are inches. Millimeter sizes are shown in parentheses. 3. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15) on any side. 4. Pin locations start with Pin 1, and continue counter-clockwise to Pin 8 when viewed from the top. The notch and/or dimple are aids in locating Pin 1. Pin 6 is omitted. 5. Minimum metal to metal spacing at the package body for the omitted lead location is .137 inch (3.48 mm). 6. Lead width measured at package body. 7. Lead spacing measured with the leads constrained to be perpendicular to plane T.
.125 (3.18) .145 (3.68) -TSEATING PLANE
.120 (3.05) .140 (3.56) .048 (1.22) .053 (1.35) .014 (.36) .022 (.56) T E D S .010 (.25) M
.008 (.20) .015 (.38) .300 (7.62) BSC (NOTE 7) .300 (7.62) .390 (9.91)
.100 (2.54) BSC
P08B
PI-2551-121504
SMD-8B
D S .004 (.10)
-E.137 (3.48) MINIMUM Notes: 1. Controlling dimensions are inches. Millimeter sizes are shown in parentheses. 2. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15) on any side. .420 3. Pin locations start with Pin 1, and continue counter-clock.046 .060 .060 .046 wise to Pin 8 when viewed from the top. Pin 6 is omitted. 4. Minimum metal to metal .080 spacing at the package body Pin 1 for the omitted lead location is .137 inch (3.48 mm). .086 5. Lead width measured at .186 package body. .286 6. D and E are referenced Solder Pad Dimensions datums on the package body.
.240 (6.10) .260 (6.60)
.372 (9.45) .388 (9.86) E S .010 (.25)
Pin 1 .100 (2.54) (BSC) .367 (9.32) .387 (9.83) .057 (1.45) .068 (1.73) (NOTE 5)
-D-
.125 (3.18) .145 (3.68)
.032 (.81) .037 (.94)
.048 (1.22) .053 (1.35)
.004 (.10) .009 (.23) .004 (.10) .012 (.30) .036 (0.91) .044 (1.12)
0- 8
G08B
PI-2546-121504
14
B 11/05
LNK362-364
B 11/05
15
LNK362-364
Revision Notes B 1) Released Final Data Sheet Date 11/05
For the latest updates, visit our website: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. PATENT INFORMATION The products and applications illustrated herein (including transformer construction and circuits external to the products) may be covered by one or more U.S. and foreign patents, or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power Integrations patents may be found at www.powerint.com. Power Integrations grants its customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm. LIFE SUPPORT POLICY POWER INTEGRATIONS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF POWER INTEGRATIONS. As used herein: 1. A Life support device or system is one which, (i) is intended for surgical implant into the body, or (ii) supports or sustains life, and (iii) whose failure to perform, when properly used in accordance with instructions for use, can be reasonably expected to result in significant injury or death to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, Clampless, E-Shield, Filterfuse, PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective companies. (c)Copyright 2005, Power Integrations, Inc.
Power Integrations Worldwide Sales Support Locations
WORLD HEADQUARTERS 5245 Hellyer Avenue San Jose, CA 95138, USA. Main: +1-408-414-9200 Customer Service: Phone: +1-408-414-9665 Fax: +1-408-414-9765 e-mail: usasales@powerint.com CHINA (SHANGHAI) Rm 807-808A Pacheer Commercial Centre, 555 Nanjing Rd. West Shanghai, P.R.C. 200041 Phone: +86-21-6215-5548 Fax: +86-21-6215-2468 e-mail: chinasales@powerint.com CHINA (SHENZHEN) Rm 2206-2207, Block A, Electronics Science & Technology Bldg. 2070 Shennan Zhong Rd. Shenzhen, Guangdong, China, 518031 Phone: +86-755-8379-3243 Fax: +86-755-8379-5828 e-mail: chinasales@powerint.com GERMANY Rueckertstrasse 3 D-80336, Munich Germany Phone: +49-89-5527-3910 Fax: +49-89-5527-3920 e-mail: eurosales@powerint.com INDIA 261/A, Ground Floor 7th Main, 17th Cross, Sadashivanagar Bangalore, India 560080 Phone: +91-80-5113-8020 Fax: +91-80-5113-8023 e-mail: indiasales@powerint.com ITALY Via Vittorio Veneto 12 20091 Bresso MI Italy Phone: +39-028-928-6000 Fax: +39-028-928-6009 e-mail: eurosales@powerint.com JAPAN Keihin Tatemono 1st Bldg 2-12-20 Shin-Yokohama, Kohoku-ku, Yokohama-shi, Kanagawa ken, Japan 222-0033 Phone: +81-45-471-1021 Fax: +81-45-471-3717 e-mail: japansales@powerint.com KOREA RM 602, 6FL Korea City Air Terminal B/D, 159-6 Samsung-Dong, Kangnam-Gu, Seoul, 135-728, Korea Phone: +82-2-2016-6610 Fax: +82-2-2016-6630 e-mail: koreasales@powerint.com SINGAPORE 51 Newton Road #15-08/10 Goldhill Plaza Singapore, 308900 Phone: +65-6358-2160 Fax: +65-6358-2015 e-mail: singaporesales@powerint.com TAIWAN 5F, No. 318, Nei Hu Rd., Sec. 1 Nei Hu Dist. Taipei, Taiwan 114, R.O.C. Phone: +886-2-2659-4570 Fax: +886-2-2659-4550 e-mail: taiwansales@powerint.com EUROPE HQ 1st Floor, St. Jamess House East Street, Farnham Surrey GU9 7TJ United Kingdom Phone: +44 (0) 1252-730-140 Fax: +44 (0) 1252-727-689 e-mail: eurosales@powerint.com APPLICATIONS HOTLINE World Wide +1-408-414-9660 APPLICATIONS FAX World Wide +1-408-414-9760
16
B 11/05


▲Up To Search▲   

 
Price & Availability of LINKSWITCH-XT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X