Part Number Hot Search : 
ADUC702 4502B 2Z30UM EMK32 KMBT5551 L4614T R102G GM195
Product Description
Full Text Search
 

To Download LH5324C00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH5324C00
FEATURES * 1,572,864 x 16 bit organization * Access time: 120 ns (MAX.) * Supply current: - Operating: 80 mA (MAX.) - Standby: 100 A (MAX.) * TTL compatible I/O * Three-state output * Single +5 V Power supply * Static operation * When the address input at both A19 and A20 is high level, outputs become high impedance irrespective of CE or OE. * Package: 42-pin, 600-mil DIP * Others: - Non programmable - Not designed or rated as radiation hardened - CMOS process (P type silicon substrate) DESCRIPTION
The LH5324C00 is a 24M-bit mask-programmable ROM organized as 1,572,864 x 16 bits. It is fabricated using silicon-gate CMOS process technology.
42-PIN DIP
CMOS 24M (1.5M x 16) MROM
PIN CONNECTIONS
TOP VIEW A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE GND OE D0 D8 D1 D9 D2 D10 D3 D11 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 A20 GND D15 D7 D14 D6 D13 D5 D12 D4 VCC
5324C00-1
Figure 1. Pin Connections
1
LH5324C00
CMOS 24M (1.5M x 16) MROM
A20 32 A19 42 A18 1 A17 2 A16 33 A15 34 A14 35
MEMORY MATRIX (1,572,864 x 16)
30 D15 28 D14
ADDRESS BUFFER
A10 39 A9 40 A8 41 A7 3 A6 4 A5 5 A4 A3 A2 6 7 8
DATA SELECTOR/OUTPUT BUFFER
A13 36 A12 37 A11 38
ADDRESS DECODER
26 D13 24 D12 21 D11 19 17 15 29 D10 D9 D8 D7
27 D6 25 D5 23 D4 20 D3 18 D2 16 D1 14 D0
COLUMN SELECTOR
A1 9 A0 10
CE 11
CE BUFFER
TIMING GENERATOR
SENSE AMPLIFIER
OE 13
OE BUFFER
22 VCC
12 31 GND
5324C00-2
Figure 2. LH5324C00 Block Diagram
PIN DESCRIPTION
SIGNAL PIN NAME SIGNAL PIN NAME
A0 - A20 D0 - D15 CE
Address input Data output Chip enable input
OE VCC GND
Output enable input Power supply (+5 V) Ground
2
CMOS 24M (1.5M x 16) MROM
LH5324C00
TRUTH TABLE
CE OE A0 - A18 A19 A20 DATA OUTPUT D0 - D15 SUPPLY CURRENT
H L L L L L
X H L L L L
X X X X X X
X X L L H H
X X L H L H
High-Z High-Z Output Output Output High-Z
Standby (ISB ) Operating (ICC) Operating (ICC) Operating (ICC) Operating (ICC) Operating (ICC)
NOTES: 1. X = Don't care; High-Z = High-impedance 2. When the address inputs become HIGH to both A19 and A20, the data does not exist in this address area, the data outputs become "High Impedance".
ABSOLUTE MAXIMUM RATINGS
PARAMETER SYMBOL RATING UNIT
Supply voltage Input voltage Output voltage Operating temperature Storage temperature
VCC VIN VOUT TOPR TSTG
-0.3 to +7.0 -0.3 to VCC + 0.3 -0.3 to VCC + 0.3 0 to +70 -65 to +150
V V V C C
RECOMMENDED OPERATING CONDITIONS (TA = 0 to +70C)
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Supply voltage
VCC
4.5
5.0
5.5
V
DC ELECTRICAL CHARACTERISTICS (VCC = 5 V 10%, TA = 0 to +70C)
PARAMETER SYMBOL CONDITIONS MIN. MAX. UNIT NOTE
Input `High' voltage Input `Low' voltage Output `High' voltage Output `Low' voltage Input leakage current Output leakage current Operating current
V IH VIL VOH VOL | ILI | | ILO | ICC1 ICC2
I OH = -400 A I OL = 2.0 mA V IN = 0 V to VCC V OUT = 0 V to VCC t RC = 120 ns t RC = 1 s CE = VIH CE = VCC - 0.2 V f = 1 MHz, t A = 25C
2.2 -0.3 2.4
VCC + 0.3 0.8 0.4 10 10 80 70 2 100 10 10
V V V V A A mA mA A pF pF
1 2
Standby current Input capacitance Output capacitance
ISB1 ISB2 CIN COUT
NOTES: 1. CE = VIH, OE = VIH 2. VIN = VIH or VIL, CE = VIL, output is open
3
LH5324C00
CMOS 24M (1.5M x 16) MROM
AC ELECTRICAL CHARACTERISTICS (VCC = +5 V 10%, TA = 0 to +70C)
PARAMETER SYMBOL MIN. MAX. UNIT NOTE
Read cycle time Address access time Chip enable access time Output enable delay time Output hold time
tRC tAA tACE tOE tOH tCHZ
120 0
120 120 60 50 50 60
ns ns ns ns ns ns ns ns

Output floating time
tOHZ tAHZ
1
NOTE: 1. Determined by the time for the output to be opened. (Irrespective of output voltage)
AC TEST CONDITIONS
PARAMETER RATING
Input voltage amplitude Input signal rise time Input signal fall time Input reference level Output reference level Output load condition
0.6 V to 2.4 V 10 ns 10 ns 1.5 V 1.5 V 1TTL + 100 pF
NOTE: It is recommended that a decoupling capacitor be connected between VCC and GND-Pin.
4
CMOS 24M (1.5M x 16) MROM
LH5324C00
tRC
A0 - A20 tAA (NOTE) CE tACE (NOTE) OE tOE (NOTE) tOH HI-Z tOHZ tCHZ
D0 - D15
HI-Z
DATA VALID
NOTE: The output data becomes valid when the last intervals, tAA, tACE, or tOE, have concluded. HI-Z = High Impedance.
5324C00-3
Figure 3. Byte Mode
A0 - A18
A19, A20
CE tCHZ
OE tOHZ tAHZ HI-Z HI-Z
D0 - D15
DATA VALID
NOTE: The output data becomes valid when the last intervals, tAA, tACE, or tOE, have concluded. HI-Z = High impedance.
5324C00-4
Figure 4. Word Mode
5
LH5324C00
CMOS 24M (1.5M x 16) MROM
PACKAGE DIAGRAM
42DIP (DIP042-P-0600)
42 22
DETAIL
13.45 [0.530] 12.95 [0.510] 0 TO 15 1 54.10 [2.130] 53.50 [2.106] 4.55 [0.179] 3.95 [0.156] 5.40 [0.213] 4.80 [0.189] 3.55 [0.140] 2.95 [0.116] 2.54 [0.100] TYP. 0.90 [0.035] TYP. 0.60 [0.024] 0.40 [0.016] MAXIMUM LIMIT MINIMUM LIMIT 15.24 [0.600] TYP. 21 0.30 [0.012] 0.20 [0.008]
DIMENSIONS IN MM [INCHES]
42DIP
ORDERING INFORMATION
LH5324C00 Device Type D Package
42-pin, 600-mil DIP (DIP42-P-600)
CMOS 24M (1.5M x 16) Mask-Programmable ROM
Example: LH5324C00D (CMOS (24M 1.5M x 16) Mask-Programmable ROM, 42-pin, 600-mil DIP)
5324C00-5
6


▲Up To Search▲   

 
Price & Availability of LH5324C00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X