Part Number Hot Search : 
FU9120N W39L020 BD989 NCE3010 SL021 BDW94 AT1388A SD200N
Product Description
Full Text Search
 

To Download LH531000B-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH531000B-S
FEATURES * 131,072 words x 8 bit organization * Access time: 500 ns (MAX.) * Power consumption: Operating: 64.8 mW (MAX.) Standby: 108 W (MAX.) * Mask-programmable control pin: Pin 20 = CE/OE/OE * Static operation * Three-state outputs * Low power supply: 2.6 V to 3.6 V * Package: 28-pin, 450-mil SOP
CMOS 1M (128K x 8) 3 V-Drive MROM
DESCRIPTION
The LH531000B-S is a mask-programmable ROM organized as 131,072 x 8 bits. It is fabricated using silicon-gate CMOS process technology.
PIN CONNECTIONS
28-PIN SOP TOP VIEW
A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 D0 D1 D2 GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
VCC A14 A13 A8 A9 A11 A16 A10 CE/OE/OE D7 D6 D5 D4 D3
531000BS-1
Figure 1. Pin Connections for DIP Package
1
LH531000B-S
CMOS 1M MROM
A16 22 A15 1 A14 27 A13 26
A10 21 A9 24 A8 25 A7 3 A6 4 A5 5 A4 6 A3 7 A2 8 A1 9 A0 10
ADDRESS DECODER
ADDRESS BUFFER
A12 2 A11 23
MEMORY MATRIX (131,072 x 8)
COLUMN SELECTOR
SENSE AMPLIFIER
CE BUFFER
TIMING GENERATOR
CE/OE/OE 20
OE BUFFER
OUTPUT BUFFER
28 14 VCC GND
11 D0
12 D1
13 D2
15 D3
16 D4
17 D5
18 D6
19 D7
531000BS-2
Figure 2. LH531000B-S Block Diagram
PIN DESCRIPTION
SIGNAL PIN NAME NOTE SIGNAL PIN NAME NOTE
A0 - A16 D0 - D7 CE/OE/OE
Address input Data output Chip Enable input or Output Enable input
VCC GND 1
Power supply (2.6 V to 3.6 V) Ground
NOTE: 1. Active level of CE/OE/OE is mask-programmable.
2
CMOS 1M MROM
LH531000B-S
TRUTH TABLE
CE OE/OE MODE SUPPLY CURRENT
H L - -
- - L/H H/L
High-Z Output High-Z Output
Standby Operating Operating
ABSOLUTE MAXIMUM RATINGS
PARAMETER SYMBOL RATING UNIT
Supply voltage Input voltage Output voltage Operating temperature Storage temperature
VCC VIN VOUT Topr Tstg
-0.3 to +7.0 -0.3 to VCC + 0.3 -0.3 to VCC + 0.3 0 to +70 - 65 to +150
V V V C C
RECOMMENDED OPERATING CONDITIONS (TA = 0C to +70C)
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Supply voltage
VCC
2.6
3.6
V
DC CHARACTERISTICS (VCC = 2.6 V to 3.6 V, TA = 0C to +70C)
PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNIT NOTE
Input `Low' voltage Input `High' voltage Output `Low' voltage Output `High' voltage Input leakage current Output leakage current Operating current Standby current Input capacitance Output capacitance
NOTE: 1. CE/OE = VIH, OE = VIL 2. Outputs open
VIL V IH VOL VOH | ILI | | ILO | ICC ISB CIN COUT I OL = 400 A I OH = -100 A V IN = 0 V to VCC V OUT = 0 V to VCC t RC = 500 ns CE = VCC - 0.2 V f = 1 MHz T A = 25C
-0.3 0.8 x VCC 0.8 x VCC
0.4 VCC + 0.3 0.4 10 10 18 30 10 10
V V V V A A mA A pF pF 1 2
AC CHARACTERISTICS (VCC = 2.6 V to 3.6 V, TA = 0C to +70C)
PARAMETER SYMBOL MIN. MAX. UNIT NOTE
Read cycle time Address access time Chip enable access time Output enable delay time Output hold time CE to output in High-Z OE to output in High-Z
tRC tAA tACE tOE tOH tCHZ tOHZ
500 500 500 200 10 150
ns ns ns ns ns ns ns 1
NOTE: 1. This is the time required for the output to become high-impedance.
3
LH531000B-S
CMOS 1M MROM
AC TEST CONDITIONS
PARAMETER RATING
Input voltage amplitude Input rise/fall time Input/output reference level Output load condition
0.4 V to (0.8 x VCC) V 10 ns 1.5 V 1TTL + 100 pF
CAUTION
To stabilize the power supply, it is recommended that a high-frequency bypass capacitor be connected between the VCC pin and the GND pin.
tRC
A0 - A16 tAA (NOTE) CE tACE (NOTE) OE OE tOE (NOTE) tOHZ tOH tCHZ
D0 - D 7 NOTE: The output data becomes valid when the last intervals, tAA, tACE, or tOE, have concluded.
DATA VALID
531000BS-3
Figure 3. Timing Diagram
4
CMOS 1M MROM
LH531000B-S
PACKAGE DIAGRAM
28SOP (SOP028-P-0450)
1.27 [0.050] TYP. 1.70 [0.067] 15 8.80 [0.346] 8.40 [0.331] 12.40 [0.488] 11.60 [0.457]
0.50 [0.020] 0.30 [0.012]
28
10.60 [0.417]
1 18.20 [0.717] 17.80 [0.701]
14 1.70 [0.067] 0.20 [0.008] 0.10 [0.004] 0.15 [0.006] 1.025 [0.040] 2.40 [0.094] 2.00 [0.079] 0.20 [0.008] 0.00 [0.000] 1.025 [0.040]
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT MINIMUM LIMIT
28SOP
28-pin, 450-mil SOP
ORDERING INFORMATION
LH531000B Device Type N Package -S Low-Voltage Operation
28-pin, 450-mil SOP (SOP028-P-0450) CMOS 1M (128K x 8) Mask-Programmable ROM Example: LH531000BN-S (CMOS 1M (128K x 8) Mask-Programmable ROM, Low-Voltage Operation, 28-pin, 450-mil SOP)
531000BS-4
5


▲Up To Search▲   

 
Price & Availability of LH531000B-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X