Part Number Hot Search : 
MMBT9018 CY7C1021 R263T C6464 MAX1623 3EZ150D 150N6 MJD112T4
Product Description
Full Text Search
 

To Download LBA120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LBA120
DUAL POLE OptoMOS(R) Relay
Load Voltage Load Current Max RON
LBA120 250 170 20
Units V mA
Description LBA120 is 250V, 170mA, 20 independent 1-Form-A and 1-Form-B relays. It features low on-resistance combined with enhanced peak load current handling capabilities. Current limiting version is available ("L" suffix, see specification for variations in performance).
Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available
Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-10 * BSI Certified to: * BS EN 60950:1992 (BS7002:1992) Certificate #: 7344 * BS EN 41003:1993 Certificate #: 7344
Ordering Information Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls Part # LBA120 LBA120P LBA120PTR LBA120S LBA120STR Description 8 Pin DIP (50/Tube) 8 Pin Flatpack (50/Tube) 8 Pin Flatpack (1000/Reel) 8 Pin Surface Mount (50/Tube) 8 Pin Surface Mount (1000/Reel)
Pin Configuration
LBA120 Pinout
AC/DC Configuration + Control - Normally Closed - Control - Normally Closed + Control - Normally Open - Control - Normally Open 1 2 3 4 8 7 6 5 Normally Open Pole Normally Closed Pole
Switching Characteristics of Normally Open (Form A) Devices
10ms CONTROL
Switching Characteristics of Normally Closed (Form B) Devices
10ms CONTROL
+ 90% LOAD 10% + TON 10%+ TOFF
+90% +10% TOFF
+
90% TON
DS-LBA120-R5
www.clare.com
1
LBA120
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Surface Mount Package (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units 1501 50 1 5 8002 +85 +125 +260 +220 mW mA A V mW VRMS C C C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Voltage (Peak) Load Current*(Continuous) AC/DC Configuration Peak Load Current On-Resistance AC/DC Configuration Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Input to Output Capacitance Input to Output Isolation IL=120mA IF=5mA VR=5V IF VF VR IR CI/O VI/O 5 0.4 0.9 3750 0.7 1.2 3 50 1.4 5 10 mA mA V V A pF VRMS 10ms IL=170mA VL=250V IF=5mA, VL=10V IF=5mA, VL=10V 50V; f=1MHz VL IL ILPK RON ILEAK TON TOFF COUT 16 50 250 170 400 20 1 5 5 V mA mA A ms ms pF Conditions Symbol Min Typ Max Units
*NOTE: If both poles operate simultaneously load current must be derated so as not to exceed the package power dissipation value.
2
www.clare.com
Rev. 5
LBA120
PERFORMANCE DATA*
LBA120 Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C; IF = 5mADC)
35 30 Device Count (N) Device Count (N) 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V)
35 30 25 20 15 10 5 0
LBA120 - FormA Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 170mADC, IF=5mADC)
30 25 Device Count (N) 20 15 10 5 0
LBA120 - FormB Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 170mADC, IF=5mADC)
8.45
8.75
9.05
9.35
9.65
9.95
10.25
9.25 10.15 11.05 11.95 12.85 13.75 14.65 On-Resistance ()
On-Resistance ()
LBA120 - FormA Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C)
35 30 Device Count (N) 25 20 15 10 5 0 330 340 350 360 370 380 390 Blocking Voltage (V) Device Count (N) 30 25 20 15 10 5 0
LBA120 - FormB Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C)
25 20 15 10 5 0 263 280 297 314 331 348 365
LBA120 - FormA Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
Device Count (N)
0.1
0.3
0.5
0.7
0.9
1.1
1.3
Blocking Voltage (V)
LED Current (mA)
LBA120 - FormB Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
30 25 25 20 15 10 5 0 0.24 0.32 0.40 0.48 0.56 0.64
LBA120 - FormA Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
25 20 15 10 5 0 0.1 0.3 0.5 0.7 0.9 1.1 1.3
LBA120 - FormB Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
Device Count (N)
Device Count (N)
20 15 10 5 0 LED Current (mA)
Device Count (N)
0.16
0.24
0.32
0.40
0.48
0.56
0.64
LED Current (mA)
LED Current (mA)
25 20 15 10
LBA120 - FormA Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 170mADC; IF = 5mADC)
30 25 Device Count (N) 20 15 10
LBA120 - FormB Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 170mADC; IF = 5mADC)
25 20 15 10
LBA120 - FormA Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 170mADC; IF = 5mADC)
Device Count (N)
5 0 0.66 0.90 1.14 1.38 1.62 1.86 Turn-On (ms)
Device Count (N) 0.04 0.12 0.20 0.28 0.36 0.44
5 0 Turn-On (ms)
5 0 0.08 0.16 0.24 0.32 0.40 0.23 Turn-Off (ms)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 5
www.clare.com
3
LBA120
PERFORMANCE DATA*
LBA120 - FormB Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 170mADC; IF = 5mADC)
Load Current (mA)
LBA120 - Form A Typical Load Current vs. Temperature
250 Load Current (mA) 200 150 100 50 0 250 200 150 100 50 0 -40 -20 0 20 40 60 80 100 120
LBA120 - Form B Typical Load Current vs. Temperature
30 25 Device Count (N) 20 15 10
20mA 10mA 5mA
5mA
5 0 0.75 1.25 1.75 2.25 2.75 3.25 Turn-Off (ms)
-40
-20
0
20
40
60
80
100
120
Temperature (C)
Temperature (C)
LBA120 Typical Leakage vs. Temperature (Measured across Pins 5 & 6 or 7 & 8)
0.035 0.030 Leakage (A) 0.025 0.020 0.015 0.010 0.005 0 -40 -20 0 20 40 60 80 100 Temperature (C) Blocking Voltage (VRMS)
LBA120 - FormA Typical Blocking Voltage vs. Temperature
375 370 365 360 355 350 345 340 335 330 325 -40 -20 0 20 40 60 80 100 Temperature (C) Blocking Voltage (VRMS)
LBA120 - FormB Typical Blocking Voltage vs. Temperature
325 320 315 310 305 300 295 290 285 280 275 -40 -20 0 20 40 60 80 100 Temperature (C)
LBA120 - FormA Typical Turn-On vs. Temperature (Load Current = 170mADC)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -40 -20 0 20 40 60 Temperature (C) 5mA Turn-On (ms)5mA
LBA120 - FormB Typical Turn-On vs. Temperature (Load Current = 170mADC)
0.40 0.35 Turn-Off (ms) 0.30 0.25 0.20 0.15 0.10 0.05 0 5mA -40 -20 0 20 40 60 80 100 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40
LBA120 - FormA Typical Turn-Off vs. Temperature (Load Current = 170mADC)
Turn-On (ms)
10mA 20mA
5mA -20 0 20 40 60 80 100
80
100
Temperature (C)
Temperature (C)
LBA120 - FormB Typical Turn-Off vs. Temperature (Load Current = 170mADC)
3.0 Turn-Off (ms) 2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100 Temperature (C) 5mA 10mA 20mA LED Forward Voltage Drop (V) 3.5 1.8 1.6
LBA120 Typical LED Forward Voltage Drop vs. Temperature
LBA120 - FormA Typical Turn-On vs. LED Forward Current (Load Current = 170mADC)
1.4 1.2
Turn-On (ms)
1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C)
1.0 0.8 0.6 0.4 0.2 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
50mA 30mA 20mA 10mA 5mA
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev. 5
LBA120
PERFORMANCE DATA*
LBA120 - FormB Typical Turn-On vs. LED Forward Current (Load Current = 170mADC)
0.8
LBA120 - FormA Typical Turn-Off vs. LED Forward Current (Load Current = 170mADC)
0.42 0.41
LBA120 - FormB Typical Turn-Off vs. LED Forward Current (Load Current = 170mADC)
2.0 1.8
Turn-Off (ms)
Turn-On (ms)
Turn-Off (ms)
0.6
0.40 0.39 0.38 0.37
1.6 1.4 1.2 1.0 0.8 0.6
0.4
0.2
0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
0.36 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
50
LED Forward Current (mA)
60
LBA120 - FormA Typical On-Resistance vs. Temperature (Load Current = 170mADC; IF = 5mADC)
60
LBA120 - FormB Typical On-Resistance vs. Temperature (Load Current = 170mADC; IF = 5mADC)
LBA120 - FormA Typical IF for Switch Operation vs. Temperature (Load Current = 170mADC)
1.8 1.6 LED Current (mA) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
On-Resistance ()
50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 Temperature (C)
On-Resistance ()
50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 Temperature (C)
-40
-20
0
20
40
60
80
100
Temperature (C)
LBA120 - FormB Typical IF for Switch Operation vs. Temperature (Load Current = 170mADC)
3.000 2.500 LED Current (mA) 2.000 1.500 1.000 0.500 0 -40 -20 0 20 40 60 80 100 Temperature (C) LED Current (mA)
LBA120 - FormA Typical IF for Switch Dropout vs. Temperature (Load Current = 170mADC)
1.8 1.6 LED Current (mA) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -40 -20 0 20 40 60 80 100 Temperature (C)
LBA120 - FormB Typical IF for Switch Dropout vs. Temperature (Load Current = 170mADC)
3.0 2.5 2.0 1.5 1.0 0.5 0 -40 -20 0 20 40 60 80 100 Temperature (C)
200 150 Load Current (mA)
LBA120 - FormA Typical Load Current vs. Load Voltage (Ambient Temperature = 25C; IF = 5mADC)
Load Current (mA)
200 150 100
LBA120 - FormB Typical Load Current vs. Load Voltage (Ambient Temperature = 25C; IF = 5mADC)
LBA120 Energy Rating Curve
1.2 1.0 Load Current (A) 0.8 0.6 0.4 0.2 0 10s 100s 1ms 10ms 100ms Time 1s 10s 100s
100 50 0 -50 -100 -150 -200 -2.5 -2.0 -1.5 -1.0 -0.5 0 0.5 1.0 1.5 2.0 2.5
50 0 -50 -100 -150 -200 -2.5 -2.0 -1.5 -1.0 -0.5 0 0.5 1.0 1.5 2.0 2.5
Load Voltage (V)
Load Voltage (V)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 5
www.clare.com
5
LBA120
Mechanical Dimensions
8 Pin DIP Through Hole (Standard)
7.620 .254 (.300 .010) 3.302 (.130) 9.144 TYP. (.360) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 8-.800 DIA. (.100 .005) (8-.031 DIA.) 7.620 .127 (.300 .005)
7.239 TYP. (.285)
9.144 .508 (.360 .020)
6.350 .127 (.250 .005)
.457 .076 (.018 .003) 8.077 .127 (.318 .005 )
7.620 .127 (.300 .005)
8 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.498 .127 (.059 .005)
8.305 .127 (.327 .005)
8 Pin Flatpack ("P" Suffix)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 (.100 .005) 9.398 .127 (.370 .005)
2.159 TYP. (.085)
7.620 .254 (.300 .010) 6.350 .127 (.250 .005) .203 (.008) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.193 (.047)
2.286 MAX. .635 .127 (.090) (.025)
8.763 .127 (.345 .005)
.787 (.031)
Dimensions mm (inches)
6
www.clare.com
Rev. 5
LBA120
Mechanical Dimensions
Tape and Reel Packaging for 8 Pin Surface Mount Package
330.2 DIA. (13.00) Top Cover Tape Thickness .102 MAX. (.004) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192)
1
8
16.002 .305 (.630 .012) 10.300 (.405)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.300 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Tape and Reel Packaging for 8 Pin Flatpack Package
330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
Top Cover Tape Thickness .102 MAX. (.004)
6.731 MAX. 1.753 0.102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004)
1
8
16.002 .305 (.630 .012) 10.287 (.405)
12.090 (.476) 4.877 (.192)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.988 .102 (.472 .004) User Direction of Feed
10.287 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
Rev. 5
www.clare.com
7
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-LBA120-R5 (c)Copyright 2000, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 2/13/01


▲Up To Search▲   

 
Price & Availability of LBA120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X