Part Number Hot Search : 
GP2L01 40140 28C256 2SC5587 GU040 RC121 W86L488Y NX5322EH
Product Description
Full Text Search
 

To Download LB1855NM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN5798
Monolithic Digital IC
LB1855NM
3-Phase Brushless Motor Driver
Overview
The LB1855NM is a 3-phase brushless motor driver IC that is optimal for VCR drum motor drive.
* Current limiter circuit built in * AGC circuit built in * Thermal shutdown circuit built in
Features
* Current linear drive * No output electrolytic capacitors required.
Package Dimensions
unit: mm 3097-MFP16FS
[LB1855NM]
Allowable power dissipation, Pd max -- W
On the specified printed circuit board (a 20 x 30 x 1.5 mm glass3 epoxy board)
SANYO: MFP16FS Ambient temperature, Ta -- C
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Maximum output current Allowable power dissipation Operating temperature Storage temperature Symbol VCC max IO max Pd max Topr Tstg On the specified printed circuit board (a 20 x 30 x 1.5 mm3 glass epoxy board) Conditions Ratings 20 1.2 1.2 -20 to +75 -55 to +150 Unit V A W C C
Allowable Operating Ranges at Ta = 25C
Parameter Supply current Hall input amplitude Symbol VCC VHALL Between the Hall inputs Conditions Ratings 7 to 18 70 to 300 Unit V mVp-p
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
O3098RM (OT) No. 5798-1/5
LB1855NM Electrical Characteristics at Ta = 25C, VCC = 12 V
Parameter Supply current Reference voltage [Saturation voltage] Upper side Lower side [Leakage current] Upper side Lower side [Hall Amplifier] Input offset voltage Common-mode input voltage range [Control Amplifier] Control reference voltage Control Gm Input current [Thermal Shutdown Circuit] Operating temperature Hysteresis TTSD TTSD * * 180 15 C C VREF1 VG IIN (the VCREF pin voltage) x 23/16 Rf = 1 2.1 2.3 1 10 2.5 V A/V A VHO VHCM * -10 2.2 +10 VCC - 0.7 mV V IOL1 IOL2 VCC = 18 V VCC = 18 V 50 50 A A Vsat1 Vsat2 IO = 1 A IO = 1 A 1.5 0.8 1.9 1.2 V V Symbol ICC VREF VC = GND IR = 8 mA 6.0 6.3 Conditions Ratings min typ max 8 6.6 Unit mA V
Note: Items marked with an asterisk (*) are design target values and are not tested.
Pin Assignment
Block Diagram
However, note that certain motors may require output capacitors to prevent oscillation.
No. 5798-2/5
LB1855NM Sample Application Circuit Hall input voltage range: 2.2 to (VCC - 0.7) V DC 70 mV p-p to 300 mV p-p AC
However, note that certain motors may require output capacitors to prevent oscillation.
Truth Table
Item 1 2 3 4 5 6 Source sink V phase W phase U phase W phase W phase V phase V phase U phase U phase V phase W phase U phase Input U H H L L H L V H L L H L H W L L H L H H
Input: "H" indicates that the input phase 1 is at least 0.2 V higher than phase 2. "L" indicates that the input phase 1 is at least 0.2 V lower than phase 2.
Pin Functions
Pin No. Pin Pin voltage (V) Pin description Equivalent circuit
1
FC
* Frequency characteristics correction Oscillation in the current control closed loop can be prevented by inserting a capacitor between this pin and VREF.
2 3 4 5
VCC WOUT VOUT UOUT
7 to 18
* Power supply pin
* Outputs pin
6
Rf
* Ground for the output transistor The output current can be detected as a voltage by inserting the resistor Rf between this pin and ground to provide fixed current drive. The current limiter also operates by detecting this voltage.
Continued on next page.
No. 5798-3/5
LB1855NM
Continued from preceding page.
Pin No. Pin Pin voltage (V) Pin description Equivalent circuit
7
AGC
* AGC pin The Hall amplifier gain can be controlled according to the amplitude of the Hall input by inserting a capacitor between this pin and ground.
8
VREF
* Internal reference voltage. About 6.3 V.
9 10 11 12 13 14
UIN1 UIN2 VIN1 VIN2 WIN1 WIN2
2.2 to VCC - 0.7
* Hall element inputs pin
15 16
VCREF VC
0 to 5
* Speed control pin This IC adopts a current control type in which the output current is controlled by the pin 16 voltage. The control start voltage changes about 1.3 to 1.4 V if pin 15 is connected to ground.
No. 5798-4/5
LB1855NM
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of October, 1998. Specifications and information herein are subject to change without notice. PS No. 5798-5/5


▲Up To Search▲   

 
Price & Availability of LB1855NM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X