Part Number Hot Search : 
MPX906 MPX906 MS360 SMCJ40 UT6140 MS360 LM51031D IR3N06
Product Description
Full Text Search
 

To Download LA3410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN1407F
Monolithic Linear IC
LA3410
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
Overview
The LA3410 is a multiplex demodulator IC designed for FM stereo tuner. It features the VCO non-adjusting function that eliminates the need to adjust the free-running frequency of VCO.
Package Dimensions
unit:mm 3006B-DIP16
[LA3410]
16 9
7.62
Functions
* VCO non-adjusting function. * PLL MPX stereo demodulator. * Gain variable type post amplifier. * VCO stop function. * Separation adjust function.
0.71
1 19.2
8
2.54
0.48
1.2
3.4
3.0 3.65max
Features
* Non-adjusting VCO : Eliminates the need to adjust the free-running frequency. * Good temperature characteristic of VCO : 0.1% typ. for 50C change. * Low distortion at high frequencies in stereo main channel (0.06% at f=10kHz) (Non-adjusting PLL makes the capture range narrower, leading to improvement in beat distortion at high frequencies in stereo main channel.) * Low distortion : 1kHz 300mV input mono 0.025% typ. main 0.02% typ. * High S/N : 91dB typ. (mono 300mV input, LPF). 92dB typ. (mono 300mV input, IHF BPF). * High voltage gain : Approximately 8.5dB (at standard constants). * Wide dynamic range : Distortion 1.0% at mono 800mV, 1kHz input. * Good ripple rejection of power supply : 34dB typ.
SANYO : DIP16
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
21000TH (KT)/90196RM/33194HO/O096KI/8024KI, TS No.1407-1/13
0.25
* Home stereos, portable hi-fi sets.
6.4
Applications
LA3410 Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Maximum Supply Voltage Lamp Driving Current Allowable Power Dissipation Operating Temperature Storage Temperature Symbol VCC max IL max Pd max Topr Tstg Conditions Ratings 16 30 Unit V mA mW
Ta60C
480 -20 to +75 -40 to +125
C C
Operating Conditions at Ta = 25C
Parameter Recommended Supply Voltage Operating Voltage Range Recommended Input Signal Voltage Symbol VCC VCC op Vi Conditions Ratings 12 6.5 to 14 300 Unit V V mV
Operating Characteristics at Ta = 25C, VCC=12V, Vi=300mV, f=1kHz, L+R=90%, pilot=10%
Parameter Quiescent Current Input Resistance Ripple Rejection of Power Supply f=100Hz Channel Separation Sep f=1kHz f=10kHz mono main f=100Hz Total Harmonic Distortion THD main f=1kHz main f=10kHz sub Allowable Input Level Signal-to-Noise Ratio Lamp Lighting Level Lamp Hysteresis Capture Range Output Voltage Channel Balance Carrier Leak VCO Stop Voltage 5.5 Vo CB mono (Note 1) mono 31 VCC-3 500 Vi max S/N VL Hy THD=1%, mono mono, Rg=5.1k, LPF mono, Rg=5.1k, IHF BPF Pilot level 4 700 80 40 Symbol Icco ri Quiescent Conditions min Ratings typ 18.5 20 34 45 55 42 0.025 0.02 0.02 0.06 0.02 800 91 92 8 3 +0.8 -1.2 730 1000 1 17 0.15 0.15 0.15 max 28 Unit mA k dB dB dB dB % % % % % mV dB dB mV dB % % mV dB dB V
Note 1 : The output voltage on pin 4 or 7 is measured after separation adjust.
No.1407-2/13
LA3410
Equivalent Circuit Block Diagram and Sample Application Circuit
* : Use a nonpolarized electrolytic capacitor or polyester film capacitor in the VCO stop mode. If a polarized electrolytic capacitor is used, refer to "VCO Stop Method" shown below.
X : Murata CSB456F11 Kyocera KBR-457HS LPF L BL-13 (Korin Giken)
Note 1 : Set the PLL loop filter constants (R8, C9, C10), with the input pilot level considered, so that the capture range becomes wide. (Refer to No. 4 or Proper Cares in Using IC.)
Sample Printed Circuit Pattern
No.1407-3/13
LA3410
External Parts
Symbol Capacitor C1 C2 C3 to 4 C5 to 6 C7 C8 C9 C10 C11 Resistor R1 to 2 R3 to 6 R7 R8 Semifixed Resistor Resonator VR1 X Kind Electrolytic capacitor Electrolytic capacitor Ceramic capacitor Electrolytic capacitor Electrolytic capacitor Electrolytic capacitor Non-polarized capacitor Non-polarized capacitor Polyester film capacitor Carbon film resistor Carbon film resistor Carbon film resistor Carbon film resistor Carbon film resistor Ceramic resonator Element Value 100F 10F 750pF 10F 1F 10F 0.47F 3.3F 0.047F 62k 3.3k 1k 1k 350k CSB456F11 KBR457HS DC cut De-emphasis constant R1C3=R2C4=50s, 75s DC cut Sync detect filter DC cut Loop filter Note 1 Loop filter Note 1 DC cut De-emphasis constant, post amplifier feedback resistor LPF input/output resistor Lamp current limiting Loop filter Separation adjust Murata Kyocera Remarks Power supply ripple filter
Note 1 : IF C9, C10 are polarized capacitors, refer to "VCO Stop Method TM" shown below Note 2 : For loop filter constants (C9, C10, R8), refer to 4. Capture range and PLL loop filter constants on page 5 and set these constants to the optimum values for the input pilot level. Voltage on Each Pin and Pin Name
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Voltage [V] VCC 3.0V 3.0V 3.0V 3.0V 3.0V 3.0V 0 - 2.7V 2.7V 3.0V 2.7V 2.7V 2.7V - Power supply MPX input Composite amplifier output Post amplifier output Post amplifier input Post amplifier input Post amplifier output GND Stereo indicator Pilot sync detect filter Pilot sync detect filter VCP stop Separation adjust PLL input PLL loop filter PLL loop filter OSC Input resistance 20k Output resistance 1k L output Minus input Minus input R output IL max=30mA Pin Name Remarks
Proper Cares in Using IC 1. VCO stop method One of the following is used to stop VCO. The monaural mode is forced to be entered at the time of VCO stop. (1) VCO stop method (a) For loop filter capacitors (C9, C10 in Fig. 1), use one of the following. (1) Non-polarized capacitor (2) Polyester film capacitor [Reason] When in the VCO stop mode, external voltage VS causes an unpolarized voltage of approximately 1.5V to be developed across pins 14 and 15.
(b) Setting of external voltage VS and limiting resistor RS. The relation between VS and RS is shown in Fig. 9. When in the VCO stop mode, the value of RS must be set so that the voltage on pin 11 is within the specified range (min=5.5V, max=VCC-3V). For example, it is seen from Fig. 9 that the value of limiting resistor RS is approximately 4.2k when the voltage on pin 11 is set to 6V at VS=12V.
No.1407-4/13
LA3410
(2) VCO stop method TM (a) Addition of diode (small-signal silicon diode) Diode D1 is additionally connected across pins 11 and 15 as shown in Fig. 2. In this case, the use of nonpolarized capacitors for C9, C10 across pins 14 and 15 involves no problem (pin 15 : + polarity). (Note) When D1 is connected across pins 11 and 14, stereo start time may be 2 to 3 seconds late as compared with the application in Fig. 2.
(b) Setting of external voltage VS and limiting resistor RS. The relation between VS and RS is shown in Fig. 10. When in the VCO stop mode, the value of RS must be set so that the voltage on pin 11 is within the specified range (min=5.5V, max=VCC-3V). For example, it is seen from Fig.10 that the value of limiting resistor RS is approximately 2.2k when the voltage on pin 11 is set to 6V at VS=12V. 2. Checking of free-running frequency Since no pin is provided for checking the free-running frequency, the free-running frequency is checked through a burrer amplifier with a high input impedance, low input capacitance connected to pin 16. Fig. 3 shows a sample circuit configuration. The frequency measured in this circuit configuration is 456kHz or thereabouts. The frequency in 19kHz equivalent can be obtained by dividing this measured value by 24. The wiring across pin 16 and the buffer amplifier input must be made as short as possible (within 1cm).
3. Ceramic resonator Ceramic resonators other than specified cannot be used in applications of the LA3410. The Type No., manufacturer of the ceramic resonators specified are shown below. For particulars about the ceramic resonator, contact the mamufacturer. Type No. Manufacturer CSB456F11 Murata KBR-457HS Kyocera 4. Capture range and PLL loop filter constants (1) Definition of capture range Since the VCO of the LA3410 is adjustment-free, the capture range is defined by the following formula with the deviation of the free-running frequency from the pilot signal considered. Capture range C. R= F0-F1 - F0-456 F1 456 x 100 [%]
F0 : Free-running frequncy F1 : Lock frequency when the input frequency is varied
No.1407-5/13
LA3410
(2) PLL loop filter constants (a) The capture range of the LA3410 depends primarily on input pilot level and PLL loop filter constants C9 and R8 as shown in Fig. 4-A. It is necessary to set C9 and R8, with the input pilot level considered, so that the capture range becomes wide but the stereo distortion is kept rather low. The transfer function of the loop filter is given by : Lag filter F (S)= 1 SC9R0+1 SC10R8+1 SC10 (R0+R8)+1
Lag Lead filter F (S)=
R0 : IC internal resistance and the response is given by Fig.4-B. The capture range may be made wide by the following methods.
Set 3 high to make the band width wide (Decrease C9). TM Increase the high frequency gain F () so long as the characteristic of the Lag Lead filter is not lost (Increases R8). Fig. 4-C shows the capture range characteristic when C9 and R8 are varied. When R8 is increased, the capture range will increase to a certain point. R8 must be set in this range. When R8 is increased, the STEREO-L, R distortion may worsen at low frequencies (100 to 400Hz). In this case, connect a capacitor of 200 to 1000pF across pin 3 and GND to improve the STEREO-L, R distortion (Refer to Fig. 5). (3) Fig. 4-D shows the capature range characteristic when C10 is varied. The adequate value of C10, which depends on C9 and R8, is 0.33 to 3.3F. If the value of C10 is decreased too much, the capture range will decrease as seen from Fig. 3 ; and if increased too much, the stereo start time after VCO STOP release will be made late.
No.1407-6/13
LA3410
(4) When C9 is decreased, the capture range will widen but the stereo main distortion at f=10kHz will worsen (beat distortion). This data is shown in Fig. 4-E. Set C2 so that the stereo distortion is kept rather low.
(5) The data on pilot level vs. capture range is shown in Fig. 4-F to G. It is necessary to set the loop filter constants, with the input pilot level considered, so that the capture range becomes wide. For example, when the LA1260 is used for IF IC, the minimum demodulation output will be 183mV (100% mod) and the stereo operation must be performed at pilot level 12mV with a pilot margin allowed. In this case, C2=0.1F, R1=6.8 to 10k are recommended.
5. Improvement in sub, stereo (R) distortions worsened at low frequencies. There are some cases where the sub, stereo (R) distortions are worsened at low frequencies. One cause for this worsening is the phase shift between 38kHz and 19kHz in the flip-flop inside the IC. This shift is improved by connecting a phase compensating capacitor across pin 3 and GND as shown in Fig. 5. The CD value differs with each IF (the phase shift between the sub signal and pilot signal in the composite signal differs with each IF). An adequate value is 200 to 1500pF.
No.1407-7/13
LA3410
6. Separation adjust The separatin is adjusted by varying the main signal level in the composite signal. The main signal is applied to the post amplifier input through amplifiers A1, A3. The input level in A3 is varied by internal resistor RA and external variable resistor VR1. Therefore, the output main signal becomes 0 at VR1=0 and is maximized at VR1=. The separation is presettable if VR1 is set to an adequate value. In this case, the VR1 value differs with each set ; X of VR1 is approxmately 150k when the ratio of the main signal and sub signal at the LA3410 input is 1 : 1 and the sub signal and pilot signal are in phase. The separation, when preset, varies 30dB min. with the variations in the IC only considered. If the value of capacitor C8 for DC cut is decreased, the separation gets worse at low frequencies. 7. Post amplifier oscillation when loaded capacitively (inductively) If the post amplifier outputs (pins 4, 7) are loaded capacitively (inductively), oscillation may occur. When connecting a low-pass filter to each of the outputs, an input resistor must be connected across the post amplifier output and the lowpass filter and the wiring across these points must be made as short as possible. 8. Forced monaural mode The following method is used to provide the forced monaural mode. In this case, VCO oscillation does not stop. The above-mentioned VCO stop method is used to stop VCO oscillation. * Connect pin 10 to GND through a resistor of 10k. Other application circuit 1. How to improve the dynamic range of the post amplifier The amplifier bias voltage is set low (3.0V) so that the LA3410 is capable of being operated from low voltage. If the supply voltage is high, the following method can be used to extend the dynamic range. Fig. 6 shows how to extend the dynamic range of the post amplifier. When RB is not used, the DC voltage across pins 4 and 7 is 3.0V. The DC volatage across pins 4 and 7 can be increased to extend the dynamic range of the post amplifier. Pins 5, 6, being minus input pins of the post amplifier, are virtual GND points. By connecting RB across pin 5 and GND and across pin 6 and GND, the DC voltages on pins 4, 7 are obtained as follows : RB+R1 R =3.0 (1+ 1 ) RB RB RB+R2 R =3.0 (1+ 2 ) RB RB
3.0 3.0
The upper and lower loss voltages of the post amplifier are approximately 2V and 0.5V respectively. With these loss voltages considered, the voltages on pins 4, 7 are set. For example, Figs. 11, 12 show how the dynamic range is improved when the DC voltages on pins 4, 7 are set to approximately 5.2V with upper loss voltage 2V and lower loss voltage 0.5V of the post amplifier considered. Fig. 11 shows the characteristic where no RB is connected ; Fig. 12 shows the characteristic where RB=82k is connected.
2. Feedback resistance of post amplifier and total gain Table 2 shows the feedback resistance of the post amplifier and the total gain. Fig. 13 shows the distortion vs. feedback resistance characteristic. Figs. 14, 15 show the sample application circuits where R1 (R2) is 100k and 130k respectively.
R1 (R2)k 62 82 100 130 150 180 C3 (C4)pF 750 620 510 390 330 270 Total gain [dB] 8.5 11 13 15 16 17..5 Output signal voltage typ [mV] 730 965 1177 1530 1766 2119
Table 2. R1 (R2), C3 (C4) - gain
No.1407-8/13
LA3410
Decoder circuit (Refer to the Block Diagram in the Sample Application Circuit.) The LA3410 adopts a decoder circuit of chopper type. The sub signal sync-detected by this decoder is applied to the post amplifier minus input through RB as shown in the Sample Application Circuit. This signal is matrixed with the main signal coming out of A3. The demodulation method is, in a sense, a combination of switching method and matrix method. The gain for the sub signal is : VS R1 2 * RB or VS R2 2 * RB VR1 R2 * RA+VR1 RC R1, R2 : Post amplifier feedback resistor VS : Peak value of input sub signal
The gain for the main signal is : VM VR1 R1 * RA+VR1 RC or VM VR1 : VM : Semifixed resistor for separation adjust Peak value of input main signal
In the LA3410, the gain of the main signal is varied with VR1 to adjust the separation. The IF output is generally such that the sub signal level is lower than the main signal level. In this case also, the separation can be adjusted. 3. De-emphasis The de-emphasis characteristic depends on the feedback resistors, capacitors of the post amplifier. R1, R2, C3, C4 in the Sample Application Circuit are set as R1C3=R2C4=50s, 75s. Table 3 shows the values of R1, R2, C3, C4 and the de-emphasis constants. Table 3
R1 (R2) 33k 39k 51k 62k 82k 110k 130k C2 (C4)50s 1500pF 1200pF 1000pF 750pF 620pF 470pF 390pF C2 (C4)75s 2200pF 2000pF 1500pF 1000pF 910pF 680pF 560pF
The post amplifier requires feedback capacitors C3, C4 regardless of the de-emphasis characteristic. Without these capacitors, the stereo distortion gets worse. 4. Low-pass filter Fig. 8 shows a sample circuit configuration where an LC filter is used as the low-pass filter and Fig. 16 shows a sample characteristic of this filter. As compared with the LPF (BL-13) in the Sample Application Circuit, the use of this filter makes the attenuation less at 19kHz, 38kHz ; therefore, carrier leak at the LPF output causes the stereo distortion and separation characteristic to get worse than specified in the Operating Characteristics. For the stereo distortion, the BL13 provides approximately 0.02%, while the LC filter provides approximately 0.5%
No.1407-9/13
LA3410
No.1407-10/13
LA3410
No.1407-11/13
LA3410
No.1407-12/13
LA3410
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of February, 2000. Specifications and information herein are subject to change without notice.
PS No.1407-13/13


▲Up To Search▲   

 
Price & Availability of LA3410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X