Part Number Hot Search : 
TML15115 SP6690EB TML15115 30M25 TDA839 P8237A ACSL6300 30M25
Product Description
Full Text Search
 

To Download IDT74FCT3807E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT3807D/E 3.3V CMOS 1-TO-10 CLOCK DRIVER
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D/E
* * * * * * * * * * * * *
FEATURES:
DESCRIPTION:
Advanced CMOS Technology Guaranteed low skew < 100ps (max.) Very low duty cycle distortion< 250ps (max.) High speed propagation delay< 2ns (max.) Very low CMOS power levels TTL compatible inputs and outputs 1:10 fanout Maximum output rise and fall time < 1ns (max.) Low input capacitance: 3pF typical VCC = 3.3V 0.3V Inputs can be driven from 3.3V or 5V components Operating frequency up to 166MHz Available in SSOP and QSOP packages
The FCT3807 is a 3.3V clock driver built using advanced CMOS technology. This low skew clock driver offers 1:10 fanout. The large fanout from a single input reduces loading on the preceding driver and provides an efficient clock distribution network. Multiple power and grounds reduce noise. Typical applications are clock and signal distribution.
FUNCTIONAL BLOCK DIAGRAM
O1
PIN CONFIGURATION
IN 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC O10 O9 GND O8 VCC O7 GND O6 O5
O2
GND O1
O3
VCC O2
O4
GND O3
O5 IN O6
VCC O4 GND
O7
SSOP/ QSOP TOP VIEW
O8
O9
O10
INDUSTRIAL TEMPERATURE RANGE
1
c 2001 Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
JANUARY 2002
DSC-5865/13
IDT74FCT3807D/E 3.3V CMOS 1-TO-10 CLOCK DRIVER
INDUSTRIAL TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VCC VI VO TJ TSTG Description Input Power Supply Voltage Input Voltage Output Voltage Junction Temperature Storage Temperature Max -0.5 to +4.6 -0.5 to +5.5 -0.5 to VCC+0.5 150 -65 to +165 Unit V V V C C
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3 -- Max. 4 6 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PIN DESCRIPTION
Pin Names IN Ox Input Outputs Description
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Input HIGH Dynamic Power Supply Current per Output(3) IC Total Power Supply Current(4) VCC = Max. VCC = Max. VCC = Max. CL = 15pF All Outputs Toggling VCC = Max. CL = 15pF All Outputs Toggling fi = 133MHz VCC = Max. CL = 15pF All Outputs Toggling fi = 166MHz
NOTES: 1. 2. 3. 4. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. Typical values are at VCC = 3.3V, +25C ambient. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fi = Input Frequency
Test Conditions(1) VIN = GND or VCC VIN = VCC - 0.6V VIN = VCC VIN = GND VIN = VCC VIN = GND VIN = VCC -0.6V VIN = GND VIN = VCC VIN = GND VIN = VCC -0.6V VIN = GND
Min. -- -- --
Typ.(2) 0.1 45 80
Max. 30 300 120
Unit A A A/MHz
125 125 -- -- 155 160
150 150 mA 195 195
2
IDT74FCT3807D/E 3.3V CMOS 1-TO-10 CLOCK DRIVER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified Industrial: TA = -40C to +85C, VCC = 3.3V 0.3V
Symbol VIH VIL IIH IIL VIK IODH IODL IOS VOH VOL Parameter Input HIGH Level Input LOW Level Input HIGH Current Input LOW Current Clamp Diode Voltage Output HIGH Current Output LOW Current Short Circuit Current Output HIGH Voltage Output LOW Voltage VCC = Max. VCC = Max. VCC = Min., IIN = -18mA VCC = 3.3V, VIN = VIH or VIL, VO = VCC = Max., VO = VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL GND(3,4) IOH = -12mA IOH = -100A IOL = 12mA IOL = 100A 1.5V(3,4) VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3,4) VI = 5.5V VI = GND Test Conditions(1) Min. 2 -0.5 -- -- -- -45 50 -60 2.4(5) VCC - 0.2 -- -- Typ.(2) -- -- -- -- -0.7 -75 92 -135 3 -- 0.3 -- Max. 5.5 0.8 1 1 -1.2 -180 200 -240 -- -- 0.5 0.2 V V mA mA mA V Unit V V A
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3, 25C ambient. 3. This parameter is guaranteed but not tested. 4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 5. VOH = VCC - 0.6V at rated current.
3
IDT74FCT3807D/E 3.3V CMOS 1-TO-10 CLOCK DRIVER
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - 3807D (3,4)
Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(PP) fMAX Output Rise Time (0.8V to 2V) Output Fall Time (2V to 0.8V) Same device output pin-to-pin skew(5) Pulse skew(6) Part to part skew(7) Input Frequency Parameter Propagation Delay Conditions(1) CL = 15pF f 133MHz -- -- -- -- -- -- 1 1 250 250 550 133 ns ns ps ps ps MHz Min.(2) 1 Max. 2.5 Unit ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - 3807E (3,4)
Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(PP) fMAX Output Rise Time (0.8V to 2V) Output Fall Time (2V to 0.8V) Same device output pin-to-pin skew(5) Pulse skew(6) Part to part skew(7) Input Frequency Parameter Propagation Delay Conditions(1,8) CL = 15pF f 166MHz -- -- -- -- -- -- 1 1 100 250 550 166 ns ns ps ps ps MHz Min.(2) 0.5 Max. 2 Unit ns
NOTES: 1. See test circuits and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. tPLH, tPHL, tSK(P), and tSK(O) are production tested. All other parameters guaranteed but not production tested. 4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew. 5. Skew measured between all outputs under identical transitions and load conditions. 6. Skew measured is difference between propagation delay times tPHL and tPLH of same output under identical load conditions. 7. Part to part skew for all outputs given identical transitions and load conditions at identical VCC levels and temperature. 8. Airflow of 1m/s is recommended for frequencies above 133MHz.
4
IDT74FCT3807D/E 3.3V CMOS 1-TO-10 CLOCK DRIVER
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS TEST CONDITIONS
Symbol CL RT tR / tF VCC = 3.3V 0.3V 15 ZOUT of pulse generator 1 (0V to 3V or 3V to 0V) Unit pF ns
Pulse Generator RT VIN D.U.T. 15pF CL VOUT VCC
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. tR / tF = Rise/Fall time of the input stimulus from the Pulse Generator.
CL = 15pF Circuit
TEST WAVEFORMS
3V 1.5V INPUT tPLH tPHL VOH 2.0V OUTPUT tR tF 0.8V 1.5V VOL OUTPUT 2 tPLH2 tPHL2 OUTPUT 1 tSK(o) tSK(o) 0V INPUT 3V 1.5V 0V VOH 1.5V VOL VOH 1.5V VOL
tPLH1
tPHL1
tSK(o) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
Propagation Delay Output Skew - tSK(O)
3V 3V 1.5V INPUT tPLH tPHL VOH 1.5V OUTPUT tSK(p) = |tPHL - tPLH| PACKAGE 2 OUTPUT tPLH2 tSK(PP) = |tPLH2 - tPLH1| VOL PACKAGE 1 OUTPUT tSK(PP) tSK(PP) VOH 1.5V VOL 0V INPUT tPLH1 tPHL1 1.5V 0V VOH 1.5V VOL
Pulse Skew - tSK(P) Part-to-Part Skew - tSK(PP)
Part-to-Part Skew is for the same package and speed grade.
tPHL2
or
|tPHL2 - tPHL1|
5
IDT74FCT3807D/E 3.3V CMOS 1-TO-10 CLOCK DRIVER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT74FCT XXXX Device Type X Package X Process
I
-40C to +85C (Industrial)
PY Q 3807D 3807E
Shrink Small Outline IC Quarter-size Small Outline IC 3.3V CMOS 1-to-10 Clock Driver
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of IDT74FCT3807E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X