Part Number Hot Search : 
IRFR410 TD6102 7493P X25256S8 ML12513 SM25GZ51 13T1C N4744
Product Description
Full Text Search
 

To Download ICS9112-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9112-16
Low Skew Output Buffer
General Description
The ICS9112-16 is a high performance, low skew, low jitter clock driver. It uses a phase lock loop (PLL) technology to align, in both phase and frequency, the REF input with the CLKOUT signal. It is designed to distribute high speed clocks in PC systems operating at speeds from 25 to 133 MHz. ICS9112-16 is a zero delay buffer that provides synchronization between the input and output. The synchronization is established via CLKOUT feed back to the input of the PLL. Since the skew between the input and output is less than +/- 350 pS, the part acts as a zero delay buffer. The ICS9112-16 comes in an eight pin 150 mil SOIC or 173 mil TSSOP package. It has five output clocks. In the absence of REF input, will be in the power down mode. In this mode, the PLL is turned off and the output buffers are pulled low. Power down mode provides the lowest power consumption for a standby condition.
Features
* * * * * * * * Zero input - output delay Frequency range 25 - 133 MHz (3.3V) High loop filter bandwidth ideal for Spread Spectrum applications. Less than 200 ps Jitter between outputs Skew controlled outputs Skew less than 250 ps between outputs Available in 8 pin 150 mil SOIC or 173 mil TSSOP package. 3.3V 10% operation
Block Diagram
Pin Configuration
8 pin SOIC, TSSOP
9112-16 Rev F 10/20/00
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.
ICS9112-16
Pin Descriptions
PIN NUMBER 1 2 3 4 5 6 7 8 PIN NAME REF
2 3 3
TYPE IN OUT OUT PWR OUT PWR Input reference frequency. Buffered clock output Buffered clock output Ground Buffered clock output Power Supply (3.3V) Buffered clock output
DESCRIPTION
CLK2 CLK1 GND
CLK33 VDD CLK4
3 3
OUT OUT
CLKOUT
Buffered clock output. Internal feedback on this pin
Notes: 1. Guaranteed by design and characterization. Not subject to 100% test. 2. Weak pull-down 3. Weak pull-down on all outputs
2
ICS9112-16
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5 V to VDD +0.5 V Ambient Operating Temperature . . . . . . . . . . 0C to +70C Storage Temperature . . . . . . . . . . . . . . . . . . . . . -65C to +150C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics at 3.3V
VDD = 3.0 - 3.6 V, TA = 0 - 70 C unless otherwise stated
DC Characteristics PARAMETER Input Low Voltage Input High Voltage Input Low Current Input High Current Output Low Voltage1 SYMBOL VIL VIH IIL IIH VOL VOH IDD IDD VIN=0V VIN=VDD IOL = 25mA IOH = 25mA REF = 0 MHz Unloaded oututs at 66.66 MHz SEL inputs at VDD or GND 2.4 2.0 19 0.10 0.25 2.9 0.3 30.0 50.0 40.0 50.0 100.0 0.4 TEST CONDITIONS MIN TYP MAX 0.8 UNITS V V A A V V A mA
Output High Voltage1 Power Down Supply Current Supply Current
Notes: 1. Guaranteed by design and characterization. Not subject to 100% test. 2. All Skew specifications are mesured with a 50W transmission line, load teminated with 50W to 1.4V. 3. Duty cycle measured at 1.4V. 4. Skew measured at 1.4V on rising edges. Loading must be equal on outputs.
3
ICS9112-16
Switching Characteristics
PARAMETER Output period Input period Duty Cycle1 Duty Cycle1 Rise Time1 Fall Time1 Delay, REF Rising Edge to CLKOUT Rising Edge1, 2 Output to Output Skew1 Device to Device Skew1 Cycle to Cycle Jitter1 PLL Lock Time1 Jitter; Absolute Jitter1 Jitter; 1 - Sigma1 SYMBOL t1 t1 Dt1 Dt2 tr1 tf1 Dr1 Tskew Tdsk-Tdsk Tcyc-Tcyc tLOCK Tjabs Tj1s CONDITION With CL=30pF With CL=30pF Measured at 1.4V; CL=30pF Measured at VDD/2 Fout <66.6MHz Measured between 0.8V and 2.0V: CL=30pF Measured between 2.0V and 0.8V; CL=30pF Measured at 1.4V All outputs equally loaded, CL=20pF Measured at VDD/2 on the CLKOUT pins of devices Measured at 66.66 MHz, loaded outputs Stable power supply, valid clock presented on REF pin @ 10,000 cycles CL=30pF @ 10,000 cycles CL=30pF -100 70 14 0 MIN 40.00 (25) 40.00 (25) 40.0 45 50 50 1.2 1.2 0 TYP MAX 10 (133) 10 (133) 60 55 1.5 1.5 350 250 700 200 1.0 100 30 UNITS ns (MHz) ns (MHz) % % ns ns ps ps ps ps ms ps ps
Notes: 1. Guaranteed by design and characterization. Not subject to 100% test. 2. REF input has a threshold voltage of 1.4V 3. All parameters expected with loaded outputs
4
ICS9112-16
Output to Output Skew
The skew between CLKOUT and the CLK(1-4) outputs is not dynamically adjusted by the PLL. Since CLKOUT is one of the inputs to the PLL, zero phase difference is maintained from REF to CLKOUT. If all outputs are equally loaded, zero phase difference will maintained from REF to all outputs. If applications requiring zero output-output skew, all the outputs must equally loaded. If the CLK(1-4) outputs are less loaded than CLKOUT, CLK(1-4) outputs will lead it; and if the CLK(1-4) is more loaded than CLKOUT, CLK(1-4) will lag the CLKOUT. Since the CLKOUT and the CLK(1-4) outputs are identical, they all start at the same time, but different loads cause them to have different rise times and different times crossing the measurement thresholds.
REF input and all outputs loaded Equally
REF input and CLK(1-4) outputs loaded equally, with CLKOUT loaded More.
REF input and CLK(1_4) outputs loaded equally, with CLKOUT loaded Less.
Timing diagrams with different loading configurations 5
ICS9112-16
SYMBOL
In Millimeters In Inches COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX 1.35 0.10 0.33 1.75 0.25 0.51 .0532 .0040 .013 .0688 .0098 .020
A A1 B C D E e H h L N VARIATIONS N 8
0.19 0.25 SEE VARIATIONS 3.80 4.0 1.27 BASIC 5.80 0.25 6.20 0.50
.0075 .0098 SEE VARIATIONS .1497 .1574 0.050 BASIC .2284 .010 .2440 .020
0.40 1.27 SEE VARIATIONS 0 8
.016 .050 SEE VARIATIONS 0 8
D mm. MIN 4.80 MAX 5.00 MIN .1890
D (inch) MAX .1968
150 mil (Narrow Body) SOIC
Ordering Information
ICS9112yM-16-T
Example:
ICS XXXX y M - PPP - T
Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type M=SOIC
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
6
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.
ICS9112-16
SYMBOL
In Millimeters In Inches COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX 0.05 0.80 0.19 1.20 0.15 1.05 0.30 .002 .032 .007 .047 .006 .041 .012
A A1 A2 b c D E E1 e L N aaa VARIATIONS
0.09 0.20 SEE VARIATIONS 6.40 BASIC 4.30 4.50 0.65 BASIC 0.45 0.75 SEE VARIATIONS 0 8 0.10
.0035 .008 SEE VARIATIONS 0.252 BASIC .169 .177 0.0256 BASIC .018 .030 SEE VARIATIONS 0 8 .004
4.40 mm. Body, 0.65 mm. pitch TSSOP (0.0256 mil) (173 mil)
N 8
D mm. MIN 2.90 MAX 3.10 MIN .114
D (inch) MAX .122
7/6/00 Rev B
MO-153 JEDEC Doc.# 10-0038
Ordering Information
ICS9112yG-16-T
Example:
ICS XXXX y G - PPP - T
Designation for tape and reel packaging Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type G=TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
7


▲Up To Search▲   

 
Price & Availability of ICS9112-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X