Part Number Hot Search : 
AIDL40 BU608 RF310 RL205 SAA7327 Z5248 SJ5018 2N6360
Product Description
Full Text Search
 

To Download HD74LV2GT125A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LV2GT125A
Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
REJ03D0148-0200Z (Previous ADE-205-676A (Z)) Rev.2.00 Oct.23.2003
Description
The HD74LV2GT125A has dual bus buffer with 3-state output in an 8 pin package. Output is disabled when the associated output enable (OE) input is high. To ensure the high impedance state during power up or power down, OE should be connected to VCC through a pull-up resistor; the minimum value of the resistor is determined by the current sinking capability of the driver. The input protection circuitry on this device allows over voltage tolerance on the input, allowing the device to be used as a logic-level translator from 3.0 V CMOS Logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high-voltage power supply. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
* The basic gate function is lined up as Renesas uni logic series. * Supplied on emboss taping for high-speed automatic mounting. * TTL compatible input level. Supply voltage range : 3.0 to 5.5 V Operating temperature range : -40 to +85C * Logic-level translate function 3.0 V CMOS logic 5.0 V CMOS logic (@VCC = 5.0 V) 1.8 V or 2.5 V CMOS logic 3.3 V CMOS logic (@VCC = 3.3 V) * All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@VCC = 0 V, Output : Z) * Output current 6 mA (@VCC = 3.0 V to 3.6 V), 12 mA (@VCC = 4.5 V to 5.5 V) * All the logical input has hysteresis voltage for the slow transition. * Ordering Information
Part Name HD74LV2GT125AUSE Package Type SSOP-8 pin Package Code TTP-8DBV Package Abbreviation US Taping Abbreviation (Quantity) E (3,000 pcs/reel)
Rev.2.00, Oct.23.2003, page 1 of 1
HD74LV2GT125A
Outline and Article Indication
* HD74LV2GT125A
Index band Lot No.
YMW T25
SSOP-8 Marking
Y : Year code (the last digit of year) M : Month code W : Week code
Function Table
Inputs OE L L H H : High level L : Low level X : Immaterial Z : High impedance A H L X Output Y H L Z
Rev.2.00, Oct.23.2003, page 2 of 8
HD74LV2GT125A
Pin Arrangement
OE1
1
8
VCC
A1
2
7
OE2
Y2
3
6
Y1
GND
4
5
A2
(Top view)
Absolute Maximum Ratings
Item Supply voltage range Input voltage range
*1 *1, 2
Symbol VCC VI VO IIK IOK IO ICC or IGND PT Tstg
Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to 7.0 -20 50 25 50 200 -65 to 150
Unit Test Conditions V V V mA mA mA mA mW C Output : H or L VCC : OFF or output : Z VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
Output voltage range Input clamp current Output clamp current
Continuous output current Continuous current through VCC or GND Maximum power dissipation *3 at Ta = 25C (in still air) Storage temperature Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
Rev.2.00, Oct.23.2003, page 3 of 8
HD74LV2GT125A
Recommended Operating Conditions
Item Supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Topr tr, tf Ratings 3.0 to 5.5 0 to 5.5 0 to VCC 0 to 5.5 Operating temperature Input rise / fall time -40 to +85 C Unit V V V Output : Z Test Conditions
0 to 100 (VCC = 3.0 to 3.6 V) ns 0 to 20 (VCC = 4.5 to 5.5 V)
Electrical Characteristics
* Ta = -40 to 85C
Item Input voltage Symbol VIH VIL Hysteresis voltage VH VOH VCC (V) * 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.3 5.0 Output voltage Min 1.5 2.0 -- -- -- -- Typ -- -- -- -- 0.10 0.15 -- -- -- -- -- -- -- -- -- -- -- 3.0 Max -- -- 0.6 0.8 -- -- -- -- -- 0.1 0.44 0.55 1 5 10 1.5 5 -- A A A V IOH = -50 A IOH = -6 mA IOH = -12 mA IOL = 50 A IOL = 6 mA IOL = 12 mA VIN = 5.5 V or GND VO = 5.5 V or GND VIN = VCC or GND, IO = 0 V VT+ - VT- Unit Test condition V
Min to Max VCC-0.1 3.0 4.5 2.48 3.8
VOL
Min to Max -- 3.0 4.5 -- -- --
Input current Off state output current Quiescent supply current
IIN IOZ ICC ICC
0 to 5.5
Min to Max -- 5.5 5.5 0 5.0 -- -- -- --
mA One input VIN = 3.4 V, other input VCC or GND A pF VO = 5.5 V VIN = VCC or GND
Output leakage current Input capacitance
IOFF CIN
Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Rev.2.00, Oct.23.2003, page 4 of 8
HD74LV2GT125A
Switching Characteristics
* VCC = 3.3 0.3 V
Ta = 25C Item Propagation delay time Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Min -- -- -- -- -- -- Typ 4.5 6.0 4.5 6.0 4.0 5.5 Max 9.0 11.5 9.0 11.5 10.0 13.5
Ta = -40 to 85C
Test
FROM
TO (Output) Y Y Y
Min 1.0 1.0 1.0 1.0 1.0 1.0
Max 10.5 13.0 10.5 13.0 11.5 15.0
Unit Conditions (Input) ns ns ns CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF OE OE A
* VCC = 5.0 0.5 V
Ta = 25C Item Propagation delay time Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Min -- -- -- -- -- -- Typ 3.4 4.3 3.4 4.4 3.2 4.0 Max 5.5 7.5 5.1 7.1 6.8 8.8
Ta = -40 to 85C
Test
FROM
TO (Output) Y Y Y
Min 1.0 1.0 1.0 1.0 1.0 1.0
Max 6.5 8.5 6.0 8.0 8.0 10.0
Unit Conditions (Input) ns ns ns CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF OE OE A
Operating Characteristics
*
CL = 50 pF
Ta = 25C Symbol CPD VCC (V) Min 5.0 -- Typ 11.5 Max -- Unit pF Test Conditions f = 10 MHz
Item Power dissipation capacitance
Rev.2.00, Oct.23.2003, page 5 of 8
HD74LV2GT125A
Test Circuit
VCC VCC
See Function Table
Input
Output 1k S1 CL = 15 or 50 pF
Pulse Generator Z OUT = 50
*1
OPEN See under table GND
TEST t PLH / t PHL t ZH/ t HZ t ZL / t LZ Note: 1. C L includes probe and jig capacitance.
S1 OPEN GND VCC
Rev.2.00, Oct.23.2003, page 6 of 8
HD74LV2GT125A
* Waveforms - 1
tr 90 % Vref 10 % t PLH 90 % Vref
tf VI 10 % t PHL GND
Input A
VOH Output Y 50% 50% VOL
* Waveforms - 2
90 % Vref
tf
tr 90 % Vref 10 % t ZL 10 % t LZ 50% t ZH t HZ 50% VOH - 0.3 V VI GND VCC
Input OE
Waveform - A
VOL + 0.3 V
VOL VOH GND
Waveform - B
VCC (V) VI
INPUTS tr / tf
Vref 50% 1.5 V
3.30.3 2.5 V 3.0 ns 5.00.5 Notes: 3V 3.0 ns
1. Input waveform : PRR 1 MHz, Zo = 50 . 2. Waveform - A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform - B is for an output with internal conditions such that the output is high except when disabled by the output control.
Rev.2.00, Oct.23.2003, page 7 of 8
HD74LV2GT125A
Package Dimensions
2.0 0.2 1.5 0.2 (0.5) (0.5) (0.5)
Unit: mm
(0.4) 2.3 0.1 3.1 0.3
0 - 0.1
8 - 0.2 - 0.05
+ 0.1
(0.17)
0.7 0.1 (0.4)
Package Code JEDEC JEITA Mass (reference value)
TTP-8DBV 0.010 g
Rev.2.00, Oct.23.2003, page 8 of 8
0.13 - 0.05
+ 0.1
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2003. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon 1.0


▲Up To Search▲   

 
Price & Availability of HD74LV2GT125A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X