Part Number Hot Search : 
1209S 1209S 4073B C5141 1209S TA9329FB IT610HX IRF1010E
Product Description
Full Text Search
 

To Download HD74LV1G04A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LV1G04A
Inverter
ADE-205-317D (Z) 5th. Edition April 2001 Description
The HD74LV1G04A has an inverter in a 5 pin package. Low voltage and high speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
* The basic gate function is lined up as hitachi uni logic series. * Supplied on emboss taping for high speed automatic mounting. * Electrical characteristics equivalent to the HD74LV04A Supply voltage range : 1.65 to 5.5 V Operating temperature range : -40 to +85C * All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@VCC = 0 V) * Output current 6 mA (@VCC = 3.0 V to 3.6 V), 12 mA (@VCC = 4.5 V to 5.5 V) * All the logical input has hysteresis voltage for the slow transition.
HD74LV1G04A
Outline and Article Indication
* HD74LV1G04A
Index band Marking
L
5
CMPAK-5
= Control code ( or blank)
* HD74LV1G04A
Marking
L
5
VSON-5
= Control code
Function Table
Input A H L H : High level L : Low level Output Y L H
2
HD74LV1G04A
Pin Arrangement
NC
1
5
VCC
IN A
2
GND
3
4
OUT Y
(Top view)
3
HD74LV1G04A
Absolute Maximum Ratings
Item Supply voltage range Input voltage range
*1 *1, 2
Symbol VCC VI VO
Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to 7.0
Unit V V V
Test Conditions
Output voltage range
Output : H or L VCC : OFF
Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation at Ta = 25C (in still air) *3 Storage temperature Notes:
I IK I OK IO I CC or IGND PT Tstg
-20 50 25 50 200 -65 to 150
mA mA mA mA mW C
VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
The absolute maximum ratings are values which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
4
HD74LV1G04A
Recommended Operating Conditions
Item Supply voltage range Input voltage range Output voltage range Output current Symbol VCC VI VO I OL Min 1.65 0 0 -- -- -- -- I OH -- -- -- -- Input transition rise or fall rate t / v 0 0 0 0 Operating free-air temperature Ta -40 Max 5.5 5.5 VCC 1 2 6 12 -1 -2 -6 -12 300 200 100 20 85 C ns / V Unit V V V mA VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V Conditions
Note: Unused or floating inputs must be held high or low.
5
HD74LV1G04A
Electrical Characteristic
* Ta = -40 to 85C
Item Input voltage Symbol VCC (V) * VIH Min VCCx0.7 VCCx0.7 VCCx0.7 Typ Max -- -- -- -- VCCx0.25 VCCx0.3 VCCx0.3 VCCx0.3 -- -- -- -- -- -- -- -- -- 0.1 0.3 0.4 0.44 0.55 1 10 5 -- A A A pF V I OH = -50 A I OH = -1 mA I OH = -2 mA I OH = -6 mA I OH = -12 mA I OL = 50 A I OL = 1 mA I OL = 2 mA I OL = 6 mA I OL = 12 mA VIN = 5.5 V or GND VIN = VCC or GND, IO = 0 VIN or VO = 0 to 5.5 V VIN = VCC or GND V VT+ - VT- Unit V Test condition
1.65 to 1.95 VCCx0.75 -- 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 -- -- -- -- -- -- -- 0.25 0.30 0.35 0.45 -- -- -- -- -- -- -- -- -- -- -- -- -- 3.0
VIL
1.65 to 1.95 -- 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 -- -- -- -- -- -- -- VCC-0.1 1.4 2.0 2.48 3.8 -- -- -- -- -- -- -- -- --
Hysteresis voltage VH
1.8 2.5 3.3 5.0
Output voltage
VOH
Min to Max 1.65 2.3 3.0 4.5
VOL
Min to Max 1.65 2.3 3.0 4.5
Input current Quiescent supply current Output leakage current
I IN I CC I OFF
0 to 5.5 5.5 0 3.3
Input capacitance CIN
Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
6
HD74LV1G04A
Switching Characteristics
* VCC = 1.8 0.15 V
Item Symbol Ta = 25C Min Propagation delay time t PLH t PHL -- -- Typ 12.6 19.7 Max 22.0 33.0
Ta = -40 to 85C
Unit Test
FROM
TO (Output) Y
Min 1.0 1.0
Max 24.0 36.0 ns
Conditions (Input) CL = 15 pF CL = 50 pF A
* VCC = 2.5 0.2 V
Item Symbol Ta = 25C Min Propagation delay time t PLH t PHL -- -- Typ 7.0 10.5 Max 11.7 15.5
Ta = -40 to 85C
Unit Test
FROM
TO (Output) Y
Min 1.0 1.0
Max 14.0 18.0 ns
Conditions (Input) CL = 15 pF CL = 50 pF A
* VCC = 3.3 0.3 V
Item Symbol Ta = 25C Min Propagation delay time t PLH t PHL -- -- Typ 5.0 7.5 Max 7.1 10.6
Ta = -40 to 85C
Unit Test
FROM
TO (Output) Y
Min 1.0 1.0
Max 8.5 12.0 ns
Conditions (Input) CL = 15 pF CL = 50 pF A
* VCC = 5.0 0.5 V
Item Symbol Ta = 25C Min Propagation delay time t PLH t PHL -- -- Typ 3.8 5.3 Max 5.5 7.5
Ta = -40 to 85C
Unit Test
FROM
TO (Output) Y
Min 1.0 1.0
Max 6.5 8.5 ns
Conditions (Input) CL = 15 pF CL = 50 pF A
Operating Characteristics
* CL = 50 pF
Item Symbol VCC (V) Ta = 25C Min Power dissipation capacitance CPD 3.3 5.0 -- -- Typ 8.5 10.0 Max -- -- pF f = 10 MHz Unit Test Conditions
7
HD74LV1G04A
Test Circuit
VCC
Pulse generator
Input
Output
50
CL
Note: CL includes probe and jig capacitance.
* Waveforms
tr tf
90% Input 50% 10%
90% 50% 10%
VCC
GND
VOH Output 50% 50% VOL t PHL t PLH
Notes: 1. Input waveform : PRR 1 MHz, Zo = 50 , tr 3 ns, tf 3 ns. 2. The output are measured one at a time with one transition per measurement.
8
HD74LV1G04A
Package Dimensions
As of January, 2001
Unit: mm
1.3 0.2 (0.65) (0.65)
(0.425)
0.15- 0.05
2.1 0.3
+ 0.1
1.25 0.1
0 - 0.1
2.0 0.2
0.9 0.1
(0.2)
(0.425)
5 - 0.2 0.05
Hitachi Code JEDEC EIAJ Mass (reference value)
CMPAK-5 -- Conforms 0.006 g
As of January, 2001
Unit: mm
0.50 0.50 0.12 0.05
5 -- 0.2 0.05 1.6 0.05
0.55 0.05
1.60 0.05
1.20 0.05
Hitachi Code JEDEC EIAJ Mass (reference value)
TNP-5D
9
HD74LV1G04A
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica Europe Asia Japan
: : : :
http://semiconductor.hitachi.com/ http://www.hitachi-eu.com/hel/ecg http://sicapac.hitachi-asia.com http://www.hitachi.co.jp/Sicd/indx.htm
Hitachi Asia Ltd. Hitachi Tower 16 Collyer Quay #20-00, Singapore 049318 Tel : <65>-538-6533/538-8577 Fax : <65>-538-6933/538-3877 URL : http://www.hitachi.com.sg Hitachi Asia Ltd. (Taipei Branch Office) 4/F, No. 167, Tun Hwa North Road, Hung-Kuo Building, Taipei (105), Taiwan Tel : <886>-(2)-2718-3666 Fax : <886>-(2)-2718-8180 Telex : 23222 HAS-TP URL : http://www.hitachi.com.tw Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon, Hong Kong Tel : <852>-(2)-735-9218 Fax : <852>-(2)-730-0281 URL : http://semiconductor.hitachi.com.hk
For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 585200 Hitachi Europe GmbH Electronic Components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00
Copyright (c) Hitachi, Ltd., 2001. All rights reserved. Printed in Japan.
Colophon 3.0
10


▲Up To Search▲   

 
Price & Availability of HD74LV1G04A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X