Part Number Hot Search : 
PJ1JM 42375 A101M STX5525 03929 01110 1232076 100CT
Product Description
Full Text Search
 

To Download FEP16JTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEP16AT - FEP16JT
Discrete POWER & Signal Technologies
FEP16AT - FEP16JT
Features * * * *
Low forward voltage drop. High surge current capacity. High current capability. High reliability.
0.113(2.87) 0.103(2.62)
0.27(6.86) 0.23(5.84)
0.412(10.5) MAX 0.154(3.91) 0.148(3.74)
0.185(4.70) 0.175(4.44) 0.055(1.40) 0.045(1.14)
0.594(15.1) 0.587(14.9)
TO-220AB
0.16(4.06)
1
0.14(3.56)
2
3
0.11(2.79) 0.10(2.54)
Dimensions are in: inches (mm)
PIN 1 + PIN 3 Positive CT CASE PIN 2
PIN 1 PIN 3 Negative CT Suffix "A" CASE PIN 2 PIN 3 Doubler Suffix "D" PIN 1
0.56(14.22)
AC CASE PIN 2
0.037(0.94) 0.027(0.68)
0.53(13.46)
0.025(0.64)
0.105(2.67) 0.095(2.41)
0.014(0.35)
16 Ampere Glass Passivated Super Fast Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge) PD RJA RJL Tstg TJ
TA = 25C unless otherwise noted
Parameter
Average Rectified Current .375 " lead length @ TA = 100C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Lead Storage Temperature Range Operating Junction Temperature
Value
16
Units
A
200 8.33 66 15 2.2 -65 to +150 -65 to +150
A W mW/C C/W C/W C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted
Device
16AT 16BT 100 70 100 16CT 150 105 150 16DT 200 140 200 10 500 35 0.95 85 1.3 50 1.5 60 16FT 300 210 300 16GT 400 280 400 16HT 500 350 500 16JT 600 420 600 50 35 50
Units
V V V A A nS V pF
Peak Repetitive Reverse Voltage Maximum RMS Voltage DC Blocking Voltage (Rated VR) Maximum Reverse Current @ rated VR T A = 25C T A = 100C Maximum Reverse Recovery Time IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A Maximum Forward Voltage @ 8.0A Typical Junction Capacitance VR = 4.0. f = 1.0 MHz
(c)1999 Fairchild Semiconductor Corporation
FEP16AT - FEP16JT, Rev. A
FEP16AT - FEP16JT
Typical Characteristics
Forward Current Derating Curve
PEAK FORWARD SURGE CURRENT (A)
20 FORWARD CURRENT (A)
Non-Repetitive Surge Current
200
16
160
12
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.0mm) LEAD LENGTHS
120
8
80
4
40
0
0
25
50 75 100 125 150 AMBIENT TEMPERATURE ( C)
175
0
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
Forward Characteristics
100 FORWARD CURRENT (A)
FEP16AT-FEP16DT
Reverse Characteristics
1000 REVERSE CURRENT ( A)
10
FEP16FT-FEP16JT
100
T A = 100 C
1
10
0.1
TA = 25 C Pulse Width = 300s 2% Duty Cycle
1
T A = 25 C
0.01 0.4
0.1
0.6
0.8 1 1.2 1.4 FORWARD VOLTAGE (V)
1.6
1.8
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Junction Capacitance
100 90 CAPACITANCE (pF) 80 70 60 50 FEP16FT-FEP16JT 40
FEP16AT-FEP16DT
1
2
5 10 20 REVERSE VOLTAGE (V)
50
100
50 NONINDUCTIVE
50 NONINDUCTIVE
+0.5A
(-)
trr
DUT
50V (approx)
50 NONINDUCTIVE
Pulse Generator (Note 2) (+)
OSCILLOSCOPE (Note 1)
0 -0.25A
-1.0A
1.0cm SET TIME BASE FOR 5/ 10 ns/ cm
Reverse Recovery Time Characterstic and Test Circuit Diagram
FEP16AT - FEP16JT, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of FEP16JTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X