Part Number Hot Search : 
MB91307 KCF25A40 FLARE NSPB520S 14511 ASRD803T 14511 C4006
Product Description
Full Text Search
 

To Download DS2143Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS2143/DS2143Q E1 Controller
www.dalsemi.com
FEATURES
E1/ISDN-PRI framing transceiver Frames to CAS, CCS, and CRC4 formats Parallel control port Onboard two frame elastic store slip buffer Extracts and inserts CAS signaling bits Programmable output clocks for fractional E1 links, DS0 loopbacks, and drop and insert applications Onboard Sa data link support circuitry FEBE E-Bit detection, counting and generation Pin-compatible with DS2141A T1 Controller 5V supply; low power (50 mW) CMOS Available in 40-pin DIP and 44-pin PLCC (DS2143Q)
PIN ASSIGNMENT
TCLK TSER TCHCLK TPOS TNEG AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 BTS RD(DS) CS ALE(AS) WR(R/W) RLINK VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VDD TSYNC TLINK TLCLK INT1 INT2 RLOS/LOTC TCHBLK RCHBLK LI_CS LI_CLK LI_SDI SYSCLK RNEG RPOS RSYNC RSER RCHCLK RCLK RLCLK
40-Pin DIP (600-mil)
TNEG TPOS TCHCLK TSER TCLK VDD TSYNC TLINK TLCLK INT1 INT2 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 BTS RD(DS) NC
6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 5 4 3 2 1 44 43 42 41 40 39 38 37 36 35
44-PIN PLCC
34 33 32 31 30 29 28
RLOS/LOTC TCHBLK RCHBLK LI_CS LI_CLK LI_SDI NC NC SYSCLK RNEG RPOS
DESCRIPTION
The DS2143 is a comprehensive, software-driven E1 framer. It is meant to act as a slave or coprocessor to a microcontroller or microprocessor. Quick access via the parallel control port allows a single micro to handle many E1 lines. The DS2143 is very flexible and can be configured into numerous orientations via software. The software orientation of the device allows the user to modify their design to conform to future E1 specification changes. The controller contains a set of 69 8-bit internal registers which the user 1 of 44 112099
NC CS ALE(AS) WR(R/W) RLINK VSS RLCLK RCLK RCHCLK RSER RSYNC
DS2143/DS2143Q
can access. These internal registers are used to configure the device and obtain information from the E1 link. The device fully meets al l of the latest E1 specifications, including CCITT G.704, G.706, and G.732.
1.0 INTRODUCTION
The DS2143 E1 Controller has four main sections: the receive side, the transmit side, the line interface controller, and the parallel control port. See the Block Diagram. On the receive side, the device will clock in the serial E1 stream via the RPOS and RNEG pins. The synchronizer will locate the frame and multiframe patterns and establish their respective positions. This information will be used by the rest of the receive side circuitry. The DS2143 is an "off-line" framer, which means that all of the E1 serial stream that goes into the device will come out of it unchanged. Once the E1 data has been framed to, the signaling data can be extracted. The two-frame elastic store can either be enabled or bypassed. The transmit side clocks in the unframed E1 stream at TSER and add in the framing pattern and the signaling. The line interface control port will update line interface devices that contain a serial port. The parallel control port contains a multiplexed address and data structure which can be connected to either a microcontroller or microprocessor.
Reader's Note:
This data sheet assumes a particular nomenclature of the E1 operating environment. There are 32 8-bit timeslots in an E1 systems which are number 0 to 31. Timeslot 0 is transmitted first and received first. These 32 timeslots are also referred to as channels with a numbering scheme of 1 to 32. Timeslot 0 is identical to channel 1, timeslot 1 is identical to channel 2, and so on. Each timeslot (or channel) is made up of 8 bits which are numbered 1 to 8. Bit number 1 is the MSB and is transmitted first. Bit number 8 is the LSB and is transmitted last. Throughout this data sheet, the following abbreviations will be used: FAS CRC4 CAS CCS MF Sa Si E-bit Frame Alignment Signal Cyclical Redundancy Check Channel Associated Signaling Common Channel Signaling Multiframe Additional bits International bits CRC4 Error Bits
2 of 44
DS2143/DS2143Q
DS2143 FEATURES
Parallel control port Onboard two-frame elastic store CAS signaling bit extraction and insertion Fully independent transmit and receive sections Full alarm detection Full access to Si and Sa bits Loss of transmit clock detection HDB3 coder/decoder Full transmit transparency Large error counters Individual bit-by-bit Sa data link support circuitry Programmable output clocks Frame sync generation Local loopback capability Automatic CRC4 E-bit support Loss of receive clock detection G.802 E1 to T1 mapping support
DS2143 BLOCK DIAGRAM
3 of 44
DS2143/DS2143Q
PIN DESCRIPTION Table 1
PIN 1 2 3 SYMBOL TCLK TSER TCHCLK TYPE DESCRIPTION I Transmit Clock. 2.048 MHz primary clock. A clock must be applied at the TCLK pin for the parallel port to operate properly. I Transmit Serial Data. Transmit NRZ serial data, sampled on the falling edge of TCLK. O Transmit Channel Clock. 256 kHz clock which pulses high during the LSB of each channel. Useful for parallel-to-serial conversion of channel data. See Section 13 for timing details. O Transmit Bipolar Data. Updated on rising edge of TCLK. For optical links, can be programmed to output NRZ data. I/O Address/Data Bus. An 8-bit multiplexed address/data bus. I Bus Type Select. Strap high to select Motorola bus timing; strap low to select Intel bus timing. This pin controls the function of RD (DS), ALE(AS), and WR (R/ W ) pins. If BTS=1, then these pins assume the function listed in parentheses (). I Read Input (Data Strobe). I Chip Select. Must be low to read or write the port. I Address Latch Enable (Address Strobe). A positive-going edge serves to demultiplex the bus. I Write Input (Read/Write). O Receive Link Data. Outputs Sa bits. See Section 13 for timing details. Signal Ground. 0.0 volts. O Receive Link Clock. 4 kHz to 20 kHz demand clock for the RLINK output. Controlled by RCR2. See Section 13 for timing details. I Receive Clock. 2.048 MHz primary clock. A clock must be applied at the RCLK pin for the parallel port to operate properly. O Receive Channel Clock. 256 kHz clock which pulses high during the LSB of each channel. Useful for serial to parallel conversion of channel data. See Section 13 for timing details. O Receive Serial Data. Received NRZ serial data, updated on rising edges of RCLK. I/O Receive Sync. An extracted pulse, one RCLK wide, is output at this pin which identifies either frame (RCR1.6=0) or multiframe boundaries (RCR1.6=1). If the elastic store is enabled via the RCR2.1, then this pin can be enabled to be an input via RCR1.5 at which a frame boundary pulse is applied. See Section 13 for timing details. I Receive Bipolar Data Inputs. Sampled on falling edge of RCLK. Tie together to receive NRZ data and disable BPV monitoring circuitry. I System Clock. 1.544 MHz or 2.048 MHz clock. Only used when the elastic store function is enabled via the RCR2.1. Should be tied low in applications that do not use the elastic store.
4 5 6-13 14
TPOS TNEG AD0-AD7 BTS
15 16 17 18 19 20 21
RD (DS) CS
ALE(AS)
WR (R/ W )
RLINK VSS RLCLK
22 23
RCLK RCHCLK
24 25
RSER RSYNC
26 27 28
RPOS RNEG SYSCLK
4 of 44
DS2143/DS2143Q
PIN 29
SYMBOL LI_SDI
30
LI_CLK
31
LI_ CS
32 33
RCHBLK TCHBLK
34
RLOS/LOTC
35 36
INT2 INT1
37
TLCLK
38
TLINK
39
TSYNC
40
VDD
TYPE DESCRIPTION O Serial Port Data for the Line Interface. Connects directly to the SDI input pin on the line interface. See Sections 12 and 13 for timing details. O Serial Port Clock for the Line Interface. Connects directly to the SCLK input pin on the line interface. See Sections 12 and 13 for timing details. O Serial Port Chip Select for the Line Interface. Connects directly to the CS input pin on the line interface. See Sections 12 and 13 for timing details. O Receive/Transmit Channel Block. A user programmable output that can be forced high or low during any of the 32 E1 channels. Useful for blocking clocks to a serial UART or LAPD controller in applications where not all E1 channels are used such as Fractional E1 or ISDN-PRI. Also useful for locating individual channels in drop-and-insert applications. See Sections 9 and 13 for details. O Receive Loss of Sync/Loss of Transmit Clock. A dual function output. If TCR2.0=0, then this pin will toggle high when the synchronizer is searching for the E1 frame and multiframe. If TCR2.0=1, then this pin will toggle high if the TCLK pin has not toggled for 5 s. O Receive Alarm Interrupt 2. Flags host controller during conditions defined in Status Register 2. Active low, open drain output. O Receive Alarm Interrupt 1. Flags host controller during alarm conditions defined in Status Register 1. Active low, open drain output. O Transmit Link Clock. 4 kHz to 20 kHz demand clock for the TLINK input. Controlled by TCR2. See Section 13 for timing details. I Transmit Link Data. If enabled, this pin will be sampled on the falling edge of TCLK to insert Sa bits. See Section 13 for timing details. I/O Transmit Sync. A pulse at this pin will establish either frame or CAS multiframe boundaries for the DS2143. Via TCR1.1, the DS2143 can be programmed to output either a frame or multiframe pulse at this pin. See Section 13 for timing details. Positive Supply. 5.0 volts.
5 of 44
DS2143/DS2143Q
DS2143 REGISTER MAP
ADDRESS A7 to A0 00000000 HEX 00 R/W REGISTER NAME R Bipolar Violation Count Register 1. R Bipolar Violation Count Register 2. R CRC4 Count Register 1. R CRC4 Count Register 2. R E-Bit Count Register 1. R E-Bit Count Register 2. R/W Status Register 1. R/W Status Register 2. R/W Receive Information Register. R Synchronizer Status Register. R/W Interrupt Mask Register 1. R/W Interrupt Mask Register 2. R/W Receive Control Register 1. R/W Receive Control Register 2. R/W Transmit Control Register 1. R/W Transmit Control Register 2. R/W Common Control Register. R/W Test Register. W LI Control Register Byte 1. W LI Control Register Byte 2. R/W Transmit Align Frame Register. ADDRESS A7 to A0 00100001 HEX 21 R/W R/W REGISTER NAME Transmit NonAlign Frame Register. Receive Align Frame Register. Receive NonAlign Frame Register. Transmit Channel Blocking Register 1. Transmit Channel Blocking Register 2. Transmit Channel Blocking Register 3. Transmit Channel Blocking Register 4. Transmit Idle Register 1. Transmit Idle Register 2. Transmit Idle Register 3. Transmit Idle Register 4. Transmit Idle Definition Register. Receive Channel Blocking Register 1. Receive Channel Blocking Register 2. Receive Channel Blocking Register 3.
00000001
01
00101111 00011111
2F 1F
R R
00000010 00000011 00000100 00000101 00000110 00000111 00001000
02 03 04 05 06 07 08
00100010
22
R/W
00100011
23
R/W
00100100
24
R/W
00100101
25
R/W
00011110 00010110 00010111 00010000 00010001 00010010 00010011 00010100 00010101 00011000 00011001 00100000
1E 16 17 10 11 12 13 14 15 18 19 20
00100110 00100111 00101000 00101001 00101010
26 27 28 29 2A
R/W R/W R/W R/W R/W
00101011
2B
R/W
00101100
2C
R/W
00101101
2D
R/W
6 of 44
DS2143/DS2143Q
ADDRESS A7 to A0 00101110
HEX 2E
R/W R/W
00110000
30
R
00110001
31
R
00110010
32
R
00110011
33
R
00110100
34
R
00110101
35
R
00110110
36
R
00110111
37
R
00111000
38
R
00111001
39
R
00111010
3A
R
00111011
3B
R
00111100
3C
R
00111101
3D
R
REGISTER NAME Receive Channel Blocking Register 4. Receive Signaling Register 1. Receive Signaling Register 2. Receive Signaling Register 3. Receive Signaling Register 4. Receive Signaling Register 5. Receive Signaling Register 6. Receive Signaling Register 7. Receive Signaling Register 8. Receive Signaling Register 9. Receive Signaling Register 10. Receive Signaling Register 11. Receive Signaling Register 12. Receive Signaling Register 13. Receive Signaling Register 14.
ADDRESS A7 to A0 00111110
HEX 3E
R/W R
00111111
3F
R
01000000
40
R/W
01000001
41
R/W
01000010
42
R/W
01000011
43
R/W
01000100
44
R/W
01000101
45
R/W
01000110
46
R/W
01000111
47
R/W
01001000
48
R/W
01001001
49
R/W
01001010
4A
R/W
01001011
4B
R/W
01001100
4C
R/W
REGISTER NAME Receive Signaling Register 15. Receive Signaling Register 16. Transmit Signaling Register 1. Transmit Signaling Register 2. Transmit Signaling Register 3. Transmit Signaling Register 4. Transmit Signaling Register 5. Transmit Signaling Register 6. Transmit Signaling Register 7. Transmit Signaling Register 8. Transmit Signaling Register 9. Transmit Signaling Register 10. Transmit Signaling Register 11. Transmit Signaling Register 12. Transmit Signaling Register 13.
7 of 44
DS2143/DS2143Q
ADDRESS A7 to A0 01001101
HEX 4D
R/W R/W
01001110
4E
R/W
01001111
4F
R/W
Note: All values indicated column are hexadecimal.
REGISTER NAME Transmit Signaling Register 14. Transmit Signaling Register 15. Transmit Signaling Register 16. within the Address
2.0 PARALLEL PORT
The DS2143 is controlled via a multiplexed bidirectional address/data bus by an external microcontroller or microprocessor. The DS2143 can operate with either Intel or Motorola bus timing configurations. If the BTS pin is tied low, Intel timing will be selected; if tied high, Motorola timing will be selected. All Motorola bus signals are listed in parentheses (). See the timing diagrams in the AC Electrical Characteristics for more details. The multiplexed bus on the DS2143 saves pins because the address information and data information share the same signal paths. The addresses are presented to the pins in the first portion of the bus cycle and data will be transferred on the pins during second portion of the bus cycle. Addresses must be valid prior to the falling edge of ALE(AS), at which time the DS2143 latches the address from the AD0 to AD7 pins. Valid write data must be present and held stable during the later portion of the DS or WR pulses. In a read cycle, the DS2143 outputs a byte of data during the latter portion of the DS or RD pulses. The read cycle is terminated and the bus returns to a high impedance state as RD transitions high in Intel timing or as DS transitions low in Motorola timing.
3.0 CONTROL AND TEST REGISTERS
The operation of the DS2143 is configured via a set of five registers. Typically, the control registers are only accessed when the system is first powered up. Once the DS2143 has been initialized, the control registers will only need to be accessed when there is a change in the system configuration. There are two Receive Control Registers (RCR1 and RCR2), two Transmit Control Registers (TCR1 and TCR2), and a Common Control Register (CCR). Each of the five registers is described in this section. The Test Register at address 15 hex is used by the factory in testing the DS2143. On power-up, the Test Register should be set to 00 hex in order for the DS2143 to operate properly.
8 of 44
DS2143/DS2143Q
RCR1: RECEIVE CONTROL REGISTER 1 (Address=10 Hex)
(MSB) RSMF RSM RSIO POSITION RCR1.7 FRC SYNCE (LSB) RESYNC
SYMBOL RSMF
NAME AND DESCRIPTION RSYNC Multiframe Function. Only used if the RSYNC pin is programmed in the multiframe mode (RCR1.6=1). 0 = RSYNC outputs CAS multiframe boundaries 1 = RSYNC outputs CRC4 multiframe boundaries RSYNC Mode Select. 0 = frame mode (see the timing in Section 13) 1 = multiframe mode (see the timing in Section 13) RSYNC I/O Select. 0 = RSYNC is an output (depends on RCR1.6) 1 = RSYNC is an input (only valid if elastic store enabled) (note: this bit must be set to 0 when RCR2.1=0) Not Assigned. Should be set to 0 when written to. Not Assigned. Should be set to 0 when written to. Frame Resync Criteria. 0 = resync if FAS received in error 3 consecutive times 1 = resync if FAS or bit 2 of non-FAS is received in error 3 consecutive times Sync Enable. 0 = auto resync enabled 1 = auto resync disabled Resync. When toggled from low to high, a resync is initiated. Must be cleared and set again for a subsequent resync.
RSM
RCR1.6
RSIO
RCR1.5
FRC
RCR1.4 RCR1.3 RCR1.2
SYNCE
RCR1.1
RESYNC
RCR1.0
9 of 44
DS2143/DS2143Q
SYNC/RESYNC CRITERIA Table 2
FRAME OR MULTIFRAME LEVEL FAS SYNC CRITERIA FAS present in frames N and N + 2, and FAS not present in frame N + 1. RESYNC CRITERIA Three consecutive incorrect FAS received. Alternate (RCR1.2=1) the above criteria is met or three consecutive incorrect bit 2 of non-FAS received. 915 or more CRC4 code words out of 1000 received in error. Two consecutive MF alignment words received in error. ITU SPEC. G.706 4.1.1 4.1.2
CRC4
Two valid MF alignment words found within 8 ms. Valid MF alignment word found and previous time slot 16 contains code other than all 0s.
CAS
G.706 4.2 4.3.2 G.732 5.2
RCR2: RECEIVE CONTROL REGISTER 2 (Address=11 Hex)
(MSB) Sa8S Sa7S Sa6S POSITION RCR2.7 Sa5S Sa4S SCLKM ESE (LSB) -
SYMBOL Sa8S
NAME AND DESCRIPTION Sa8 Bit Select. Set to 1 to report the Sa8 bit at the RLINK pin; set to 0 to not report the Sa8 bit. Sa7 Bit Select. Set to 1 to report the Sa7 bit at the RLINK pin; set to 0 to not report the Sa7 bit. Sa6 Bit Select. Set to 1 to report the Sa6 bit at the RLINK pin; set to 0 to not report the Sa6 bit. Sa5 Bit Select. Set to 1 to report the Sa5 bit at the RLINK pin; set to 0 to not report the Sa5 bit. Sa4 Bit Select. Set to 1 to report the Sa4 bit at the RLINK pin; set to 0 to not report the Sa4 bit. SYSCLK Mode Select. 0 = if SYSCLK is 1.544 MHz. 1 = if SYSCLK is 2.048 MHz. Elastic Store Enable. 0 = elastic store is bypassed. 1 = elastic store is enabled. Not Assigned. Should be set to 0 when written to.
Sa7S
RCR2.6
Sa6S
RCR2.5
Sa5S
RCR2.4
Sa4S
RCR2.3
SCLKM
RCR2.2
ESE
RCR2.1
-
RCR2.0
10 of 44
DS2143/DS2143Q
TCR1: TRANSMIT CONTROL REGISTER 1 (Address=12 Hex)
(MSB) ODF TFPT T16S POSITION TCR1.7 TUA1 TSiS TSA1 TSM (LSB) TSIO
SYMBOL ODF
NAME AND DESCRIPTION Output Data Format. 0 = bipolar data at TPOS and TNEG. 1 = NRZ data at TPOS; TNEG=0. Transmit Timeslot 0 Pass Through. 0 = FAS bits/Sa bits/Remote Alarm sourced internally from the TAF and TNAF registers. 1 = FAS bits/Sa bits/Remote Alarm sourced from TSER. Transmit Timeslot 16 Data Select. 0 = sample timeslot 16 at TSER pin. 1 = source timeslot 16 from TS1 to TS16 registers. Transmit Unframed All 1s. 0 = transmit data normally. 1 = transmit an unframed all 1s code at TPOS and TNEG. Transmit International Bit Select. 0 = sample Si bits at TSER pin. 1 = source Si bits from TAF and TNAF registers (in this mode, TCR1.6 must be set to 0). Transmit Signaling All 1s. 0 = normal operation. 1 = force timeslot 16 in every frame to all 1s. TSYNC Mode Select. 0 = frame mode (see the timing in Section 13). 1 = CAS and CRC4 multiframe mode (see the timing in Section 13). TSYNC I/O Select. 0 = TSYNC is an input. 1 = TSYNC is an output.
TFPT
TCR1.6
T16S
TCR1.5
TUA1
TCR1.4
TSiS
TCR1.3
TSA1
TCR1.2
TSM
TCR1.1
TSIO
TCR1.0
11 of 44
DS2143/DS2143Q
TCR2: TRANSMIT CONTROL REGISTER 2 (Address=13 Hex)
(MSB) Sa8S Sa7S Sa6S POSITION TCR2.7 Sa5S Sa4S AEBE (LSB) P34F
SYMBOL Sa8S
NAME AND DESCRIPTION Sa8 Bit Select. Set to 1 to source the Sa8 bit from the TLINK pin; set to 0 to not source the Sa8 bit. Sa7 Bit Select. Set to 1 to source the Sa7 bit from the TLINK pin; set to 0 to not source the Sa7 bit. Sa6 Bit Select. Set to 1 to source the Sa6 bit from the TLINK pin; set to 0 to not source the Sa6 bit. Sa5 Bit Select. Set to 1 to source the Sa5 bit from the TLINK pin; set to 0 to not source the Sa5 bit. Sa4 Bit Select. Set to 1 to source the Sa4 bit from the TLINK pin; set to 0 to not source the Sa4 bit. Not Assigned. Should be set to 0 when written to. Automatic E-Bit Enable. 0 = E-bits not automatically set in the transmit direction. 1 = E-bits automatically set in the transmit direction. Function of Pin 34. 0 = Receive Loss of Sync (RLOS). 1 = Loss of Transmit Clock (LOTC).
Sa7S
TCR2.6
Sa6S
TCR2.5
Sa5S
TCR2.4
Sa4S
TCR2.3
AEBE
TCR2.2 TCR2.1
P34F
TCR2.0
12 of 44
DS2143/DS2143Q
CCR: COMMON CONTROL REGISTER (Address=14 Hex)
(MSB) LLB THDB3 TG802 POSITION CCR.7 TCRC4 RSM RHDB3 RG802 (LSB) RCRC4
SYMBOL LLB
NAME AND DESCRIPTION Local Loopback. 0 = loopback disabled. 1 = loopback enabled. Transmit HDB3 Enable. 0 = HDB3 disabled. 1 = HDB3 enabled. Transmit G.802 Enable. See Section 13 for details. 0 = do not force TCHBLK high during bit 1 of timeslot 26. 1 = force TCHBLK high during bit 1 of timeslot 26. Transmit CRC4 Enable. 0 = CRC4 disabled. 1 = CRC4 enabled. Receive Signaling Mode Select. 0 = CAS signaling mode. 1 = CCS signaling mode. Receive HDB3 Enable. 0 = HDB3 disabled. 1 = HDB3 enabled. Receive G.802 Enable. See Section 13 for details. 0 = do not force RCHBLK high during bit 1 of timeslot 26 1 = force RCHBLK high during bit 1 of timeslot 26. Receive CRC4 Enable. 0 = CRC4 disabled. 1 = CRC4 enabled.
THDB3
CCR.6
TG802
CCR.5
TCRC4
CCR.4
RSM
CCR.3
RHDB3
CCR.2
RG802
CCR.1
RCRC4
CCR.0
LOCAL LOOPBACK
When CCR.7 is set to a 1, the DS2143 will enter a Local LoopBack (LLB) mode. This loopback is useful in testing and debugging applications. In LLB, the DS2143 will loop data from the transmit side back to the receive side. This loopback is synonymous with replacing the RCLK input with the TCLK signal, and the RPOS/RNEG inputs with the TPOS/TNEG outputs. When LLB is enabled, the following will occur: 1. data at RPOS and RNEG will be ignored; 2. all receive side signals will take on timing synchronous with TCLK instead of RCLK; 3. all functions are available.
13 of 44
DS2143/DS2143Q
4.0 STATUS AND INFORMATION REGISTERS
There is a set of four registers that contain information on the current real time status of the DS2143: Status Register 1 (SR1), Status Register 2 (SR2), Receive Information Register (RIR), and Synchronizer Status Register (SSR). When a particular event has occurred (or is occurring), the appropriate bit in one of these three registers will be set to a 1. All of the bits in these registers operate in a latched fashion (except for the SSR). This means that if an event occurs and a bit is set to a 1 in any of the registers, it will remain set until the user reads that bit. The bit will be cleared when it is read and it will not be set again until the event has occurred again or if the alarm(s) is still present. The user will always precede a read of the SR1, SR2, and RIR registers with a write. The byte written to the register will inform the DS2143 which bits the user wishes to read and have cleared. The user will write a byte to one of these three registers, with a 1 in the bit positions he or she wishes to read and a 0 in the bit positions he or she does not wish to obtain the latest information on. When a 1 is written to a bit location, the read register will be updated with current value and it will be cleared. When a 0 is written to a bit position, the read register will not be updated and the previous value will be held. A write to the status and information registers will be immediately followed by a read of the same register. The read result should be logically AND'ed with the mask byte that was just written and this value should be written back into the same register to insure that the bit does indeed clear. This second write is necessary because the alarms and events in the status registers occur asynchronously in respect to their access via the parallel port. This scheme allows an external microcontroller or microprocessor to individually poll certain bits without disturbing the other bits in the register. This operation is key in controlling the DS2143 with higher order software languages. The SSR register operates differently than the other three. It is a read only register and it reports the status of the synchronizer in real time. This register is not latched and it is not necessary to precede a read of this register with a write. The SR1 and SR2 registers have the unique ability to initiate a hardware interrupt via the INT1 and INT2 pins respectively. Each of the alarms and events in the SR1 and SR2 can be either masked or unmasked from the interrupt pins via the Interrupt Mask Register 1 (IMR1) and Interrupt Mask Register 2 (IMR2) respectively.
14 of 44
DS2143/DS2143Q
RIR: RECEIVE INFORMATION REGISTER (Address=08 Hex)
(MSB) POSITION RIR.7 RIR.6 RIR.5 RIR.4 ESF ESE FASRC (LSB) CASRC
SYMBOL ESF
NAME AND DESCRIPTION Not Assigned. Could be any value when read. Not Assigned. Could be any value when read. Not Assigned. Could be any value when read. Elastic Store Full. Set when the elastic store buffer fills and a frame is deleted. Elastic Store Empty. Set when the elastic store buffer empties and a frame is repeated. Not Assigned. Could be any value when read. FAS Resync Criteria Met. Set when three consecutive FAS words are received in error. CAS Resync Criteria Met. Set when two consecutive CAS MF alignment words are received in error.
ESE
RIR.3
FASRC
RIR.2 RIR.1
CASRC
RIR.0
15 of 44
DS2143/DS2143Q
SSR: SYNCHRONIZER STATUS REGISTER (Address=1E Hex)
(MSB) CSC5 CSC4 CSC3 POSITION SSR.7 SSR.6 SSR.5 SSR.4 SSR.3 CSC2 CSC0 FASSA CASSA (LSB) CRC4SA
SYMBOL CSC5 CSC4 CSC3 CSC2 CSC1
NAME AND DESCRIPTION CRC4 Sync Counter Bit 5. MSB of the 6-bit counter. CRC4 Sync Counter Bit 4. CRC4 Sync Counter Bit 3. CRC4 Sync Counter Bit 2. CRC4 Sync Counter Bit 0. LSB of the 6-bit counter. The next to LSB is not accessible. FAS Sync Active. Set while the synchronizer is searching for alignment at the FAS level. CAS MF Sync Active. Set while the synchronizer is searching for the CAS MF alignment word. CRC4 MF Sync Active. Set while the synchronizer is searching for the CRC4 MF alignment word.
FASSA
SSR.2
CASSA
SSR.1
CRC4SA
SSR.0
CRC4 SYNC COUNTER
The CRC4 Sync Counter increments each time the 8ms CRC4 multiframe search times out. The counter is cleared when the DS2143 has successfully obtained synchronization at the CRC4 level. The counter can also be cleared by disabling the CRC4 mode (CCR.0=0). This counter is useful for determining the amount of time the DS2143 has been searching for synchronization at the CRC4 level. Annex B of CCITT G.706 suggests that if synchronization at the CRC4 level cannot be obtained within 400 ms, then the search should be abandoned and proper action taken. The CRC4 Sync Counter will rollover
16 of 44
DS2143/DS2143Q
SR1: STATUS REGISTER 1 (Address=06 Hex)
(MSB) RSA1 RDMA RSA0 POSITION SR1.7 SLIP RUA1 RRA RCL (LSB) RLOS
SYMBOL RSA1
NAME AND DESCRIPTION Receive Signaling All 1s. Set when the contents of timeslot 16 contains less than 3 0s over 16 consecutive frames. This alarm is not disabled in the CCS signaling mode. Receive Distant MF Alarm. Set when bit 6 of timeslot 16 in frame 0 has been set for 2 consecutive multiframes. This alarm is not disabled in the CCS signaling mode. Receive Signaling All 0s. Set when over a full MF, timeslot 16 contains all 0s. Elastic Store Slip Occurrence. Set when the elastic store has either repeated or deleted a frame of data. Receive Unframed All 1s. Set when an unframed all 1s code is received at RPOS and RNEG. Receive Remote Alarm. Set when a remote alarm is received at RPOS and RNEG. Receive Carrier Loss. Set when 255 consecutive 0s have been detected at RPOS and RNEG. Receive Loss of Sync. Set when the device is not synchronized to the receive E1 stream.
RDMA
SR1.6
RSA0
SR1.5
SLIP
SR1.4
RUA1
SR1.3
RRA
SR1.2
RCL
SR1.1
RLOS
SR1.0
17 of 44
DS2143/DS2143Q
ALARM CRITERIA Table 2
ALARM RSA1 (receive signaling all 1s) RSA0 (receive signaling all 0s) SET CRITERIA over 16 consecutive frames (one full MF) timeslot 16 contains less than 3 0s over 16 consecutive frames (one full MF) timeslot 16 contains all 0s CLEAR CRITERIA over 16 consecutive frames (one full MF) timeslot 16 contains three or more 0s over 16 consecutive frames (one full MF) timeslot 16 contains at least a single 1 bit 6 in timeslot 16 of frame 0 set to 0 for two consecutive MFs ITU SPEC. G.732 4.2
G.732 5.2
bit 6 in timeslot 16 of frame 0 RDMA (receive distant set to 1 for two consecutive multiframe alarm) MFs RUA1 (receive unframed all 1s) RRA (receive remote alarm) RCL (receive carrier loss) less than three 0s in two frames (512 bits) bit 3 of non-align frame set to 1 for three consecutive occasions 255 consecutive 0s received
O.162 2.1.5
more than two 0s in two frames (512 bits) bit 3 of non-align frame set to 0 for three consecutive occasions in 255 bit times, at least 32 1s are received
O.162 1.6.1.2 O.162 2.1.4 G.775
Note: all the alarm bits in Status Register 1 except the RUA1 will remain set after they are read if the alarm condition still exists; the RUA1 will clear and check the next 512 bits for an all 1s condition at which point it will again be set if the alarm condition still is present.
18 of 44
DS2143/DS2143Q
SR2: STATUS REGISTER 2 (Address=07 Hex)
(MSB) RMF RAF TMF POSITION SR2.7 SEC TAF LOTC RCMF (LSB) LORC
SYMBOL RMF
NAME AND DESCRIPTION Receive CAS Multiframe. Set every 2 ms (regardless if CAS signaling is enabled or not) on receive multiframe boundaries. Used to alert the host that signaling data is available. Receive Align Frame. Set every 250 s at the beginning of align frames. Used to alert the host that Si and Sa bits are available in the RAF and RNAF registers. Transmit Multiframe. Set every 2 ms (regardless if CRC4 is enabled) on transmit multiframe boundaries. Used to alert the host that signaling data needs to be updated. One-Second Timer. Set on increments of 1 second based on RCLK. Transmit Align Frame. Set every 250 s at the beginning of align frames. Used to alert the host that the TAF and TNAF registers need to be updated. Loss of Transmit Clock. Set when the TCLK pin has not transitioned for one channel time (or 3.9 s). Will force pin 34 high if enabled via TCR2.0. Based on RCLK. Receive CRC4 Multiframe. Set on CRC4 multiframe boundaries; will continue to be set every 2 ms on an arbitrary boundary if CRC4 is disabled. Loss of Receive Clock. Set when the RCLK pin has not transitioned for at least 2 s (3 s 1 s).
RAF
SR2.6
TMF
SR2.5
SEC
SR2.4
TAF
SR2.3
LOTC
SR2.2
RCMF
SR2.1
LORC
SR2.0
19 of 44
DS2143/DS2143Q
IMR1: INTERRUPT MASK REGISTER 1 (Address=16 Hex)
(MSB) RSA1 RDMA RSA0 POSITION IMR1.7 SLIP RUA1 RRA RCL (LSB) RLOS
SYMBOL RSA1
NAME AND DESCRIPTION Receive Signaling All 1s. 0 = interrupt masked. 1 = interrupt enabled. Receive Distant MF Alarm. 0 = interrupt masked. 1 = interrupt enabled. Receive Signaling All 0s. 0 = interrupt masked. 1 = interrupt enabled. Elastic Store Slip Occurrence. 0 = interrupt masked. 1 = interrupt enabled. Receive Unframed All 1s. 0 = interrupt masked. 1 = interrupt enabled. Receive Remote Alarm. 0 = interrupt masked. 1 = interrupt enabled. Receive Carrier Loss. 0 = interrupt masked. 1 = interrupt enabled. Receive Loss of Sync. 0 = interrupt masked. 1 = interrupt enabled.
RDMA
IMR1.6
RSA0
IMR1.5
SLIP
IMR1.4
RUA1
IMR1.3
RRA
IMR1.2
RCL
IMR1.1
RLOS
IMR1.0
20 of 44
DS2143/DS2143Q
IMR2: INTERRUPT MASK REGISTER 2 (Address=17 Hex)
(MSB) RMF RAF TMF POSITION IMR2.7 SEC TAF LOTC RCMF (LSB) LORC
SYMBOL RMF
NAME AND DESCRIPTION Receive CAS Multiframe. 0 = interrupt masked. 1 = interrupt enabled. Receive Align Frame. 0 = interrupt masked. 1 = interrupt enabled. Transmit Multiframe. 0 = interrupt masked. 1 = interrupt enabled. 1-Second Timer. 0 = interrupt masked. 1 = interrupt enabled. Transmit Align Frame. 0 = interrupt masked. 1 = interrupt enabled. Loss Of Transmit Clock. 0 = interrupt masked. 1 = interrupt enabled. Receive CRC4 Multiframe. 0 = interrupt masked. 1 = interrupt enabled. Loss of Receive Clock. 0 = interrupt masked. 1 = interrupt enabled.
RAF
IMR2.6
TMF
IMR2.5
SEC
IMR2.4
TAF
IMR2.3
LOTC
IMR2.2
RCMF
IMR2.1
LORC
IMR2.0
5.0 ERROR COUNT REGISTERS
There are a set of three counters in the DS2143 that record bipolar violations, errors in the CRC4 SMF code words, and E-bits as reported by the far end. Each of these three counters are automatically updated on 1-second boundaries as determined by the 1-second timer in Status Register 2 (SR2.4). Hence, these registers contain performance data from the previous second. The user can use the interrupt from the 1second timer to determine when to read these registers. The user has a full second to read the counters before the data is lost.
21 of 44
DS2143/DS2143Q
BPVCR1: UPPER BIPOLAR VIOLATION COUNT REGISTER 1 (Address=00 Hex) BPVCR2: LOWER BIPOLAR VIOLATION COUNT REGISTER 2 (Address=01 Hex)
(MSB) BV7 BV15 BV6 BV14 BV5 BV13 POSITION BPVCR1.7 BPVCR2.0 BV4 BV12 BV3 BV11 BV2 BV10 BV1 BV9 (LSB) BV0 BPVCR2 BV8 BPVCR1
SYMBOL BV15 BV0
NAME AND DESCRIPTION MSB of the bipolar violation count. LSB of the bipolar violation count.
Bipolar Violation Count Register 1 (BPVCR1) is the most significant word and BPVCR2 is the least significant word of a 16-bit counter that records bipolar violations (BPVs). If the HDB3 mode is set for the receive side via CCR.2, then HDB3 code words are not counted. This counter increments at all times and is not disabled by loss of sync conditions. The counter saturates at 65,535 and will not rollover. The bit error rate on a E1 line would have to be greater than 10**-2 before the BPVCR would saturate.
CRCCR1: CRC4 COUNT REGISTER 1 (Address=02 Hex) CRCCR2: CRC4 COUNT REGISTER 2 (Address=03 Hex)
(MSB) CRC7 CRC14 CRC6 CRC14 CRC5 CRC13 POSITION CRCCR1.7 CRCCR2.0 CRC4 CRC12 CRC3 CRC11 CRC2 CRC10 CRC1 CRC9 (LSB) CRC0 CRCCR2 CRC8 CRCCR1
SYMBOL CRC15 CRC0
NAME AND DESCRIPTION MSB of the CRC4 error count. LSB of the CRC4 error count.
CRC4 Count Register 1 (CRCCR1) is the most significant word and CRCCR2 is the least significant word of a 16-bit counter that records word errors in the Cyclic Redundancy Check 4 (CRC4). Since the maximum CRC4 count in a 1-second period is 1000, this counter cannot saturate. The counter is disabled during loss of sync at either the FAS or CRC4 level; it will continue to count if loss of sync occurs at the CAS level.
22 of 44
DS2143/DS2143Q
EBCR1: E-BIT COUNT REGISTER 1 (Address=04 Hex) EBCR2: E-BIT COUNT REGISTER 2 (Address=05 Hex)
(MSB) EB7 EB15 EB6 EB14 EB5 EB13 POSITION EBCR1.7 EBCR2.0 EB4 EB12 EB3 EB11 EB2 EB10 EB1 EB9 (LSB) EB0 EB8 EBCR2 EBCR1
SYMBOL EB15 EB0
NAME AND DESCRIPTION MSB of the E-Bit error count. LSB of the E-Bit error count.
E-bit Count Register 1 (EBCR1) is the most significant word and EBCR2 is the least significant word of a 16-bit counter that records Far End Block Errors (FEBE) as reported in the first bit of frames 13 and 15 on E1 lines running with CRC4 multiframe. These count registers will increment once each time the received E-bit is set to 0. Since the maximum E-bit count in a 1-second period is 1000, this counter cannot saturate. The counter is disabled during loss of sync at either the FAS or CRC4 level; it will continue to count if loss of sync occurs at the CAS level.
6.0 Sa DATA LINK CONTROL AND OPERATION
The DS2143 provides for access to the proposed E1 performance monitor data link in the Sa bit positions. The device allows access to the Sa bits either via a set of two internal registers (RNAF and TNAF) or via two external pins (RLINK and TLINK). On the receive side, the Sa bits are always reported in the internal RNAF register (see Section 11 for more details). All five Sa bits are always output at the RLINK pin. See Section 13 for detailed timing. Via RCR2, the user can control the RLCLK pin to pulse during any combination of Sa bits. This allows the user to create a clock that can be used to capture the needed Sa bits. On the transmit side, the individual Sa bits can be either sourced from the internal TNAF register (TCR1.6=0) or from the external TLINK pin. Via TCR2, the DS2143 can be programmed to source any combination of the additional bits from the TLINK pin. If the user wishes to pass the Sa bits through the DS2143 without them being altered, then the device should be set up to source all 5 Sa bits via the TLINK pin and the TLINK pin should be tied to the TSER pin. Please see the timing diagrams and the transmit data flow diagram in Section 13 for examples.
7.0 SIGNALING OPERATION
The Channel Associated Signaling (CAS) bits embedded in the E1 stream can be extracted from the receive stream and inserted into the transmit stream by the DS2143. Each of the 30 channels has 4 signaling bits (A/B/C/D) associated with it. The numbers in parenthesis () are the channel associated with a particular signaling bit. The channel numbers have been assigned as described in the CCITT documents. For example, channel 1 is associated with timeslot 1 and channel 30 is associated with timeslot 31. There is a set of 16 registers for the receive side (RS1 to RS16) and 16 registers on the transmit side (TS1 to TS16). The signaling registers are detailed below.
23 of 44
DS2143/DS2143Q
RS1 TO RS16: RECEIVE SIGNALING REGISTERS (Address=30 to 3F Hex)
(MSB) 0 A(1) A(2) A(3) A(4) A(5) A(6) A(7) A(8) A(9) A(10) A(11) A(12) A(13) A(14) A(15) 0 B(1) B(2) B(3) B(4) B(5) B(6) B(7) B(8) B(9) B(10) B(11) B(12) B(13) B(14) B(15) 0 C(1) C(2) C(3) C(4) C(5) C(6) C(7) C(8) C(9) C(10) C(11) C(12) C(13) C(14) C(15) POSITION RS1.0/1/3 RS1.2 RS2.7 RS16.0 0 D(1) D(2) D(3) D(4) D(5) D(6) D(7) D(8) D(9) D(10) D(11) D(12) D(13) D(14) D(15) X A(16) A(17) A(18) A(19) A(20) A(21) A(22) A(23) A(24) A(25) A(26) A(27) A(28) A(29) A(30) Y B(16) B(17) B(18) B(19) B(20) B(21) B(22) B(23) B(24) B(25) B(26) B(27) B(28) B(29) B(30) X C(16) C(17) C(18) C(19) C(20) C(21) C(22) C(23) C(24) C(25) C(26) C(27) C(28) C(29) C(30) (LSB) X D(16) D(17) D(18) D(19) D(20) D(21) D(22) D(23) D(24) D(25) D(26) D(27) D(28) D(29) D(30) RS1 (30) RS2 (31) RS3 (32) RS4 (33) RS5 (34) RS6 (35) RS7 (36) RS8 (37) RS9 (38) RS10 (39) RS11 (3A) RS12 (3B) RS13 (3C) RS14 (3D) RS15 (3E) RS16 (3F)
SYMBOL X Y A(1) D(30)
NAME AND DESCRIPTION Spare Bits. Remote Alarm Bit (integrated and reported in SR1.6). Signaling Bit A for Channel 1. Signaling Bit D for Channel 30.
Each Receive Signaling Register (RS1 to RS16) reports the incoming signaling from two timeslots. The bits in the Receive Signaling Registers are updated on multiframe boundaries so the user can utilize the Receive Multiframe Interrupt in the Receive Status Register 2 (SR2.7) to know when to retrieve the signaling bits. The user has a full 2 ms to retrieve the signaling bits before the data is lost. The RS registers are updated under all conditions. Their validity should be qualified by checking for synchronization at the CAS level. In CCS signaling mode, RS1 to RS16 can also be used to extract signaling information. Via the SR2.7 bit, the user will be informed when the signaling registers have been loaded with data. The user has 2 ms to retrieve the data before it is lost.
24 of 44
DS2143/DS2143Q
TS1 TO TS16: TRANSMIT SIGNALING REGISTERS (Address=40 to 4F Hex)
(MSB) 0 A(1) A(2) A(3) A(4) A(5) A(6) A(7) A(8) A(9) A(10) A(11) A(12) A(13) A(14) A(15) 0 B(1) B(2) B(3) B(4) B(5) B(6) B(7) B(8) B(9) B(10) B(11) B(12) B(13) B(14) B(15) 0 C(1) C(2) C(3) C(4) C(5) C(6) C(7) C(8) C(9) C(10) C(11) C(12) C(13) C(14) C(15) POSITION TS1.0/1/3 TS1.2 TS2.7 TS16.0 0 D(1) D(2) D(3) D(4) D(5) D(6) D(7) D(8) D(9) D(10) D(11) D(12) D(13) D(14) D(15) X A(16) A(17) A(18) A(19) A(20) A(21) A(22) A(23) A(24) A(25) A(26) A(27) A(28) A(29) A(30) Y B(16) B(17) B(18) B(19) B(20) B(21) B(22) B(23) B(24) B(25) B(26) B(27) B(28) B(29) B(30) X C(16) C(17) C(18) C(19) C(20) C(21) C(22) C(23) C(24) C(25) C(26) C(27) C(28) C(29) C(30) (LSB) X D(16) D(17) D(18) D(19) D(20) D(21) D(22) D(23) D(24) D(25) D(26) D(27) D(28) D(29) D(30) TS1 (40) TS2 (41) TS3(42) TS4 (43) TS5 (44) TS6 (45) TS7 (46) TS8 (47) TS9 (48) TS10 (49) TS11 (4A) TS12 (4B) TS13(4C) TS14 (4D) TS15 (4E) TS16 (4F)
SYMBOL X Y A(1) D(30)
NAME AND DESCRIPTION Spare Bits. Remote Alarm Bit. Signaling Bit A for Channel 1. Signaling Bit D for Channel 30.
Each Transmit Signaling Register (TS1 to TS16) contains the CAS bits for two timeslots that will be inserted into the outgoing stream if enabled to do so via TCR1.5. On multiframe boundaries, the DS2143 will load the values present in the Transmit Signaling Register into an outgoing signaling shift register that is internal to the device. The user can utilize the Transmit Multiframe bit in Status Register 2 (SR2.5) to know when to update the signaling bits. The bit will be set every 2 ms and the user has 2 ms to update the TSRs before the old data will be retransmitted. The TS1 register is special because it contains the CAS multiframe alignment word in its upper nibble. The upper 4 bits must always be set to 0000 or else the terminal at the far end will lose multiframe synchronization. If the user wishes to transmit a multiframe alarm to the far end, then the TS1.2 bit should be set to a 1. If no alarm is to be transmitted, then the TS1.2 bit should be cleared. The three remaining bits in TS1 are the spare bits. If they are not used, they should be set to 1. In CCS signaling mode, TS1 to TS16 can also be used to insert signaling information. Via the SR2.5 bit, the user will be informed when the signaling registers need to be loaded with data. The user has 2 ms to load the data before the old data will be retransmitted.
8.0 TRANSMIT IDLE REGISTERS
There is a set of five registers in the DS2143 that can be used to custom tailor the data that is to be transmitted onto the E1 line, on a channel by channel basis. Each of the 32 E1 channels can be forced to have a user defined idle code inserted into them. 25 of 44
DS2143/DS2143Q
TIR1/TIR2/TIR3/TIR4: TRANSMIT IDLE REGISTERS (Address=26 to 29 Hex)
(MSB) CH8 CH16 CH24 CH32 CH7 CH15 CH23 CH31 SYMBOL CH32 CH6 CH14 CH22 CH30 POSITION TIR4.7 CH5 CH13 CH21 CH29 CH4 CH12 CH20 CH28 CH3 CH11 CH19 CH27 CH2 CH10 CH18 CH26 (LSB) CH1 CH9 CH17 CH25 TIR1 (26) TIR2 (27) TIR3 (28) TIR4 (29)
NAME AND DESCRIPTION Transmit Idle Registers. 0 = do not insert the Idle Code into this channel. 1 = insert the Idle Code into this channel.
CH1
TIR1.0
TIDR: TRANSMIT IDLE DEFINITION REGISTER (Address=2A Hex)
(MSB) TIDR7 TIDR6 TIDR5 POSITION TIDR.7 TIDR.0 TIDR4 TIDR3 TIDR2 TIDR1 (LSB) TIDR0
SYMBOL TIDR7 TIDR0
NAME AND DESCRIPTION MSB of the Idle Code. LSB of the Idle Code.
Each of the bit positions in the Transmit Idle Registers (TIR1/TIR2/TIR3/TIR4) represents a timeslot in the outgoing frame. When these bits are set to a 1, the corresponding channel will transmit the Idle Code contained in the Transmit Idle Definition Register (TIDR). In the TIDR, the MSB is transmitted first.
9.0 CLOCK BLOCKING REGISTERS
The Receive Channel Blocking Registers (RCBR1/RCBR2/RCBR3/RCBR4) and the Transmit Channel Blocking Registers (TCBR1/TCBR2/TCBR3/TCBR4) control the RCHBLK and TCHBLK pins respectively. The RCHBLK and TCHCLK pins are user-programmable outputs that can be forced either high or low during individual channels. These outputs can be used to block clocks to a USART or LAPD controller in ISDN-PRI applications. When the appropriate bits are set to a 1, the RCHBLK and TCHCLK pins will be held high during the entire corresponding channel time. See the timing in Section 13 for an example.
26 of 44
DS2143/DS2143Q
RCBR1/RCBR2/RCBR3/RCBR4: RECEIVE CHANNEL BLOCKING REGISTERS (Address=2B to 2E Hex)
(MSB) CH8 CH16 CH24 CH32 CH7 CH15 CH23 CH31 SYMBOL CH32 CH6 CH14 CH22 CH30 POSITION RCBR4.7 CH5 CH13 CH21 CH29 CH4 CH12 CH20 CH28 CH3 CH11 CH19 CH27 CH2 CH10 CH18 CH26 (LSB) CH1 RCBR1 (2B) CH9 RCBR2 (2C) CH17 RCBR3 (2D) CH25 RCBR4 (2E)
NAME AND DESCRIPTION Receive Channel Blocking Registers. 0 = force the RCHBLK pin to remain low during this channel time. 1 = force the RCHBLK pin high during this channel time.
CH1
RCBR1.0
TCBR1/TCBR2/TCBR3/TCBR4: TRANSMIT CHANNEL BLOCKING REGISTERS (Address=22 to 25 Hex)
(MSB) CH8 CH16 CH24 CH32 CH7 CH15 CH23 CH31 SYMBOL CH32 CH6 CH14 CH22 CH30 POSITION TCBR4.7 CH5 CH13 CH21 CH29 CH4 CH12 CH20 CH28 CH3 CH11 CH19 CH27 CH2 CH10 CH18 CH26 (LSB) CH1 CH9 CH17 CH25 TCBR1 (22) TCBR2 (23) TCBR3 (24) TCBR4 (25)
NAME AND DESCRIPTION Receive Channel Blocking Registers. 0 = force the TCHBLK pin to remain low during this channel time. 1 = force the TCHBLK pin high during this channel time.
CH1
TCBR1.0
10.0 ELASTIC STORE OPERATION
The DS2143 has an onboard two-frame (512 bits) elastic store. This elastic store can be enabled via RCR2.1. If the elastic store is enabled (RCR2.1=1), then the user must provide either a 1.544 MHz (RCR2.2=0) or 2.048 MHz (RCR2.2=1) clock at the SYSCLK pin. If the elastic store is enabled, then the user has the option of either providing a frame sync at the RFSYNC pin (RCR1.5=1) or having the RFSYNC pin provide a pulse on frame or multiframe boundaries (RCR1.5=0). If the user wishes to obtain pulses at the frame boundary, then RCR1.6 must be set to 0, and if the user wishes to have pulses occur at the multiframe boundary, then RCR1.6 must be set to 1. If the user selects to apply a 1.544 MHz clock to the SYSCLK pin, then every fourth channel will be deleted and the F-bit position inserted (forced to 1). Hence channels 1, 5, 9, 13, 17, 21, 25, and 29 (timeslots 0, 4, 8, 12, 16, 20, 24, and 28) will be deleted. Also, in 1.544 MHz applications, the RCHBLK output will not be active in channels 25 through 32 (or in other words, RCBR4 is not active). See Section 13 for more details. If the 512-bit elastic buffer either fills or empties, a controlled slip will occur. If the buffer empties, then a full frame of data (256 bits) will be repeated at RSER and the SR1.4 and RIR.3 bits will be set to a 1. If the buffer fills, then a full frame of data will be deleted and the SR1.4 and RIR.4 bits will be set to a 1.
27 of 44
DS2143/DS2143Q
11.0 ADDITIONAL (Sa) AND INTERNATIONAL (Si) BIT OPERATION
The DS2143 provides for access to both the Additional (Sa) and International (Si) bits. On the receive side, the RAF and RNAF registers will always report the data as it received in the Additional and International bit locations. The RAF and RNAF registers are updated with the setting of the Receive Align Frame bit in Status Register 2 (SR2.6). The host can use the SR2.6 bit to know when to read the RAF and RNAF registers. It has 250 s to retrieve the data before it is lost. On the transmit side, data is sampled from the TAF and TNAF registers with the setting of the Transmit Align Frame bit in Status Register 2 (SR2.3). The host can use the SR2.3 bit to know when to update the TAF and TNAF registers. It has 250 s to update the data or else the old data will be retransmitted. Data in the Si bit position will be overwritten if either the DS2143 is programmed: (1) to source the Si bits from the TSER pin, (2) in the CRC4 mode, or (3) have automatic E-bit insertion enabled. Data in the Sa bit position will be overwritten if any of the TCR2.3 to TCR2.7 bits is set to 1. Please see the register descriptions for TCR1 and TCR2 and the Transmit Data Flow diagram in Section 13 for more details.
RAF: RECEIVE ALIGN FRAME REGISTER (Address=2F Hex)
(MSB) Si 0 0 POSITION RAF.7 RAF.6 RAF.5 RAF.4 RAF.3 RAF.2 RAF.1 RAF.0 1 1 0 1 (LSB) 1
SYMBOL Si 0 0 1 1 0 1 1
NAME AND DESCRIPTION International Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit.
28 of 44
DS2143/DS2143Q
RNAF: RECEIVE NON-ALIGN FRAME REGISTER (Address=1F Hex)
(MSB) Si 1 A POSITION RNAF.7 RNAF.6 RNAF.5 RNAF.4 RNAF.3 RNAF.2 RNAF.1 RNAF.0 Sa4 Sa5 Sa6 Sa7 (LSB) Sa8
SYMBOL Si 1 A Sa4 Sa5 Sa6 Sa7 Sa8
NAME AND DESCRIPTION International Bit. Frame Non-Alignment Signal Bit. Remote Alarm. Additional Bit 4. Additional Bit 5. Additional Bit 6. Additional Bit 7. Additional Bit 8.
TAF: TRANSMIT ALIGN FRAME REGISTER (Address=20 Hex)
(MSB) Si 0 0 POSITION TAF.7 TAF.6 TAF.5 TAF.4 TAF.3 TAF.2 TAF.1 TAF.0 1 1 0 1 (LSB) 1
SYMBOL Si 0 0 1 1 0 1 1
NAME AND DESCRIPTION International Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit. Frame Alignment Signal Bit.
29 of 44
DS2143/DS2143Q
TNAF: TRANSMIT NON-ALIGN FRAME REGISTER (Address=21 Hex)
(MSB) Si 1 A POSITION TNAF.7 TNAF.6 TNAF.5 TNAF.4 TNAF.3 TNAF.2 TNAF.1 TNAF.0 Sa4 Sa5 Sa6 Sa7 (LSB) Sa8
SYMBOL Si 1 A Sa4 Sa5 Sa6 Sa7 Sa8
NAME AND DESCRIPTION International Bit. Frame Non-Alignment Signal Bit. Remote Alarm. Additional Bit 4. Additional Bit 5. Additional Bit 6. Additional Bit 7. Additional Bit 8.
12.0 LINE INTERFACE CONTROL FUNCTION
The DS2143 can control line interface units that contain serial ports. When Control Register Bytes 1 or 2 (CRB1, CRB2) are written to, the DS2143 will automatically write this data serially (LSB first) into the line interface by creating a chip select, serial clock and serial data via the LI_ CS , LI_SCLK and LI_SDI pins respectively. This control function is driven off of the RCLK and it must be present for proper operation. Registers CRB1 and CRB2 can only be written to, they cannot be read from. Writes to these registers must be at least 20 s apart. See Section 13 for timing information.
CRB1: CONTROL REGISTER BYTE 1 (Address=18 Hex) CRB2: CONTROL REGISTER BYTE 2 (Address=19 Hex)
(MSB) CR7 CR7 CR6 CR6 SYMBOL CR1 CR7 CR5 CR5 POSITION CRB1.0 CRB2.7 CR4 CR4 CR3 CR3 CR2 CR2 CR1 CR1 (LSB) CR0 CR0 CRB1 CRB2
NAME AND DESCRIPTION LSB of Control Register Byte 1. MSB of Control Register Byte 2.
30 of 44
DS2143/DS2143Q
13.0 TIMING DIAGRAMS RECEIVE SIDE TIMING
NOTES:
1. RSYNC in the frame mode (RCR1.6=0). 2. RSYNC in the multiframe mode (RCR1.6=1). 3. RLCLK is programmed to output just the Sa4 bit. 4. RLINK will always output all 5 Sa bits as well as the rest of the receive data stream. 5. This diagram assumes the CAS MF begins with the FAS word.
RECEIVE SIDE 1.544 MHZ BOUNDARY TIMING (WITH ELASTIC STORE ENABLED)
NOTES:
1. Data from the E1 channels 1, 5, 9, 13, 17, 21, 25, and 29 is dropped (channel 2 from the E1 link is mapped to channel 1 of the T1 link, etc.) and the F-bit position is added (forced to 1). 2. RSYNC is in the output mode (RCR1.5=0). 3. RSYNC is in the input mode (RCR1.5=1). 4. RCHBLK is programmed to block channel 24.
31 of 44
DS2143/DS2143Q
RECEIVE SIDE 2.048 MHZ BOUNDARY TIMING (WITH ELASTIC STORE ENABLED)
NOTES:
1. RSYNC is in the output mode (RCR1.5=0). 2. RSYNC is in the input mode (RCR1.5=1). 3. RCHBLK is programmed to block channel 1.
RECEIVE SIDE BOUNDARY TIMING (WITH ELASTIC STORE DISABLED)
NOTES:
1. There is a 6 RCLK delay from RPOS, RNEG to RSER. 2. RCHBLK is programmed to block channel 2. 3. RLINK is programmed to output the Sa4 bits. 4. RLINK is programmed to output the Sa4 and Sa8 bits. 5. RLINK is programmed to output the Sa5 and Sa7 bits. 6. Shown is a non-align frame boundary. 32 of 44
DS2143/DS2143Q
G.802 TIMING
NOTE:
1. RCHBLK/TCHBLK is programmed to pulse high during timeslots 1 to 15, 17 to 25, during bit 1 of timeslot 26.
TRANSMIT SIDE BOUNDARY TIMING
NOTES:
1. 2. 3. 4. 5. 6. 7. There is a 5 TCLK delay from TSER to TPOS, and TNEG. TSYNC is in the input mode (TCR1.0=0). TSYNC is in the output mode (TCR1.0=1). TCHBLK is programmed to block channel 2. TLINK is programmed to source the Sa4 bits. TLINK is programmed to source the Sa7 and Sa8 bits. Shown is a non-align frame boundary. 33 of 44
DS2143/DS2143Q
TRANSMIT SIDE TIMING
NOTES:
1. TSYNC in the frame mode (TCR1.1=0). 2. TSYNC in the multiframe mode (TCR1.1=1). 3. TLINK is programmed to source only the Sa4 bit. 4. This diagram assumes both the CAS MF and the CRC4 begin with the align frame.
LINE INTERFACE CONTROL TIMING
NOTES:
1. A write to CRB1 will cause the DS2143 to output this sequence. 2. A write to CRB2 will cause the DS2143 to output this sequence. 3. Timing numbers are based on RCLK=2.048 MHz with 50% duty cycle.
34 of 44
DS2143/DS2143Q
DS2143 SYNCHRONIZATION FLOWCHART
35 of 44
DS2143/DS2143Q
DS2143 TRANSMIT DATA FLOW
36 of 44
DS2143/DS2143Q
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground Operating Temperature Storage Temperature Soldering Temperature * -1.0V to +7.0V 0C to 70C -55C to +125C 260C for 10 seconds
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATION CONDITIONS
PARAMETER Logic 1 Logic 0 Supply SYMBOL VIH VIL VDD MIN 2.0 -0.3 4.5 TYP MAX VDD+0.3 +0.8 5.5
(0C to 70C)
UNITS V V V NOTES
CAPACITANCE
PARAMETER Input Capacitance Output Capacitance SYMBOL CIN COUT MIN TYP 5 7 MAX UNITS pF pF NOTES
DC CHARACTERISTICS
PARAMETER Supply Current Input Leakage Output Leakage Output Current (2.4V) Output Current (0.4V) SYMBOL IDD IIL ILO IOH IOL MIN -1.0 -1.0 +4.0
(0C to 70C; VDD = 5V 10%)
TYP 10 MAX +1.0 1.0 UNITS mA A A mA mA NOTES 1 2 3
NOTES:
1. RCLK = TCLK = 2.048 MHz; VDD = 5.5V. 2. 0.0V < VIN < VDD. 3. Applies to INT1 and INT2 when 3-stated.
37 of 44
DS2143/DS2143Q
AC CHARACTERISTICS - PARALLEL PORT
PARAMETER Cycle Time Pulse Width, DS Low or RD High Pulse Width, DS High or RD Low Input Rise/Fall Times R/ W Hold Time R/ W Setup Time Before DS High CS Setup Time Before DS, WR or RD active CS Hold Time Read Data Hold Time Write Data Hold Time Muxed Address Valid to AS or ALE Fall Muxed Address Hold Time Delay Time, DS, WR or RD to AS or ALE Rise Pulse Width AS or ALE High Delay Time, AS or ALE to DS, WR or RD Output Data Delay Time from DS or RD Data Setup Time SYMBOL tCYC PWEL PWEH tR, tF tRWH tRWS tCS tCH tDHR tDHW tASL tAHL tASD PWASH tASED tDDR tDSW
(0C to 70C; VDD = 5V + 10%)
MIN 250 150 100 10 50 20 0 10 0 20 10 25 40 20 20 80 TYP MAX UNITS ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns NOTES
30
50
100
38 of 44
DS2143/DS2143Q
INTEL WRITE AC TIMING
INTEL READ AC TIMING
MOTOROLA AC TIMING
39 of 44
DS2143/DS2143Q
AC CHARACTERISTICS - TRANSMIT SIDE
PARAMETER TCLK Period TCLK Pulse Width TSER, TSYNC, TLINK Setup to TCLK Falling TSER, TLINK Hold from TCLK Falling TCLK Rise/Fall Times Data Delay TSYNC Pulse Width SYMBOL tP tCH tCL tSU tHD t R , tF tDD tPW
(0C to 70C; VDD = 5V 10%)
MIN 50 50 25 25 25 50 50 TYP MAX 488 UNITS ns ns ns ns ns ns ns ns NOTES
AC CHARACTERISTICS - RECEIVE SIDE
PARAMETER RCLK and SYSCLK Period RCLK and SYSCLK Pulse Width RPOS, RNEG, RSYNC Setup to RCLK Falling RPOS, RNEG, Hold from RCLK Falling RCLK Rise/Fall Times Data Delay RSYNC Pulse Width SYMBOL tP tCH tCL tSU tHD tR , t F tDD tPW
(0C to 70C; VDD = 5V =10%)
MIN 50 50 25 25 25 60 50 TYP MAX 488 UNITS ns ns ns ns ns ns ns ns NOTES
40 of 44
DS2143/DS2143Q
TRANSMIT SIDE AC TIMING
NOTES:
1. TSYNC is in the output mode (TCR1.0=1). 2. TSYNC is in the input mode (TCR1.0=0). 3. No timing relationship between TSYNC and TLCLK/TLINK is implied.
41 of 44
DS2143/DS2143Q
RECEIVE SIDE AC TIMING
NOTES:
1. RSYNC is in the output mode (RCR1.5=0). 2. RSYNC is in the input mode (RCR1.5=1). 3. No timing relationship between RSYNC and RLCLK/RLINK is implied.
42 of 44
DS2143/DS2143Q
DS2143 E1 CONTROLLER (600 MIL) 40-PIN DIP
DIM A B C D E F G H J K
INCHES MIN MAX 2.040 2.070 0.530 0.560 0.145 0.155 0.600 0.625 0.015 0.040 0.120 0.140 0.090 0.110 0.625 0.675 0.008 0.012 0.015 0.022
43 of 44
DS2143/DS2143Q
DS2143 E1 CONTROLLER 44-PIN PLCC
NOTE1: PIN 1 IDENTIFIER TO BE LOCATED IN ZONE INDICATED.
DIM A A1 A2 B B1 C CH1 D D1 D2 E E1 E2 e1 N
INCHES MIN MAX 0.165 0.180 0.090 0.120 0.020 0.026 0.033 0.013 0.021 0.009 0.012 0.042 0.048 0.685 0.695 0.650 0.656 0.590 0.630 0.685 0.695 0.650 0.656 0.590 0.630 0.050 BSC 44 -
44 of 44


▲Up To Search▲   

 
Price & Availability of DS2143Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X