Part Number Hot Search : 
HT9032C 3V10X TC74AC 01926 90000 C4024ERW XCF01S09 C5011
Product Description
Full Text Search
 

To Download CY7C9335 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY7C9335
SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
Features
* Fully compatible with SMPTE-259M -- SMPTE-125M compliant for 4:2:2 component video -- SMPTE-244M compliant for 4fsc composite video * Fully compatible with DVB-ASI * Operates from a single +5V or -5V supply * 100-pin TQFP package * Decodes 10-bit parallel digital streams for any rate from 16-40 M characters/sec (160-400 Mbits/sec serial) * Operates with CY7B9334 SMPTE HOTLinkTM deserializer/receiver * X9 + X4 + 1 descrambler and NRZI-to-NRZ decoder may be bypassed for raw data output The inputs of the CY7C9335 are designed to be directly mated to a CY7B9334 HOTLink receiver, which converts the SMPTE-259M compatible high-speed serial data stream into 10-bit parallel characters. This device performs both TRS (sync) detection and framing, data descrambling with the SMPTE-259M X9 + X4 + 1 algorithm, and NRZI-to-NRZ decoding. These functions operate at any character rate from 16 to 40 MHz. For those systems operating with non-SMPTE-259M compliant video streams (or for diagnostic purposes), the descrambler and NRZI decoding functions can be disabled. DVB-ASI Operation The CY7C9335 also contains the necessary multiplexers, control inputs and outputs, to control a DVB-ASI compliant video stream. DVB-ASI operation is enabled through activation of a single input signal. This allows a single serial-to-parallel input port to support both SMPTE and DVB data streams under software or hardware control. In DVB-ASI mode the CY7C9335 automatically enables both the 8B/10B decoder and multi-byte framer present in the CY7B9334 receiver/deserializer. All error detection, fill, and command codes are detected and output by the CY7C9335. The CY7C9335 operates from a single +5V or -5V supply. It is available in a 100-pin TQFP space saving package.
Functional Description
SMPTE-259M Operation The CY7C9335 is a CMOS integrated circuit designed to decode SMPTE-125M and SMPTE-244M bit-parallel digital characters (or other data formats) using the SMPTE-259M decoding rules. Following decoding, the characters are framed by locating the 30-bit TRS pattern in the parallel character stream. The framed characters are then output.
Logic Block Diagram
D 9( R V S ) D7 D6 D5 D4
BARREL SHIFTER
RF A/B
TRS DETECTOR/FRAMER
NRZI-TO-NRZ DECODER
D8
SMPTE DESCRAMBLER
19
10 MODE MULTIPLEXOR OUTPUT REGISTER 10
P D 9( S V S ) PD8 P D7 P D6 P D5 P D4 P D3 P D2 PD1 PD0(SC/D) H_SYNC SYNC_ERR
10
11 INPUT REGISTER
10
D3 D2 D1 D 0( S C / D )
4
SYNC_EN BYPASS DVB_EN CKR OE
HOTLink is a trademark of Cypress Semiconductor Corporation.
Cypress Semiconductor Corporation
*
3901 North First Street
OFFSET
*
San Jose
*
CA 95134
*
408-943-2600 March 19, 1999
CY7C9335
Pin Configuration
TQFP Top View
NC V CC A/B RF NC D 9( R V S ) D8 D7 D6 D5 VCC VSS V SS VCC V SS D4 D3 D2 D1 D 0 (SC/D) NC NC NC VSS NC 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
V SS V SS NC NC NC NC NC NC NC OE V SS V CC NC V SS V SS BYPASS NC NC SYNC_EN NC NC DVB_EN NC V CC NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
V SS V CC NC NC NC NC NC NC NC NC CKR V SS NC V CC V SS NC NC SYNC_ERR NC H_SYNC NC NC NC V SS NC
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ..................................... -40C to +125C Supply Voltage to Ground Potential..................-0.5V to +7.0V DC Voltage Applied to Outputs in High-Z State.....................................................-0.5V to +7.0V Output Current Into Outputs ........................................ 16 mA DC Input Voltage .................................................-0.5V to +7.0V Static Discharge Voltage................................................>2001 V (per MIL-STD-883, Method 3015) Latch-Up Current............................................................>200 mA
NC V SS NC P D 9( R V S ) NC PD8 PD7 NC PD6 PD5 V SS V CC NC V SS V CC PD4 PD3 NC PD2 NC PD1 NC PD0(SC/D) V CC NC
Operating Range
Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VCC 5V 5% 5V 10%
2
CY7C9335
Pin Descriptions
CY7C9335 SMPTE-259M Decoder Name BYPASS I/O Input Description Bypass SMPTE decoding. BYPASS is ignored if DVB_EN is active (LOW). If BYPASS is HIGH at the rising edge of CKR (and DVB_EN is HIGH), the data latched into the input register is routed around both the NRZI decoder and the SMPTE descrambler and presented to the output register. If BYPASS is LOW at the rising edge of the CKR clock (and DVB_EN is HIGH), the data present in the input register is routed through the NRZI decoder and SMPTE scrambler. Reframe. This output is the inverted DVB-EN signal. CY7B9334 Port Select. When in DVB-ASI mode, this output will alternately select either the INA or INB receiver port based on errors detected in the data stream. This allows CY7C9335 to operate with normal and inverted DVB-ASI data streams (as would be commonly found on DVB-ASI streams routed through SMPTE switches). This requires the CY7B9334 INA and INB inputs to be connected to the same signal, but with INB connected to invert the signal. Horizontal Sync. This output toggles once every time that the TRS field is recognized. It changes state one clock cycle prior to the first character of the TRS field (3FF in 10-bit hex) appearing at the PD0-9 outputs. This output also toggles to indicate detection of a TRS sequence, even when the TRS characters are at a different offset from the present offset and SYNC_EN is active (HIGH). This toggling action is disabled when DVB_EN is active (LOW). Sync Filtering Enabled. This input controls the operation of the SMPTE framer. When this signal is active (HIGH) and a TRS sequence is detected, if the 10-bit character boundary is different from the previously received TRS, the H_SYNC output is toggled, but the character offset is not updated. If the immediately following TRS also has a different offset, the H_SYNC output is again toggled and the character offset is updated to match that of the detected TRS sequence. When this signal is inactive (LOW), the framer will update the character offset and toggle H_SYNC on every detected TRS sequence. Sync Error. This output pulses HIGH for one CKR clock period when a TRS sequence is detected that is offset from its previous 10-bit character offset. This pulse starts at the same time as the H_SYNC signal toggles, but only occurs when SYNC_EN is active (HIGH) and the character offset is not updated. Parallel Data 9 or Received Violation Symbol. This is the MSB of the framed output data bus. It is latched in the output register at the rising edge of CKR. When DVB_EN is active (LOW), this output indicates that the character present on PD 8-0 identifies the type of error detected in the character stream. When DVB_EN is disabled (HIGH), the character in the output register bits PD9-0 is a descrambled and framed character of the SMPTE data stream. Parallel Data 8 through 1. The signals present at the PD8-1 outputs are latched in the output register at the rising edge of CKR. When DVB_EN is disabled (HIGH), these signals are the middle eight bits of the descrambled and framed SMPTE 10-bit data character. When DVB_EN is active (LOW), these signals are full DVB-ASI data bus. Parallel Data 0 or Special Code/Data Select. This is the LSB of the output data field. It is latched in the output register at the rising edge of CKR. When DVB_EN is active (LOW), this output identifies that the character present in PD8-1 is either a command (HIGH) or data (LOW) character). When DVB_EN is inactive (HIGH), this output data bit is the LSB of the descrambled and framed SMPTE data character. Input Bit 9. This is the MSB of the input register. It should be connected directly to the CY7B9334 deserializer output signal RVS(Qj). Input Bits 8 through 1. These signals should be connected directly to the CY7B9334 deserializer output signals Q7-0 respectively. Input Bit 0. This is the LSB of the input register. It should be connected directly to the CY7B9334 deserializer output signal SC/D(Qa). DVB Mode Enable. This signal is sampled by the rising edge of the CKR clock. If DVB_EN is active (LOW), the data present on the D 0-9 inputs are latched and routed to the PD0-9 outputs. Recovered Clock Read. This clock controls all synchronous operations of the CY7C9335. It operates at the character rate which is equivalent to one tenth the deserialized bit-rate. This clock is driven directly by the CKR output of the CY7B9334 deserializer. Output Enable. When this signal is HIGH all outputs are driven to their normal logic levels. When LOW, all outputs are placed in a High-Z state.
RF A/B
Output Output
H_SYNC
Output
SYNC_EN
Input
SYNC_ERR Output
PD9(RVS)
Output
PD8-1
Output
PD0(SC/D)
Output
D9(RVS) D8-1 D0(SC/D) DVB_EN CKR
Input Input Input Input Input
OE
Input
3
CY7C9335
Pin Descriptions (continued)
CY7C9335 SMPTE-259M Decoder Name VCC VSS I/O Description Power. Ground. DVB-ASI Operation The CY7C9335 is designed to operate in both SMPTE-259M and DVB-ASI environments. When operated in SMPTE-only environments, the DVB_EN inputs must be tied to V CC or driven HIGH. DVB-ASI operation is enabled by asserting DVB_EN LOW. This signal is latched by the rising edge of the CKR clock. When the CY7C9335 is placed in DVB mode, the SMPTE and NRZI decoders are bypassed, and the data latched into the input register is routed directly to the output register.
CY7C9335 Description
Input Register The input register is clocked by the rising edge of CKR. This register captures the data present at the D 0-9 inputs on every clock cycle. In addition to the data inputs, all control inputs except OE are also captured at each rising edge of CKR. This includes BYPASS, DVB_EN, and SYNC_EN. NRZI-to-NRZ Decoder The data in the input register is routed through NRZI-to-NRZ decoder prior to being fed to the SMPTE scrambler. This removes the extra transitions added to data stream by the NRZI encoder at the transmit end of interface. SMPTE Descrambler Once the data has been converted back to NRZ, it is then routed through a linear feed-forward descrambler. It decodes the data present in the NRZ decode register using the X9 + X4 + 1 polynomial to remove the extra transitions added to the data stream at the transmit end of the interface. TRS Framer The TRS Framer is used to detect all 30-bit TRS sequences (3FF, 000, 000 in 10-bit hex) in the character stream. Anytime this sequence is detected, the H_SYNC output toggles. This sequence is also used to frame the received characters so that the characters delivered to the output register are on their correct 10-bit boundaries. If SYNC_EN is disabled (LOW) and the TRS sequence is detected in the decoded data stream, the character offset register is set to match the offset of the TRS sequence, and both the TRS sequence and the following characters are output on their proper 10-bit boundaries. If SYNC_EN is enabled, and a TRS sequence is detected whose character offset does not match that in the offset register, an internal flag is set but the offset register is not updated. On the next consecutive TRS sequence this flag is cleared and the offset register is updated. an dethe the
Error Detected
Errors detected in the DVB-ASI data stream are indicated by the Q 9 bit being HIGH. The specific type of error is identified by the remaining Q8-0 bits in the output register.
Command Code Reception
The DVB-ASI interface does not normally transmit any command characters other than the K28.5 code that is used both for synchronization and as a fill character when data is not being transmitted. These K28.5 characters are normally received as C5.0 characters. If other command characters are also transmitted, these characters are identified by Q0 being HIGH, and by the bits present on Q8-1.
DVB Invert Controller
DVB-ASI data streams are use 8B/10B encoded characters. If these characters are routed through SMPTE switches or repeaters, the signals may be inverted causing them to decode into incorrect or illegal characters. The CY7C9335 contains a state machine that, in conjunction with the CY7B9334 SMPTE HOTLink receiver, allows inverted DVB-ASI data streams to be decoded into their correct characters. This state machine is only enabled when in DVB mode. It monitors the data stream for errors, and inverts the data stream at the CY7B9334 if it exceeds a preset statistical error rate. For this to operate the A/B output of the CY7C9335 needs to be connected to the A/B input of the CY7B9334 SMPTE HOTLink receiver (through the appropriate resistive divider). If the CY7C9335 is not used for DVB-ASI operation, the A/B output may be left open.
4
CY7C9335
Electrical Characteristics Over the Operating Range
Parameter VOH VOL VIH VIL IIX IOZ IOS Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current Output Leakage Current Output Short Circuit Current
[2, 3]
Test Conditions IOH = -3.2 mA, VCC = Min. IOL = 16.0 mA, VCC = Min Note 1 Note 1 GND VI VCC GND VO VCC, Output Disabled VCC = Max., VOUT = 0.5V
Min. 2.4
Max.
Unit V
0.5 2.0 -0.5 -10 -50 -30 7.0 0.8 +10 +50 -160
V V V A A mA
Capacitance[3]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions f = 1 MHz, VCC = 5.0V Max. 10 12 Unit pF pF
AC Test Loads and Waveforms
TTL OUTPUTS 5V OUTPUT 35 pF INCLUDING JIG AND SCOPE 170 238 238 5V OUTPUT 5 pF 170 ALL INPUT PULSES 3.0V 90% GND < 2 ns 10% 90% 10% < 2 ns
(a)
INCLUDING JIG AND (b) SCOPE Equivalent to: THEVENIN 99 OUTPUT
EQUIVALENT 2.08V
7C9335-9
Switching Characteristics Over the Operating Range[4]
CY7C9335-27 Parameter tPD tSD tHD tCPRH tCPRL tCKR tA tH tEA Description Input to Output (DVB_EN to RF only) Input Data Set-Up Time to CKR Input Data Hold Time to CKR CKR Pulse Width HIGH CKR Pulse Width LOW Read Clock Cycle[5] Output Access Time from CKR Output Hold Time from CKR Input to Output Enable
[6]
CY7C9335-40 Min. 8 0 6.5 6.5 Max. 15 Unit ns ns ns ns ns 62.5 8 3 20 ns ns ns ns
Min. 10 0 6.5 6.5 30 4
Max. 20
62.5 10 24
25
Input to Output Disable 24 20 ns tER Notes: 1. These are absolute values with respect to device ground. All overshoots with respect to system or tester noise are included. 2. Not more than one output should be tested at a time. Duration of the short circuit should not exceed 1 second. VOUT = 0.5V has been chosen to avoid test problems caused by tester ground degradation. 3. Tested initially and after any design or process changes that may effect these parameters. 4. All AC parameters are with all outputs switching. 5. The clock period may be extended by up to 90% for a single clock cycle when framing occurs in DVB-ASI mode. 6. Test load (b) used for this parameter. Test load (a) used for all other AC parameters.
5
CY7C9335
Switching Waveform
tCKR tSD tHD
D0-9, DVB_EN, BYPASS, SYNC_EN,
CKR
tCPRL tA tCPRH
PD0-9, SYNC_ER H_SYNC, RF, A/B
tER tEA tH
tPD
DVB_EN
OE RF
Ordering Information
Ordering Code CY7C9335-270AC CY7C9335-400AC Document #: 38-00572-B Package Name A100 A100 Package Type 100-pin Thin Quad Flat Pack 100-pin Thin Quad Flat Pack Operating Range Commercial Commercial
6
CY7C9335
Package Diagram
100-Pin Thin Plastic Quad Flat Pack (TQFP) A100
51-85048-A
(c) Cypress Semiconductor Corporation, 1999. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.


▲Up To Search▲   

 
Price & Availability of CY7C9335

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X