Part Number Hot Search : 
122NQ030 14D281 SI9434DY 2604A 3T406P VRE111CA 3EVKI 38023M8
Product Description
Full Text Search
 

To Download BZX84C5V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
BZX84C2V4 THRU BZX84C39
Silicon 410 mWatt Zener Diodes
Planar Die construction 410mW Power Dissipation Zener Voltages from 2.4V - 39V Ideally Suited for Automated Assembly Processes
.
Mechanical Data
l l l
Case: SOT-23, Plastic Terminals: solderable per MIL-STD-202, Methode 208 Weight: 0.008 grams (approx.)
A D
SOT-23
C
B
Maximum Ratings @ 25oC Unless Otherwise Specified Zener Current IF 100 mA Maximum Forward VF 1.2 V Voltage Power Dissipation P(AV) 410 mWatt (Note 1) Operation And TJ , TSTG -55o C to Storage +150o C Temperature Peak Foreard Surge IFSM 2.0 A Current 8.3mS half NOTES: A. Mounted on 5.0mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
F
E
G
H
J
DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
DIM A B C D E F G H J K
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Suggested Solder Pad Layout
.031 .800 .035 .900
*Pin Configuration - Top View
.079 2.000
inches mm
.037 .950 .037 .950
www.mccsemi.com
MCC
BZX84C2V4 thru BZX84C39
ELECTRICAL CHARACTERISTICS (TA=25 degree C unless otherwise noted) VF=1.2V max, IF=100mA for all types. Max.Reverse Leakage Current IR @ VR uA V 50 1 20 1 10 1 5.0 1 5.0 1 3.0 1 3.0 1 3.0 2 2.0 2.0 1.0 2.0 3.0 4.0 2.0 4.0 1.0 5 0.7 5 0.5 6 0.2 7.0 0.1 8.0 0.1 8.0 0.1 8.0 0.1 10.5 0.1 11.2 0.1 12.6 0.1 14.0 0.1 15.4 0.1 16.8 0.1 18.9 0.1 21.0 0.1 23.1 0.1 25.2 0.1 27.3 Type Nimber BZX84C2V4 BZX84C2V7 BZX84C3 BZX84C3V3 BZX84C3V6 BZX84C3V9 BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2 BZX84C9V1 BZX84C10 BZX84C11 BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20 BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39
NOTE: 1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4.Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5.Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
Marking Code W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WL WM WN WO WP WR WS WT WU WW WX
Nominal Zener Voltage Vz @ IzT Nom. V Min. V Max. V 2.4 2.28 2.52 2.7 2.5 2.9 3 2.8 3.2 3.3 3.1 3.5 3.6 3.4 3.8 3.9 3.7 4.1 4.3 4 4.6 4.7 4.4 5 5.1 4.8 5.4 5.6 5.2 6 6.2 5.8 6.6 6.8 6.4 7.2 7.5 7 7.9 8.2 7.7 8.7 9.1 8.5 9.6 10 9.4 10.6 11 10.4 11.6 12 11.4 12.7 13 12.4 14.1 15 13.8 15.6 16 15.3 17.1 18 16.8 19.1 20 18.8 21.2 22 20.8 23.3 24 22.8 25.6 27 25.1 28.9 30 28 32 33 31 35 36 34 38 39 37 41
Max. Zener Impedance ZzT @ IzT Ohm mA 100 5 100 5 95 5 95 5 90 5 90 5 90 5 80 5 60 5 40 5 10 5 15 5 15 5 15 5 15 5 20 5 20 5 25 5 30 5 30 5 40 5 45 5 55 5 55 5 70 5 80 5 80 5 80 5 90 5 130 5 ZzK @ IzK Ohm mA 600 1 600 1 600 1 600 1 600 1 600 1 600 1 500 1 480 1 400 1 150 1 80 1 80 1 80 1 100 1 150 1 150 1 150 1 170 1 200 1 200 1 225 1 225 1 250 1 250 1 300 1 300 1 325 1 350 1 350 1
www.mccsemi .com
BZX84C2V4 thru BZX84C39
8 7
MCC
100
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV / oC)
10
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
STEADY STATE POWER DERATING
1000
DYNAMIC IMPEDANCE, W
IZ = 1 mA
FORWARD CURRENT, mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
1000
100
5 mA
100
20 mA
10
10
150OC
75 C
O
25OC
5OC
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
TYPICAL FORWARD VOLTAGE
1000
1.2 1.0 0.8 0.6 0.4 0.2 0
CAPACITANCE, pF
0 V BIAS 1 V BIAS 100 BIAS AT 50% OF VZ NOM 10
TA=25 C
o
POWER DISSIPATION, Watts
PD V.S. TA
1
25 50 75 100 125 150
1
10
100
155
TEMPERATURE (oC)
NOMINAL ZENER VOLTAGE, Volts
STEADY STATE POWER DERATING
TYPICAL CAPACITANCE
www.mccsemi.com
BZX84C2V4 thru BZX84C39
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
MCC
100
TA=25 C
o
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150OC
+25OC -55OC
80 90
NOMINAL ZENER VOLTAGE, Vlots
TYPICAL LEAKGE CURRENT
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of BZX84C5V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X