Part Number Hot Search : 
SPN2346W AQV216 N4744 EHF6Z1 C3114 BD201 TPSMB12A IR2110L6
Product Description
Full Text Search
 

To Download BZX84C5V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84 C2V7 ... BZX84 C47 Surface Mount Silicon Planar Zener Diodes Silizium-Planar-Zener Dioden fur die Oberflachenmontage
Maximum power dissipation Maximale Verlustleistung Nominal Z-voltage Nominale Z-Spannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
Dimensions / Mae in mm 1 = anode 2 = n. c. / frei 3 = cathode
350 mW 2.7...47 V SOT-23 (TO-236) 0.01 g
Standard packaging taped and reeled see page 18 Standard Lieferform gegurtet auf Rolle siehe Seite 18
Standard Zener voltage tolerance is graded to the international E 24 (~5%) standard. Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausfuhrung gestuft nach der internationalen Reihe E 24 (~5%). Andere Toleranzen oder hohere Arbeitsspannungen auf Anfrage.
Maximum ratings Power dissipation Verlustleistung Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft TA = 25/C
Grenz- und Kennwerte Ptot Tj TS RthA 350 mW 1) - 50...+150/C - 50...+150/C < 420 K/W 1)
Characteristics Forward voltage Durchlaspannung Tj = 25/C IF = 10 mA VF
Kennwerte < 0.9 V
Zener voltages see table on next page - Zener-Spannungen siehe Tabelle auf der nachsten Seite
1
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 18.02.2003
1
BZX84 C2V7 ... BZX84 C47 Maximum ratings
Type Typ Zener voltage 1) Zener-Spanng. 1) IZ = 5 mA Vzmin [V] Vzmax Dynamic resistance Inhar. diff. Widerstand rzj [S] at f = 1 kHz IZ = 5 mA IZ = 1 mA Temp. Coeffiz. of Z-voltage ...der Z-spanng. "VZ [10-4 //C] Reverse voltage Sperrspannung VR [V] IR [nA]
Grenzwerte
Z-current 2) Z-Strom 2) TA = 25/C IZmax [mA]
BZX84 ... ... C2V7 ... C3V0 ... C3V3 ... C3V6 ... C3V9 ... C4V3 ... C4V7 ... C5V1 ... C5V6 ... C6V2 ... C6V8 ... C7V5 ... C8V2 ... C9V1 ... C10 ... C11 ... C12 ... C13 ... C15 ... C16 ... C18 ... C20 ... C22 ... C24
2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8
2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6
< 100 < 100 < 95 < 95 < 90 < 90 < 80 < 60 < 40 < 10 < 15 < 15 < 15 < 15 < 20 < 20 < 25 < 30 < 30 < 40 < 45 < 55 < 55 < 70 IZ = 2 mA
< 600 < 600 < 600 < 600 < 600 < 600 < 500 < 480 < 400 < 150 < 80 < 80 < 80 < 100 < 150 < 150 < 150 < 170 < 200 < 200 < 225 < 225 < 250 < 250 IZ = 0.5 mA < 300 < 300 < 325 < 350 < 350 < 375 < 375
-9...-6 -8...-5 -8...-5 -8...-5 -8...-5 -6...-3 -5...+2 -2...+2 -5...+5 +3...+6 +3...+7 +3...+7 +3...+8 +3...+9 +3...+10 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +4...+12 +4...+12
1 1 1 1 1 1 2 2 2 4 4 5 5 6 8 8 8 8 11 11 13 14 15 17
20000 10000 5000 5000 3000 3000 4000 2000 1000 3000 2000 1000 700 500 100 100 100 100 50 50 50 50 50 50
121 109 100 92 85 76 70 65 58 53 49 44 40 36 33 30 28 25 22 20 18 17 15 14
... C27 ... C30 ... C33 ... C36 ... C39 ... C43 ... C47
25.1 28 31 34 37 40 44
28.9 32 35 38 41 46 50
< 80 < 80 < 80 < 90 < 130 < 150 <170
+4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12
19 21 23 25 27 30 33
50 50 50 50 50 50 50
12 11 10 9 9 8 7
1 2
) Tested with pulses tp = 5 ms - Gemessen mit Impulsen tp = 5 ms ) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 F:\Data\WP\DatBlatt\Einzelblatter\bzx84c2v7-c47.wpd


▲Up To Search▲   

 
Price & Availability of BZX84C5V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X