Part Number Hot Search : 
X342B ES1JM MSB800 32300 DF5A8 BC337A D6L60HT 02201
Product Description
Full Text Search
 

To Download BUZ70L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 70 L
SIPMOS (R) Power Transistor * N channel * Enhancement mode * Avalanche-rated * Logic Level
Pin 1 G Type BUZ 70 L
Pin 2 D
Pin 3 S
VDS
60 V
ID
12 A
RDS(on)
0.15
Package TO-220 AB
Ordering Code C67078-S1325-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 12 Unit A
ID IDpuls
48
TC = 33 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
12 1 mJ
ID = 12 A, VDD = 25 V, RGS = 25 L = 48.6 H, Tj = 25 C
Gate source voltage Gate-source peak voltage,aperiodic Power dissipation 6
VGS Vgs Ptot
14 20
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
40
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 3.1 75 E 55 / 150 / 56
C K/W
Semiconductor Group
1
07/96
BUZ 70 L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
60 1.6 0.1 10 10 0.12 2
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
1.2
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 60 V, VGS = 0 V, Tj = 25 C VDS = 60 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.15
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 5 V, ID = 6 A
Semiconductor Group
2
07/96
BUZ 70 L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
2 7.5 420 160 60 -
S pF 560 250 110 ns 15 25
VDS 2 * ID * RDS(on)max, ID = 6 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Rise time
tr
55 80
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
45 60
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Fall time
tf
40 55
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 70 L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.5 60 0.1 12 48 V 1.8 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 25 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 70 L
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 5 V
13 A
45 W
11
Ptot
35 30 25 20 15 10 5
ID
10 9 8 7 6 5 4 3 2 1
0 0
0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
t = 20.0s p
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
DS (o n)
10 1
=
V
DS
ID
/
I
100 s
D
ZthJC
10 0
R
1 ms
10 -1
10 ms
D = 0.50 0.20
10
0
0.10 DC 10 -2 single pulse 0.05 0.02 0.01
10 -1 0 10
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 70 L
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
28 A 24
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.45
a b c d e
Ptot = 40W
lk i j h g
VGS [V] a 2.5
RDS (on)0.35
0.30 0.25 0.20 0.15 0.10
b
ID
22 20 18 16
e f
b c d e f g h
3.0 3.5 4.0 4.5 5.0 5.5 6.0 7.0 8.0 9.0 10.0
14 12 10 8 6 4 2 0 0.0
a c
di
j k l
f g hi jk
0.05 0.00 0
VGS [V] =
a 2.5 3.0 b 3.5 c 4.0 d 4.5 e f 5.0 5.5 g 6.0 h i 7.0 8.0 j 9.0 k 10.0
1.0
2.0
3.0
4.0
5.0
V
6.5
4
8
12
16
A
24
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
30 A 26
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
10 S
ID
24 22 20 18 16 14 12 10 8 6 4 2 0 0
gfs
8 7 6 5 4 3 2 1 0
1
2
3
4
5
6
7
8
V
10
0
4
8
12
16
20
VGS
A ID
28
Semiconductor Group
6
07/96
BUZ 70 L
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 6 A, VGS = 5 V
0.70
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
0.60
RDS (on)0.55
0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 -60
VGS(th)
3.6 3.2 2.8 2.4
98%
2.0
typ 98% typ
1.2 0.8 0.4 -20 20 60 100 C 160 0.0 -60 -20 20 60 100 C 160 1.6
2%
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
IF
10 1
Ciss
Coss
10 -1 10 0
Tj = 25 C typ Crss Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0 10 -1 0.0
5
10
15
20
25
30
V VDS
40
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 70 L
Avalanche energy EAS = (Tj ) parameter: ID = 12 A, VDD = 25 V RGS = 25 , L = 48.6 H
6.5 mJ 5.5
Typ. gate charge VGS = (QGate) parameter: ID puls = 18 A
16
V
EAS
5.0 4.5 4.0 3.5
VGS
12
10 0,2 VDS max 0,8 VDS max
8 3.0 2.5 2.0 1.5 1.0 0.5 0.0 20 0 40 60 80 100 120 C 160 0 4 4 6
2
8
12
16
20
nC
26
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
71 V
V(BR)DSS
68 66
64 62 60
58 56 54 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 70 L
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ70L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X