Part Number Hot Search : 
MGRB2018 EUR30D AN2N3 UPD3728 TS482IQT 109309 AO6800 MT48V
Product Description
Full Text Search
 

To Download BUZ305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 305
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 305
VDS
800 V
ID
7.5 A
RDS(on)
1
Package TO-218 AA
Ordering Code C67078-S3134-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 7.5 Unit A
ID IDpuls
30
TC = 31 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
7.5 16 mJ
ID = 7.5 A, VDD = 50 V, RGS = 25 L = 27.7 mH, Tj = 25 C
Gate source voltage Power dissipation 830
VGS Ptot
20 150
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 0.83 75 E 55 / 150 / 56
C K/W
1
01/97
BUZ 305
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
800 3 0.1 10 10 0.85 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 800 V, VGS = 0 V, Tj = 25 C VDS = 800 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 1
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 5 A
Semiconductor Group
2
01/97
BUZ 305
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
2.5 7.5 2000 220 130 -
S pF 2650 330 200 ns 30 45
VDS 2 * ID * RDS(on)max, ID = 5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 2.7 A RGS = 50
Rise time
tr
120 180
VDD = 30 V, VGS = 10 V, ID = 2.7 A RGS = 50
Turn-off delay time
td(off)
500 670
VDD = 30 V, VGS = 10 V, ID = 2.7 A RGS = 50
Fall time
tf
150 200
VDD = 30 V, VGS = 10 V, ID = 2.7 A RGS = 50
Semiconductor Group
3
01/97
BUZ 305
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 0.95 750 15 7.5 30 V 1.4 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 15 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
01/97
BUZ 305
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
8.0
160
W
A
Ptot
ID
120
6.0
100
5.0
80
4.0
60
3.0
40
2.0
20 0 0
1.0 0.0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
A
t = 1000.0ns p
10 s
K/W
ID
10 1
ZthJC
10 -1
100 s
DS
/I
D
=V
1 ms
DS (on )
D = 0.50
10 ms
0.20 10
-2
10
0
R
0.10 0.05 single pulse 0.02 0.01
DC 10
-1
10
0
10
1
10
2
V 10
3
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
01/97
BUZ 305
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
17 A
l
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
3.2
Ptot = 150W
kj ihg f
e
VGS [V]
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
a
b
c
da
b
ID
14 12 10
RDS (on)
2.4
c d
c
e f g
2.0
8 6
1.6
d
h i j k
1.2
4 2 0 0
bl
0.8 0.4 VGS [V] =
a 4.5 4.0 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5
e f hg ji k
a
h i j k 8.0 9.0 10.0 20.0
0.0 5 10 15 20 25 30 35 V 45 0 2 4 6 8 10 12 A 16
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
13 A 11
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
15 S 13
ID
10 9
gfs
12 11 10
8 7 6 5 4 3
9 8 7 6 5 4 3
2 1 0 0 1 2 3 4 5 6 7 8 V VGS 10
2 1 0 0 2 4 6 8 A ID 12
Semiconductor Group
6
01/97
BUZ 305
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 5 A, VGS = 10 V
5.0
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
RDS (on) 4.0
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -60
98%
VGS(th)
3.6 3.2 2.8 2.4 2.0
typ
2%
98% typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
-20
20
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 5
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
pF C 10 4
A
IF
10 1
Ciss
10 3 10 0
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Coss
10 2 0 5 10 15 20 25 30
Tj = 150 C (98%)
10 -1 0.0
Crss V 40 VDS
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
01/97
BUZ 305
Avalanche energy EAS = (Tj ) parameter: ID = 7.5 A, VDD = 50 V RGS = 25 , L = 27.7 mH
900 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 11 A
16
V
EAS
700 600
VGS
12
10 500 8 400 6 300 200 100 0 20 4 0,2 VDS max 0,8 VDS max
2 0 40 60 80 100 120 C 160 0 40 80 120 160 200 nC 260
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
960 V 920 V(BR)DSS 900 880 860 840 820 800 780 760 740 720 -60 -20 20 60 100 C 160
Tj
Semiconductor Group
8
01/97


▲Up To Search▲   

 
Price & Availability of BUZ305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X