Part Number Hot Search : 
10N60 20211947 DDZ16 SK301 10N60 TM1630AP SMAJ78A 1N4007GP
Product Description
Full Text Search
 

To Download BTA208B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Preliminary specification
Three quadrant triacs high commutation
GENERAL DESCRIPTION
Glass passivated high commutation triacs in a plastic envelope intended for use in circuits where high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the full rated rms current at the maximum rated junction temperature without the aid of a snubber.
BTA208B series C
QUICK REFERENCE DATA
SYMBOL VDRM IT(RMS) ITSM PARAMETER MAX. MAX. 600C 600 8 65 MAX. UNIT 800C 800 8 65 V A A BTA208- 500C Repetitive peak 500 off-state voltages RMS on-state current 8 Non-repetitive peak 65 on-state current
PINNING - SOT404
PIN 1 2 3 mb DESCRIPTION main terminal 1 main terminal 2 gate main terminal 2
PIN CONFIGURATION
mb
SYMBOL
T2
2 1 3
T1
G
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL VDRM IT(RMS) ITSM PARAMETER Repetitive peak off-state voltages RMS on-state current Non-repetitive peak on-state current full sine wave; Tmb 102 C full sine wave; Tj = 25 C prior to surge t = 20 ms t = 16.7 ms t = 10 ms ITM = 12 A; IG = 0.2 A; dIG/dt = 0.2 A/s CONDITIONS MIN. -500 5001 MAX. -600 6001 8 -800 800 UNIT V A
I2t dIT/dt IGM VGM PGM PG(AV) Tstg Tj
I2t for fusing Repetitive rate of rise of on-state current after triggering Peak gate current Peak gate voltage Peak gate power Average gate power Storage temperature Operating junction temperature
-
65 71 21 100 2 5 5 0.5 150 125
A A A2s A/s A V W W C C
over any 20 ms period
-40 -
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 6 A/s. October 1997 1 Rev 1.000
Philips Semiconductors
Preliminary specification
Three quadrant Triacs high commutation
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER CONDITIONS
BTA208B series C
MIN. -
TYP. 55
MAX. 2.0 2.4 -
UNIT K/W K/W K/W
Thermal resistance full cycle junction to mounting base half cycle Thermal resistance minimum footprint, FR4 board junction to ambient
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL IGT PARAMETER Gate trigger current
2
CONDITIONS VD = 12 V; IT = 0.1 A T2+ G+ T2+ GT2- GT2+ G+ T2+ GT2- G-
MIN. 2 2 2 0.25 -
TYP. 1.3 0.7 0.4 0.1
MAX. 35 35 35 20 30 20 15 1.65 1.5 0.5
UNIT mA mA mA mA mA mA mA V V V mA
IL
Latching current
VD = 12 V; IGT = 0.1 A
IH VT VGT ID
Holding current On-state voltage Gate trigger voltage Off-state leakage current
VD = 12 V; IGT = 0.1 A IT = 10 A VD = 12 V; IT = 0.1 A VD = 400 V; IT = 0.1 A; Tj = 125 C VD = VDRM(max); Tj = 125 C
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL dVD/dt dIcom/dt tgt PARAMETER Critical rate of rise of off-state voltage Critical rate of change of commutating current Gate controlled turn-on time CONDITIONS VDM = 67% VDRM(max); Tj = 125 C; exponential waveform; gate open circuit VDM = 400 V; Tj = 125 C; IT(RMS) = 8 A; without snubber; gate open circuit ITM = 12 A; VD = VDRM(max); IG = 0.1 A; dIG/dt = 5 A/s MIN. 1000 3 TYP. 14 2 UNIT V/s A/ms s
2 Device does not trigger in the T2-, G+ quadrant. October 1997 2 Rev 1.000
Philips Semiconductors
Preliminary specification
Three quadrant triacs high commutation
MECHANICAL DATA
Dimensions in mm Net Mass: 1.4 g
10.3 max 4.5 max 1.4 max
BTA208B series C
11 max 15.4
2.5 0.85 max (x2) 2.54 (x2)
0.5
Fig.1. SOT404 : centre pin connected to mounting base.
Notes 1. Epoxy meets UL94 V0 at 1/8".
MOUNTING INSTRUCTIONS
Dimensions in mm
11.5
9.0
17.5 2.0
3.8
5.08
Fig.2. SOT404 : minimum pad sizes for surface mounting.
Notes 1. Plastic meets UL94 V0 at 1/8".
October 1997
3
Rev 1.000
Philips Semiconductors
Preliminary specification
Three quadrant Triacs high commutation
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BTA208B series C
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
October 1997
4
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BTA208B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X