Part Number Hot Search : 
LG12864 01070 DETF09 4728A BC414B 100D12N2 TS79L09 LV138
Product Description
Full Text Search
 

To Download BF1009S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF 1009S
Silicon N-Channel MOSFET Tetrode * For low noise, high gain controlled input stages up to 1GHz * Operating voltage 9V * Integrated bias network
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code Q62702-F1628
Pin Configuration 1=S 2=D 3 = G2 4 = G1
Package SOT-143
BF 1009S JLs
Maximum Ratings Parameter Drain-source voltage
Symbol
Value 12 25 10 3 200 -55 ...+150 150
Unit V mA V mW C
VDS ID
I G1/2SM +VG1SE
Continuos drain current Gate 1/gate 2 peak source current Gate 1 (external biasing) Total power dissipation, T S 76 C Storage temperature Channel temperature
Ptot T stg T ch
Thermal Resistance Channel - soldering point
Rthchs
370
K/W
Note: It is not recommended to apply external DC-voltage on Gate 1 in active mode.
Semiconductor Group Semiconductor Group
11
Au 1998-11-01 -25-1998
BF 1009S
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. DC characteristics Drain-source breakdown voltage typ. 14 0.9 max. 12 16 60 50 500 19 -
Unit
V(BR)DS
V (BR)G1SS V (BR)G2SS +I G1SS I G2SS
16 8 10 10 -
V
I D = 300 A, -V G1S = 4 V, - V G2S = 4 V Gate 1 source breakdown voltage
I G1S = 10 mA, VG2S = V DS = 0 Gate 2 source breakdown voltage I G2S = 10 mA, VG1S = 0 V, V DS = 0 V Gate 1 source current
A nA A mA V
VG1S = 6 V, V G2S = 0 V
Gate 2 source leakage current VG2S = 8 V, V G1S = 0 V, V DS = 0 V Drain current
I DSS I DSO VG2S(p)
VDS = 9 V, V G1S = 0 , V G2S = 6 V Operating current (selfbiased) VDS = 9 V, V G2S = 6 V
Gate 2-source pinch-off voltage
VDS = 9 V, ID = 100 A
AC characteristics Forward transconductance (self biased)
g fs Cg1ss Cdss G ps F 800
Gps
26 18 40
30 2.1 0.9 22 1.4 50
2.7 -
mS pF
VDS = 9 V, V G2S = 6 V, f = 1 kHz
Gate 1-input capacitance (self biased)
VDS = 9 V, V G2S = 6 V, f = 1 MHz
Output capacitance (self biased)
VDS = 9 V, V G2S = 6 V, f = 100 MHz
Power gain (self biased) dB
VDS = 9 V, V G2S = 6 V, f = 800 MHz
Noise figure (self biased)
VDS = 9 V, V G2S = 6 V, f = 800 MHz
Gain control range (self biased)
VDS = 9 V, V G2S = 1 V, f = 800 MHz
Semiconductor Group Semiconductor Group 22
Au 1998-11-01 -25-1998
BF 1009S
Total power dissipation P tot = f (T S)
Drain current ID = f (VG2S)
300
15 mA
mW
12 11
P tot
200
10
ID
150 100 50 0 0 120 C
9 8 7 6 5 4 3 2 1
20
40
60
80
100
150
0 0.0
1.0
2.0
3.0
4.0
V
6.0
TS
VG2S
Insertion power gain | S 21 | 2 = f (V G2S)
Forward transfer admittance | Y 21 | = f (V G2S)
10
dB
28
mS
0 -5
24 22 20
| S21 |2
-10 -15 -20 -25 -30 -35 -40 -45 -50 -55 -60 0.0 1.0 2.0 3.0 4.0
V
|Y21|
18 16 14 12 10 8 6 4 2
6.0
0 0.0
1.0
2.0
3.0
4.0
V
6.0
VG2S
VG2S
Semiconductor Group Semiconductor Group
33
Au 1998-11-01 -25-1998
BF 1009S
Gate 1 input capacitance Cg1ss = f (V g2s) f = 200MHz
Output capacitance C dss = f (V G2)
f = 200MHz
3.0 pF
3.0 pF
2.4 2.2
2.4 2.2
Cg1ss
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 1.0 2.0 3.0 4.0
V
Cdss
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
6.0
0.0 0.0
1.0
2.0
3.0
4.0
V
6.0
VG2S
VG2S
Semiconductor Group Semiconductor Group
44
Au 1998-11-01 -25-1998


▲Up To Search▲   

 
Price & Availability of BF1009S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X