Part Number Hot Search : 
MGA2812D AM7947 2MBI150 2988900 SLD323V D4812 D4812 LT3070
Product Description
Full Text Search
 

To Download BAT17WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCED INFORMATION
ADVANCED INFORMATION
BAT17WS
SCHOTTKY DIODES
SOD-323
.012 (0.3)
FEATURES
Low turn-on voltage Low capacitance Ultrafast switching Microminiature plastic package Single, double, and ring balanced mixer in narrow-band receivers up to 1 GHz Detectors and fast switching up to 1 GHz Phase detectors Suitable for radios, TV, CTV, and hyperband tuners These diodes are also available in SOT-23 with type designation BAT17, and SOD-123 with type designation BAT17W
.112 (2.85) .100 (2.55) .076 (1.95) .065 (1.65)
Cathode Mark
Top View
max. .049 (1.25)
max. .004 (0.1)
min. .010 (0.25)
max. .006 (0.15)
.059 (1.5) .043 (1.1)
MECHANICAL DATA
Case: SOD-323 Plastic Package Weight: approx. 0.004 g Marking Code: L7
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Minimum Reverse Breakdown Voltage at 10mA Forward Current Power Dissipation TC= 25C Maximum Leakage Current at VR = 3V at VR = 3V, Tamb = 60C Maximum Forward Voltage at IF = 10 mA Maximum Diodes Capacitance at VR = 0 V, f = 1 MHZ Thermal Resistance Junction to Ambient Air Junction Temperature Storage Temperature Range
NOTES: (1) Valid provided that electrodes are kept at ambient temperature
VR IF Ptot
4 30 150 (NOTE 1)
Volts mA mW mA mA mV
IR IR
0.25 1.25
VF
600
CD Rthja Tj TS
1.0 650 (NOTE 1) 125 -65 to + 150
pF C/W C C
2/1/99


▲Up To Search▲   

 
Price & Availability of BAT17WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X