Part Number Hot Search : 
KA431DTF 32620 25F80 DS2290 EP4864 HD63B2 F4360 0498050
Product Description
Full Text Search
 

To Download 94SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 94SC
Vishay OS-CON
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
FEATURES
* Designed for general use. * Superior high frequency characteristics. * 94SC capacitors are suitable for use in noise limiters and switching power supplies.
PART MARKING Sleeve color: Blue. Marking: White
* * * * * * Polarity Rated voltage Capacitance Vishay OS-CON Lot number Maximum operating temperature (+ 105 C)
Fig.1 Component outline.
QUICK REFERENCE DATA
DESCRIPTION Operating Temperature Range Capacitance Tolerance at 120 Hz Tangent of Loss Angle (tan ) at 120 Hz Leakage Current (A/2 minutes)(or less)* Equivalent Series Resistance (), (100 k to 300 kHz) Temperature Characteristics Impedance Ratio at 100 kHz VALUE - 55 C to + 105 C X0 = 20 % Values in Standard Ratings Table 6.3 to 25 WV: 0.01 CV or 0.5 30WV: 0.0.2 CV or 0.1 (Whichever is greater) Values in Standard Ratings Table
- 55 C Z/Z20 C 1.0 to 1.25 0.75 to 1.0 + 105 C Z/Z20 C C/C Within 20 % of the initial value High Temperature Load (+ 105 C, 2000 hours) Rated Voltage Applied 1.5 x the value of Tangent of Loss Angle tan (25 WV - 20 V applied)** The Value of Leakage Current Leakage Current Moisture Resistance C/C Within 10 % of the initial value (+ 60 C, 90 to 95 % RH, 1000 hours, no voltage) 1.5 x the value of Tangent of Loss Angle tan The Value of Leakage Current Leakage Current Reverse Voltage Guarantee Temporary: 20 % of the rated voltage Continuous: 10 % of the rated voltage * If any doubt arises, measure the current after applying voltage (voltage treatment) for 30 minutes at + 105 C. The rated voltage should be applied for 6.3 to 16.3 WV, while temperature reduction voltage should be applied for 25 WV. ** To use a Vishay OS-CON capacitor when the operating temperature exceeds + 85 C on a component with a rated voltage of 25 V, reduce the voltage by 0.25 V for every degree (1 C) relative to the value at + 85 C (25 V).
TEMPERATURE COEFFICIENT RIPPLE CURRENT
Ambient Temperature ~ + 45 C + 85 C + 95 C + 105 C Coefficient 1.0 0.7 0.4 0.25
DIMENSIONS in inches [millimeters]
CASE CODE A B C D E F NOMINAL CASE SIZE DxL 0.157 x 0.268 [4.0 x 6.8] 0.197 x 0.268 [5.0 x 6.8] 0.248 x 0.268 [6.3 x 6.8] 0.248 x 0.386 [6.3 x 9.8] 0.315 x 0.413 [8.0 x 10.5] 0.394 x 0.413 [10.0 x 10.5] F 0.079 [2.0] 0.079 [2.0] 0.098 [2.5] 0.098 [2.5] 0.138 [3.5] 0.20 [5.0] d 0.018 [0.45] 0.018 [0.45] 0.018 [0.45] 0.236 [0.60] 0.236 [0.60] 0.236 [0.60] G (Max.) 0.020 [0.5] 0.020 [0.5] 0.020 [0.5] 0.020 [0.5] 0.031 [0.8] 0.031 [0.8] K (Max.) 0.020 [0.5] 0.020 [0.5] 0.020 [0.5] 0.020 [0.5] 0.031 [0.8] 0.031 [0.8] www.vishay.com 311
Document Number: 90004 Revision: 13-Sep-04
For technical questions contact: aluminumcaps4@vishay.com
94SC
Vishay OS-CON
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
DIMENSIONS in inches [millimeters]
0
CASE CODE LIST
CAPACITANCE (F) 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 WV*** (SV)**** 6.3 (7.3) A B C 10 (11.5) A B C D 16 (18.4) A A B B C D D 25 (25) A B C C C D E F F 30 (34.5) A B B C D D E F -
***WV = Rated Voltage. ****(SV) = Surge Voltage (at room temperature).
STANDARD RATINGS
CASE CODE PART NUMBER* 94SC105X0030ABP 94SC155X0025ABP A 94SC225X0016ABP 94SC335X0016ABP 94SC475X0010ABP 94SC685X06R3ABP 94SC155X0030BBP 94SC225X0030BBP 94SC335X0025BBP B 94SC475X0016BBP 94SC685X0016BBP 94SC106X0010BBP 94SC156X06R3BBP MAX. ALLOWABLE MAX. LEAKAGE RATED NOMINAL VOLTAGE CAPACITANCE RIPPLE CURRENT CURRENT2(A) (mAmps) (After (V) (F) at 100 kHz, + 45 C Minutes) 30.0 25.0 16.0 16.0 10.0 6.3 30.0 30.0 25.0 16.0 16.0 10.0 6.3 1.0 1.5 2.2 3.3 4.7 6.8 1.5 2.2 3.3 4.7 6.8 10.0 15.0 430 435 450 500 540 560 435 695 700 720 745 780 815 1.00 0.50 0.50 0.53 0.50 0.50 1.00 1.32 0.83 0.75 1.09 1.00 0.95 MAX. TANGENT OF LOSS ANGLE 0.03 0.03 0.04 0.04 0.05 0.05 0.03 0.03 0.03 0.04 0.04 0.05 0.05 MAX. ESR 100 k to 300 kHz (m) 350 300 280 280 280 250 300 250 200 180 150 150 120
*Part Numbers shown are for 20 % capacitance tolerance (X0). 94SC106X0016...Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack.
www.vishay.com 312
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 90004 Revision: 13-Sep-04
94SC
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Vishay OS-CON
STANDARD RATINGS
CASE CODE PART NUMBER* 94SC335X0030CBP 94SC475X0025CBP 94SC685X0025CBP C 94SC106X0025CBP 94SC156X0016CBP 94SC226X0010CBP 94SC336X06R3CBP 94SC475X0030DBP 94SC685X0030DBP D 94SC156X0025DBP 94SC226X0016DBP 94SC336X0016DBP 94SC476X0010DBP E 94SC106X0030EBP 94SC226X0025EBP 94SC336X0025FBP F 94SC476X0025FBP 94SC226X0030FBP MAX. ALLOWABLE MAX. LEAKAGE RATED NOMINAL VOLTAGE CAPACITANCE RIPPLE CURRENT CURRENT2(A) (mAmps) (After (V) (F) at 100 kHz, + 45 C Minutes) 30.0 25.0 25.0 25.0 16.0 10.0 6.3 30.0 30.0 25.0 16.0 16.0 10.0 30.0 25.0 25.0 25.0 30.0 3.3 4.7 6.8 10.0 15.0 22.0 33.0 4.7 6.8 15.0 22.0 33.0 47.0 10.0 22.0 33.0 47.0 22.0 820 1130 1140 1150 1230 1270 1320 1300 1340 1650 1800 1900 2020 1380 2330 2900 2980 1830 1.98 1.18 1.70 2.50 2.40 2.20 2.08 2.82 4.08 3.75 3.52 5.28 4.70 6.00 5.50 8.25 11.75 13.20 MAX. TANGENT OF LOSS ANGLE 0.03 0.03 0.03 0.03 0.04 0.05 0.05 0.04 0.04 0.04 0.05 0.06 0.06 0.06 0.06 0.06 0.06 0.06 MAX. ESR 100 k to 300 kHz (m) 200 100 100 90 90 70 70 120 120 70 70 70 60 110 40 35 35 80
*Part Numbers shown are for 20 % capacitance tolerance (X0). 94SC106X0016... Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack.
Document Number: 90004 Revision: 13-Sep-04
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com 313


▲Up To Search▲   

 
Price & Availability of 94SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X