Part Number Hot Search : 
ER802D 35125 KPY44R 00100 SKY77765 7GZITE1 MAX8704 MD3251
Product Description
Full Text Search
 

To Download 5962-9562901QCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG200A_MIL
Vishay Siliconix
Monolithic Dual SPST CMOS Analog Switch
FEATURES
D D D D "15 V Input Signal Range 44-V Maximum Supply Ranges On-Resistance: 45 W TTL and CMOS Compatibility
BENEFITS
D Wide Dynamic Range D Simple Interfacing D Reduced External Component Count
APPLICATIONS
D D D D Servo Control Switching Programmable Gain Amplifiers Audio Switching Programmable Filters
DESCRIPTION
The DG200A_MIL is a dual, single-pole, single-throw analog switch designed to provide general purpose switching of analog signals. This device is ideally suited for designs requiring a wide analog voltage range coupled with low on-resistance. The DG200A_MIL is designed on Vishay Siliconix' improved PLUS-40 CMOS process. An epitaxial layer prevents latchup. Each switch conducts equally well in both directions when on, and blocks up to 30 V peak-to-peak when off. In the on condition, this bi-directional switch introduces no offset voltage of its own.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Dual-In-Line Metal Can IN2 NC GND NC S2 D2 V- 1 2 3 4 5 6 7 Top View 14 13 12 11 10 9 8 IN1 NC V+ Substrate NC S1 D1 NC GND IN2 2 3 4 S2 6 5 D2 Top View V- IN1 1 V+ (Substrate and Case) S1 9 8 7 D1
10
NC
TRUTH TABLE
Logic
0 1 Logic "0" v 0.8 V Logic "1" w 2.4 V
Switch
ON OFF
Document Number: 70035 S-02314--Rev. E, 05-Oct-00
www.vishay.com
4-1
DG200A_MIL
Vishay Siliconix
ORDERING INFORMATION
Temp Range Package
DG200AAK 14-Pin CerDIP -55 to 125_C 10-Pin Metal Can 14-Pin Sidebraze DG200AAK/883, JM38510/12301BCA, 5962-9562901QCA DG200AAA DG200AAA/883, JM38510/12301BIC JM38510/12301BCC
Part Number
ABSOLUTE MAXIMUM RATINGS
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V GND to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V Digital Inputsa, VS, VD . . . . . . . . . . . . . . . . . . . . . . . . (V-) -2 V to (V+) +2 V or 30 mA, whichever occurs first Current (Any Terminal) Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA Current S or D (Pulsed at 1 ms, 10% Duty Cycle Max) . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150_C Power Dissipation (Package)b 10-Pin Metal Canc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW 14-Pin CerDIPd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 825 mW Notes: a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 6 mW/_C above 75_C d. Derate 11 mW/_C above 75_C
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
V+
S
V- - + V+ GND INX
D
V-
FIGURE 1.
www.vishay.com
4-2
Document Number: 70035 S-02314--Rev. E, 05-Oct-00
DG200A_MIL
Vishay Siliconix
SPECIFICATIONSa
Test Conditions Unless Otherwise Specified Parameter Analog Switch
Analog Signal Rangee Drain-Source On-Resistance Source Off Leakage Current Drain Off Leakage Current Channel On Leakage Currentf VANALOG rDS(on) IS(off) ID(off) ID(on) VD = "10 V, IS = -1 mA VS = "14 V, VD = #14 V VD = "14 V, VS = #14 V VS = VD = "14 V Full Room Full Room Full Room Full Room Full -2 -100 -2 -100 -2 -200 -15 45 15 70 100 2 100 2 100 2 200 nA V W
Limits
-55 to 125_C
Symbol
V+ = 15 V, V- = -15 V VIN = 2.4 V, 0.8 Vf
Tempb
Minc
Typd
Maxc
Unit
"0.01 "0.01 "0.1
Digital Control
VIN = 2.4 V Input Current with Input Voltage High IINH VIN = 15 V IINL VIN = 0 V Room Full Room Full Room Full -0.5 -1 -0.5 -1 0.0009 0.005 -0.0015 0.5 1
mA
Input Current with Input Voltage Low
Dynamic Characteristics
Turn-On Time Turn-Off Time Charge Injection Source-Off Capacitance Drain-Off Capacitance Channel-On Capacitance Off Isolation Crosstalk (Channel-to-Channel) tON tOFF Q CS(off) CD(off) CD(on) + CS(On) OIRR XTALK VIN = 5 V, RL = 75 W VS = 2 V, f = 1 MHz See Switching Time Test Circuit CL = 1000 pF, Vg = 0 V Rg = 0 W f = 140 kHz VIN = 5 V VS = 0 V VD = 0 V Room Room Room Room Room Room Room Room 440 340 -10 9 9 25 75 90 dB pF 1000 425 ns
pC
VD = VS = 0 V, VIN = 0 V
Power Supplies
Positive Supply Current Negative Supply Current I+ I- Both Channels On or Off VIN = 0 V and 2.4 V Room Room -1 0.8 -0.23 2 mA
Notes: a. Refer to PROCESS OPTION FLOWCHART. b. Room = 25_C, Full = as determined by the operating temperature suffix. c. The algebraic convention whereby the most negative value is aminimum and the most positive a maximum, is used in this data sheet. d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function.
Document Number: 70035 S-02314--Rev. E, 05-Oct-00
www.vishay.com
4-3
DG200A_MIL
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rDS(on) vs. VD and Power Supply Voltage
+6 120 A: B: C: D: E: "5 V "10 V "12 V "15 V "20 V TA = 25_C 0 A I S, I D (pA) -6 ID(on) ID(off) or IS(off)
Leakage Currents vs. Analog Voltage
100 r DS(on) ( W )
80 B 60 C D 40 E
-12
-18
20 -15 -12 -9 -6 -3 0 3 6 9 12 15 VD - Drain Voltage (V)
-24 -15 -12 -9 -6 -3 0 3 6 9 12 15 VANALOG - Analog Voltage (V)
Input Switching Threshold vs. V+ and V- Supply Voltages
2.5
Supply Currents vs. Toggle Frequency
2.0
V T (V)
1.5
1.0
0.5
0 0
"5
V+, V- Positive and Negative Supplies (V)
www.vishay.com
4-4
EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE EEEEEEEEE
"10 "15 "20
6 5 I+, I- (mA) 4 3 2
V+ = 15 V V- = -15 V Both logic inputs toggled simutaneously
I+ 1 I- 0 1k 10 k 100 k 1M Toggle Frequency (Hz)
Document Number: 70035 S-02314--Rev. E, 05-Oct-00
DG200A_MIL
Vishay Siliconix
TEST CIRCUITS
VO is the steady state output with switch on. Feedthrough via gate capacitance may result in spikes at leading and trailing edge of output waveform. +15 V
Logic Input
3V 50% 0V tOFF VS 90% 3V GND tr <20 ns tf <20 ns VS = +5 V S IN
V+ D VO CL 35 pF
Switch Input Switch Output
V-
RL 1 kW
VO tON -15 V VO = VS RL RL + rDS(on)
FIGURE 2. Switching Time
+15 V DVO Rg V+ S IN 3V GND V- DVO = measured voltage error due to charge injection The charge injection in coulombs is DQ = CL x DVO -15 V D VO CL 1000 pF INX ON OFF ON VO
Vg
FIGURE 3. Charge Injection
C +15 V C
V+
+15 V
V+ VS S D VO Rg = 50 W 0V S1 IN1 S2 D2 D1 50 W VO RL GND -15 V -15 V Off Isolation = 20 log VS VO XTALK = 20 log C = RF bypass VS VO V- C
VS Rg = 50 W 5V
IN GND V- C
RL
NC 0V
IN2
FIGURE 4. Off Isolation
FIGURE 5. Channel-to-Channel Crosstalk
Document Number: 70035 S-02314--Rev. E, 05-Oct-00
www.vishay.com
4-5


▲Up To Search▲   

 
Price & Availability of 5962-9562901QCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X