Part Number Hot Search : 
MBR840D GDXXXX 333GD ON2178 BRF10 C550A DM0765 GRM219
Product Description
Full Text Search
 

To Download 3SK224 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
3SK224
RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
FEATURES
* Low Noise Figure: * High Power Gain: * Automatically Mounting: * Small Package: NF = 1.8 dB TYP. (f = 900 MHz) GPS = 17 dB TYP. (f = 900 MHz)
PACKAGE DIMENSIONS
(Unit: mm)
0.4-0.05 0.4-0.05 0.4-0.05 0.16-0.06
+0.1
+0.1
Embossed Type Taping 4 Pins Mini Mold
2.90.2 (1.8) 0.85 0.95
2
3 4
5
+0.1
* Suitable for use as RF amplifier in UHF TV tuner.
2.8-0.1 +0.2 1.5-0.1
+0.2
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Drain to Source Voltage Gate1 to Source Voltage Gate2 to Source Voltage Gate1 to Drain Voltage Gate2 to Drain Voltage Drain Current Total Power Dissipation Channel Temperature Storage Temperature *1 RL 10 k VDSX VG1S VG2S VG1D VG2D ID PD Tch Tstg 8 18 (10)*1 18 18 25 200 125 -55 to +125 8 (10)*1 V V V V mA mW C C
0.6-0.05
+0.1
1
5
1.1-0.1 0.8
+0.2
V
5
0 to 0.1
5
1. 2. 3. 4.
Source Drain Gate 2 Gate 1
Document No. P10576EJ2V0DS00 (2nd edition) (Previous No. TD-2265) Date Published August 1995 P Printed in Japan
+0.1
(1.9)
(c)
1989 1993
3SK224
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC Drain to Source Breakdown Voltage Drain Current Gate1 to Source Cutoff Voltage Gate2 to Source Cutoff Voltage Gate1 Reverse Current Gate2 Reverse Current Forward Transfer Admittance Input Capacitance Output Capacitance Reverse Transfer Capacitance Power Gain Noise Figure GPS NF 15.0 17.0 1.8 2.5 dB dB VDS = 6 V, VG2S = 3 V, ID = 10 mA f = 900 MHz SYMBOL BVDSX MIN. 18 TYP. MAX. UNIT V TEST CONDITIONS VG1S = VG2S = -2 V, ID = 10 A VDS = 6 V, VG2S = 3 V, VG1S = 0.5 V VDS = 6 V, VG2S = 3 V, ID = 10 A VDS = 6 V, VG1S = 3 V, ID = 10 A VDS = 0, VG2S = 0, VG1S = 8 V VDS = 0, VG1S = 0, VG2S = 8 V VDS = 5 V, VG2S = 4 V, ID = 10 mA f = 1 kHz VDS = 6 V, VG2S = 3 V, ID = 10 mA f = 1 MHz
IDSX VG1S(off)
0.5 -1.5
15.0 +0.5
mA V
VG2S(off)
-1.0
+1.0 20 20
V
IG1SS IG2SS |yfs| 18 22
nA nA mS
Ciss CDSS Crss
1.2 0.5
1.7 0.9 0.015
2.2 1.2 0.025
pF pF pF
IDSX Classification
Class Marking IDSX (mA) U94/UID* U94 0.5 to 7.0 U95/UIE* U95 5.0 to 15.0
* Old Specification/New Specification
PRECAUTION: Avoid high static voltages or electric fields so that this device would not suffer from any damage due to those voltage or fields.
2
3SK224
TYPICAL CHARACTERISTICS (TA = 25 C)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE
PT - Total Power Dissipation - mW ID - Drain Current - mA
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 25 20 15 10 5 0 3 6 9 VG2S = 3 V VG1S = 1.4 V 1.2 V 1.0 V 0.8 V 0.6 V 0.4 V 0.2 V 12
400 300 200 100
15
VDS - Drain to Source Voltage - V 0 25 50 75 100 125
TA - Ambient Temperature - C
DRAIN CURRENT vs. GATE1 TO SOURCE VOLTAGE
ID - Drain Current - mA
|yfs| - Forward Transfer Admittance - mS
FORWARD TRANSFER ADMITTANCE vs. GATE1 TO SOURCE VOLTAGE 40 32 VG2S = 3.0 V 24 2.5 V 16 8 0.5 V 0 -0.5 0 0.5 1.0 1.5 2.0 1.5 V 1.0 V 2.0 V VDS = 6 V f = 1 kHz
25 20 15 10 5
VDS = 6 V VG2S = 3.0 V 2.5 V 2.0 V 1.5 V
1.0 V
0.5 V 0 0.5 1.0 1.5 2.0
0 -0.5
VG1S - Gate1 to Source Voltage - V
VG1S - Gate1 to Source Voltage - V
|yfs| - Forward Transfer Admittance - mS
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT 40 32 VG2S = 3.0 V 24 2.0 V 16 8 0 0.5 V 4 8 1.5 V 1.0 V 12 16 20 2.5 V VDS = 6 V f = 1 kHz
Ciss - Input Capacitance - pF
INPUT CAPACITANCE vs. GATE2 TO SOURCE VOLTAGE 5.0 ID = 10 mA (at VDS = 6 V VG2S = 3 V) f = 1 MHz
4.0
3.0
2.0
ID - Drain Current - mA
1.0
0 -1.0
0
1.0
2.0
3.0
4.0
VG2S - Gate2 to Source Voltage - V
3
3SK224
OUTPUT CAPACITANCE vs. GATE2 TO SOURCE VOLTAGE 2.5 ID = 10 mA (at VDS = 6 V VG2S = 3 V) f = 1 MHz 2.0 POWER GAIN AND NOISE FIGURE vs. GATE2 TO SOURCE VOLTAGE f = 900 MHz ID = 10 mA 20 (at VDS = 6 V Gps VG2S = 3 V)
10
CDSS - Output Capacitance - pF
NF - Noise Figure - dB
GPS - Power Gain - dB
10
1.5
5
0
1.0
-10 NF -20
0.5
0 -1.0
0 0 1.0 2.0 3.0 4.0 -2.0 0 2.0 4.0 6.0 8.0 VG2S - Gate2 to Source Voltage - V VG2S - Gate2 to Source Voltage - V
900 MHz GPS & NF TEST CIRCUIT
VG2S 1 000 pF
47 k 1 000 pF to 10 pF to 10 pF INPUT 50 to 10 pF to 10 pF L1 47 k RFC L2 OUTPUT 50
1 000 pF
1 000 pF L1, L2: 35 x 5 x 0.2 mm VDD
VG1S
4
3SK224
[MEMO]
5
3SK224
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94.11
2


▲Up To Search▲   

 
Price & Availability of 3SK224

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X