Part Number Hot Search : 
2SC25 M62303FP AP300 AHE8I L064A 81007 BNP22 78L08A
Product Description
Full Text Search
 

To Download 2SK3662 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3662
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSII)
2SK3662
Switching Regulator, DC-DC Converter, Motor Drive Applications
* * * * Low drain-source ON resistance: RDS (ON) = 9.4 m (typ.) High forward transfer admittance: |Yfs| = 55 S (typ.) Low leakage current: IDSS = 100 A (max) (VDS = 60 V) Enhancement-mode : Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 kW) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR (Note 3) Channel temperature Storage temperature range EAR Tch Tstg Rating 60 60 20 35 105 35 204 35 3.5 150 -55 to 150 Unit V V V A W mJ A mJ C C
Pulse (Note 1) Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy
JEDEC JEITA TOSHIBA
SC-67 2-10R1B
Weight: 1.9 g (typ.)
Thermal Characteristics
Characteristics Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 3.57 62.5 Unit C/ W C/ W
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: VDD = 25 V, Tch = 25C (initial), L = 227 mH, IAR = 35 A, RG = 25 W Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic sensitive device. Please handle with caution.
1
2003-01-16
2SK3662
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge tf toff Qg Qgs Qgd VDD 48 V, VGS = 10 V, ID = 35 A Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton 10 V VGS 0V 4.7 ID = 18 A RL = 1.67 W VOUT VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = 60 V, VGS = 0 V ID = 10 mA, VGS = 0 V ID = 10 mA, VGS = -20 V VDS = 10 V, ID = 1 mA VGS = 4 V, ID = 18 A VGS = 10 V, ID = 18 A VDS = 10 V, ID = 18 A Min 3/4 3/4 60 40 1.3 3/4 3/4 28 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 12.5 9.4 55 5120 300 500 6 19 20 115 91 70 21 Max 10 100 3/4 3/4 2.5 19 12.5 3/4 3/4 3/4 3/4 3/4 3/4 ns 3/4 3/4 3/4 3/4 3/4 nC pF Unit mA mA V V mW S
VDD 30 V Duty 1%, tw = 10 ms
Source-Drain Diode Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Pulse drain reverse current Forward voltage (diode) Reverse recovery time Reverse recovery charge (Note 1) Symbol IDR IDRP VDS2F trr Qrr Test Condition 3/4 3/4 IDR1 = 35 A, VGS = 0 V IDR = 35 A, VGS = 0 V, dIDR/dt = 50 A/ms Min 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 60 58 Max 35 105 -1.5 3/4 3/4 Unit A A V ns nC
Marking
K3662
Type
Lot Number Month (starting from alphabet A) Year (last number of the christian era)
2
2003-01-16
2SK3662
ID - VDS
40 6 8 80 30 10 3.3 20 4 3.5 100 10 6 4.2
ID - VDS
Common source Tc = 25C Pulse test
4
(A)
(A)
3.8 60 3.6 40 3.4 20 VGS = 3 V 0 0
ID
Drain current
10
VGS = 3 V Common source Tc = 25C Pulse test
0 0
Drain current
ID
0.2
0.4
0.6
0.8
1.0
1
2
3
4
5
Drain-source voltage
VDS
(V)
Drain-source voltage
VDS
(V)
ID - VGS
100 Common source VDS = 10 V Pulse test 1.0
VDS - VGS
Common source Tc = 25C Pulse test
80
(V) VDS Drain-source voltage
0.8
ID
(A)
60
0.6
Drain current
40
0.4
ID = 35 A
20 Tc = -55C 0 0 1 2 3
100 25 4 5
0.2
17 9
0 0
4
8
12
16
20
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
iYfsi - ID
300
RDS (ON) - ID
50
(S)
Common source
100
Tc = -55C
Drain-source on resistance RDS (ON) (mW)
iYfsi
VDS = 10 V Pulse test
Common source 30 Tc = 25C Pulse test 4 10 VGS = 10 V 5 3
Forward transfer admittance
50 100 30
25
10
5 1
3
5
10
30
50
100
1 1
3
5
10
30
50
100
Drain current
ID
(A)
Drain current
ID
(A)
3
2003-01-16
2SK3662
RDS (ON) - Tc
(mW)
25 Common source 20 Pulse test 17 A, 9 A 100
IDR - VDS
RDS (ON)
(A)
10
Drain-source on resistance
15
ID = 35 A VGS = 4 V
Drain reverse current IDR
5
10
3
10
VGS = 10 V ID = 35 A, 17 A, 9 A
5
Common source VGS = 0 V Tc = 25C Pulse test -0.8 -1.0 -1.2 -1.4 -1.6
0 -80
-40
0
40
80
120
160
1 0
-0.2
-0.4
-0.6
Case temperature Tc
(C)
Drain-source voltage
VDS
(V)
Capacitance - VDS
10000 5 Common source Ciss VDS = 10 V ID = 1 mA Pulse test
Vth - Tc
Gate threshold voltage Vth (V)
4
(pF)
1000
3
Capacitance C
Coss
2
100 Common source VGS = 0 V f = 1 MHz 10 0.1 Ta = 25C 1 10
Crss
1
0 -80 100
-40
0
40
80
120
160
Case temperature Tc
(C)
Drain-source voltage
VDS
(V)
PD - Tc
40 Common source VDS = 10 A ID = 1 mA Pulse test 80
Dynamic input/output characteristics
Common source ID = 35 A Tc = 25C Pulse test 16
(W)
(V)
PD
VDS
Drain power dissipation
Drain-source voltage
24 8 VDD = 48 V
20
40
10
20 VGS
4
0 0
40
80
120
160
0 0
40
80
120
0 160
Case temperature Tc
(C)
Total gate charge Qg (nC)
4
2003-01-16
Gate-source voltage
VDS
12
VGS
30
60
12
(V)
2SK3662
rth - tw
3
Normalized transient thermal impedance rth (t)/Rth (ch-c)
1 Duty = 0.5 0.3 0.2 0.1 0.1 0.05 0.02 0.01 0.01 Single pulse T Duty = t/T Rth (ch-c) = 3.57C/W 100 m 1m 10 m 100 m 1 10 PDM t
0.03
0.00 10 m
Pulse width
tw
(S)
Safe operating area
300 ID max (pulsed)* t = 1 ms* ID max (continuous) 30 250
EAS - Tch
(mJ) Avalanche energy EAS
100
200
(A)
150
ID
10
t = 10 ms*
Drain current
100
3
50
1 * Single nonrepetitive pulse 0.3 Tc = 25C Curves must be derated linearly with increase in temperature. 0.1 0.1 1 VDSS max 10 100 0 25 50 75 100 125 150
Channel temperature (initial) Tch (C)
Drain-source voltage
VDS
(V)
15 V -15 V
BVDSS IAR VDD VDS Waveform
AS = ae o 1 B VDSS / x L x I2 x c cB 2 - VDD / e VDSS o
Test circuit RG = 25 W VDD = 25 V, L = 227 mH
5
2003-01-16
2SK3662
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2003-01-16


▲Up To Search▲   

 
Price & Availability of 2SK3662

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X