Part Number Hot Search : 
MANF460C ADUC831 MIC2290 55ZH6 EMK12G B7664 00406 74AHC1G
Product Description
Full Text Search
 

To Download 2SC5472 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SC5472
Silicon NPN epitaxial planer type
Unit: mm
(0.425)
For low-voltage low-noise high-frequency oscillation I Features
* High transition frequency fT * High gain of 8.2 dB and low noise of 1.8 dB at 3 V * Optimum for RF amplification of a portable telephone and pager * S-mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
0.3+0.1 -0.0 3
0.15+0.10 -0.05
1.250.10
2.10.1 5
1
2
0.20.1 0 to 0.1 0.90.1 0.9+0.2 -0.1
(0.65) (0.65) 1.30.1 2.00.2 10
I Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 9 6 1 30 150 150 -55 to +150 Unit V V V mA mW C C
1: Base 2: Emitter 3: Collector
EIAJ: SC-70 S-Mini Type Package
Marking Symbol: 3A
I Electrical Characteristics Ta = 25C 3C
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Transition frequency Collector output capacitance Forward transfer gain Noise figure Symbol ICBO IEBO hFE fT Cob | S21e NF |2 Conditions VCB = 9 V, IE = 0 VEB = 1 V, IC = 0 VCE = 3 V, IC = 10 mA VCE = 3 V, IC = 10 mA, f = 2 GHz VCB = 3 V, IE = 0, f = 1 MHz VCE = 3 V, IC = 10 mA, f = 2 GHz VCE = 3 V, IC = 3 mA, f = 1.5 GHz 6.0 80 12.0 0.6 8.0 1.8 3.0 0.9 Min Typ Max 1 1 200 GHz pF dB dB Unit A A
1
2SC5472
hFE IC
240
Transistors
f T IC
14 12 VCE = 3 V
10
| S21e | 2 IC
VCE = 3 V f = 2 GHz
Transition frequency fT (GHz)
200
Forward transfer gain | S21e | 2 (dB)
Forward current transfer ratio hFE
8
160
Ta = 75C 25C -25C
10 8 6 4 2 0
6
120
4
80
40
2
0 0.1
0.3
1
3
10
30
100
0
1
3
10
30
100
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
NF IC
5 VCE = 3 V f = 1.5 GHz
4
Noise figure NF (dB)
3
2
1
0 0.1
0.3
1
3
10
Collector current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SC5472

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X