Part Number Hot Search : 
AD831005 PE3100 HEF40 7N4036 TDA4661T F1621 MAX871 P4KE530
Product Description
Full Text Search
 

To Download 2SC4299 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4299
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor) sAbsolute maximum ratings
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC4299 900 800 7 3(Pulse6) 1.5 70(Tc=25C) 150 -55 to +150 (Ta=25C) Unit V V V A A W C C
Application : Switching Regulator and General Purpose
(Ta=25C) 2SC4299 100max 100max 800min 10 to 30 0.5max 1.2max 6typ 50typ V V
16.2
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=800V VEB=7V IC=10mA VCE=4V, IC=1A IC=1A, IB=0.2A IC=1A, IB=0.2A VCE=12V, IE=-0.3A VCB=10V, f=1MHz
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
Unit
A
23.00.3
V
9.50.2
A
a b
MHz pF
1.75 2.15 1.05 5.450.1 1.5 4.4
+0.2 -0.1
3.3
0.8
sTypical Switching Characteristics (Common Emitter)
VCC (V) 250 RL () 250 IC (A) 1 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.15 IB2 (A) -0.5 ton (s) 1max tstg (s) 5max tf (s) 1max
5.450.1 1.5
0.65 +0.2 -0.1
3.35
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
3
VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s a t)( V ) Base-Emitter Saturation Voltage V B E (s at)( V) (IC/IB=5)
IC - V BE Temperature Characteristics (Typical)
3 (VCE=4V)
500mA
400mA
300mA
1
p) -55C (Case Tem
25C (Cas e Temp)
Temp)
V B E( sat) Collector Current I C (A)
Collector Current I C (A)
200mA
2
2
mp)
2 5 Cas eT C emp)
(Cas
125C
125C
-55
C
(
V C E( sat) 0 0.02 0.05 0.1 0.5 1
12
5C
0
0
1
2
3
4
3
0
0
0.2
0.4
0.6
0.8
-55C (C
1
I B =50mA
1
25C (C
ase Tem
ase Te
(Case
e Te
p)
100mA
mp)
1.0
Collector-Emitter Voltage V C E( V)
Collector Current I C( A)
Base-Emittor Voltage V B E( V)
(VCE=4V) 50 125C DC C urrent G ain h FE 25C 8
j- a( C/W)
hFE - I C Characteristics (Typical)
ton*t s t g*t f ( s)
ton*t stg * t f - I C Characteristics (Typical)
j-a - t Characteristics
3
5 tstg VCC 250V IC:IB1:-IB2 =2:0.3:1 Const. 1 0.5 ton 0.2 0.1 0.5 1 3
Transient Thermal Resistance
-55C
Sw it ching Time
1
tf
10
0.5
5 0.01
0.05
0.1
0.5
1
3
0.3
1
10 Time t(ms)
100
3.0
1.2
1000
Collector Current I C( A)
Collector Current I C( A)
Safe Operating Area (Single Pulse)
10 10
Reverse Bias Safe Operating Area
70
P c - T a Derating
10
0
s
Ma xim um Powe r Dissipat io n P C( W)
5
5
60
W
Collector Cur rent I C( A)
Collecto r Cur rent I C( A)
50
ith In fin ite
40
he
1
1 Without Heatsink Natural Cooling L=3mH IB2=-1.0A Duty:less than 1%
at si nk
30
0.5 Without Heatsink Natural Cooling
0.5
20
10 Without Heatsink 3.5 0
0.1 50
100
500
1000
0.1 50
100
500
1000
0
25
50
75
100
125
150
Collector-Emitter Voltage V C E( V)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
97


▲Up To Search▲   

 
Price & Availability of 2SC4299

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X