Part Number Hot Search : 
015445 AP04N 7N10L HMC8325 7N4036 GBL40004 5J71D 90816
Product Description
Full Text Search
 

To Download 2SC4297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4297
Silicon NPN Triple Diffused Planar Transistor (High Voltage and High Speed Switchihg Transistor) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC4297 500 400 10 12(Pulse24) 4 75(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Switching Regulator and General Purpose External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=500V VEB=10V IC=25mA VCE=4V, IC=7A IC=7A, IB=1.4A IC=7A, IB=1.4A VCE=12V, IE=-1A VCB=10V, f=1MHz
(Ta=25C) 2SC4297 100max 100max 400min 10 to 30 0.5max 1.3max 10typ 105typ V V MHz pF Unit
A
23.00.3
V
9.50.2
A
a b
16.2
1.75 2.15 1.05 +0.2 -0.1 5.450.1 1.5 4.4 5.450.1 1.5 0.65 +0.2 -0.1
3.3
0.8
sTypical Switching Characteristics (Common Emitter)
VCC (V) 200 RL () 28.5 IC (A) 7 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.7 IB2 (A) -1.4 ton (s) 1max tstg (s) 3max tf (s) 0.5max
3.35
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
12
VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) Base-Emitter Saturation Voltage V B E (s at)( V) (I C/ IB=5)
I C - V BE Temperature Characteristics (Typical)
12 (VCE=4V)
1A
10 Collector Current I C (A)
80 0m A
60 0m A
10 1
-55C (Case 25C (Cas
125C
Collector Current I C (A)
V B E( sat)
8
400m A
Temp)
8
p)
6
e Temp)
as e 2 5 Temp ) C
(Cas
4
4
(Ca
200mA
IB=100mA
2
12
5
V C E( sat) 0 0.02 0.05 0.1 0.5 1 5
-5
5
C
2
0
0
1
2
3
4
10
0
0
0.2
0.4
0.6
0.8
-55C
C
25C
125
(C
1.0
(Case
C
Temp
e Te
se
Te (Case
mp)
Tem
mp)
6
)
Collector-Emitter Voltage V C E( V)
Collector Current I C( A)
Base-Emittor Voltage V B E( V)
(VCE=4V) 50 8
j - a( C/W)
hFE - IC Characteristics (Typical)
t on*t s t g *t f( s)
5
t on *t stg * t f - I C Characteristics (Typical)
j-a - t Characteristics
2
125C
DC Cur rent Gain h F E
Transient Thermal Resistance
t s tg VCC 200V IC:I B1: -I B 2= 10:1:2 1 0.5 ton
25C
-30C
1
10
Swi tchi ng T im e
0.5
tf 0.1 0.5 1 Collector Current I C( A) 5 10
5 0.02
0.05
0.1
0.5
1
5
10 12
0.1
1
10 Time t(ms)
100
3.0
1.2
1000
Collector Current I C( A)
Safe Operating Area (Single Pulse)
30
10 0 s
Reverse Bias Safe Operating Area
30 80
P c - T a Derating
10 Co lle ctor Cu rre nt I C( A) Collector Curr ent I C (A) 5
10 5
M aximum Power Dissipa ti on P C( W)
60
W ith In fin ite he
40
at si nk
1 0.5
1 0.5 Without Heatsink Natural Cooling L=3mH -IB2=1A Duty:less than 1%
Without Heatsink Natural Cooling
20
0.1 5 10 50 100 500 Collector-Emitter Voltage V C E( V)
0.1 5
10
50
100
500
3.5 0
Without Heatsink 0 50 100 150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
95


▲Up To Search▲   

 
Price & Availability of 2SC4297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X