|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SC4296 Silicon NPN Triple Diffused Planar Transistor (High Voltage and High Speed Switchihg Transistor) sAbsolute maximum ratings (Ta=25C) Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC4296 500 400 10 10(Pulse20) 4 75(Tc=25C) 150 -55 to +150 Unit V V V A A W C C Application : Switching Regulator and General Purpose External Dimensions FM100(TO3PF) 0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6 sElectrical Characteristics Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=500V VEB=10V IC=25mA VCE=4V, IC=6A IC=6A, IB=1.2A IC=6A, IB=1.2A VCE=12V, IE=-0.7A VCB=10V, f=1MHz (Ta=25C) 2SC4296 100max 100max 400min 10 to 30 0.5max 1.3max 10typ 85typ V V MHz pF Unit A V 23.00.3 9.50.2 A a b 16.2 1.75 2.15 1.05 +0.2 -0.1 5.450.1 1.5 4.4 5.450.1 1.5 0.65 +0.2 -0.1 3.3 0.8 sTypical Switching Characteristics (Common Emitter) VCC (V) 200 RL () 33 IC (A) 6 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.6 IB2 (A) -1.2 ton (s) 1max tstg (s) 3max tf (s) 0.5max 3.35 B C E Weight : Approx 6.5g a. Type No. b. Lot No. IC - VCE Characteristics (Typical) 10 1.2 A 1A VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical) Collector-Emitter Saturation Voltage V C E (s a t)( V ) Base-Emitter Saturation Voltage V B E (s at)( V ) 1.4 (I C/ I B= 5) IC - V BE Temperature Characteristics (Typical) 10 (VCE=4V) 8 Collector Current I C (A) 600 mA 8 1 Collector Current I C (A) 6 400mA 6 mp ) V B E( sat) emp ) se T (Ca (Ca 25C 125 IB=100 mA 2 2 V C E( sat) 0 0.02 0.05 0.1 0.5 1 5 10 0 0 0.2 0.4 0.6 0.8 1.0 1.2 0 0 1 2 3 4 Collector-Emitter Voltage V C E( V) Collector Current I C( A) Base-Emittor Voltage V B E( V) (VCE=4V) 100 10 j - a( C/W) hFE - IC Characteristics (Typical) ton*t s t g*t f( s) t on* t stg * t f - I C Characteristics (Typical) j-a - t Characteristics 3 50 25C -55C VCC 200V I C: I B 1: -I B2= 10:1:2 1 0.5 tf 0.1 0.1 0.5 1 5 10 ton Transient Thermal Resistance DC C urrent G ain h FE 125C 5 tstg Sw it ching Time 1 10 0.5 5 0.02 0.05 0.1 0.5 1 5 10 0.3 1 10 Time t(ms) 100 -55C (Cas C e Te se 4 200m A 4 mp) Te 3.0 1000 Collector Current I C( A) Collector Current I C( A) Safe Operating Area (Single Pulse) 30 1m s Reverse Bias Safe Operating Area 30 80 P c - T a Derating 50 10 m 5 Collect or Cur ren t I C( A) s 5 Collect or Cur re nt I C( A) Ma xim um Powe r Dissipat io n P C( W) 10 10 s 0 s 10 60 W ith In fin ite 1 0.5 1 0.5 Without Heatsink Natural Cooling L=3mH -IB2=1A Duty:less than 1% he 40 at si nk 0.1 0.05 0.02 5 Without Heatsink Natural Cooling 0.1 0.05 0.02 5 20 10 50 100 500 10 50 100 500 3.5 0 Without Heatsink 0 50 100 150 Collector-Emitter Voltage V C E( V) Collector-Emitter Voltage V C E( V) Ambient Temperature Ta(C) 94 |
Price & Availability of 2SC4296 |