Part Number Hot Search : 
DA15PFP2 AS384X UPD80C49 90020 SW1251W VV5430 R1601 HER805T
Product Description
Full Text Search
 

To Download 2SC1846 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC1846
Silicon NPN epitaxial planar type
For medium output power amplification Complementary to 2SA0885
3.160.1 8.0+0.5 -0.1
Unit: mm
3.20.2
3.80.3
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 45 35 5 1 1.5 1.2 5.0 * Junction temperature Storage temperature 150 -55 to +150 C C Unit V V V A A W
0.750.1 4.60.2
0.50.1 0.50.1 2.30.2 3 1.760.1
1
2
Note) *: With a 100 x 100 x 2 mm Al heat sink
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio Symbol VCBO VCEO ICBO ICEO IEBO hFE1
*
Conditions IC = 1 mA, IE = 0 IC = 2 mA, IB = 0 VCB = 20 V, IE = 0 VCE = 20 V, IB = 0 VEB = 5 V, IC = 0 VCE = 10 V, IC = 500 mA VCE = 5 V, IC = 1 A IC = 500 mA, IB = 50 mA VCB = 10 V, IE = -50 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz
Min 45 35
Typ
16.01.0
* Low collector-emitter saturation voltage VCE(sat) * Output of 3 W can be obtained by a complementary pair with 2SA0885 * TO-126B package which requires no insulation plate for installation to the heat sink
1.90.1
1: Emitter 2: Collector 3: Base TO-126B-A1 Package
Max
3.050.1
Features
11.00.5
Unit V V A A A V MHz pF
0.1 100 10 85 50 0.5 200 20 340
hFE2 Collector-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) VCE(sat) fT Cob
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE1 Q 85 to 170 R 120 to 240 S 170 to 340
Publication date: February 2003
SJD00094BED
1
2SC1846
PC Ta
6
IC VCE
1.50
TC=25C
IC I B
1.2
VCE=10V Ta=25C
Collector power dissipation PC (W)
5
(1)With a 100x100x2mm Al heat sink (2)Without heat sink
1.25
IB=10mA
1.0
9mA 8mA 7mA 6mA
Collector current IC (A)
4
1.00
Collector current IC (A)
0.8
3
(1)
0.75
5mA 4mA
0.6
2
0.50
3mA 2mA
0.4
1
0.25
(2)
1mA
0.2
0
0
0 40 80 120 160 200
0
2
4
6
8
10
0
0
2
4
6
8
10
12
Ambient temperature Ta (C)
Collector-emitter voltage VCE
(V)
Base current IB (mA)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
1
TC=100C 25C
VBE(sat) IC
Base-emitter saturation voltage VBE(sat) (V)
IC/IB=10 IC/IB=10
hFE IC
VCE=10V
10
1000
Forward current transfer ratio hFE
TC=100C 25C
0.1
-25C
1
TC=-25C 100C 25C
100
-25C
0.01
0.1
10
0.001 0.01
0.1
1
0.01 0.01
0.1
1
1 0.01
0.1
1
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
fT I E
Collector output capacitance C (pF) (Common base, input open circuited) ob
200
VCB=10V f=200MHz TC=25C
Cob VCB
50
VCER RBE
100
Collector-emitter voltage (V) (Resistor between B and E) VCER
IE=0 f=1MHz TC=25C
IC=10mA TC=25C
Transition frequency fT (MHz)
160
40
80
120
30
60
80
20
40
40
10
20
0 -1
-10
-100
0
1
10
100
0 0.1
1
10
100
Emitter current IE (mA)
Collector-base voltage VCB (V)
Base-emitter resistance RBE (k)
2
SJD00094BED
2SC1846
ICEO Ta
104
VCE=10V
Safe operation area
10
Single pulse TC=25C ICP
Collector current IC (A)
103
1
IC t=10ms t=1s
ICBO (Ta) ICBO (Ta = 25C)
102
0.1
10
0.01
1
0
40
80
120
160
0.001 0.1
1
10
100
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
SJD00094BED
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SC1846

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X