Part Number Hot Search : 
1A1701V SEL241 W12NK90Z M85049 SPT574 XC6206 2SC36 CS1018
Product Description
Full Text Search
 

To Download 1N5400G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
1N5400G THRU 1N5408G
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FEATURES
* * * * * High reliability Low leakage Low forward voltage drop High current capability Glass passivated junction
DO-201AD
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 1.18 grams
1.0 (25.4) MIN. .052 (1.3) DIA. .048 (1.2)
.375 (9.5) .335 (8.5) .220 (5.6) .197 (5.0) DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) lead length at TL = 105oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note) Typical Thermal Resistance Operating and Storage Temperature Range ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0A DC Maximum DC Reverse Current @TA = 25 oC at Rated DC Blocking Voltage @TA = 100 oC Maximum Full Load Reverse Current Average, Full Cycle o .375" (9.5mm) lead length at TL = 75 C NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF 1N5400G 1N5401G 1N5402G 1N5404G 1N5406G 1N5407G 1N5408G UNITS 1.1 Volts 5.0 uAmps 300 30 uAmps 2001-6 SYMBOL VRRM VRMS VDC IO IFSM CJ R JA TJ, TSTG 1N5400G 1N5401G 1N5402G 1N5404G 1N5406G 1N5407G 1N5408G UNITS 50 35 50 100 70 100 200 140 200 400 280 400 3.0 200 40 30 -65 to + 175
0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps pF C/ W 0 C
IR
RATING AND CHARACTERISTIC CURVES ( 1N5400G THRU 1N5408G )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT, (A)
AVERAGE FORWARD CURRENT, (A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10 4 2 1.0 .4 .2 .1 .04 .02 .01 .6 .8 1.0 1.2 1.4 1.5 INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4 1.0 .4
TJ = 25 TJ = 25 Pulse Width=300us 1% Duty Cycle
5 4 3 2 1 0 0 25 50 75 100 125 150 175 LEAD TEMPERATURE, ( )
Single Phase Half Wave 60Hz Resistive or Inductive Load
SURGE CURRENT 300 250 200 150 100 0 1 2 4 6 8 10 20 40 60 80100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave (JEDED Method)
INSTANTANEOUS REVERSE CURRENT, (uA)
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
.1 .04 .01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
TJ = 25
RECTRON


▲Up To Search▲   

 
Price & Availability of 1N5400G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X