Part Number Hot Search : 
RT3T1CU STA15K82 H11AA2 EB60WT IW3616 J128G NTE22 FM1808B
Product Description
Full Text Search
 

To Download ZHCS400TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE "SuperBAT"
ISSUE 1- NOVEMBER 1998 FEATURES: * Low VF * * High Current Capability Miniature Surface Mount Package 7
ZHCS400
C
APPLICATIONS: * DC - DC converters * * Mobile telecomms PCMCIA
SOD323
A
Partmark Detail - BD
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Continuous Reverse Voltage Forward Current (Continuous) Forward Voltage @ IF =400mA Average Peak Forward Current; D.C. = 50% Non Repetitive Forward Current t100s t10ms Power Dissipation at Tamb=25C Storage Temperature Range Junction Temperature SYMBOL VR IF VF IFAV IFSM Ptot Tstg Tj VALUE 40 400 500 1000 6.75 3 250 -55 to +150 125 UNIT V mA mV mA A A mW C C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Reverse Breakdown Voltage Forward Voltage SYMBOL V(BR)R VF MIN. 40 TYP. 60 270 300 370 425 550 640 810 440 15 20 10 300 350 460 500 670 780 1050 40 MAX. UNIT V mV mV mV mV mV mV mV mV A pF ns CONDITIONS. IR=200A IF=50mA* IF=100mA* IF=250mA* IF=400mA* IF=750mA* IF=1000mA* IF=1500mA* IF=500mA, Tamb=100C* VR=30V f=1MHz,VR=25V switched from IF = 500mA to IR = 500mA Measured at IR = 50mA
Reverse Current Diode Capacitance Reverse Recovery Time
IR CD trr
ZHCS400
TYPICAL CHARACTERISTICS
1 100m 10m 1m 100m
+100C +125C
100u 10u
+50C
+25C
10m
+125C +25C -55C
1u 100n 10n
-55C
1m
0
0.1
0.2
0.3
0.4
0.5
1n
0
10
20
30
40
VF - Forward Voltage (V) IF v VF
VR - Reverse Voltage (V)
IR v VR
0.6
t
0.4
DC
1
D=t 1/t
p
I F(pk)
Tj=125C
D=0.5
t
0.3
p
F(pk)
0.4
D=0.2
I F(av) =DxI PF(av) =I
F(av)
xV
F
0.2
t
1
0.2
D=t 1/t
p
D=0.1 D=0.05
I F(pk)
0.1
DC DC=0.5 DC=0.2 DC=0.1 DC=0.05
t
p
I F(av) =DxI PF(av) =I
F(av)
F(pk)
0 100 105 110 115 120 125
0
xV
F
0
0.1
0.2
0.3
0.4
0.5
0.6
TC - Case Temperature (C)
IF(av) - Avg Fwd Curr (A)
IF(av) v TC
PF(av) v IF(av)
125
90
Rth=100 C/W Rth=200C/W
95
Rth=300C/W
50
65
1
10
100
0
0
10
20
30
40
VR - Reverse Voltage (V)
VR - Reverse Voltage (V)
Ta v VR
CD v VR
ZHCS400
TYPICAL CHARACTERISTICS
400m
DC=1
400
t1 D=t1 tP tP
300 200m 200
DC=0.5 DC=0.2 DC=0.1 Single Pulse
100
0 100u
1m
10m
100m
1
10
100
1k
0
0
50
100
150
Pulse Width
TA - Ambient Temperature (C)
Transient Thermal Resistance


▲Up To Search▲   

 
Price & Availability of ZHCS400TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X