Part Number Hot Search : 
PGA301 1N522 LM337BT 05210G0A GOB94020 M5260 WSH137 1500A
Product Description
Full Text Search
 

To Download UTCLP2950 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC LP2950/2951
LINEAR INTEGRATED CIRCUIT
100 mA LOW-DROPOUT VOLTAGE REGULATOR
DESCRIPTION
The UTC LP2950/2951 is a monolithic integrated voltage regulator with low dropout voltage, and low quiescent current. It includes many features that suitable for different applications. Available in 3-pin TO-92, DIP-8 and SOP-8 packages.
1
TO-92
SOP-8
FEATURES
*High accuracy 2.5, 3.0, 3.3, 3.6 or 5V fixed output for TO-92, SOP-8 package. *Extremely low quiescent current and dropout voltage. *Extremely tight load and line regulation. *Current and thermal limiting. *Very low temperature coefficient. *Logic controlled shutdown and error flag available for DIP and SOP package. *Output voltage programmable for DIP and SOP package.
DIP-8
APPLICATIONS
*Battery powered equipment. *High efficient linear regulator down to 1.24V. *Cellular phones.
ORDERING INFORMATION
PART NUMBER
UTC LP2950-5.0 UTC LP2950-3.0 UTC LP2950-3.3 UTC LP2950-3.6 UTC LP2950-2.5 UTC LP2950-5.0 UTC LP2950-3.0 UTC LP2950-3.3 UTC LP2951 UTC LP2951
TEMPERATURE RANGE
-40 ~ +125C -40 ~ +125C -40 ~ +125C -40 ~ +125C -40 ~ +125C -40 ~ +125C -40 ~ +125C -40 ~ +125C -40 ~ +125C -40 ~ +125C
PACKAGE
3-Pin TO-92 plastic 3-Pin TO-92 plastic 3-Pin TO-92 plastic 3-Pin TO-92 plastic 3-Pin TO-92 plastic 8-Pin SOP-8 plastic 8-Pin SOP-8 plastic 8-Pin SOP-8 plastic 8-Pin SOP-8 plastic 8-Pin DIP-8 plastic
ACCURACY
2.0% 1.0% 1.0% 2.0% 1.0% 2.0% 1.0% 1.0% 2.0% 2.0%
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R102-001,E
UTC LP2950/2951
PIN CONFIGURATIONS
LINEAR INTEGRATED CIRCUIT
UTC LP2950
1 2 3
OUTPUT GND
INPUT
TO-92 Plastic Package Bottom View
OUTPUT SENSE SHUTDOWN
1 2
8 7 6 5
INPUT FEEDBACK 5V TAP
3
4
UTC LP2951
GND
ERROR
SOP-8 OR DIP-8 PACKAGE FOR UTC LP2951
OUTPUT NC SHUTDOWN
1 2
8 7 6 5
INPUT NC NC
3
4
UTC LP2950
GND
ERROR
SOP-8 OR DIP-8 PACKAGE FOR UTC LP2950
Fig.1
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R102-001,E
UTC LP2950/2951
BLOCK DIAGRAM
LINEAR INTEGRATED CIRCUIT
UNRAGULATED DC
FEEDBACK
7
INPUT
8
OUTPUT
1
5V 150mA MAX.
SENSE 182k
2 6
1.5 F
FROM CMOS OR TTL
SHUT DOWN
3
ERROR AMPLIFIER 60mV
5V TAP
330K
60k ERROR DETECTION COMPARATOR
ERROR
5
TO CMOS OR TTL
1.23 REF
GND
4
FOR UTC LP2951
ABSOLUTE MAXIMUM RATINGS
PARAMETER
Supply Voltage Feedback Voltage Shutdown Voltage Comparator Output Voltage Storage Temperature Operating Junction Temperature
SYMBOL Vcc Vfeedback Vshutdown Vco Tstr Tj
VALUE -0.3~+18 -1.5~+18 -0.3~+18 -0.3~+18 -65~+150 -40~+125
UNIT V V V V C C
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R102-001,E
UTC LP2950/2951
LINEAR INTEGRATED CIRCUIT
TYP. 2.5 3.0 3.3 3.6 5.0 2.5 3.0 3.3 3.6 5.0 2.5 3.0 3.3 3.6 5.0 MAX. 2.53 3.03 3.33 3.67 5.10 2.53 3.03 3.33 3.67 5.10 2.53 3.03 3.33 3.67 5.10 100 0.1 0.1 80 450 120 12 170 200 0.2 0.2 150 600 140 14 200 220 430 160 100
ELECTRICAL CHARACTERISTICS
(Tested at Tj=25C,VIN=6V,IL=100A and CL=1F, unless otherwise specified) PARAMETER PART NUMBER TEST CONDITION MIN. TJ=25C Output Voltage UTC LP2950-2.5 2.47 UTC LP2950-3.0 2.97 UTC LP2950-3.3 3.27 UTC LP2950-3.6 3.53 UTC LP2950-5.0 4.90 UTC LP2951 (note 1) -25C<=TJ<=<=+85C UTC LP2950-2.5 2.47 UTC LP2950-3.0 2.97 UTC LP2950-3.3 3.27 UTC LP2950-3.6 3.53 UTC LP2950-5.0 4.90 (note 1) UTC LP2951 100A<=IL<=100 mA Output Voltage UTC LP2950-2.5 2.47 Tj<=Tj(max) UTC LP2950-3.0 2.97 UTC LP2950-3.3 3.27 UTC LP2950-3.6 3.53 UTC LP2950-5.0 4.90 (note 1) UTC LP2951 Output Voltage 20 Temperature Coefficient Line Regulation 6V<=VIN<=18V 0.03 100A<=IL<=100 mA Load Regulation 0.04 IL=100A Dropout Voltage 50 IL=100mA (note 2) IL=100A IL=100mA VIN=4.5V,IL=100A Vout=0 CL=1F CL=200F CL=3.3F (Bypass=0.01F pins 7 to (utc2951)) 380 75 8 110 160
UNIT
V
V
V
ppm/C % % mV
Ground Current Dropout Ground Current Current Limit Output Noise 10Hz to 100KHz
A mA A mA V
For LP2951 8-Pin version only
Reference Voltage Reference Voltage Feedback pin Bias Current Reference Voltage Temperature Coefficient Feedback Bias Current temperature Coefficient 1.22 1.19 1.235 20 50 0.1 1.25 1.27 40 V V nA ppm/C nA/C
(Note 4)
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R102-001,E
UTC LP2950/2951
PARAMETER Error Comparator
Output Leakage Current Output Low Voltage
LINEAR INTEGRATED CIRCUIT
TEST CONDITION
MIN. TYP. MAX.
PART NUMBER
UNIT
VOH=18V VIN=4.5V IOL=400A (Note 3) (Note 3) (Note 3) 15 3.2
1 250
A mV
Upper Threshold Voltage Lower Threshold Voltage Hysteresis
%VO 7.6 %VO mV
Shutdown Input
Input Logic Voltage Low(Regulator ON) High(Regulator OFF) Vshutdown=2.4V Vshutdown=18V Vshutdown>=2V,VIN<=18V, Vout=0, Feedback pin tied to 5V Tap. 2.0 30 450 3 50 600 10 A A A 1.3 0.70 V
Shutdown Pin Input Current Regulator Output Current Shutdown
Note 1: Additional conditions for 8-pin versions are feedback tied to 5V Tap an Output tied to Output Sense (Vout=5V) and Vshutdown<=0.8V. Note 2:Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V differential. Note 3:Comparator thresholds are expressed in terms of percentage value of voltage output. Note 4:VrefVout(Vin-1V), 2.3VVin30V, 100AIL100mA, TJTJMAX
UTC
UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R102-001,E
UTC LP2950/2951
CURRENT LIMIT SECTION
LINEAR INTEGRATED CIRCUIT
APPLICATION CIRCUIT (10 Ampere Low Dropout Regulator)
+VIN=Vout+0.5V
680
0.05
2N3906
470
UTC D65H0
4.7M
8 +VIN ERROR
5
10k
+VOUT 100m A
UTC LP2951
3 220 20k SD FB GND 4 7
R1 1% R2 4.7F
100F
Vout
1 47
0.033F
Vout=1.23V*(1+R1/R2)
For 5V output use internal resistors.Wire pin 6 to 7
and wire pin 2 to +Vout
Fig.2
Vin
UTC UTC UTC UTC UTC
LP2950-2.5 LP2950-3.0 LP2950-3.3 LP2950-3.6 LP2950-5.0
Vout
Fig.3
UTC
UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R102-001,E
UTC LP2950/2951
Fig.4 Dropout Characteristics
LINEAR INTEGRATED CIRCUIT
Fig.5 Input Current
150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 01 600
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 6 Dropout Voltage
6 5 4 3 2 1 0
RL=50
500 400 300
IL=100mA
INPUT CURRENT(mA)
OUTPUT VOLTAGE(V)
RL=50k RL=50
DROPOUT VOLTAGE(mV)
100 50 0
IL=100A
0
1
INPUT VOLTAGE(V)
2
3
4
5
6
2
INPUT VOLTAGE(V)
34
56
78
9 10 11 12
-75 -50
-25
0
25
50
75
100 125 150
TEMPERATURE(C)?
Fig. 7 Ground Pin Current
8 120 110 7
Fig. 8 Ground Pin Current
Fig. 9 Shutdown Threshold Voltage
1.8 1.6
m A)
100 90
Shutdown Threshold Voltage(V)
75 100 125 150
QUIESCENT CURRENT(
VIN=6V IL=100A
QUIESCENT CURRENT(mA)
6
V IN=6V IL=100mA
1.4 1.2 1.0 0.8 0.6
-75 -50 -25 0 25 50 75 100 125 150
80 70 60 50 -75 -50 -25 0 25 50 75 100 125 150
5
4 -75 -50 -25 0 25 50
TEMPERATURE(C)?
TEMPERATURE(C)?
TEMPERATURE(C)
Fig. 10 Short Circuit Current
500 170 160 150 140 130 120 110 100 -75 -50 -25 0 25 50 75 100 125 150 400
Fig. 11 Dropout Voltage
SHORT CIRCUIT CURRENT(mA)
300
Dropout Voltage(mV)
200
100
0 0.1 1 10 100
TEMPERATURE(C)?
OUTPUT CURRENT(mA)
UTC
UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R102-001,E


▲Up To Search▲   

 
Price & Availability of UTCLP2950

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X