Part Number Hot Search : 
ADV7177 ZL50015 KSMU9N25 TIP36 9S12D 150TEA TLN110F 26K035AT
Product Description
Full Text Search
 

To Download TDA7393 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TDA7393
2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER
HIGH OUTPUT POWER CAPABILITY: 2 x 35W max./4 2 x 32W EIAJ/4 2 x 22W typ./4 @ 14.4V, 1KHz, 10% 2 x 19W typ./4 @ 13.2V, 1KHz, 10% 2 x 28W typ./2 @ 14.4V, 1KHz, 10% 2 x 25W typ./2 @ 13.2V, 1KHz, 10% LOW DISTORTION LOW OUTPUT NOISE ST-BY FUNCTION MUTE FUNCTION AUTO-MUTE AT MIN. SUPPLY VOLTAGE DETECTION LOW EXTERNAL COMPONENT COUNT - INTERNALLY FIXED GAIN (32dB) - NO EXTERNAL COMPENSATION - NO BOOTSTRAP CAPACITORS ADDITIONAL MONO INPUT PROTECTIONS: OUTPUT AC/DC SHORT CIRCUIT TO GND AND TO VS VERY INDUCTIVE LOADS OVERRATING CHIP TEMPERATURE WITH SOFT THERMAL LIMITER BLOCK DIAGRAM
MULTIWAT T15 ORDERING NUMBER: TDA7393
LOAD DUMP VOLTAGE FORTUITOUS OPEN GND REVERSE BATTERY ESD PROTECTION DESCRIPTION The TDA7393 is a new technology class AB Audio Power Amplifier in Multiwatt15 package designed for high end car radio applications. Thanks to the fully complementary PNP/NPN output configuration the high power performances of the TDA7393 are obtained without bootstrap capacitors. The extremely reduced components count
October 1998
1/9
TDA7393
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VCC (DC) VCC (pk) IO Operating Supply Voltage DC Supply Voltage Peak Supply Voltage (t = 50ms) Output Peak Current: Repetitive (Duty Cycle 10% at f = 10Hz) Non Repetitive (t = 100s) Power dissipation, Tcase = 75C (see derating curve) Junction Temperature Operating Ambient Temperature Storage Temperature Parameter Value 18 28 50 4.5 5.5 50 150 - 40 to 85 - 55 to 150 Unit V V V A A W C C C
Ptot Tj Top Tstg
allows very compact sets.
PIN CONNECTION (Top view)
THERMAL DATA
Symbol Rth j-case Parameter Thermal Resistance Junction to Case Max. Value 1.5 Unit C/W
2/9
TDA7393
ELECTRICAL CHARACTERISTICS (VS = 13.2V; f = 1KHz; Rg = 600; RL = 4; Tamb = 25C; Refer to the application circuit, unless otherwise specified.)
Symbol Iq1 VOS Gv Po Parameter Quiescent Current Output Offset Voltage Voltage Gain Output Power THD = 10%; VS = 14.4V THD = 10% THD = 1% THD = 10%; RL = 2 THD = 10%; VS = 14.4V; R L = 2 EIAJ RULES; VS = 13.7V Po = 0.1 to 8W Bw = 20Hz to 20KHz f = 100Hz (stereo) 60 10 300 10 f = 1KHz Amp. ON Amp. OFF St-By = H, VS reducing/increasing VO = 1Vrms Amp. Play Amp. Mute Mute = IN, VS reducing/increasing VMUTE = 1.5V (Sourced Current) VMUTE = 3.5V (Sourced Current) 6 6 8.5 10 10 3.5 1.5 9.3 14 14 7.5 75 50 3.5 1.5 8.3 15 65 100 20 30.5 17 32 22 19 16 25 28 30 0.08 0.3 0.3 Test Condition Min. Typ. 90 Max. 180 150 33.5 Unit mA mV dB W W W W W W % mVrms dB Hz KHz K dB A V V V dB V V V A A
Po max THD eNo SVR fL fH Ri CT ISB VSB out VSB IN V SB AM VM out VM in VM Im (L) Im (H)
Max. Output Power Distortion Output Noise Supply Voltage Rejection Low Cut-Off Frequency High Cut-Off Frequency Input Impedance Cross Talk St-By Current Consumption St-By OUT Threshold Voltage St-By IN Threshold Voltage Supply Dependent St-By Threshold Mute Attenuation Mute OUT Threshold Voltage Mute IN Threshold Voltage Supply Dependent Mute Threshold Muting Pin Current Muting Pin Current
Figure 1: Quiescent Current vs. Supply Voltage
Figure 2: Output Power vs. Supply Voltage
RL = 4
R L = 4 f = 1KHz
3/9
TDA7393
Figure 3: Output Power vs Supply Voltage Figure 4: EIAJ Power vs. Supply Voltage
RL = 2 f = 1KHz
f = 1KHz Vi = 2.5Vrms
Figure 5: Cross-Talk vs. Frequency
Figure 6: SVR vs. Frequency
VS = 13.2V RL = 4 VO = 1Vrms
VS = 13.2V RL = 4 Vr = 1Vrms Rg = 600 Mute 1,2 = OFF
Figure 7: Distortion vs. Frequency
Figure 8: Distortion vs. Frequency
VS = 13.2V RL = 4 Both channels
VS = 13.2V RL = 2
4/9
TDA7393
Figure 9: Block Diagram of Mute Circuit
Figure 10: Explanatory Waveforms Of Mute Circuit
5/9
TDA7393
Figure 11: Application Circuit
Figure 12: P.C. Board and Component Layout of the fig. 11 (1:1 scale)
6/9
TDA7393
Figure 13: Power Dissipation Derating Curve
7/9
TDA7393
MULTIWATT15 PACKAGE MECHANICAL DATA
DIM. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 mm TYP. inch TYP.
MIN.
MAX. 5 2.65 1.6 0.55 0.75 1.52 18.03 20.2 22.5 22.5 18.1 17.75 10.9 2.9 4.85 5.53 2.6 2.6 3.85
MIN.
MAX. 0.197 0.104 0.063 0.022 0.030 0.060 0.710 0.795 0.886 0.886 0.713 0.699 0.429 0.114 0.191 0.218 0.102 0.102 0.152
OUTLINE AND MECHANICAL DATA
1 0.49 0.66 1.02 17.53 19.6 21.9 21.7 17.65 17.25 10.3 2.65 4.25 4.63 1.9 1.9 3.65 0.019 0.026 0.040 0.690 0.772 0.862 0.854 0.695 0.679 0.406 0.104 0.167 0.182 0.075 0.075 0.144
0.039
1.27 17.78
0.050 0.700
22.2 22.1 17.5 10.7 4.55 5.08
0.874 0.870 0.689 0.421 0.179 0.200
Multiwatt15 V
8/9
TDA7393
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publicationsupersedes and replaces all information previously supplied. STMicroelectronics products are notauthorizedfor use as critical components in life support devices or systems without express writtenapproval of STMicroelectronics. The ST logois a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved MULTIWATT(R) is a Registered Trademark of the STMicroelectronics STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of TDA7393

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X