Part Number Hot Search : 
28F00 BCR52307 STD83 TPS720 2SK389BL 1SS29307 MC43C FRS244H
Product Description
Full Text Search
 

To Download SIM-012ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIM-012ST
Sensors
High power chip sensor, side view type
SIM-012ST
The SIM-012ST is ultra small size and high power ohip sensor. Original technology, original structure and original Optical design enable to use Automatic moantinig machine, Reflow, ultra smallsize, High power.
Applications Optical control equipment Light source for remote control devices
External dimensions (Units : mm)
Note) 1.Unspecified tolerance shall be + 0.2. - 2.Dimension in parenthesis are show for reference.
0.25 2-0.4
Features 1) High power by 2 lenze. 2) Emitting pore can have 7time high power then substruk type with parabola structure. 3) Ultra -compact surface mount package. (3mmx3mmx2mm) 4) It is possible to do Reflow.
1
2
3 0.8 R1
2
3
2
Internal connection diagram 1
2
Absolute maximum ratings (Ta = 25C)
Parameter Forward current Reverse voltage Power dissipation Pulse forward current Operating temperature Storage temperature
Pulse width=0.1msec, duty ratio 1%
Symbol IF VR PD IFP Topr Tstg
Limits 40 5 60 0.5 -30~+85 -40~+100
Unit mA V mW A C C
1/3
SIM-012ST
Sensors
Electrical and optical characteristics (Ta = 25C)
Parameter Optical output Emitting strength Forward voltage Reverse current Peak light emitting wavelength Spectral line half width Half-viewing angle Pesponse time Cut-off frequency Symbol PO IE VF IR Min. - 0.9 - - - - - - - Typ. 3.5 - 1.2 - 950 40 12 1.0 1.0 Max. - 7.1 1.5 10 - - - - - Unit mW mW/sr V A nm nm deg s MHz IF=20mA IF=20mA IF=20mA VR=3V IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA Conditions
P 1 / 2 tr*tf
fC
Electrical and optical characteristic curves
8
EMITTING STRENGTH : IE (mW/sr)
50
FORWARD CURRENT : IF (mA)
FORWARD CURRENT : IF (mA)
50
40
-25C 0C 25C
6
40 30 20 10 0 -20
30
50C 75C
4
20
2
10 0 0
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta (C)
1 FORWARD VOLTAGE : VF (V)
2
0 0
10
20
30
40
FORWARD CURRENT : IF (mA)
Fig.1 Forward current faloff
Fig.2 Forward current vs. forward voltage
Fig.3 Emitting strength vs. forward current
RELATIVE EMITTING STRENGTH : IE (%)
1000
100
RELATIVE OPTICAL OUTPUT : PO (%)
0 25 50 75 100
80
60
100
40
20
10 -50
-25
AMBIENT TEMPERATURE : Ta (C)
0 900
920
940
960
980
1000
OPTICAL WAVELENGTH : (nm)
Fig.4 Relative emitting strength vs.ambient temperature
Fig.5 Wavelength
2/3
SIM-012ST
Sensors
100
RELATIVE EMITTING STRENGTH (%)
90 80 70 60 50 40 30 20 10 0 -90 -60 -30 0 30
RELATIVE EMITTING STRENGTH (%)
-
0
100
+
90 80 70 60 50 40 30 20 10 0 -90 -60 -30 0 30
-0
+
60
90
60
90
ANGULAR DISPLACEMENT : (deg)
ANGULAR DISPLACEMENT : (deg)
Fig.6 Directional pattern(1)
Fig.7 Directional pattern(2)
3/3


▲Up To Search▲   

 
Price & Availability of SIM-012ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X