Part Number Hot Search : 
AD790SQ IR3084A 21020 D217ERU 1N6002B T74LS133 PHAP3301 CSNE121
Product Description
Full Text Search
 

To Download SC1476 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Portable IMVP-IV Dual Phase Power Supply Controller
POWER MANAGEMENT Description
The SC1476 PowerStepTM IV IC is a single chip high-performance hysteretic PWM controller. With its integrated SmartDriverTM, it powers advanced IMVP-IV processors. The SC1476 features extended Intel(R) Mobile Voltage Positioning (IMVP) to increase battery life by reducing the voltage at the processor when it is heavily loaded. It directly supports Intel(R) SpeedStepTM processors for even longer battery life. The SC1476 fully supports Intel's Geyserville-III core voltage specification. It provides direct "deeper sleep" mode and boot voltage support. Automatic "power-save" is present to prevent negative current flow in the low-side FET during light loading conditions, saving even more power. The high side driver initially turns on with a weak drive to reduce ringing, EMI, and capacitive turn-on of the low side. A 6-bit DAC, accurate to 0.85%, sets the output voltage reference and implements the 0.700V to 1.708V range required by the processor. The hysteretic converter uses a comparator without an error amplifier thereby providing the fastest possible transient response while avoiding the stability issues inherent to classical PWM controllers. The DAC is externally slew rate limited to minimize transient currents and audible noise. The SC1476 operates from 3Vdc and 5Vdc and also features soft-start, an open-drain PWRGD signal with powergood blanking, and an enable input. Programmable current limiting shuts down the SC1476 after 32 current limit pulses. In addition, it comes in a space-saving TSSOP-38 package.
SC1476
Features
IMVP-IV compliant single chip solution High speed hysteretic controller 6 bit VID programmable output Integrated drivers with soft high side turn-on Programmable softstart Programmable boot voltage Programmable DeeperSleep voltage Dynamic phase current matching Under-voltage lockout on VccA Over-voltage protection on CORE Current Limit protection on CORE Thermal protection Powergood flag with blanking during VID or DeeperSleep mode changes Automatic powersave at light load Slew rate limited DAC TSSOP-38 package
Applications
Notebook and Laptop computers
Requests for a complete datasheet and additional product information should be directed to sales@semtech.com
Typical Application Circuit
+V_5
+V_IN
Smart Driver Power Control Signals Extended IMVP Logic PWM Controller
Lo
Rcs
+VCORE
0.600V-1.75V Up to 40A
SC1474 Dual Phase
Extended IMVP CONTROLLER
V I D [[4:0]] VID 5 : 0
+V_3
VID Multiplexer
Smart Driver
Lo
Rcs
Co
VID Regulator Controller
+V_VID
Revision 7, December 2002
1
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC1476

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X