Part Number Hot Search : 
SMBJ100 H11AA1S1 A9842J BUX84S 1N6531 2812D 331KL SMP11BY
Product Description
Full Text Search
 

To Download P6SMB68AT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA GENERAL DATA APPLICABLE TO ALL SERIES IN THIS GROUP
P6SMB6.8AT3 SERIES
600 WATT PEAK POWER
PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 6.8-200 VOLTS 600 WATT PEAK POWER
Zener Transient Voltage Suppressors
The SMB series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The SMB series is supplied in Motorola's exclusive, cost-effective, highly reliable Surmetic package and is ideally suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications.
* * * * * * *
Specification Features: Standard Zener Breakdown Voltage Range -- 6.8 to 200 V Stand-off Voltage Range -- 5 to 170 V Peak Power -- 600 Watts @ 1 ms Maximum Clamp Voltage @ Peak Pulse Current Low Leakage < 5 A Above 10 V UL Recognition Response Time Typically < 1 ns
Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are readily solderable POLARITY: Cathode indicated by molded polarity notch. When operated in zener mode, will be positive with respect to anode MOUNTING POSITION: Any LEADS: Modified L-Bend providing more contact area to bond pad MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260C for 10 seconds WAFER FAB LOCATION: Phoenix, Arizona ASSEMBLY/TEST LOCATION: Seremban, Malaysia MAXIMUM RATINGS
Rating Peak Power Dissipation (1) @ TL 25C Forward Surge Current (2) @ TA = 25C Thermal Resistance from Junction to Lead (typical) Operating and Storage Temperature Range
NOTES: 1. Nonrepetitive current pulse per Figure 2 and derated above TA = 25C per Figure 3. NOTES: 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
CASE 403A PLASTIC
Symbol PPK IFSM RqJL TJ, Tstg
Value 600 100 25 - 65 to +150
Unit Watts Amps C/W C
REV 1
Motorola TVS/Zener Device Data
600 Watt Peak Power Data Sheet 5-1
GENERAL DATA -- 600 WATT PEAK POWER
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) VF = 3.5 V Max, IF** = 50 A for all types.
Breakdown Voltage* VBR @ IT Volts Device{{ D i {{ Min Nom Max mA Working Peak Reverse R Voltage VRWM Volts Maximum Reverse Leakage Lk @ VRWM IR A Maximum Reverse Surge S Current IRSM{ Amps Maximum Reverse Voltage g @ IRSM (Clamping Voltage) VRSM Volts Maximum Temperature Coefficient of VBR %/C
Device Di Marking
P6SMB6.8AT3 P6SMB7.5AT3 P6SMB8.2AT3 P6SMB9.1AT3 P6SMB10AT3 P6SMB11AT3 P6SMB12AT3 P6SMB13AT3 P6SMB15AT3 P6SMB16AT3 P6SMB18AT3 P6SMB20AT3 P6SMB22AT3 P6SMB24AT3 P6SMB27AT3 P6SMB30AT3
P6SMB33AT3 P6SMB36AT3 P6SMB39AT3 P6SMB43AT3 P6SMB47AT3 P6SMB51AT3 P6SMB56AT3 P6SMB62AT3 P6SMB68AT3 P6SMB75AT3 P6SMB82AT3 P6SMB91AT3 P6SMB100AT3 P6SMB110AT3 P6SMB120AT3 P6SMB130AT3 P6SMB150AT3 P6SMB160AT3 P6SMB170AT3 P6SMB180AT3 P6SMB200AT3
6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19 20.9 22.8 25.7 28.5
31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95 105 114 124 143 152 162 171 190
6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30
33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200
7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21 23.1 25.2 28.4 31.5
34.7 37.8 41 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 116 126 137 158 168 179 189 210
10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6
28.2 30.8 33.3 36.8 40.2 43.6 47.8 53 58.1 64.1 70.1 77.8 85.5 94 102 111 128 136 145 154 171
1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
57 53 50 45 41 38 36 33 28 27 24 22 20 18 16 14.4
13.2 12 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4 3.6 3.3 2.9 2.7 2.6 2.4 2.2
10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4
45.7 49.9 53.9 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274
0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.09 0.092 0.094 0.096 0.097
0.098 0.099 0.1 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108
6V8A 7V5A 8V2A 9V1A 10A 11A 12A 13A 15A 16A 18A 20A 22A 24A 27A 30A
33A 36A 39A 43A 47A 51A 56A 62A 68A 75A 82A 91A 100A 110A 120A 130A 150A 160A 170A 180A 200A
* * VBR measured at pulse test current IT at an ambient temperaure of 25C. * * 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
{{ Surge current waveform per Figure 2 and derate per Figure 3 of the General Data -- 600 Watt at the beginning of this group. {{ T3 suffix designates tape and reel of 2500 units.
600 Watt Peak Power Data Sheet 5-2
Motorola TVS/Zener Device Data
GENERAL DATA -- 600 WATT PEAK POWER
100 NONREPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 2 10 100 VALUE (%) PEAK VALUE - IRSM tr PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IRSM. tr 10 s
PP, PEAK POWER (kW)
1
50 tP
I HALF VALUE - RSM 2
0.1 0.1 s
1 s
10 s
100 s
1 ms
10 ms
0
0
1
2 t, TIME (ms)
3
4
tP, PULSE WIDTH
Figure 1. Pulse Rating Curve
160 PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ T = 25 C A 140 120 100 80 60 40 20 0 0 25 50 75 100 125 150 Vin Zin
Figure 2. Pulse Waveform
TYPICAL PROTECTION CIRCUIT
LOAD
VL
TA, AMBIENT TEMPERATURE (C)
Figure 3. Pulse Derating Curve
APPLICATION NOTES
RESPONSE TIME In most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. In this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. The capacitive effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in Figure 4. The inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. This inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in Figure 5. Minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to clamp voltage spikes. The SMB series have a very good response time, typically < 1 ns and negligible inductance. However, external inductive effects could produce unacceptable overshoot. Proper circuit layout, minimum lead lengths and placing Motorola TVS/Zener Device Data the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. Some input impedance represented by Zin is essential to prevent overstress of the protection device. This impedance should be as high as possible, without restricting the circuit operation. DUTY CYCLE DERATING The data of Figure 1 applies for non-repetitive conditions and at a lead temperature of 25C. If the duty cycle increases, the peak power must be reduced as indicated by the curves of Figure 6. Average power must be derated as the lead or ambient temperature rises above 25C. The average power derating curve normally given on data sheets may be normalized and used for this purpose. At first glance the derating curves of Figure 6 appear to be in error as the 10 ms pulse has a higher derating factor than the 10 s pulse. However, when the derating factor for a given pulse of Figure 6 is multiplied by the peak power value of Figure 1 for the same pulse, the results follow the expected trend. 600 Watt Peak Power Data Sheet 5-3
GENERAL DATA -- 600 WATT PEAK POWER
Vin (TRANSIENT) VL VL
V
Vin (TRANSIENT)
V
OVERSHOOT DUE TO INDUCTIVE EFFECTS
Vin td
tD = TIME DELAY DUE TO CAPACITIVE EFFECT t
t
Figure 4.
Figure 5.
1 0.7 0.5 0.3 DERATING FACTOR 0.2 0.1 0.07 0.05 0.03 0.02 10 s 0.01 0.1 0.2 0.5 1 2 5 10 D, DUTY CYCLE (%) 20 50 100 PULSE WIDTH 10 ms
1 ms 100 s
Figure 6. Typical Derating Factor for Duty Cycle
UL RECOGNITION
The entire series has Underwriters Laboratory Recognition for the classification of protectors (QVGV2) under the UL standard for safety 497B and File #116110. Many competitors only have one or two devices recognized or have recognition in a non-protective category. Some competitors have no recognition at all. With the UL497B recognition, our parts successfully passed several tests including Strike Voltage Breakdown test, Endurance Conditioning, Temperature test, Dielectric Voltage-Withstand test, Discharge test and several more. Whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their Protector category.
600 Watt Peak Power Data Sheet 5-4
Motorola TVS/Zener Device Data
GENERAL DATA -- 600 WATT PEAK POWER
Transient Voltage Suppressors -- Surface Mounted
600 Watt Peak Power
0.089 2.261 S A 0.108 2.743
D
B
0.085 2.159
inches mm
SMB Footprint
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P. INCHES MIN MAX 0.160 0.180 0.130 0.150 0.075 0.095 0.077 0.083 0.0020 0.0060 0.006 0.012 0.030 0.050 0.020 REF 0.205 0.220 MILLIMETERS MIN MAX 4.06 4.57 3.30 3.81 1.90 2.41 1.96 2.11 0.051 0.152 0.15 0.30 0.76 1.27 0.51 REF 5.21 5.59
C
K
P
J
H
DIM A B C D H J K P S
CASE 403A PLASTIC
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
MULTIPLE PACKAGE QUANTITY (MPQ) REQUIREMENTS
Package Option Tape and Reel Type No. Suffix T3 (13 inch reel) MPQ (Units) 2.5K
(Refer to Section 10 for more information on Packaging Specifications.)
Motorola TVS/Zener Device Data
600 Watt Peak Power Data Sheet 5-5


▲Up To Search▲   

 
Price & Availability of P6SMB68AT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X