Part Number Hot Search : 
M28W800T NDT451 LA76810A TMK316B 090663 03N60 BC107 TMK316B
Product Description
Full Text Search
 

To Download MPC7451RXPXPND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Information
MPC7451RXPXPNS/D Rev. 0, 4/2002 MPC7451 Part Number Specification for the XPC7451RXnnnPx Series
Motorola Part Numbers Affected: XPC7451RX733PG XPC7451RX800PG XPC7451RX867PG
This document describes part-number-specific changes to recommended operating conditions and revised electrical specifications, as applicable, from those described in the general MPC7451 RISC Microprocessor Hardware Specifications (Order No. MPC7451EC/D). Specifications provided in this document supersede those in the MPC7451 RISC Microprocessor Hardware Specifications, Rev. 0.1 or later, for the part numbers listed in Table A only. Specifications not addressed herein are unchanged. Because this document is frequently updated, refer to http://www.motorola.com/semiconductors or to your Motorola sales office for the latest version. Note that headings and table numbers in this document are not consecutively numbered. They are intended to correspond to the heading or table affected in the general hardware specification. Part numbers addressed in this document are listed in Table A. For more detailed ordering information see Section 1.11, "Ordering Information."
Table A. Part Numbers Addressed by this Data Sheet
Operating Conditions Motorola Part Number CPU Frequency 733 MHz 800 MHz 867 MHz VDD 1.8 50 mV 1.8 50 mV 1.8 50 mV TJ (C) 0 to 65 0 to 65 0 to 65 Significant Differences from Hardware Specification
XPC7451RX733PG XPC7451RX800PG XPC7451RX867PG
Modified voltage and temperature Specifications to achieve 733 MHz Modified voltage and temperature Specifications to achieve 800 MHz Modified voltage and temperature Specifications to achieve 867 MHz
Note: The X prefix in a Motorola part number designates a "Pilot Production Prototype" as defined by Motorola SOP 3-13. These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified technology to simulate normal production. These parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still occur while shipping pilot production prototypes.
Features
1.1
*
Features
Power management -- 1.8-V processor core
This section summarizes changes to the features of the MPC7451 described in the MPC7451 RISC Microprocessor Hardware Specifications.
1.4 General Parameters
This section summarizes changes to the general parameters of the MPC7451 described in the MPC7451 RISC Microprocessor Hardware Specifications. * Core power supply
1.5.1 DC Electrical Characteristics
Table 4 provides the recommended operating conditions for the MPC7451 part numbers described herein.
Table 4. Recommended Operating Conditions
Characteristic Core supply voltage PLL supply voltage Die-junction temperature Symbol VDD AVDD Tj Recommended Value 1.8 V 50 mV 1.8 V 50 mV 0 to 65 Unit V V C
Note: These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed.
2
MPC7451 Part Number Specification for the XPC7451RXnnnPx Series
MOTOROLA
General Parameters
Table 7 provides the power consumption for the MPC7451 part numbers described herein.
Table 7. Power Consumption for MPC7451
Processor (CPU) Frequency Unit 733 MHz 800 MHz Full-Power Mode Typical Maximum 20.2 26.5 22.0 29.0 Doze Mode Maximum -- -- Nap Mode Maximum 2.4 2.6 Sleep Mode Maximum 2.3 2.5 2.7 W 1, 2 2.8 W 1, 2 -- W 1, 2, 4 24.0 31.6 W W 1, 3 1, 2 867 MHz Notes
Deep Sleep Mode (PLL Disabled) Typical 2.1 2.3 2.5 W 1, 3
Notes: 1. These values apply for all valid processor bus and L3 bus ratios. The values do not include I/O supply power (OVDD and GVDD) or PLL supply power (AVDD). OVDD and GVDD power is system dependent, but is typically <20% of VDD power. Worst case power consumption for AVDD < 3 mW. 2. Maximum power is measured at nominal VDD while running an entirely cache-resident, contrived sequence of instructions which keep the execution units, with or without AltiVec, maximally busy. 3. Typical power is an average value measured at 65C and the nominal recommended VDD (see Table 4) in a system while running a typical code sequence. 4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode. As a result, power consumption for this mode is not tested
1.5.2 AC Electrical Characteristics
The AC electrical characteristics and AC timing for all parts described herein are unaffected and comply with the MPC7451 RISC Microprocessor Hardware Specifications.
MOTOROLA
MPC7451 Part Number Specification for the XPC7451RXnnnPx Series
3
Ordering Information
1.11 Ordering Information
1.11.1 Part Numbers Addressed by this Specification
Table 20 provides the ordering information for the MPC7451 part described in this document.
Table 20. Part Marking Nomenclature Part Marking
XPC
Product Code XPC 2
7451
Part Identifier 7451
RX
Package RX = CBGA
nnn
Processor Frequency1 733 800 867
x
Application Modifier P: 1.8 V 50 mV 0 to 65C
x
Revision Level G: 2.3; PVR = 8000 0203
Notes: 1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other specifications may support other maximum core frequencies. 2. The X prefix in a Motorola part number designates a "Pilot Production Prototype" as defined by Motorola SOP 3-13. These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified technology to simulate normal production. These parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still occur while shipping pilot production prototypes.
1.11.3 Part Marking
Parts are marked as the example shown in Figure 27.
XPC7451 RX867PG MMMMMM ATWLYYWWA
7450 BGA Notes: MMMMMM is the 6-digit mask number. ATWLYYWWA is the traceability code. CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
Figure 27. Motorola Part Marking for BGA Device
4
MPC7451 Part Number Specification for the XPC7451RXnnnPx Series
MOTOROLA
Document Revision History
Document Revision History
Table B provides a revision history for this part number specification.
Table B. Document Revision History
Rev. No. 0 Initial release. Substantive Change(s)
MOTOROLA
MPC7451 Part Number Specification for the XPC7451RXnnnPx Series
5
Document Revision History
THIS PAGE INTENTIONALLY LEFT BLANK
6
MPC7451 Part Number Specification for the XPC7451RXnnnPx Series
MOTOROLA
Document Revision History
THIS PAGE INTENTIONALLY LEFT BLANK
MOTOROLA
MPC7451 Part Number Specification for the XPC7451RXnnnPx Series
7
HOW TO REACH US: USA/EUROPE/LOCATIONS NOT LISTED: Motorola Literature Distribution P.O. Box 5405, Denver, Colorado 80217 1-303-675-2140 or 1-800-441-2447 JAPAN: Motorola Japan Ltd. SPS, Technical Information Center 3-20-1, Minami-Azabu Minato-ku Tokyo 106-8573 Japan 81-3-3440-3569 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd. Silicon Harbour Centre, 2 Dai King Street Tai Po Industrial Estate, Tai Po, N.T., Hong Kong 852-26668334 TECHNICAL INFORMATION CENTER: 1-800-521-6274 HOME PAGE: http://www.motorola.com/semiconductors DOCUMENT COMMENTS: FAX (512) 933-2625 Attn: RISC Applications Engineering
Information in this document is provided solely to enable system and software implementers to use Motorola products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and the Stylized M Logo are registered in the U.S. Patent and Trademark Office. digital dna is a trademark of Motorola, Inc. All other product or service names are the property of their respective owners. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. (c) Motorola, Inc. 2002
MPC7451RXPXPNS/D


▲Up To Search▲   

 
Price & Availability of MPC7451RXPXPND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X