Part Number Hot Search : 
4946G MAX324 US431LCZ UDZS27B 2SA1241 4LS195J MBR20 APA4838
Product Description
Full Text Search
 

To Download MPC7450RXQXPND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Information
MPC7450RXQXPNS/D Rev. 0, 11/2001 MPC7450 Part Number Specification for the XPC7450RXnnnQx Series
Motorola Part Numbers Affected: XPC7450RX733QE XPC7450RX800QE XPC7450RX867QE
This document describes part-number-specific changes to recommended operating conditions and revised electrical specifications, as applicable, from those described in the general MPC7450 RISC Microprocessor Hardware Specifications (order # MPC7450EC/D). Specifications provided in this document supersede those in the MPC7450 RISC Microprocessor Hardware Specifications, Rev. 4 or later, for the part numbers listed in Table A only. Specifications not addressed herein are unchanged. Because this document is frequently updated, refer to http://www.motorola.com/semiconductors or to your Motorola sales office for the latest version. Note that headings and table numbers in this document are not consecutively numbered. They are intended to correspond to the heading or table affected in the general hardware specification. Part numbers addressed in this document are listed in Table A.
Table A. Part Numbers Addressed by this Data Sheet
Operating Conditions Motorola Part Number CPU Frequency (MHz) 733 800 867 TJ (C) Significant Differences from Hardware Specification
VDD
XPC7450RX733QE XPC7450RX800QE XPC7450RX867QE
1.9 V 50 mV 0 to 65 Modified voltage and temperature specifications to achieve 733 MHz 1.9 V 50 mV 0 to 65 Modified voltage and temperature specifications to achieve 800 MHz 1.9 V 50 mV 0 to 65 Modified voltage and temperature specifications to achieve 867 MHz
Note: The X prefix in a Motorola part number designates a "Pilot Production Prototype" as defined by Motorola SOP 3-13. These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified technology to simulate normal production. These parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still occur while shipping pilot production prototypes.
Features
1.1
*
Features
Power management -- 1.9-V processor core
This section summarizes changes to the features of the MPC7450 described in the MPC7450 Hardware Specifications.
1.4 General Parameters
* Core power supply:1.9 V 50 mV DC nominal
1.5.1 DC Electrical Characteristics
Table 4 provides the recommended operating conditions for the MPC7450 part numbers described herein.
Table 4. Recommended Operating Conditions
Characteristic Core supply voltage PLL supply voltage Die-junction temperature Symbol VDD AVDD Tj Recommended Value 1.9 V 50 mV 1.9 V 50 mV 0 to 65 Unit V V C
Note: These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed.
2
MPC7450 Part Number Specification for the XPC7450RXnnnQx Series
MOTOROLA
General Parameters
Table 7 provides the power consumption for the MPC7450 part numbers described herein.
Table 7. Power Consumption for MPC7450
Processor (CPU) Frequency Unit 733 MHz 800 MHz 867 MHz Full-Power Mode Typical Maximum 22.5 32.4 Doze Mode Typical -- Nap Mode Typical 2.3 Sleep Mode Typical 1.2 1.3 1.4 W 1, 2 2.5 2.7 W 1, 2 -- -- W 1, 2, 4 24.6 35.3 26.6 38.5 W W 1, 3 1, 2 Notes
Deep Sleep Mode (PLL Disabled) Typical 790 860 930 mW 1, 3
Notes: 1. These values apply for all valid processor bus and L3 bus ratios. The values do not include I/O supply power (OVDD and GVDD) or PLL supply power (AVDD). OVDD and GVDD power is system dependent, but is typically <20% of VDD power. Worst case power consumption for AVDD < 3 mW. 2. Maximum power is measured at nominal VDD while running an entirely cache-resident, contrived sequence of instructions which keep the execution units, with or without AltiVec, maximally busy. 3. Typical power is an average value measured at nominal VDD in a system while running a typical code sequence. 4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode. As a result, power consumption for this mode is not tested.
MOTOROLA
MPC7450 Part Number Specification for the XPC7450RXnnnQx Series
3
Ordering Information
1.11 Ordering Information
1.11.1 Part Numbers Addressed by this Specification
Table 20 provides the ordering information for the MPC7450 part described in this document.
Table 20. Part Marking Nomenclature
XPC
Product Code XPC 2
7450
Part Identifier 7450
RX
Package RX = CBGA
nnn
Processor Frequency1 733 800 867
x
Application Modifier Q: 1.9 V 50 mV 0 to 65C
x
Revision Level E: 2.1; PVR = 8000 0201
Notes: 1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other specifications may support other maximum core frequencies. 2. The X prefix in a Motorola part number designates a "Pilot Production Prototype" as defined by Motorola SOP 3-13. These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified technology to simulate normal production. These parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still occur while shipping pilot production prototypes.
1.11.3 Part Marking
Parts are marked as the example shown in Figure 27.
XPC7450 RX867QE MMMMMM ATWLYYWWA
7450 Notes: BGA MMMMMM is the 6-digit mask number. ATWLYYWWA is the traceability code. CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
Figure 27. Motorola Part Marking for BGA Device
4
MPC7450 Part Number Specification for the XPC7450RXnnnQx Series
MOTOROLA
Ordering Information
MOTOROLA
MPC7450 Part Number Specification for the XPC7450RXnnnQx Series
5
Ordering Information
6
MPC7450 Part Number Specification for the XPC7450RXnnnQx Series
MOTOROLA
Ordering Information
MOTOROLA
MPC7450 Part Number Specification for the XPC7450RXnnnQx Series
7
HOW TO REACH US: USA/EUROPE/LOCATIONS NOT LISTED: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217 1-303-675-2140 or 1-800-441-2447 JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center, 3-20-1, Minami-Azabu Minato-ku, Tokyo 106-8573 Japan 81-3-3440-3569 ASIA/PACIFIC:
nformation in this document is provided solely to enable system and software implementers to use
Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong 852-26668334 TECHNICAL INFORMATION CENTER: 1-800-521-6274 HOME PAGE: http://www.motorola.com/semiconductors DOCUMENT COMMENTS: FAX (512) 933-2625, Attn: RISC Applications Engineering
Motorola products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and the Stylized M Logo are registered in the U.S. Patent and Trademark Office. digital dna is a trademark of Motorola, Inc. All other product or service names are the property of their respective owners. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. (c) Motorola, Inc. 2001
MPC7450RXQXPNS/D


▲Up To Search▲   

 
Price & Availability of MPC7450RXQXPND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X