Part Number Hot Search : 
TCMT1113 B3916 MSR33RT MAX1120 BAV70S3 000MKEC 2SK115 T110018
Product Description
Full Text Search
 

To Download MBR6045WT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -20725 01/2000
MBR6045WT
SCHOTTKY RECTIFIER 60 Amp
TO-247AC
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @30 Apk, TJ= 125C (per leg) - 55 to 150 C
Description/Features
The MBR6045WT center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
MBR6045WT Units
60 45 2900 0.55 A V A V
3 . 6 5 ( 0 .1 4 4 ) 1 5 .9 0 ( 0 . 62 6 ) 1 5 .3 0 ( 0 . 60 2 ) 5 . 7 0 ( 0 .2 2 5 ) 5 .3 0 ( 0 .2 0 8 ) 2 0 .3 0 ( 0 . 8 0 0 ) 1 9 .7 0 ( 0 . 7 7 5 ) 5 .5 0 ( 0 .2 1 7 ) 4 . 5 0 ( 0 .1 7 7 ) ( 2 P L C S .) 3. 5 5 ( 0 .1 3 9 )
D IA.
5.30 (0.209) 4 .7 0 ( 0 . 1 85 ) 2 .5 ( 0. 0 9 8 )
1 .5 ( 0 . 0 5 9 )
BASE COMMON CATHODE 2
1
2
3
1
2
3
1 4 . 8 0 ( 0 . 58 3 )
1 4 .2 0 ( 0 . 5 5 9 )
ANODE COMMON ANODE CATHODE 1 2
4.30 (0.170) 3 . 7 0 ( 0 . 14 5 ) 2 . 2 0 ( 0 .0 8 7 ) M AX . 0 . 8 0 ( 0 .0 3 2 ) 0. 4 0 ( 0 .2 1 3 ) 2 . 40 ( 0 .0 9 5) M AX .
1 . 4 0 ( 0 .0 5 6 )
1 . 00 ( 0 .0 3 9) 1 0 . 9 4 ( 0 .4 3 0 ) 1 0 . 8 6 ( 0 .4 2 7 )
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and inches
1
MBR6045WT
PD -20725 01/2000
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
MBR6045WT
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device)
Values
30 60 2900 360 27 6
Units
A
Conditions
50% duty cycle @ T C = 122C, rectangular wave form Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, IAS = 4 Amps, L = 3.4 mH Current decaying linearly to zero in 1 sec Frequency limited by T J max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
A mJ A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1) Max. Reverse Leakage Current (Per Leg) * See Fig. 2 VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg) (1)
Values
0.62 0.75 0.55 1 150 0.27 7.3 1400 7.5 10,000
Units
V V V mA mA V
m
Conditions
@ 30A @ 60A @ 30A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
pF nH V/ s
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range to Case (Per Leg) * See Fig. 4 RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt Approximate Weight T Mounting Torque Case Style Min. Max. 0.24 6 (0.21) 6 (5) 12 (10) 0.5 C/W DC operation
(1) Pulse Width < 300s, Duty Cycle <2%
Values
-55 to 150 -55 to 150 1.0
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction
C/W DC operation
C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in)
TO-247AC(TO-3P) JEDEC
2
MBR6045WT
PD -20725 01/2000
10 0 0 1 00 0 1 00 10 1 50 C 0 .1 25 C 0 .0 1 0 .0 0 1 0 5 10 15 20 25 30 35 40 45 R e v e rse V o lta g e - V R (V ) T J = 1 5 0 C T J = 1 2 5 C Ju n c tio n C a p a c it a n c e - C T (p F ) T J = 2 5 C 10 10 0 00 T J = 1 50 C 1 2 5 C 1 0 0 C 75 C
In sta n t a n e o u s Fo rw a rd C urre n t - I F (A )
100
R e v e r se C u rr e n t - I R (m A )
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
T J = 2 5 C
1 00 0
1 0 0. 2 0 .4 0 .6 0 .8 1 1. 2 1 .4 1 .6 F o rw a rd V o lt a g e D ro p - V FM (V )
1 00 0 10 20 30 40 50 R e v e rse V o lt a g e - VR (V )
Fig. 1 - Max. Forward Voltage Drop Characteristics (PerLeg)
10 T h e r m a l Im p e d a n c e Z thJC (C / W )
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D D D D D
= = = = =
0 .7 5 0 .5 0 0 .3 3 0 .2 5 0 .2 0
PD M
0. 1 Sing le P uls e (Th er m al R es istan ce) N o t e s:
t1 t2
1 . D u t y f ac t o r D = t 1 / t 2 2 . P e a k T J = P DM x Z thJC+ T C 0 .0 1 0 .0 0 0 0 1 0 .0 0 0 1 0 .0 0 1 0 .0 1 0 .1 1 10 1 00
t 1 , R ecta ng ular Pulse Dura tio n (Second s)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
3
MBR6045WT
PD -20725 01/2000
150 A llo w a ble C a se T e m p e ra tu r e - ( C ) 30 25 20 15 10 5 0 0 5 10 15 20 25 30 35 40 45 0 5 10 15 20 25 30 35 40 45 A v e ra g e Fo rw a rd C u rre n t - I F(A V) ( A ) A v e ra g e F o rw a rd C u r re n t - I F(A V) ( A ) D D D D D = = = = = 0 .2 0 0 .2 5 0 .3 3 0 .5 0 0 .7 5 R M S L im it
140
DC
130
A v e ra g e P o w e r L o ss - (W a tt s)
DC
120
Sq u a r e w a v e ( D = 0 .5 0 ) 1 0 0 % R a te d V R a p p lie d
110
see note (2)
100
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1 0 0 00 N o n - R e p e tit iv e Su rg e C u rre n t - I FSM (A ) A t A n y R a t e d Lo a d C o n d it io n A n d W it h R a te d V RRM A p p lie d F o llo w in g S u rg e
Fig. 6 - Forward Power Loss Characteristics (PerLeg)
1 00 0
10 0 10 10 0 1 0 00 10 0 00 Sq u a re W a v e P u lse D u ra t io n - t p (m ic ro se c )
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H - SP E E D SW IT C H FR E E - W H E E L D IO D E 40 HFL4 0 S02 V d = 2 5 V o lt
D UT
IRFP4 60 Rg = 25 ohm
+
C UR R E N T M O N IT O R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: T C = TJ - (Pd + PdREV) x R thJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = 100% rated VR
4
MBR6045WT
PD -20725 01/2000
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
5


▲Up To Search▲   

 
Price & Availability of MBR6045WT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X