Part Number Hot Search : 
LM2941 BC36805 FF330 78P2243 BC337 6530A VLT60 M168B
Product Description
Full Text Search
 

To Download M62419FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 r ; met ice Not e para som
u fin R E Ls is niotlia its are s P Thi c m
Y ion. ge. i N A lRpecbfijcatt to chan I M I a s ec
MITSUBISHI SOUND PROCESSORS
M62419FP
SOUND CONTROLLER FOR CAR STEREO
FEATURES
* * * 4-channel source selector with gain setting buffer amplifier by the external resistances Volume (balance),loudness,tone (bass and treble) and fader control by serial data from MCU Input maximum voltage level ; 2.8Vrms
PACKAGE
APPLICATION
Car audio , Mini stereo,etc
42P2R
RECOMMENED OPERATING CONDITIONS
Supply voltage range...........Vcc=6~9V Rated voltage...........Vcc=8V Vdd=4~6V Vdd=5V
SYSTEM BLOCK DIAGRAM
M62419FP
Source selector Master Volume L
TAPE
Tone Controller
Fader Volume
CD
Front speaker Rear speaker Rear speaker Front speaker
R
TUNER
Bass AUX
Treble
Logic controller Loudness Tap DATA CLOCK 2 wire connection by MCU
-COM
MITSUBISHI ELECTRIC
(1/6)
ABSOLUTE MAXIMUM RATINGS
Symbol
Vcc,Vdd Pd Topr Tstg
Parameter
Supply voltage Power dissipation Operating temperature Storage temperature
Conditions
Ratings
10 , 7 990 -30~+85 -40~+125
Unit
V mW C C
ELECTRICAL CHARACTERISTICS
Symbol
Icc A (VOL) A TT (VOL) V IM G(Bass)B G(Bass)C G(Tre)B G(Tre)C A TT (FED) V OM V NO 1 V NO 2
TT
Parameter
Circuit current Att maximum Att error Maximum input voltage Bass boost Bass cut Treble boost Treble cut Att maximum Maximum output voltage Output noise voltage Total harmonic distortion Channel separation
TT
Conditions
A (VOL) = - A TT (VOL) = 0 THD=1% f=100Hz f=100Hz f=10KHz f=10KHz A TT (FED) = - THD=1%
A TT(VOL)=0,A TT(FED)=0 Rg=0,DIN-AUDIO A TT(VOL)=-,A TT(FED)=- Rg=0,DIN-AUDIO f=1KHz,Vo=0.5Vrms,Loud= OFF,A TT(VOL)=0,A TT(FED)=0
Min
-2.0 2.0 9 -15 9 -15 1.8
Limits typ 22 -90 0 2.8 12 -12 12 -12 -80 2.2 9 5.5 -90
Max 40 -80 2.0 15 -9 15 -9 -74 18 11 -80
Unit
mA dB dB Vrms dB dB dB dB dB Vrms Vrms % dB
THD CS
0.003 0.05
f=1KHz
APPLICATION EXAMPLE
CLOCK VDD
15K 0.1 4.7K 47 2.2 0.012 0.12 0.012 2.2 220p 68K
2ch REAR 2ch FRONT
2.2
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
A + + C D + + B +
15K
15K
15K
15K
VREF
+
I/F
+ + + A B C D + + + VCC
1
DATA
2
3
2.2
4
68K 220p
5
4.7K
6
15K 0.1
7
15K
8
15K
9 10 11 12 13 14 15 16 17 18 19 20 21
15K 0.12 0.012 47 2.2 0.012 2.2
1ch FRONT 1ch REAR
15K
MITSUBISHI ELECTRIC
(2/6)
RELATIONSHIP BETWEEN DATA AND CLOCK
CLOCK D0 DATA D1 D2 D3 D11 D12 D13
LATCH SIGNAL "H" DATA reading mode ; The rising edge of the CLOCK signal LATCH reading mode ; The falling edge of the CLOCK signal
DIGITAL CIRCUIT DC CHARACTERISTICS
Symbol
V IL V IH I IL I IH
Parameter
"L" level input voltage "H" level input voltage "L" level input current "H" level input current
Test conditions
DATA,CLOCK pins
Limits typ Max 0 ~ 0.2V DD 0.8V DD ~ V DD Min
-10 10 10
Unit
V A
VI=0 VI=VDD
DATA,CLOCK pins
DIGITAL CIRCUIT AC CHARACTERISTICS
Symbol
t cr t WHC t WLC tr tf t SD t HD
Parameter
CLOCK Cycle time CLOCK pulse width("H" level) CLOCK pulse width("L" level) CLOCK rise time CLOCK fall time DATA setup time DATA hold time
Min
4 1.6 1.6
Limits typ Max
Unit
0.4 0.4 0.8 0.8
S
MITSUBISHI ELECTRIC
(3/6)
CLOCK DATA TIMING
t cr
75% CLOCK 25%
tr tWHC
tf t WLC
DATA
tSD
t HD
MITSUBISHI ELECTRIC
(4/6)
DATA FORMAT
DATA SELECT 0:VOLUME / LOUDNESS / INPUT SELECTOR 1:BASS / TREBLE / FADER
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13
0/1 0/1
VOLUME BASS TREBLE
0:Both channel 1:Side channel 0:1CH 1:2CH
0/1
INPUT SELECTOR
0
0 1
FA DER
0 1
0:FFRONT 1:FREAR
0:LOUDNESS OFF 1:LOUDNESS ON
VOLUME CODE
ATT1 0dB -4dB -8dB -12dB -16dB -20dB -24dB -28dB -32dB -36dB -40dB -44dB -48dB -52dB -56dB -60dB -64dB -68dB -72dB -76dB -80dB -
D2 H L H L H L H L H L H L H L H L H L H L H L
D3 L L H H L L H H L L H H L L H H L L H H L L
D4 H H L L L L H H H H L L L L H H H H L L L L
D5 L L L L L L H H H H H H H H L L L L L L L L
D6 H H H H H H L L L L L L L L L L L L L L L L
ATT2 0dB -1dB -2dB -3dB
D7 H L H L
D8 H H L L
MITSUBISHI ELECTRIC
(5/6)
TONE CODE
BASS TREBLE 12dB 10dB 8dB 6dB 4dB 2dB 0dB -2dB -4dB -6dB -8dB -10dB -12dB D0 D4 H L H L H L H L H L H L H D1 D5 H H L L H H L L H H L L H D2 D6 H H H H L L L L H H H H L D3 D7 H H H H H H H H L L L L L
FADER CODE
FADER 0dB -1dB -2dB -3dB -4dB -6dB -8dB -10dB -12dB -14dB -16dB -20dB -30dB -45dB -60dB - D8 H L H L H L H L H L H L H L H L D9 H H L L H H L L H H L L H H L L D10 H H H H L L L L H H H H L L L L D11 H H H H H H H H L L L L L L L L
INPUT SELECTOR CODE
INPUT SELECTOR A CH B CH C CH D CH
D10 H L H L
D11 H H L L
MITSUBISHI ELECTRIC
(6/6)


▲Up To Search▲   

 
Price & Availability of M62419FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X