Part Number Hot Search : 
SMBJ12CA DS128 2SB566AK STA435A KSB1116S T72V23 AD7821 PD8042
Product Description
Full Text Search
 

To Download LTC4402-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC4402-1/LTC4402-2 Multiband RF Power Controllers for EDGE/TDMA
FEATURES
s s
DESCRIPTIO
s s s s
s s s s s s s s s s
Supports AM Modulation in EDGE/TDMA (ANSI-136) Applications Single Output RF Power Amplifier Control (LTC4402-1) Dual Output RF Power Amplifier Control (LTC4402-2) Internal Schottky Diode Detector with >40dB Range Wide Input Frequency Range: 300MHz to 2.4GHz Autozero Loop Cancels Offset Errors and Temperature Dependent Offsets Wide VIN Range: 2.7V to 6V 450kHz Loop Bandwidth Allows Direct Connection to Battery RF Output Power Set by External DAC Internal Frequency Compensation Rail-to-Rail Power Control Outputs Low Operating Current: 1mA Low Shutdown Current: < 10A PCTL Input Filter Available in a 8-Pin MSOP Package (LTC4402-1) and 10-Pin MSOP (LTC4402-2)
The LTC(R)4402-2 is a multiband RF power controller for RF power amplifiers operating in the 300MHz to 2.4GHz range. The LTC4402-2 has two outputs to control dual TX PA modules with two control inputs. An internal sample and hold circuit enables the LTC4402-2 to be used with AM modulation via the carrier or PA supply. The input voltage range is optimized for operation from a single lithium-ion cell or 3x NiMH. RF power is controlled by driving the RF amplifier power control pins and sensing the resultant RF output power. The RF sense voltage is peak detected using an on-chip Schottky diode. This detected voltage is compared to the DAC voltage at the PCTL pin to control the output power. The LTC4402-1 is a single output RF power controller with identical performance to the LTC4402-2. The LTC4402-1 has one output to control a single TX PA or dual TX PA module with a single control input and is available in an 8-pin MSOP package. Internal and external offsets are cancelled over temperature by an autozero control loop. The shutdown feature disables the part and reduces the supply current to < 10A.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
s s s s
Multiband GSM/GPRS/EDGE Cellular Phones PCS Devices Wireless Data Modems U.S. TDMA Cellular Phones
TYPICAL APPLICATIO
LTC4402-2 Multiband EDGE Cellular Telephone Transmitter
LTC4402-2 1 Li-Ion 0.1F BSEL VHOLD SHDN DAC 9 8 7 6 VIN BSEL VHOLD SHDN PCTL RF VPCA VPCB GND GND 10 2 3 4 5 850MHz/ 900MHz RF PA 50 0.4pF 0.05pF
1.8GHz / 1.9GHz
RF PA
U
DIPLEXER
4402 TA01
U
U
4402f
1
LTC4402-1/LTC4402-2
ABSOLUTE
AXI U
RATI GS
VIN to GND ............................................... - 0.3V to 6.5V VPCA, VPCB Voltage .................................. - 0.3V to 4.6V PCTL Voltage ............................... - 0.3V to (VIN + 0.3V) RF Voltage ........................................ (VIN 2.6V) to 7V SHDN, VHOLD, BSEL Voltage to GND ......................................... - 0.3V to (VIN + 0.3V)
PACKAGE/ORDER I FOR ATIO
TOP VIEW VIN VPCA GND GND 1 2 3 4 8 7 6 5 RF VHOLD SHDN PCTL
ORDER PART NUMBER LTC4402-1EMS8 MS8 PART MARKING LTXF
MS8 PACKAGE 8-LEAD PLASTIC MSOP TJMAX = 125C, JA = 160C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
PARAMETER VIN Operating Voltage IVIN Shutdown Current IVIN Operating Current VPCA/B VOL VPCA/B Dropout Voltage VPCA/B Output Current VPCA/B Enable Time VPCA/B Bandwidth VPCA/B Load Capacitance VPCA/B Slew Rate VPCA/B VHOLD Droop VHOLD Time VPCA/B Start Voltage VPCA/B Voltage Clamp SHDN, VHOLD, BSEL Input Threshold Low SHDN = 0V IVPCA = IVPCB = 0mA CONDITIONS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.6V, SHDN = VIN unless otherwise noted.
MIN
q q q q q q q
RLOAD = 400, Enabled ILOAD = 6mA, VIN = 2.7V VPCA/B = 2.4V, VIN = 2.7V, VOUT = 10mV SHDN = High (Note 5) CLOAD = 33pF, RLOAD = 400 (Note 7) (Note 6) VPCTL = 2V Step, CLOAD = 100pF, RLOAD = 400 (Note 3) Unity Gain, VPCTL = 2V, VHOLD = High Time from VHOLD High to Hold Switch Opening Open Loop PCTL = 1V, VIN = 5V VIN = 2.7V to 6V PCTL < 80mV PCTL > 160mV
SHDN, VHOLD, BSEL Input Threshold High VIN = 2.7V to 6V SHDN, BSEL, VHOLD Input Current SHDN, BSEL, VHOLD = VIN = 3.6V PCTL Input Voltage Range PCTL Input Resistance (Note 4)
2
U
U
W
WW U
W
(Note 1)
IVPCA/B .................................................................................. 10mA Operating Temperature Range (Note 2) .. - 40C to 85C Storage Temperature Range ................ - 65C to 150C Maximum Junction Temperature ........................ 125C Lead Temperature (Soldering, 10 sec)................ 300C
TOP VIEW VIN VPCA VPCB GND GND 1 2 3 4 5 10 RF 9 BSEL 8 VHOLD 7 SHDN 6 PCTL
ORDER PART NUMBER LTC4402-2EMS MS PART MARKING LTXH
MS PACKAGE 10-LEAD PLASTIC MSOP
TJMAX = 125C, JA = 160C/W
TYP 10 1.5
MAX 6 20 2 0.1 VIN - 0.25
UNITS V A mA V V mA s kHz kHz
2.7
0 6 9 450 260
11
q
100 2 1 100
pF V/s V/ms ns
q q q q q q q
250 3.6 1.4 16 0 60
450 4
550 4.4 0.35
mV V V V A V k
4402f
24 90
36 2.4 120
LTC4402-1/LTC4402-2
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.6V, SHDN = VIN, unless otherwise noted.
PARAMETER PCTL Input Filter Autozero Range RF Input Frequency Range RF Input Power Range Maximum DAC Zero-Scale Offset Voltage that can be applied to PCTL (Note 6) F = 900MHz (Note 6) F = 1800MHz (Note 6) F = 2400MHz (Note 6) Referenced to VIN
q q q
ELECTRICAL CHARACTERISTICS
CONDITIONS
MIN
TYP 270
MAX 400
UNITS kHz mV MHz dBm dBm dBm
300 -27 to 18 -25 to 18 -23 to 16 150 250
2400
RF Input Resistance
350
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Specifications are assured over the -40C to 85C temperature range by design characterization and correlation with statistical process controls. Note 3: Slew rate is measured open loop. The rise time at VPCA or VPCB is measured between 1V and 2V.
Note 4: Includes maximum DAC offset voltage and maximum control voltage. Note 5: This is the time from SHDN rising edge 50% switch point to VPCA/B = 250mV. Note 6: Guaranteed by design. This parameter is not production tested. Note 7: Bandwidth is calculated using the 10% to 90% rise time: BW = 0.35/rise time
TYPICAL PERFOR A CE CHARACTERISTICS
PCTL REFERENCED DETECTOR OUTPUT VOLTAGE (mV) PCTL REFERENCED DETECTOR OUTPUT VOLTAGE (mV)
10000
10000
PCTL REFERENCED DETECTOR OUTPUT VOLTAGE (mV)
Detector Characteristics at 900MHz
1000
100
0.9GHz AT 25C 0.9GHz AT -30C
10
0.9GHz AT 75C 1 -26 -20 -14 -8 -2 4 10 RF INPUT POWER (dBm) 16
4402 G01
PI FU CTIO S
(LTC4402-1/LTC4402-2)
VIN (Pin 1): Input Supply Voltage, 2.7V to 6V. VIN should be bypassed with 0.1F and 100pF ceramic capacitors. VPCA (Pin 2): Power Control Voltage Output. This pin drives an external RF power amplifier power control pin. The maximum load capacitance is 100pF. The output is capable of rail-to-rail swings at low load currents. Selected when BSEL is low.
UW
Detector Characteristics at 1800MHz
Detector Characteristics at 2400MHz
10000
1000 1.8GHz AT -30C 100 1.8GHz AT 25C
1000
100
2.4GHz AT -30C
2.4GHz AT 25C 10 2.4GHz AT 75C 1 -20 -14 -8 -2 4 RF INPUT POWER (dBm) 10 16
10 1.8GHz AT 75C 1 -26 -20
-14 -8 -2 4 10 RF INPUT POWER (dBm)
16
4402 G02
4402 G03
U
U
U
VPCB (Pin 3): (LTC4402-2 Only) Power Control Voltage Output. This pin drives an external RF power amplifier power control pin. The maximum load capacitance is 100pF. The output is capable of rail-to-rail swings at low load currents. Selected when BSEL is high. GND (Pin 3/4): System Ground.
4402f
3
LTC4402-1/LTC4402-2
PI FU CTIO S
GND (Pin 4/5): System Ground. PCTL (Pin 5/6): Analog Input. The external power control DAC drives this input. The amplifier servos the RF power until the RF detected signal equals the DAC signal applied at this pin. SHDN (Pin 6/7): Shutdown Input. A logic low on the SHDN pin places the part in shutdown mode. A logic high enables the part after 10s. SHDN has an internal 150k pull-down resistor to ensure that the part is in shutdown when no input is applied.
BLOCK DIAGRA
0.4pF 0.05pF
50 VIN
250 10 RF
VIN
28pF 30k 60A 4 5 GND 9s DELAY 60A
150k
7 SHDN
4
W
U
U
U
(LTC4402-1/LTC4402-2)
VHOLD (Pin 7/8): Asserted high prior to AM modulation, opens control loop and holds voltage at VPCA or VPCB during EDGE modulation. BSEL (Pin 9): (LTC4402-2 Only) Selects VPCA when low and VPCB when high. This input has an internal 150k resistor to ground. RF (Pin 8/10): Coupled RF Feedback Voltage . This input is referenced to VIN. The frequency range is 300MHz to 2400MHz. This pin has an internal 250 termination, an internal Schottky diode detector and peak detector capacitor.
(LTC4402-2)
DIPLEXER
850MHz/900MHz
RF PA
RF PA
1.8GHz/1.9GHz
Li-Ion 1 TXENB AUTOZERO
-
AZ
+ + -
GAIN COMPRESSION
-
GM
+
VHOLD
+ -
30k
70mV CHOLD 270kHz FILTER 38k
+ -
BUFFER
2 VPCA 3 VPCB
+
RFDET
-
22k
VHOLD 12 TXENB VREF VHOLD 150k 51k 150k CREF MUX CONTROL PA PB 100 12 100
8 VHOLD
6 PCTL
9 BSEL
4402 BD
4402f
LTC4402-1/LTC4402-2
APPLICATIONS INFORMATION
Operation The LTC4402-1/-2 single/dual band RF power controller integrates several functions to provide RF power control over frequencies ranging from 300MHz to 2.4GHz. These functions include an internally compensated amplifier to control the RF output power, an autozero section to cancel internal and external voltage offsets, an RF Schottky diode peak detector and amplifier to convert the RF feedback signal to DC, a multiplexer to switch the controller output to either VPCA or VPCB, a VPCA/B overvoltage clamp, compression and a bandgap reference. Band Selection The LTC4402-2 is designed for multiband operation. The BSEL pin will select output VPCA when low and output VPCB when high. For example, VPCA could be used to drive an 850MHz/900MHz channel and VPCB a 1.8GHz/1.9GHz channel. BSEL must be established before the part is enabled. The LTC4402-1 can be used to drive a single RF channel or dual channel with integral multiplexer. Control Amplifier The control amplifier supplies the power control voltage to the RF power amplifier. A portion (typically - 19dB for low frequencies and -14dB for high frequencies) of the RF output voltage is coupled into the RF pin, to close the gain control loop. When a DAC voltage is applied to PCTL, the amplifier quickly servos VPCA or VPCB positive until the detected feedback voltage applied to the RF pin matches the voltage at PCTL. This feedback loop provides accurate RF power control. VPCA or VPCB are capable of driving a 6mA load current and 100pF load capacitor. RF Detector The internal RF Schottky diode peak detector and amplifier convert the coupled RF feedback voltage to a low frequency voltage. This voltage is compared to the DAC voltage at the PCTL pin by the control amplifier to close the RF power control loop. The RF pin input resistance is typically 250 and the frequency range of this pin is 300MHz to 2400MHz. The detector demonstrates excellent efficiency and linearity over a wide range of input power. The Schottky detector is biased at about 60A and drives an on-chip peak detector capacitor of 28pF. Autozero An autozero system is included to improve power programming accuracy over temperature. This section cancels internal offsets associated with the Schottky diode detector and control amplifier. External offsets associated with the DAC driving the PCTL pin are also cancelled. Offset drift due to temperature is cancelled between each burst. The maximum offset allowed at the DAC output is limited to 400mV. Autozeroing is performed after SHDN is asserted high. An internal delay of typically 9s enables the VPCA/B output after the autozero has settled. When the part is enabled, the autozero capacitors are held and the VPCA or VPCB pin is connected to the buffer amplifier output. The hold droop voltage of typically < 1V/ms provides for accurate offset cancellation. Filter There is a 270kHz filter included in the PCTL path. This filter is trimmed at test. Modes of Operation Shutdown: The part is in shutdown mode when SHDN is low. VPCA and VPCB are held at ground and the power supply current is typically 10A. Enable: When SHDN is asserted high the part will automatically calibrate out all offsets. This takes about 9s and is controlled by an internal delay circuit. After 9s VPCA or VPCB will step up to the starting voltage of 450mV. The user can then apply the ramp signal. The user should wait at least 11s after SHDN has been asserted high before applying the ramp. The DAC should be settled 2s after asserting SHDN high. Hold: When the VHOLD pin is low, the RF power control feedback loop is closed and the LTC4402-X servos the VPCA/VPCB pins according to the voltages at the PCTL and RF inputs. When the VHOLD pin is asserted high, the RF power control feedback loop is opened and the power control voltage at VPCA or VCPB is held at its present level. Generally, the VHOLD pin is asserted high after the power up ramp has been completed and the desired RF output power has been achieved. The power control voltage is then held at a constant voltage during the EDGE modulation time. After the EDGE modulation is completed and prior to power ramping down, the VHOLD pin is set low.
4402f
U
W
U
U
5
LTC4402-1/LTC4402-2
APPLICATIONS INFORMATION
This closes the RF power control loop and the RF power is then controlled during ramp down. LTC4402-1 Description The LTC4402-1 is identical in performance to the LTC4402-2 except that only one control output (VPCA) is available. The LTC4402-1 can drive a single band (300MHz to 2400MHz) or a dual RF channel module with an internal multiplexer. Several manufacturers offer dual RF channel modules with an internal multiplexer. General Layout Considerations The LTC4402-X should be placed near the coupling components. The feedback signal line to the RF pin should be a 50 transmission line. Capacitive Coupling An alternative to a directional coupler is illustrated on the first page of this data sheet. This method couples RF from the power amplifier to the power controller through a 0.4pF 0.05pF capacitor and 50 series resistor, completely eliminating the directional coupler.
LTC4402-X Timing Diagram
2s 11s 28s 543s 28s
SHDN
VPCA/B VSTART PCTL
VHOLD T1 T2 T3 T4 T5
AM MODULATION PERIOD
4402 TD
T6 T7 T8
T1: PART COMES OUT OF SHUTDOWN 11s PRIOR TO BURST. T2: INTERNAL TIMER COMPLETES AUTOZERO CORRECTION, TYPICALLY 9s. T3: BASEBAND CONTROLLER STARTS RF POWER RAMP UP AT LEAST 11s AFTER SHDN IS ASSERTED HIGH. T4: BASEBAND CONTROLLER COMPLETES RAMP UP. T5: CONTROL LOOP OPENS, VPCA/B VOLTAGE HELD, AM MODULATION STARTS. T6: AM MODULATION STOPS, CONTROL LOOP CLOSES, VPCA/B WILL FOLLOW DAC. T7: BASEBAND CONTROLLER STARTS RF POWER RAMP DOWN AT END OF BURST. T8: RETURNS TO SHUTDOWN MODE BETWEEN BURSTS.
6
U
W
U
U
Application Note AN91 describes the capacitive coupling scheme in full detail. Demo boards featuring this coupling method are available upon request. Power Ramp Profiles The external voltage gain associated with the RF channel can vary significantly between RF power amplifier types. Frequency compensation generally defines the loop dynamics that impact the power/time response and possibly (slow loops) the power ramp sidebands. The LTC4402-X operates open loop until an RF voltage appears at the RF pin, at which time the loop closes and the output power follows the DAC profile. The RF power amplifier will require a certain control voltage level (threshold) before an RF output signal is produced. The LTC4402-X VPCA/B outputs must quickly rise to this threshold voltage in order to meet the power/time profile. To reduce this time, the LTC4402-X starts at 450mV. However, at very low power levels the PCTL input signal is small, and the VPCA/B outputs may take several microseconds to reach the RF power amplifier threshold voltage. To reduce this time, it may be necessary to apply a positive pulse at the start of the ramp to quickly bring the VPCA/B outputs to the threshold voltage. This can generally be achieved with DAC programming. The magnitude of the pulse is dependent on the RF amplifier characteristics. Power ramp sidebands and power/time are also a factor when ramping to zero power. For RF amplifiers requiring high control voltages, it may be necessary to further adjust the DAC ramp profile. When the power is ramped down, the loop will eventually open at power levels below the LTC4402-X detector threshold. The LTC4402-X will then go open loop and the output voltage at VPCA or VPCB will stop falling. If this voltage is high enough to produce RF output power, the power/time or power ramp sidebands may not meet specification. This problem can be avoided by starting the DAC ramp from 200mV (Figure 1). At the end of the cycle, the DAC can be ramped down to 0mV. This applies a negative signal to the LTC4402-X thereby ensuring that the VPCA/B outputs will ramp to 0V. The 200mV ramp step must be applied at least 2s after SHDN is asserted high to allow the autozero to cancel the step.
4402f
LTC4402-1/LTC4402-2
APPLICATIO S I FOR ATIO
10 0 -10
RFOUT (dBc)
-20 -30 -40 -50 -60 -70 -80 -28 -18 -10 0 TIME (s) 543 553 561 571
DAC VOLTAGE
START PULSE START CODE ZERO CODE
200mV SHDN 11s MINIMUM, ALLOWS TIME FOR AUTOZERO TO SETTLE
Figure 1. LTC4402 Ramp Timing
Demo Board The LTC4402-X demo board is available upon request. The demo board has a 900MHz and an 1800MHz RF channel and VHOLD controlled by the LTC4402-X. Timing signals for SHDN are generated on the board using a 13MHz crystal oscillator reference. The PCTL power control pin is driven by a 10-bit DAC and the DAC profile can be loaded via a serial port. The serial port data is stored in a flash memory which is capable of storing eight ramp profiles. The board is supplied preloaded with four GSM power profiles and four DCS power profiles covering the entire power range. External timing signals can be used in place of the internal crystal controlled timing. A power ramp software package is available which allows the user to create power control ramps. LTC4402 Control Loop Stability There are several factors that can improve or degrade loop frequency stability. 1) The additional voltage gain supplied by the RF power amplifier increases the loop gain, raising poles normally
U
below the 0dB axis. The extra voltage gain can vary significantly over input/output power ranges, frequency, power supply, temperature and manufacturer. RF power amplifier gain control transfer functions are often not available and must be generated by the user. Loop oscillations are most likely to occur in the midpower range where the external voltage gain associated with the RF power amplifier typically peaks. It is useful to measure the oscillation or ringing frequency to determine whether it corresponds to the expected loop bandwidth and thus is due to high gain bandwidth. 2) Loop voltage losses supplied by the coupler network will improve phase margin. The larger the coupler loss the more stable the loop will become. However, larger losses reduce the RF signal to the LTC4402-X and detector performance may be degraded at low power levels. (See RF Detector Characteristics.) 3) Additional poles within the loop due to filtering or the turn-on response of the RF power amplifier can degrade the phase margin if these pole frequencies are near the effective loop bandwidth frequency. Generally loops using RF power amplifiers with fast turn-on times have more phase margin. Extra filtering below 16MHz should never be placed within the control loop, as this will only degrade phase margin. 4) Control loop instability can also be due to open loop issues. RF power amplifiers should first be characterized in an open loop configuration to ensure self oscillation is not present. Self-oscillation is often related to poor power supply decoupling, ground loops, coupling due to poor layout and extreme VSWR conditions. The oscillation frequency is generally in the 100kHz to 10MHz range. Power supply related oscillation suppression requires large value ceramic decoupling capacitors placed close to the RF power amp supply pins. The range of decoupling capacitor values is typically 1nF to 3.3F. 5) Poor layout techniques associated with the coupler network may result in high frequency signals bypassing the coupler. This could result in stability problems due to the reduction in the coupler loss.
4402 F01
W
UU
4402f
7
LTC4402-1/LTC4402-2
APPLICATIO S I FOR ATIO
Determining External Loop Gain and Bandwidth The external loop voltage gain contributed by the RF channel and coupler network should be measured in a closed loop configuration. A voltage step is applied to PCTL and the change in VPCA (or VPCB) is measured. The detected RF voltage is 0.6 * PCTL and the external voltage gain contributed by the RF power amplifier and coupler network is 0.6 * VPCTL/VVPCA. Measuring voltage gain in the closed loop configuration accounts for the nonlinear detector gain that is dependent on RF input voltage and frequency. The LTC4402-X unity gain bandwidth specified in the data sheet assumes that the net voltage gain contributed by the RF power amplifier and coupler network is unity. The bandwidth is calculated by measuring the rise time between 10% and 90% of the voltage change at VPCA or VPCB for a small step in voltage applied to PCTL. BW1 = 0.35/rise time The LTC4402-X control amplifier unity gain bandwidth (BW1) is typically 450kHz. For PCTL <80mV the phase margin of the control amplifier is typically 90. For PCTL voltages <80mV, the RF detected voltage is 0.6PCTL. For PCTL voltages >160mV, RF detected voltage is 1.22PCTL - 0.1. This change in gain is due to an internal compression circuit designed to extend the detector range. For example, to determine the external RF channel loop voltage gain with the loop closed, apply a 100mV step to PCTL from 0mV to 100mV. VPCA (or VPCB) will increase to
80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 100 160 140 120 100 80 60 40 20 0 -20 -40 -60 -80 -100 -120 10M
RLOAD = 2k CLOAD = 33pF PHASE
VOLTAGE GAIN (dB)
VOLTAGE GAIN (dB)
GAIN
1k
10k 100k FREQUENCY (Hz)
1M
4402 F02
Figure 2. Measured Open Loop Gain and Phase, PCTL <80mV
8
U
supply enough feedback voltage to the RF pin to cancel this 100mV step which would be the required detected voltage of 60mV. Suppose that VPCA changed from 1.498V to 1.528V to create the RF output power change required. The net external voltage gain contributed by the RF power amplifier and directional coupler network can be calculated by dividing the 60mV change at the RF pin by the 30mV change at the VPCA pin. The net external voltage gain would then be approximately 2. The loop bandwidth extends to 2 * BW1. If BW1 is 450kHz, the loop bandwidth increases to approximately 0.9MHz. The phase margin can be determined from Figures 2 and 3. Repeat the above voltage gain measurement over the full power and frequency range. External pole frequencies within the loop will further reduce phase margin. The phase margin degradation, due to external and internal pole combinations, is difficult to determine since complex poles are present. Gain peaking may occur, resulting in higher bandwidth and lower phase margin than predicted from the open loop Bode plot. A low frequency AC SPICE model of the LTC4402-X power controller is included (Figures 6 and 7) to better determine pole and zero interactions. The user can apply external gains and poles to determine bandwidth and phase margin. DC, transient and RF information cannot be extracted from this model. The model is suitable for external gain evaluations up to 6 x. The 270kHz PCTL input filter limits the bandwidth; therefore, use the RF input as demonstrated in the model.
80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 100 180 160 140 120 100 80 60 40 20 0 -20 -40 -60 -80 -100 10M RLOAD = 2k CLOAD = 33pF PHASE
W
UU
PHASE (DEG)
PHASE (DEG)
GAIN
1k
10k 100k FREQUENCY (Hz)
1M
4402 F03
Figure 3. Measured Open Loop Gain and Phase, PCTL >160mV
4402f
LTC4402-1/LTC4402-2
APPLICATIO S I FOR ATIO
+
PCTL CONTROL AMPLIFIER BW1 450kHz RF POWER AMP VPCA/B G1 G2
-
IFB LTC4402-X H1 RF H2 COUPLING NETWORK 14dB to 20dB COUPLING FACTOR
CONTROLLED RF OUTPUT POWER
RF DETECTOR
Figure 4. Closed Loop Block Diagram
80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 100 180 RLOAD = 2k 160 CLOAD = 33pF 140 120 100 PHASE 80 60 40 GAIN 20 0 -20 -40 -60 -80 -100 10k 100k 1M 10M FREQUENCY (Hz)
4402 F05
VOLTAGE GAIN (dB)
1k
Figure 5. SPICE Model Open Loop Gain and Phase Characteristics from RF to VPCA, PCTL <80mV
This model (Figure 6) is being supplied to LTC users as an aid to low frequency AC circuit design, but its use is not suggested as a replacement for breadboarding. Simulation should be used as a supplement to traditional lab testing. Users should note very carefully the following factors regarding this model: Model performance in general will
U
4402 F04
W
UU
reflect typical baseline specs for a given device, and certain aspects of performance may not be modeled fully. While reasonable care has been taken in the preparation, LTC is not responsible for their correct application. These models are supplied "as is", with no direct or implied responsibility on the part of LTC for their operation within a customer circuit or system. Further, Linear Technology Corporation reserves the right to change these models without prior notice. In all cases, the current data sheet information is your final design guideline, and is the only performance guarantee. For further technical information, refer to individual device data sheets.
PHASE (DEG)
Linear Technology Corporation hereby grants the users of this model a nonexclusive, nontransferable license to use this model under the following conditions: The user agrees that this model is licensed from Linear Technology and agrees that the model may be used, loaned, given away or included in other model libraries as long as this notice and the model in its entirety and unchanged is included. No right to make derivative works or modifications to the model is granted hereby. All such rights are reserved. This model is provided as is. Linear Technology makes no warranty, either expressed or implied about the suitability or fitness of this model for any particular purpose. In no event will Linear Technology be liable for special, collateral, incidental or consequential damages in connection with or arising out of the use of this model. It should be remembered that models are a simplification of the actual circuit.
4402f
9
LTC4402-1/LTC4402-2
APPLICATIO S I FOR ATIO
*LTC4402-X Low Frequency AC Spice Model* *Main Network Description GGIN1 ND3 0 ND2 IFB 86E-6 GGXFB IFB 0 0 ND12 33E-6 GGX5 ND11 0 0 ND10 1E-6 GGX6 ND12 0 0 ND11 1E-6 GGX1 ND4 0 0 ND3 1E-6 GGX2 ND6 0 0 ND4 1E-6 GGX3 ND7 0 0 ND6 1E-6 GGX4 ND8 0 0 ND7 1E-6 EEX1 ND9 0 0 ND8 2 CCC1 ND3 0 44E-12 CCPCTL2 ND2 0 7E-12 CCPCTL1 ND1 0 13E-12 CCLINT VPCA 0 5E-12 CCLOAD VPCA 0 33E-12 CCFB1 IFB 0 2.4E-12 CCX5 ND11 0 16E-15 CCX6 ND12 0 1.2E-15 CCP ND10 0 28E-12 CCX2 ND6 0 8E-15 CCX3 ND7 0 32E-15 LLX1 ND5 0 80E-3 RR01 ND3 0 20E6 RRFILT ND2 ND1 44E3 RRPCTL1 PCTL ND1 51E3 RRPCTL2 ND1 0 38E3
Figure 6. LTC4402-X Low Frequency AC SPICE Model
PCTL RPCTL1 51E3 ND1 RFILT 44E3 ND2 ND3 ND4 ND6 ND7 ND8
+
GM
GIN1 RO1 20E6 86E-6 CC1 44E-12
+
GM
CPCTL1 13E-12
RPCTL2 38E3 C PCTL2 7E-12
-
-
RF RT 250 RSD 500 ND10 CP 28E-12
ND11
+
GM
GX5 RX5 1E6 1E-6 CX5 16E-15
+
GM
GX6 RX6 1E6 1E-6 CX6 1.2E-15
-
-
Figure 7. LTC4402 Low Frequency AC Model
10
U
RR9 VPCA ND9 50 RRLOAD VPCA 0 2K RRFB1 IFB 0 22E3 RRT RF 0 250 RRX5 ND11 0 1E6 RRX6 ND12 0 1E6 RRSD RF ND10 500 RRX1 ND4 ND5 1E6 RRX2 ND6 0 1E6 RRX3 ND7 0 1E6 RRX4 ND8 0 1E6 **Closed loop feedback, comment-out VPCTL, VRF, Adjust EFB gain to reflect external gain, currently set at 3X** *EFB RF 0 VPCA VIN 3 *VIN VIN 0 DC 0 AC 1 *VPCTL PCTL 0 DC 0 **Open loop connections, comment-out EFB, VIN and VPCTL****** VPCTL PCTL 0 DC 0 VRF RF 0 DC 0 AC 1 ******Add AC statement and print statement as required*** .AC DEC 50 10 1E7 *****for PSPICE only***** .OP .PROBE ************************* .END
GX1 RX1 1E6 ND5 LX1 80E-3
W
UU
+
GM
GX2 RX2 1E6 1E-6 CX2 8E-15
+
GM
GX3 RX3 1E6 1E-6 CX3 32E-15
+
GM
GX4 RX4 1E6 1E-6
1E-6
-
-
-
IFB
ND8
2X BUFFER ND12 GXFB GM RFB1 22E3 33E-6 CFB1 2.4E-12 EX1 VAMP
+ -
+ -
2
R9 ND9 50 CLINT 5E-12 RLOAD 2k
VPCA CLOAD 33E-12
4402 F07
4402f
LTC4402-1/LTC4402-2
TYPICAL APPLICATIO S
Single Band Cellular Telephone Transmitter
68 LTC4402-1 VIN Li-Ion 1 2 3 RF PA 50 DIRECTIONAL COUPLER RF IN 4 VIN VPCA GND GND RF VHOLD SHDN PCTL 8 7 6 5 VHOLD SHDN DAC 33pF
PACKAGE DESCRIPTIO
0.889 0.127 (.035 .005) GAUGE PLANE 5.23 (.206) MIN 3.20 - 3.45 (.126 - .136)
0.42 0.038 (.0165 .0015) TYP
0.65 (.0256) BSC
0.18 (.007) SEATING PLANE 0.22 - 0.38 (.009 - .015) TYP 4.90 0.152 0.127 0.076 (.193 .006) (.005 .003)
RECOMMENDED SOLDER PAD LAYOUT NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.889 0.127 (.035 .005) GAUGE PLANE 5.23 (.206) MIN 3.20 - 3.45 (.126 - .136)
0.50 0.305 0.038 (.0197) (.0120 .0015) BSC TYP RECOMMENDED SOLDER PAD LAYOUT
0.18 (.007) SEATING PLANE 0.17 - 0.27 (.007 - .011) TYP 0.127 0.076 (.005 .003) 4.90 0.152 (.193 .006)
NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
U
Dual Band Cellular Telephone Transmitter
68 DIRECTIONAL COUPLER RF POWER MODULE WITH MUX RF OUT1 900MHz VCC PWR CTRL 50
4402 TA02
VIN Li-Ion 1 2 3 4 LTC4402-1 VIN VPCA GND GND RF VHOLD SHDN PCTL 8 7 6 5 VHOLD SHDN DAC
4402 TA03
DIPLEXER
33pF
RF OUT2 BAND 1800MHz SELECT RF IN1 RF IN2 900MHz 1800MHz
MS8 Package 8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660)
0.254 (.010) DETAIL "A" 0 - 6 TYP
0.53 0.152 (.021 .006) DETAIL "A"
1.10 (.043) MAX
0.86 (.034) REF
3.00 0.102 (.118 .004) (NOTE 3)
8
7 65
0.52 (.0205) REF
3.00 0.102 (.118 .004) (NOTE 4)
MSOP (MS8) 0603
0.65 (.0256) BSC
1
23
4
MS Package 10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1661)
0.254 (.010)
DETAIL "A" 0 - 6 TYP
0.53 0.152 (.021 .006) DETAIL "A"
1.10 (.043) MAX
0.86 (.034) REF
3.00 0.102 (.118 .004) (NOTE 3) 10 9 8 7 6
0.497 0.076 (.0196 .003) REF
3.00 0.102 (.118 .004) (NOTE 4)
MSOP (MS) 0603
0.50 (.0197) BSC
12345
4402f
11
LTC4402-1/LTC4402-2 RELATED PARTS
PART NUMBER LTC1261 LTC1732 LTC1734/ LTC1734L LTC1754 LTC1757A LTC1758 LTC1957 LTC4052 LTC4400 LTC4401 LTC4403 LT(R)5500 LT5502 LT5503 LT5504 LTC5505 LTC5507 LTC5508 LTC5509 LT5511 LT5512 LTC5532 LTC1503 LTC1555L-1.8 LT1615 LT1617 LTC1682 LT1761 LTC1878 LTC1928 LT1932 LT1944 LTC1986 LTC3200 LTC3401 LTC3402 LTC3404 DESCRIPTION Regulated Inductorless Voltage Inverter Li-Ion Linear Charger ThinSOT Li-Ion Battery Charger ThinSOT Charge Pump RF Power Controller RF Power Controller RF Power Controller Li-Ion Pulse Charger SOT-23 RF PA Controller SOT-23 RF PA Controller Multiband RF Power Controller for EDGE/TDMA 1.8GHz to 2.7GHz Receiver Front End 400MHz Quadrature IF Demodulator with RSSI
TM
COMMENTS Regulated -5V from 3V, REG Pin Indicates Regulation, Up to 15mA, Micropower Complete Linear Charger for 1- and 2-Cell Li-Ion Battery Only 2 External Components; No Reverse Current Protection Diode Required; No Sense Resistor Required; PROG Voltage for Charge Termination 2V VIN 4V, IOUT = 40mA, No Inductors for White LED Backlight Single/Dual Band GSM/DCS/GPRS Mobile Phones Single/Dual Band GSM/DCS/GPRS Mobile Phones Single/Dual Band GSM/DCS/GPRS Mobile Phones Complete Pulse Charger for 1-Cell Li-Ion Battery Multiband GSM/DCS/GPRS Phones, 45dB Dynamic Range, 450kHz Loop BW Multiband GSM/DCS/GPRS Phones, 45dB Dynamic Range, 250kHz Loop BW 250kHz Loop Bandwidth Dual LNA Gain Setting +13.5dB/-14dB at 2.5GHz, Double-Balanced Mixer, 1.8V VSUPPLY 5.25V 70MHz to 400MHz IF, 1.8V VSUPPLY 5.25V, 84dBm Limiting Gain, 90dB RSSI Range
1.2GHz to 2.7GHz Direct IQ Modulator with Mixer Direct IQ Modulator with Integrated 90 Phase Shifter, 4-Step RF Power Control, 1.8V VSUPPLY 5.25V 800MHz to 2.7GHz RF Measuring Receiver 300MHz to 3.5GHz RF Power Detector 100kHz to 1GHz RF Power Detector 300MHz to 7GHz RF Power Detector 300MHz to 3GHz RF Power Detector High Signal Level Up Converting Mixer High Signal Level Down Converting Mixer 300MHz to 7GHz Precision RF Detector Inductorless Step-Down DC/DC Converter SIM Power Supply and Level Translator Step-Up DC/DC Converter Inverting DC/DC Converter Low Noise Charge Pump with LDO Low Dropout, Low Noise Linear Regulator Step-Down DC/DC Converter Low Noise Charge Pump White LED Driver Step-Up DC/DC Converter SIM Power Supply Low Noise Charge Pump Step-Up DC/DC Converter Step-Up DC/DC Converter Step-Down DC/DC Converter 80dB Dynamic Range, Temperature Compensated, 2.7V to 5.25V Supply >40dB Dynamic Range, Temperature Compensated, 2.7V to 6V Supply 48dB Dynamic Range, Temperature Compensated, 2.7V to 6V Supply 44dB Dynamic Range, 2.7V to 6V Supply, SC-70 Package 36dB Dynamic Range, SC-70 Package RF Output to 3GHz, 17dBm IIP3, Integrated LO Buffer DC-3GHz RF Input, 20dBm IIP3, Integrated LO Buffer On-Chip Gain and Offset Adjustment 600kHz, Up to 100mA, 25% Higher Efficiency than Linear Regulator Generates 1.8V, 3V or 5V; >10kV ESD on All SIM Contact Pins ThinSOT, Low 20A Quiescent Current, VIN as Low as 1V, 300mA IOUT ThinSOT, Low 20A Quiescent Current, VIN as Low as 1V, 300mA IOUT 60VRMS Output Noise, Small MSOP Package ThinSOT, 300mV Dropout at 100mA, 20VRMS Output Noise (10Hz to 100kHz) Integrated Synchronous Operation, Up to 95% Efficiency, 1A Switch Current ThinSOT, 90VRMS Output Noise (100kHz BW), IOUT Up to 30mA ThinSOT, 1.2MHz DC/DC Constant-Current LED Driver, Dimming Control Dual Output for LCD Bias, Low Quiescent Current of 20A, 1.2V VIN 15V ThinSOT, 3V and 5V, Ultralow Supply Current of 14A, <0.92cm2 PCB 2MHz Switching Frequency Allows Small Size Capacitors, IOUT Up to 100mA Synchronous Rectification, Up to 97% Efficiency, 1A Switch Current, 3MHz Synchronous Rectification, Up to 97% Efficiency, 2A Switch Current, 3MHz 1.4MHz Synchronous Rectification, 10A Quiescent Current
4402f
Other Related Parts
ThinSOT is a trademark of Linear Technology Corporation.
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
LT/TP 0304 1K * PRINTED IN THE USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2004


▲Up To Search▲   

 
Price & Availability of LTC4402-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X