Part Number Hot Search : 
R5F35L NC7SZ157 15G39 BAV30109 A5030U PWR1101 NU80579 S1645
Product Description
Full Text Search
 

To Download LTC1758-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
s s
LTC1758-1/LTC1758-2 RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range DESCRIPTIO
The LTC(R)1758-2 is a dual band RF power controller for RF power amplifiers operating in the 850MHz to 2GHz range. The loop bandwidth reduction to 250kHz improves frequency stability when controlling slow turn-on PAs such as the Philips BGY280, Conexant RM009/ CX77302, Anadigics AWT6102/AWT6107 and the Hitachi PF08107/PF08123B. The LTC1758-1 is a single output RF power controller that is identical in performance to the LTC1758-2 except that one output (VPCA) is provided. The LTC1758-1 can be used to drive a single RF or dual channel module with integral multiplexer. This part is available in an 8-pin MSOP package. RF power is controlled by driving the RF amplifier power control pins and sensing the resultant RF output power via a directional coupler. The RF sense voltage is peak detected using an on-chip Schottky diode. This detected voltage is compared to the DAC voltage at the PCTL pin to control the output power. The RF power amplifier is protected against high supply current and high power control pin voltages. Internal and external offsets are cancelled over temperature by an autozero control loop, allowing accurate low power programming. The shutdown feature disables the part and reduces the supply current to < 1A.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s s
s
s s s s s s s s s
s s s
Dual Band RF Power Amplifier Control (LTC1758-2) Internal Schottky Diode Detector with Improved Dynamic Range vs LTC1757A Wide Input Frequency Range: 850MHz to 2GHz Autozero Loop Cancels Offset Errors and Temperature Dependent Offsets Wide VIN Range: 2.7V to 6V Allows Direct Connection to Battery RF Output Power Set by External DAC 250kHz Control Loop Bandwidth Fast Acquire After Transmit Enable Internal Frequency Compensation Rail-to-Rail Power Control Outputs Power Control Signal Overvoltage Protection Low Operating Current: 1mA Very Low Shutdown Current: < 1A Available in 8-Pin MSOP (LTC1758-1) and 10-Pin MSOP (LTC1758-2) Packages Pin Compatible with LTC1757A-X Improved Start Voltage Accuracy Improved PCTL Input Filtering
APPLICATIO S
s s s s
Single and Dual Band GSM/GPRS Cellular Telephones PCS Devices Wireless Data Modems U.S. TDMA Cellular Phones
TYPICAL APPLICATIO
68 VIN 33pF Li-Ion SHDN BSEL
LTC1758-2 Dual Band Cellular Telephone Transmitter
LTC1758-2 1 2 3 4 5 VIN RF SHDN BSEL GND VCC VPCA VPCB TXEN PCTL 10 9 8 7 6 900MHz TXEN RF PA DIRECTIONAL COUPLER DIPLEXER
DAC
1.8GHz /1.9GHz
RF PA
U
U
U
50
1758 TA01
1
LTC1758-1/LTC1758-2
ABSOLUTE
AXI U
RATI GS
VIN to GND ............................................... - 0.3V to 6.5V VPCA, VPCB Voltage ..................................... - 0.3V to 3V PCTL Voltage ............................... - 0.3V to (VIN + 0.3V) RF Voltage ........................................ (VIN - 2.2V) to 7V IVCC, Continuous ....................................................... 1A IVCC, 12.5% Duty Cycle .......................................... 2.5A SHDN, TXEN, BSEL Voltage to GND ............................ - 0.3V to (VIN + 0.3V)
PACKAGE/ORDER I FOR ATIO
TOP VIEW VIN RF SHDN GND 1 2 3 4 8 7 6 5 VCC VPCA TXEN PCTL
ORDER PART NUMBER LTC1758-1EMS8 MS8 PART MARKING LTSL
MS8 PACKAGE 8-LEAD PLASTIC MSOP
TJMAX = 125C, JA = 160C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
PARAMETER VIN Operating Voltage IVIN Shutdown Current IVIN Autozero Current IVIN Operating Current IVCC Current Limit VIN to VCC Resistance VPCA/B VOL VPCA/B Dropout Voltage VPCA/B Voltage Clamp VPCA/B Output Current VPCA/B Enable Time VPCA/B Bandwidth VPCA/B Load Capacitance VPCA/B Slew Rate VPCA/B Droop VPCA/B TXEN Start Voltage SHDN Input Threshold TXEN, BSEL Input Threshold SHDN = LO, TXEN = LO CONDITIONS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.6V, SHDN = TXEN = HI, unless otherwise noted.
MIN
q
SHDN = LO, TXEN = LO, BSEL = LO SHDN = HI, TXEN = LO SHDN = HI, TXEN = HI, IVPCA = IVPCB = 0mA, VPCA/B = HI
TXEN = HI, Open Loop, PCTL = -100mV ILOAD = 5.5mA, VIN = 2.7V RLOAD = 400, PCTL = 2V, External Gain = 0.417 VPCA/B = 2.4V, VIN = 2.7V VPCA/B = 2.6V, VIN = 3V VPCTL = 2V Step, CLOAD = 100pF (Note 5) CLOAD = 100pF, RLOAD = 400 (Note 8) (Note 6) VPCTL = 2V Step, CLOAD = 100pF (Note 3) VIN = 2.7V, VPCTL = 2V Step Open Loop, TXEN Low to High, CLOAD = 100pF (Note 9) VIN = 2.7V to 6V, TXEN = LO VIN = 2.7V to 6V
2
U
U
W
WW U
W
(Note 1)
IVPCA/B, 25% Duty Cycle ...................................... 20mA Operating Temperature Range (Note 2) . - 30C to 85C Storage Temperature Range ................ - 65C to 150C Maximum Junction Temperature ........................ 125C Lead Temperature (Soldering, 10 sec)................ 300C
TOP VIEW VIN RF SHDN BSEL GND 1 2 3 4 5 10 9 8 7 6 VCC VPCA VPCB TXEN PCTL
ORDER PART NUMBER LTC1758-2EMS MS10 PART MARKING LTSM
MS10 PACKAGE 10-LEAD PLASTIC MSOP TJMAX = 125C, JA = 160C/W
TYP
MAX 6 1
UNITS V A mA mA A m V V V mA mA
2.7 1 1.1 2.2 90
q q
1.6 1.7 150 0.1 VIN - 0.28 3.0
q q q q q q q q
0 2.7 5.5 6 180 0.75 500 2.85 9 10 620 250 1.3 1 600
1000 330 100
ns kHz pF V/s V/ms
700 1.4 1.4
mV V V
q q
0.35 0.35
LTC1758-1/LTC1758-2
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.6V, SHDN = TXEN = VIN, unless otherwise noted.
PARAMETER SHDN, TXEN, BSEL Input Current PCTL Input Voltage Control Range PCTL Input Voltage Range PCTL Input Resistance PCTL Input Filter Autozero Range Autozero Settling Time (tS) RF Input Frequency Range RF Input Power Range RF Input Impedance BSEL Timing VIN = 2.7V, RLOAD = 400 (Note 4) tS, Shutdown to Enable (Autozero), VIN = 2.7V (Note 10) (Note 6) 900MHz (Note 6) 1800MHz (Note 6) Referenced to VIN, SHDN = LO, TXEN = LO t1, Setup Time Prior to TXEN Asserted High t2, Hold Time After TXEN is Asserted Low
q q q q
ELECTRICAL CHARACTERISTICS
CONDITIONS
MIN
q q q q
TYP 25
MAX 50 2 2.4
UNITS A V V k kHz mV s MHz dBm dBm ns ns
SHDN, TXEN or BSEL = 3.6V VIN = 3V to 6V, RLOAD = 400 VIN = 3V, RLOAD = 400 (Note 7) SHDN = LO, TXEN = LO
10 0 50
90 350
140 400 50
850 - 26 -24 100 200 200 200
2000 16 16 350
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LTC1758-1 and LTC1758-2 are guaranteed to meet performance specifications from 0C to 70C. Specifications over the - 30C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 3: Slew rate is measured open loop. The slew time at VPCA or VPCB is measured between 1V and 2V. Note 4: Maximum DAC zero-scale offset voltage that can be applied to PCTL.
Note 5: This is the time from TXEN rising edge 50% switch point to VPCA/B = 1V. Note 6: Guaranteed by design. This parameter is not production tested. Note 7: Includes maximum DAC offset voltage and maximum control voltage. Note 8: Bandwidth is calculated using the 10% to 90% rise time: BW = 0.35/rise time Note 9: Measured 1s after TXEN = HI. Note 10: 50% switch point, SHDN HI = VIN, TXEN HI = VIN.
TYPICAL PERFOR A CE CHARACTERISTICS
RF Detector Characteristics at 900MHz
10000 VIN = 3V TO 4.4V 1000
PCTL REFERENCED DETECTOR OUTPUT VOLTAGE (mV)
PCTL REFERENCED DETECTOR OUTPUT VOLTAGE (mV)
100 -30C 10
75C 25C
1 -26
-20
-14 -8 -2 4 RF INPUT POWER (dBm)
UW
RF Detector Characteristics at 1800MHz
10000 VIN = 3V TO 4.4V 1000
100 -30C 10 75C 1 -24 -20 -16 -12 -8 -4 0 4 8 RF INPUT POWER (dBm)
25C
10
16
12 16
1758 G02
1758 G01
3
LTC1758-1/LTC1758-2
PI FU CTIO S
VIN (Pin 1): Input Supply Voltage, 2.7V to 6V. VIN should be bypassed with 0.1F and 100pF ceramic capacitors. Used as return for RF 200 termination. RF (Pin 2): RF Feedback Voltage from the Directional Coupler. Referenced to VIN. A coupling capacitor of 33pF must be used to connect to the ground referenced directional coupler. The frequency range is 850MHz to 2000MHz. This pin has an internal 200 termination, an internal Schottky diode detector and peak detector capacitor. SHDN (Pin 3): Shutdown Input. A logic low on the SHDN pin places the part in shutdown mode. A logic high places the part in autozero when TXEN is low. SHDN has an internal 150k pull-down resistor to ensure that the part is in shutdown when the drivers are in a three-state condition. BSEL (Pin 4): (LTC1758-2 Only) Selects VPCA when low and VPCB when high. This input has an internal 150k resistor to ground. GND (Pin 5/Pin 4): System Ground. PCTL (Pin 6/Pin 5): Analog Input. The external power control DAC drives this input. The amplifier servos the RF
4
U
U
U
(LTC1758-2/LTC1758-1)
power until the RF detected signal equals the DAC signal. The input impedance is typically 90k. TXEN (Pin 7/Pin 6): Transmit Enable Input. A logic high enables the control amplifier. When TXEN is low and SHDN is high the part is in the autozero mode. This input has an internal 150k resistor to ground. VPCB (Pin 8): (LTC1758-2 Only) Power Control Voltage Output. This pin drives an external RF power amplifier power control pin. The maximum load capacitance is 100pF. The output is capable of rail-to-rail swings at low load currents. Selected when BSEL is high. VPCA (Pin 9/Pin 7): Power Control Voltage Output. This pin drives an external RF power amplifier power control pin. The maximum load capacitance is 100pF. The output is capable of rail-to-rail swings at low load currents. Selected when BSEL is low (LTC1758-2 only). VCC (Pin 10/Pin 8): RF Power Amplifier Supply. This pin has an internal 0.090 sense resistor between VIN and VCC that senses the RF power amplifier supply current to detect overcurrent conditions.
LTC1758-1/LTC1758-2
BLOCK DIAGRA
10 VCC 0.02 RSENSE 0.05 METAL
68
-
CS 33pF
+
OFFSET TRIM VIN PROGRAMMABLE 200 33k 35k 28pF 35k 60A 5 GND COMPRESSION BG1 THERMAL SHUTDOWN 22k 22k TSDB TSDB TXENI 150k MUX CONTROL PA 60A 33k BG1 1.2V BANDGAP 1.2V ADJUSTABLE 12 PB 100 12 100 ICL CC 400A 140k VPC RFDET gm 22k 1.2V 110k GAIN TRIM gm 50mV FILTER
2
RF
200
OPERATE SHDN 150k
W
3
(LTC1758-2)
DIPLEXER
900MHz
RF PA 50
RF PA
1.8GHz/1.9GHz
Li-Ion
1 VIN 0.02 TXENB 100 METAL AUTOZERO
-
AZ
PA VPCA ADJUSTABLE 9
OVERCURRENT
+
+
CAMP PB VPCB 8
-+
-
+ -
XMT AUTOZERO 150k
SHDN
7
TXEN
6
PCTL
4
BSEL
1758 BD
5
LTC1758-1/LTC1758-2
APPLICATIONS INFORMATION
Forward The LTC1758 has a wider dynamic range than the LTC1757A. The Schottky diode detector dynamic range has been extended to over 40dB. The start voltage accuracy has been improved to 17%. The autozero hold time has been increased for applications requiring transmit times of several hundred milliseconds. The PCTL input filter bandwidth has been reduced to 350kHz for improved rejection of DAC noise as well as smoother ramp shaping. The bandwidth has been reduced to 250kHz to control slow turn-on RF power amplifiers. Operation The LTC1758-2 dual band RF power control amplifier integrates several functions to provide RF power control over frequencies ranging from 850MHz to 2GHz. The device also prevents damage to the RF power amplifier due to overvoltage or overcurrent conditions. These functions include an internally compensated power control, amplifier to control the RF output power, an autozero section to cancel internal and external voltage offsets, a sense amplifier with an internal sense resistor to limit the maximum RF power amplifier current, an RF Schottky diode peak detector and amplifier to convert the RF feedback signal to DC, a VPCA/B overvoltage clamp, gain compression, a bandgap reference, a thermal shutdown circuit and a multiplexer to switch the control amplifier output to either VPCA or VPCB. Band Selection The LTC1758-2 is designed for dual band operation. The BSEL pin will select output VPCA when low and output VPCB when high. For example, VPCA could be used to drive a 900MHz channel and VPCB a 1.8GHz/1.9GHz channel. BSEL must be established before the part is enabled. The LTC1758-1 can be used to drive a single RF channel or dual channel with integral multiplexer. Control Amplifier The control amplifier supplies the power control voltage to the RF power amplifier. A portion (typically - 19dB for low frequencies and -14dB for high frequencies) of the RF output voltage is sampled, via a directional coupler, to close the gain control loop. When a DAC voltage is applied to PCTL, the amplifier quickly servos VPCA or VPCB positive until the detected feedback voltage applied to the RF pin matches the voltage at PCTL. This feedback loop provides accurate RF power control. VPCA or VPCB are capable of driving a 5.5mA load current and 100pF load capacitor. RF Detector The internal RF Schottky diode peak detector and amplifier converts the RF feedback voltage from the directional coupler to a low frequency voltage. This voltage is compared to the DAC voltage at the PCTL pin by the control amplifier to close the RF power control loop. The RF pin input resistance is typically 200 and the frequency range of this pin is 850MHz to 2000MHz. The detector demonstrates excellent efficiency and linearity over a wide range of input power. The Schottky detector is biased at about 60A and drives an on-chip peak detector capacitor of 28pF. Autozero An autozero system is included to improve power programming accuracy over temperature. This section cancels internal offsets associated with the Schottky diode detector and control amplifier. External offsets associated with the DAC driving the PCTL pin are also cancelled. Offset drift due to temperature is cancelled between each burst. The maximum offset allowed at the DAC output is limited to 400mV. Autozeroing is performed when the part is in autozero mode (SHDN = high, TXEN = low). When the part is enabled (TXEN = high, SHDN = high) the autozero capacitors are held and the VPCA or VPCB pin is connected to the control amplifier output. The hold droop voltage of typically < 1V/ms provides for accurate offset cancellation over the normal 1/8 duty cycle associated with the GSM protocol as well as with multislot protocols. The part must be in the autozero mode for at least 50s for autozero to settle to the correct value.
6
U
W
U
U
LTC1758-1/LTC1758-2
APPLICATIONS INFORMATION
Filter There is a 350kHz single pole filter included in the PCTL path. Protection Features The RF power amplifier is overcurrent protected by an internal sense amplifier. The sense amplifier measures the voltage across an internal 0.090 resistor to determine the RF power amplifier current. VPCA or VPCB is lowered as this supply current exceeds 2.2A, thereby regulating the current to about 2.25A. The regulated current limit is temperature compensated. The 0.090 resistor and the current limit feature can be removed by connecting the PA directly to VIN. The RF power amplifier control voltage pins are overvoltage protected. The VPC overvoltage clamp regulates VPCA or VPCB to 2.85V when the gain and PCTL input combination attempts to exceed this voltage. The internal thermal shutdown circuit will disable the LTC1758-2 if the junction temperature exceeds approximately 150C. The part will be enabled when the temperature falls below 140C. Modes of Operation The LTC1758-2 supports three operating modes: shutdown, autozero and enable. In shutdown mode (SHDN = Low) the part is disabled and supply currents will be reduced to <1A. VPCA and VPCB will be connected to ground via 100 switches. In autozero mode (SHDN = High, TXEN = Low) VPCA and VPCB will remain connected to ground and the part will be in the autozero mode. The part must remain in autozero for at least 50s to allow for the autozero circuit to settle. In enable mode (SHDN = High, TXEN = High) the control loop and protection functions will be operational. When TXEN is switched high, acquisition will begin. The control amplifier will start to ramp the control voltage to the RF power amplifier. The RF amplifier will then start to turn on. The feedback signal from the directional coupler and the output power will be detected by the LTC1758-2 at the RF pin. The loop closes and the amplifier output tracks the DAC voltage ramping at PCTL. The RF power output will then follow the programmed power profile from the DAC.
MODE Shutdown Autozero Enable SHDN Low High High TXEN Low Low High OPERATION Disabled Autozero Power Control
LTC1758-2 Timing Diagram
SHUTDOWN SHDN t1 BSEL TXEN PCTL VPCA VPCB START VOLTAGE
1758 TD
AUTOZERO
ENABLE
t2
tS NOTE 1 START VOLTAGE tS: AUTOZERO SETTLING TIME, 50s MINIMUM t1: BSEL CHANGE PRIOR TO TXEN, 200ns TYPICAL t2: BSEL CHANGE AFTER TXEN, 200ns TYPICAL NOTE 1: THE EXTERNAL DAC DRIVING THE PCTL PIN CAN BE ENABLED DURING AUTOZERO. THE AUTOZERO SYSTEM WILL CANCEL THE DAC TRANSIENT. THE DAC MUST BE SETTLED TO AN OFFSET 400mV BEFORE TXEN IS ASSERTED HIGH.
U
W
U
U
7
LTC1758-1/LTC1758-2
APPLICATIO S I FOR ATIO
LTC1758-1 Description
The LTC1758-1 is identical in performance to the LTC1758-2 except that only one control output (VPCA) is available. The LTC1758-1 can drive a single band (850MHz to 2000MHz) or a dual RF channel module with an internal mulitplexer. Several manufacturers offer dual RF channel modules with an internal mulitplexer. General Layout Considerations The LTC1758-1/LTC1758-2 should be placed near the directional coupler. The feedback signal line to the RF pin should be a 50 transmission line with optional termination or a short line. If short-circuit protection is used, bypass capacitors are required at VCC. External Termination The LTC1758 has an internal 200 termination resistor at the RF pin. If a directional coupler is used, it is recommended that an external 68 termination resistor be connected between the RF coupling capacitor (33pF), and ground at the side connected to the directional coupler. If the termination is placed at the LTC1758 RF pin, then the 68 resistor must be connected to VIN since the detector is referenced to VIN. Termination components should be placed adjacent to the LTC1758. Power Ramp Profiles The external voltage gain associated with the RF channel can vary significantly between RF power amplifier types. The LTC1758 frequency compensation has been optimized to be stable with several different power amplifiers and manufacturers. This frequency compensation generally defines the loop dynamics that impact the power/time response and possibly (slow loops) the power ramp sidebands. The LTC1758 operates open loop until an RF voltage appears at the RF pin, at which time the loop closes and the output power follows the DAC profile. The RF power amplifier will require a certain control voltage level (threshold) before an RF output signal is produced. The LTC1758 VPCA/B outputs must quickly rise to this threshold voltage in order to meet the power/time profile. To reduce this time, the LTC1758 starts at 600mV. However, at very low power levels the PCTL input signal is small, and
RFOUT (dBc)
DAC VOLTAGE
8
U
the VPCA/B outputs may take several microseconds to reach the RF power amplifier threshold voltage. To reduce this time, it may be necessary to apply a positive pulse at the start of the ramp to quickly bring the VPCA/B outputs to the threshold voltage. This can generally be achieved with DAC programming. The magnitude of the pulse is dependent on the RF amplifier characteristics. Power ramp sidebands and power/time are also a factor when ramping to zero power. For RF amplifiers requiring high control voltages, it may be necessary to further adjust the DAC ramp profile. When the power is ramped down the loop will eventually open at power levels below the LTC1758 detector threshold. The LTC1758 will then go open loop and the output voltage at VPCA or VPCB will stop falling. If this voltage is high enough to produce RF output power, the power/time or power ramp sidebands may not meet specification. This problem can be avoided by starting the DAC ramp from 100mV (Figure 1). At the end of the cycle, the DAC can be ramped down to 0mV. This applies a negative signal to the LTC1758 thereby ensuring that the VPCA/B outputs will ramp to 0V. The 100mV ramp step must be applied at least 4s before TXEN is asserted high
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -28 -18 -10 0 TIME (s) START PULSE START CODE ZERO CODE 543 553 561 571 100mV TXEN SHDN 50s MINIMUM, ALLOWS TIME FOR DAC AND AUTOZERO TO SETTLE
1758 F01
W
UU
Figure 1. LTC1758 Ramp Timing
LTC1758-1/LTC1758-2
APPLICATIO S I FOR ATIO
to allow the autozero to cancel the step. Slow DAC rise times will extend this time by the additional RC time constants. Another factor that affects power ramp sidebands is the DAC signal to PCTL. The bandwidth of the LTC1758 may not be low enough to adequately filter out steps associated with the DAC. If the baseband chip does not have an internal filter, it is recommended that a 1-stage external filter be placed between the DAC output and the PCTL pin. Resistor values should be kept below 2k since the PCTL input resistance is 90k. A typical filter scheme is shown in Figure 2. The power control ramp should be started in the range of 1s to 10s after TXEN is asserted high.
2k DAC 330pF
LTC1758 PTCL
1758 F02
Figure 2
Demo Board The LTC1758 demo board is available upon request. The demo board has a 900MHz and an 1800MHz RF channel controlled by the LTC1758. Timing signals for TXEN are generated on the board using a 13MHz crystal reference. The PCTL power control pin is driven by a 10-bit DAC and the DAC profile can be loaded via a serial port. The serial port data is stored in a flash memory which is capable of storing eight ramp profiles. The board is supplied preloaded with four GSM power profiles and four DCS power profiles covering the entire power range. External timing signals can be used in place of the internal crystal controlled timing. A variety of RF power amplifiers are available. LTC1758 Control Loop Stability The LTC1758 provides a stable control loop for several RF power amplifier models from different manufacturers over a wide range of frequencies, output power levels and VSWR conditions. However, there are several factors that can improve or degrade loop frequency stability.
U
1) The additional voltage gain supplied by the RF power amplifier increases the loop gain raising poles normally below the 0dB axis. The extra voltage gain can vary significantly over input/output power ranges, frequency, power supply, temperature and manufacturer. RF power amplifier gain control transfer functions are often not available and must be generated by the user. Loop oscillations are most likely to occur in the midpower range where the external voltage gain associated with the RF power amplifier typically peaks. It is useful to measure the oscillation or ringing frequency to determine whether it corresponds to the expected loop bandwidth and thus is due to high gain bandwidth. 2) Loop voltage losses supplied by the directional coupler will improve phase margin. The larger the directional coupler loss the more stable the loop will become. However, larger losses reduce the RF signal to the LTC1758 and detector performance may be degraded at low power levels. (See RF Detector Characteristics.) 3) Additional poles within the loop due to filtering or the turn-on response of the RF power amplifier can degrade the phase margin if these pole frequencies are near the effective loop bandwidth frequency. Generally loops using RF power amplifiers with fast turn-on times have more phase margin. Extra filtering below 16MHz should never be placed within the control loop, as this will only degrade phase margin. 4) Control loop instability can also be due to open loop issues. RF power amplifiers should first be characterized in an open loop configuration to ensure self oscillation is not present. Self-oscillation is often related to poor power supply decoupling, ground loops, coupling due to poor layout and extreme VSWR conditions. The oscillation frequency is generally in the 100kHz to 10MHz range. Power supply related oscillation suppression requires large value ceramic decoupling capacitors placed close to the RF power amp supply pins. The range of decoupling capacitor values is typically 1nF to 3.3F. 5) Poor layout techniques associated with the directional coupler area may result in high frequency signals bypassing the coupler. This could result in stability problems due to the reduction in the coupler loss.
W
UU
9
LTC1758-1/LTC1758-2
APPLICATIO S I FOR ATIO
Determining External Loop Gain and Bandwidth The external loop voltage gain contributed by the RF channel and directional coupler network should be measured in a closed loop configuration. A voltage step is applied to PCTL and the change in VPCA (or VPCB) is measured. The detected voltage is 0.6 * PCTL for PCTL < 640mV and 1.18PCTL - 0.38V for PCTL > 640mV. The external voltage gain contributed by the RF power amplifier and directional coupler network is 0.6 * VPCTL/VVPCA and (1.18PCTL - 0.38V) * VPCTL/VPCA. Measuring voltage gain in the closed loop configuration accounts for the nonlinear detector gain that is dependent on RF input voltage and frequency. The LTC1758 unity gain bandwidth specified in the data sheet assumes that the net voltage gain contributed by the RF power amplifier and directional coupler is unity. The bandwidth is calculated by measuring the rise time between 10% and 90% of the voltage change at VPCA or VPCB for a small step in voltage applied to PCTL. BW1 = 0.35/rise time The LTC1758 control amplifier unity gain bandwidth (BW1) is typically 250kHz. The phase margin of the control amplifier is typically 90. For example, to determine the external RF channel loop voltage gain with the loop closed, apply a 100mV step to PCTL from 300mV to 400mV. VPCA (or VPCB) will increase
80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 100
RLOAD = 2k CLOAD = 33pF PHASE
GAIN
1k
10k 100k FREQUENCY (Hz)
1M
140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 10M
VOLTAGE GAIN (dB)
VOLTAGE GAIN (dB)
1758 F03
Figure 3. Measured Open Loop Gain and Phase, PCTL < 640mV
10
U
to supply enough feedback voltage to the RF pin to cancel this 100mV step which would be the required detected voltage of 60mV. VPCA changed from 1.498V to 1.540V to create the RF output power change required. The net external voltage gain contributed by the RF power amplifier and directional coupler network can be calculated by dividing the 60mV change at the RF pin by the 42mV change at the VPCA pin. The net external voltage gain would then be approximately 1.4. The loop bandwidth extends to 1.4 * BW1. If BW1 is 250kHz, the loop bandwidth increases to approximately 350kHz. The phase margin is extracted from Figure 3. Repeat the above voltage gain measurement over the full power and frequency range. The phase margin degradation, due to external and internal pole combinations, is difficult to determine since complex poles are present. Gain peaking may occur, resulting in higher bandwidth and lower phase margin than predicted from the open loop Bode plot. A low frequency AC SPICE model of the LTC1758 power controller is included to better determine pole and zero interactions. The user can apply external gains and poles to determine bandwidth and phase margin. DC, transient and RF information cannot be extracted from the present model. The model is suitable for external gain evaluations up to 6x. The 350kHz PCTL input filter limits the bandwidth, therefore, use the RF input as demonstrated in the model.
80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 100 RLOAD = 2k CLOAD = 33pF PHASE GAIN 1k 10k 100k FREQUENCY (Hz) 1M 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 10M PHASE (DEG) PHASE (DEG)
1758 F04
W
UU
Figure 4. Measured Open Loop Gain and Phase, PCTL > 640mV
LTC1758-1/LTC1758-2
APPLICATIO S I FOR ATIO
This model (Figure 7) is being supplied to LTC users as an aid to circuit designs. While the model reflects close similarity to corresponding devices in low frequency AC performance terms, its use is not suggested as a replacement for breadboarding. Simulation should be used as a forerunner or a supplement to traditional lab testing. Users should note very carefully the following factors regarding this model: Model performance in general will reflect typical baseline specs for a given device, and certain aspects of performance may not be modeled fully. While reasonable care has been taken in the preparation, we cannot be responsible for correct application on any and all computer systems. Model users are hereby notified that these models are supplied "as is", with no direct or implied responsibility on the part of LTC for their operation within a customer circuit or system. Further, Linear Technology Corporation reserves the right to change these models without prior notice. In all cases, the current data sheet information is your final design guideline, and is the only performance guarantee. For further technical information, refer to individual device data sheets. Your feedback and suggestions on this model is appreciated.
+
PCTL
CONTROL AMPLIFER BW1 250kHz RF POWER AMP VPCA/B G1 G2
VOLTAGE GAIN (dB)
-
IFB LTC1758 H1 RF H2
1758 F05
CONTROLLED RF OUTPUT POWER
RF DETECTOR
DIRECTIONAL COUPLER 14dB to 20dB LOSS
Figure 5. Closed Loop Block Diagram
U
Linear Technology Corporation hereby grants the users of this model a nonexclusive, nontransferable license to use this model under the following conditions: The user agrees that this model is licensed from Linear Technology and agrees that the model may be used, loaned, given away or included in other model libraries as long as this notice and the model in its entirety and unchanged is included. No right to make derivative works or modifications to the model is granted hereby. All such rights are reserved. This model is provided as is. Linear Technology makes no warranty, either expressed or implied about the suitability or fitness of this model for any particular purpose. In no event will Linear Technology be liable for special, collateral, incidental or consequential damages in connection with or arising out of the use of this model. It should be remembered that models are a simplification of the actual circuit.
80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 100 PHASE RLOAD = 2k CLOAD = 33pF GAIN 1k 10k 100k FREQUENCY (Hz) 1M 120 110 100 90 80 70 60 50 40 30 20 10 0 -10 -20 10M PHASE (DEG)
1758 F06
W
UU
Figure 6. SPICE Model Open Loop Gain and Phase Characteristics from RF to VPCA, PCTL < 640mV
11
LTC1758-1/LTC1758-2
APPLICATIO S I FOR ATIO
*LTC1758 Low Frequency AC Spice Model* GIN1 ND2 0 ND1A IFB 100E-6 GX3 ND6 0 0 ND4 1E-6 GX4 ND7 0 0 ND6 1E-6 GX1 ND3 0 0 ND2 1E-6 GX2 ND4 0 0 ND3 1E-6 GX5 ND10 0 0 ND9 1E-6 GX8 ND14 0 0 ND12 1E-6 GX7 ND12 0 0 ND11 1E-6 GX6 ND11 0 0 ND10 1E-6 GXFB IFB 0 0 ND14 28.8E-6 EX1 ND8 0 0 ND7 1 RPCTL2 ND1 0 33E3 RFILT ND1 ND1A 50E3 RO1 ND2 0 70E6 RX3 ND6 0 1E6 RX4 ND7 0 1E6 RPCTL1 PCTL ND1 53E3 RX1 ND3 0 1E6 RX2 ND4 ND5 1E6 RSD RF ND9 500 RX5 ND10 0 1E6 RT RF 0 250 RX8 ND14 0 1E6 RX7 ND12 ND13 1E6 RX6 ND11 0 1E6 R9 ND8 ND8A 100 R9A ND8A VPCA 20 RLOAD VPCA 0 2E3 RFB1 IFB 0 22E3 CPCTL1 ND1A 0 7E-12 CX3 ND6 0 8E-15 CX4 ND7 0 12E-15 CC1 ND2 0 45E-12 CX1 ND3 0 2E-15 CX5 ND10 0 10E-15 CX6 ND11 0 1.2E-15 CLOAD VPCA 0 33E-12 CLINT ND8A 0 37E-12 CLINTA VPCA 0 18E-12 CFB1 IFB 0 300E-15 CP ND9 0 28E-12 LX2 ND5 0 34E-3 LX7 ND13 0 7E-3 **Closed loop connections, comment-out VPCTLO, VRF, Adjust EFB gain to reflect external gain, currently set at 3X** *EFB RF 0 VPCA VIN 3 VIN VIN 0 DC 0 AC 1 *VPCTLO PCTL 0 DC 0 **Open loop connections, comment-out EFB, VIN and VPCTLO** VPCTLO PCTL 0 DC 0 VRF RF 0 DC 0 AC 1 **Add AC statement and print statement as required** .AC DEC 50 100 1E7 .END Figure 7. LTC1758 Low Frequency AC SPICE Model
12
U
W
UU
RPCTL1 53E3 ND2 ND3 ND4 ND6 GIN1
ND7
ND1
ND1A
+
RO1 70E6 GM GM GM GM 100E-6 CC1 45E-12 CX1 2E-15 CX3 8E-15 RX1 1E6 1E-6 RX3 1E6 1E-6
+ -
1E-6 LX2 34E-3
GX1
+ - - -
GX2
+
GX3
+
GX4 RX4 1E6 1E-6 CX4 12E-15
CPCTL1 7E-12
-
24MHz POLE GXFB
+
EX1 VAMP GM
+
RFB1 22E3 CFB1 300E-15
R9 ND8 100
ND8A
R9A 20 VPCA CLINT 37E-12 CLINTA 18E-12 RLOAD 2E3 CLOAD 33E-12
-
28.8E-6
-
16MHz POLE ND10 ND11
130MHz POLE
23MHz ZERO ND12 ND14
RF
RT 200
RSD 500 GM GM
+
RX5 1E6 1E-6 CX5 10E-15 RX6 1E6 1E-6 CX6 1.2E-15
GX5
+ -
GX6
+
GM
GX7
+
GM
GX8 RX7 1E6 ND13 RX8 1E6
ND9
CP 28E-12
-
-
1E-6
LX7 7E-3
-
1E-6
1758 F08
Figure 8. LTC1758 Low Frequency AC Model
U
LTC1758-1/LTC1758-2
APPLICATIO S I FOR ATIO
IFB
W
RPCTL2 33E3
RFILT 50E3
GM
RX2 1E6 ND5
UU
PCTL 50Hz POLE 80MHz POLE 5MHz ZERO 20MHz POLE
13MHz POLE
13
LTC1758-1/LTC1758-2
PACKAGE DESCRIPTIO
0.007 (0.18) 0.021 0.006 (0.53 0.015)
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE ** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
14
U
MS8 Package 8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660)
0.118 0.004* (3.00 0.102) 8 76 5 0.193 0.006 (4.90 0.15) 0.118 0.004** (3.00 0.102) 1 0.043 (1.10) MAX 0 - 6 TYP SEATING PLANE 23 4 0.034 (0.86) REF 0.009 - 0.015 (0.22 - 0.38) 0.0256 (0.65) BSC 0.005 0.002 (0.13 0.05)
MSOP (MS8) 1100
LTC1758-1/LTC1758-2
PACKAGE DESCRIPTIO
0.007 (0.18) 0.021 0.006 (0.53 0.015)
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE ** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
MS10 Package 10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1661)
0.118 0.004* (3.00 0.102) 10 9 8 7 6 0.193 0.006 (4.90 0.15) 0.118 0.004** (3.00 0.102) 12345 0.043 (1.10) MAX 0 - 6 TYP SEATING PLANE 0.007 - 0.011 (0.17 - 0.27) 0.034 (0.86) REF 0.0197 (0.50) BSC 0.005 0.002 (0.13 0.05)
MSOP (MS10) 1100
15
LTC1758-1/LTC1758-2
TYPICAL APPLICATIO S
Single Band Cellular Telephone Transmitter
68 VIN 33pF Li-Ion SHDN LTC1758-1 1 2 3 4 VIN RF SHDN GND VCC VPCA TXEN PCTL 8 7 6 5 TXEN RF IN RF PA DIRECTIONAL COUPLER
Dual Band Cellular Telephone Transmitter Without Current Limiting
68 33pF VIN Li-Ion SHDN LTC1758-1 1 2 3 4 VIN RF SHDN GND VCC VPCA TXEN PCTL 8 7 6 5 TXEN RF POWER MODULE WITH MUX VCC PWRCTRL RFOUT1 900MHz DIRECTIONAL COUPLER
RELATED PARTS
PART NUMBER LTC1261 LTC1550/LTC1551 LTC1730 LTC1732 LTC1734 LTC1754 LT(R)1761 LTC1957 LTC3200/LTC3200-5 LTC3404 DESCRIPTION Regulated Inductorless Voltage Inverter Low Noise Inductorless Voltage Inverter Li-Ion Pulse Charger Li-Ion Linear Charger ThinSOT Li-Ion Linear Charger ThinSOT Charge Pump ThinSOT LDO RF Power Controller Low Noise, Regulated Charge Pump Step-Down DC/DC Converter
TM
ThinSOT is a trademark of Linear Technology Corporation.
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
U
DAC
1758 TA02
DIPLEXER
BANDSELECT RFOUT2 1800MHz RF1 IN RF2 IN 50
1758 TA03
900MHz DAC
1800MHz
COMMENTS Regulated -5V from 3V, REG Pin Indicates Regulation, Up to 15mA, Micropower Regulated Output, <1mVP-P Ripple, 900kHz Complete Pulse Charger for 1-Cell Li-Ion Battery Complete Linear Charger for 1- and 2-Cell Li-Ion Battery Only Two External Components, Allows Charge Current Monitoring for Termination 2V VIN 4V, IOUT = 40mA, No Inductors for White LED Backlight IOUT = 100mA, Low Noise: 20VRMS Single/Dual Channel RF Power Controller (Higher Bandwidth Version of the LTC1758) 2MHz Constant Frequency, IOUT = 100mA, 2.7V VIN 4.5V, ThinSOT and MSOP Packages 1.4MHz Integrated Synchronous Rectification, 10A Quiescent Current
175812f LT/TP 0601 2K * PRINTED IN THE USA
(c) LINEAR TECHNOLOGY CORPORATION 2001


▲Up To Search▲   

 
Price & Availability of LTC1758-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X