Part Number Hot Search : 
28F008S3 LS373 80010 C02WDS3 MCH6626 F2002 CDBN0145 MA4P159
Product Description
Full Text Search
 

To Download L6201PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
L6201 L6202 - L6203
DMOS FULL BRIDGE DRIVER
SUPPLY VOLTAGE UP TO 48V 5A MAX PEAK CURRENT (2A max. for L6201) TOTAL RMS CURRENT UP TO L6201: 1A; L6202: 1.5A; L6203/L6201PS: 4A RDS (ON) 0.3 (typical value at 25 C) CROSS CONDUCTION PROTECTION TTL COMPATIBLE DRIVE OPERATING FREQUENCY UP TO 100 KHz THERMAL SHUTDOWN INTERNAL LOGIC SUPPLY HIGH EFFICIENCY DESCRIPTION The I.C. is a full bridge driver for motor control applications realized in Multipower-BCD technology which combines isolated DMOS power transistors with CMOS and Bipolar circuits on the same chip. By using mixed technology it has been possible to optimize the logic circuitry and the power stage to achieve the best possible performance. The DMOS output transistors can operate at supply voltages up to 42V and efficiently at high switchBLOCK DIAGRAM
MULTIPOWER BCD TECHNOLOGY
Powerdip 12+3+3
SO20 (12+4+4)
Multiwatt11
PowerSO20
ORDERING NUMBERS: L6201 (SO20) L6201PS (PowerSO20) L6202 (Powerdip18) L6203 (Multiwatt)
ing speeds. All the logic inputs are TTL, CMOS and C compatible. Each channel (half-bridge) of the device is controlled by a separate logic input, while a common enable controls both channels. The I.C. is mounted in three different packages.
July 2003
1/20
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
L6201 - L6202 - L6203
PIN CONNECTIONS (Top view)
SO20
POWERDIP
GND N.C. N.C. OUT2 VS OUT1 BOOT1 IN1 N.C. GND
1 2 3 4 5 6 7 8 9 10
D95IN216
20 19 18 17 16 15 14 13 12 11
GND N.C. N.C. ENABLE SENSE Vref BOOT2 IN2 N.C. GND
PowerSO20
MULTIWATT11
2/20
L6201 - L6202 - L6203
PINS FUNCTIONS
Device L6201 1 2 3 4,5 - 6,7 8 9 10 11 12 13 14,15 - 16,17 18 19 20 L6201PS 16 17 2,3,9,12, 18,19 - 1, 10 - - 4 5 6 7 8 - 11, 20 - 13 14 15 L6202 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 7 8 9 6 1 2 3 4 5 6 L6203 10 11 Name SENSE ENAB LE N.C. GND GND GND N.C. OUT2 Vs OUT1 BOOT1 IN1 GND GND GND IN2 BOOT2 Vref Function A resistor Rsense connected to this pin provides feedback for motor current control. When a logic high is present on this pin the DMOS POWER transistors are enabled to be selectively driven by IN1 and IN2. Not Connected Common Ground Terminal Common Ground Terminal Common Ground Terminal Not Connected Ouput of 2nd Half Bridge Supply Voltage Output of first Half Bridge A boostrap capacitor connected to this pin ensures efficient driving of the upper POWER DMOS transistor. Digital Input from the Motor Controller Common Ground Terminal Common Ground Terminal Common Ground Terminal Digital Input from the Motor Controller A boostrap capacitor connected to this pin ensures efficient driving of the upper POWER DMOS transistor. Internal voltage reference. A capacitor from this pin to GND is recommended. The internal Ref. Voltage can source out a current of 2mA max.
ABSOLUTE MAXIMUM RATINGS
Symbol Vs VOD VIN, VEN Io Power Supply Differential Output Voltage (between Out1 and Out2) Input or Enable Voltage Pulsed Output Current for L6201PS/L6202/L6203 (Note 1) - Non Repetitive (< 1 ms) for L6201 for L6201PS/L6202/L6203 DC Output Current for L6201 (Note 1) Sensing Voltage Boostrap Peak Voltage Total Power Dissipation: Tpins = 90C for L6201 for L6202 Tcase = 90C for L6201PS/L6203 Tamb = 70C for L6201 (Note 2) for L6202 (Note 2) for L6201PS/L6203 (Note 2) Storage and Junction Temperature Parameter Value 52 60 - 0.3 to + 7 5 5 10 1 - 1 to + 4 60 4 5 20 0.9 1.3 2.3 - 40 to + 150 Unit V V V A A A A V V W W W W W W C
Vsense Vb Ptot
Tstg, Tj
Note 1: Pulse width limited only by junction temperature and transient thermal impedance (see thermal characteristics) Note 2: Mounted on board with minimized dissipating copper area.
3/20
L6201 - L6202 - L6203
THERMAL DATA
Symbol Rth j-pins Rth j-case Rth j-amb Parameter Thermal Resistance Junction-pins Thermal Resistance Junction Case Thermal Resistance Junction-ambient max max. max. Value L6201 15 - 85 L6201PS - - 13 (*) L6202 12 - 60 L6203 - 3 35 Unit C/W
(*) Mounted on aluminium substrate.
ELECTRICAL CHARACTERISTICS (Refer to the Test Circuits; Tj = 25C, VS = 42V, Vsens = 0, unless otherwise specified).
Symbol Vs Vref IREF Is Parameter Supply Voltage Reference Voltage Output Current Quiescent Supply Current EN = H VIN = L EN = H VIN = H EN = L ( Fig. 1,2,3) IL = 0 10 10 8 30 150 100 IREF = 2mA Test Conditions Min. 12 Typ. 36 13.5 2 15 15 15 100 Max. 48 Unit V V mA mA mA mA KHz C ns
fc Tj Td
Commutation Frequency (*) Thermal Shutdown Dead Time Protection
TRANSISTORS
OFF IDSS ON RDS VDS(ON) On Resistance Drain Source Voltage Fig. 4,5 Fig. 9 IDS = 1A IDS = 1.2A IDS = 3A L6201 L6202 L6201PS/0 3 -1 0.3 0.3 0.36 0.9 4 0.55 V V V V Leakage Current Fig. 11 Vs = 52 V 1 mA
Vsens
Sensing Voltage
SOURCE DRAIN DIODE
Vsd Forward ON Voltage Fig. 6a and b EN = L ISD = 1A L6201 EN = L ISD = 1.2A L6202 ISD = 3A L6201PS/03 EN = L dif = 25 A/s dt IF = 1A IF = 1.2A IF = 3A 0.9 (**) 0.9 (**) 1.35(**) 300 L6201 L6202 L6203 200 ns V V V ns
trr
Reverse Recovery Time
tfr
Forward Recovery Time
LOGIC LEVELS
VIN L, VEN L VIN H, VEN H IIN L, IEN L IIN H, IEN H 4/20 Input Low Voltage Input High Voltage Input Low Current Input High Current VIN, VEN = L VIN, VEN = H 30 - 0.3 2 0.8 7 -10 V V A A
L6201 - L6202 - L6203
ELECTRICAL CHARACTERISTICS (Continued) LOGIC CONTROL TO POWER DRIVE TIMING
Symbol t1 (Vi) t2 (Vi) t3 (Vi) t4 (Vi) t5 (Vi) t6 (Vi) t7 (Vi) t8 (Vi) Parameter Source Current Turn-off Delay Source Current Fall Time Source Current Turn-on Delay Source Current Rise Time Sink Current Turn-off Delay Sink Current Fall Time Sink Current Turn-on Delay Sink Current Rise Time Fig. 12 Fig. 12 Fig. 12 Fig. 12 Fig. 13 Fig. 13 Fig. 13 Fig. 13 Test Conditions Min. Typ. 300 200 400 200 300 200 400 200 Max. Unit ns ns ns ns ns ns ns ns
(*) Limited by power dissipation (**) In synchronous rectification the drain-source voltage drop VDS is shown in fig. 4 (L6202/03); typical value for the L6201 is of 0.3V.
Figure 1: Typical Normalized IS vs. Tj
Figure 2: Typical Normalized Quiescent Current vs. Frequency
Figure 3: Typical Normalized IS vs. VS
Figure 4: Typical RDS (ON) vs. VS ~ Vref
5/20
L6201 - L6202 - L6203
Figure 5: Normalized RDS (ON)at 25C vs. Temperature Typical Values
Figure 6a: Typical Diode Behaviour in Synchronous Rectification (L6201)
Figure 6b: Typical Diode Behaviour in Synchronous Rectification (L6201PS/02/03)
Figure 7a: Typical Power Dissipation vs IL (L6201)
Figure 7b: Typical Power Dissipation vs IL (L6201PS, L6202, L6203))
6/20
L6201 - L6202 - L6203
Figure 8a: Two Phase Chopping
Figure 8b: One Phase Chopping
IN1 = H IN 2 = H EN = H
Figure 8c: Enable Chopping
7/20
L6201 - L6202 - L6203
TEST CIRCUITS Figure 9: Saturation Voltage
Figure 10: Quiescent Current
Figure 11: Leakage Current
8/20
L6201 - L6202 - L6203
Figure 12: Source Current Delay Times vs. Input Chopper
42V
for
L6201PS/02/03
Figure 13: Sink Current Delay Times vs. Input Chopper
42V
for
L6201PS/02/03
9/20
L6201 - L6202 - L6203
CIRCUIT DESCRIPTION The L6201/1PS/2/3 is a monolithic full bridge switching motor driver realized in the new Multipower-BCD technology which allows the integration of multiple, isolated DMOS power transistors plus mixed CMOS/bipolar control circuits. In this way it has been possible to make all the control inputs TTL, CMOS and C compatible and eliminate the necessity of external MOS drive components. The Logic Drive is shown in table 1. Table 1
Inputs IN1 VEN = H VEN = L L L H H X IN2 L H L H X Output Mosfets (*) Sink 1, Sink 2 Sink 1, Source 2 Source 1, Sink 2 Source 1, Source 2 All transistors turned oFF
Figure 15: Current Typical Spikes on the Sensing Pin
L = Low H = High X = DON't care (*) Numbers referred to INPUT1 or INPUT2 controlled output stages
Although the device guarantees the absence of cross-conduction, the presence of the intrinsic diodes in the POWER DMOS structure causes the generation of current spikes on the sensing terminals. This is due to charge-discharge phenomena in the capacitors C1 & C2 associated with the drain source junctions (fig. 14). When the output switches from high to low, a current spike is generated associated with the capacitor C1. On the low-to-high transition a spike of the same polarity is generated by C2, preceded by a spike of the opposite polarity due to the charging of the input capacity of the lower POWER DMOS transistor (fig. 15). Figure 14: Intrinsic Structures in the POWER DMOS Transistors
TRANSISTOR OPERATION ON State When one of the POWER DMOS transistor is ON it can be considered as a resistor RDS (ON) throughout the recommended operating range. In this condition the dissipated power is given by : PON = RDS (ON) IDS2 (RMS) The low RDS (ON) of the Multipower-BCD process can provide high currents with low power dissipation. OFF State When one of the POWER DMOS transistor is OFF the VDS voltage is equal to the supply voltage and only the leakage current IDSS flows. The power dissipation during this period is given by : POFF = VS IDSS The power dissipation is very low and is negligible in comparison to that dissipated in the ON STATE. Transitions As already seen above the transistors have an intrinsic diode between their source and drain that can operate as a fast freewheeling diode in switched mode applications. During recirculation with the ENABLE input high, the voltage drop across the transistor is RDS (ON) ID and when it reaches the diode forward voltage it is clamped. When the ENABLE input is low, the POWER MOS is OFF and the diode carries all of the recirculation current. The power dissipated in the transitional times in the cycle depends upon the voltage-current waveforms and in the driving mode. (see Fig. 7ab and Fig. 8abc). Ptrans. = IDS (t) VDS (t)
10/20
L6201 - L6202 - L6203
Boostrap Capacitors To ensure that the POWER DMOS transistors are driven correctly gate to source voltage of typ. 10 V must be guaranteed for all of the N-channel DMOS transistors. This is easy to be provided for the lower POWER DMOS transistors as their sources are refered to ground but a gate voltage greater than the supply voltage is necessary to drive the upper transistors. This is achieved by an internal charge pump circuit that guarantees correct DC drive in combination with the boostrap circuit. For efficient charging the value of the boostrap capacitor should be greater than the input capacitance of the power transistor which is around 1 nF. It is recommended that a capacitance of at least 10 nF is used for the bootstrap. If a smaller capacitor is used there is a risk that the POWER transistors will not be fully turned on and they will show a higher RDS (ON). On the other hand if a elevated value is used it is possible that a current spike may be produced in the sense resistor. Reference Voltage To by-pass the internal Ref. Volt. circuit it is recommended that a capacitor be placed between its pin and ground. A value of 0.22 F should be sufficient for most applications. This pin is also protected against a short circuit to ground: a max. current of 2mA max. can be sinked out. Dead Time To protect the device against simultaneous conduction in both arms of the bridge resulting in a rail to rail short circuit, the integrated logic control provides a dead time greater than 40 ns. Thermal Protection A thermal protection circuit has been included that will disable the device if the junction temperature reaches 150 C. When the temperature has fallen to a safe level the device restarts the input and enable signals under control. Figure 16. APPLICATION INFORMATION Recirculation During recirculation with the ENABLE input high, the voltage drop across the transistor is RDS (ON) IL, clamped at a voltage depending on the characteristics of the source-drain diode. Although the device is protected against cross conduction, current spikes can appear on the current sense pin due to charge/discharge phenomena in the intrinsic source drain capacitances. In the application this does not cause any problem because the voltage spike generated on the sense resistor is masked by the current controller circuit. Rise Time Tr (See Fig. 16) When a diagonal of the bridge is turned on current begins to flow in the inductive load until the maximum current IL is reached after a time Tr. The dissipated energy EOFF/ON is in this case : EOFF/ON = [RDS (ON) IL2 Tr] 2/3 Load Time TLD (See Fig.16) During this time the energy dissipated is due to the ON resistance of the transistors (ELD) and due to commutation (ECOM). As two of the POWER DMOS transistors are ON, EON is given by : ELD = IL2 RDS (ON) 2 TLD In the commutation the energy dissipated is : ECOM = VS IL TCOM fSWITCH TLD Where : TCOM = TTURN-ON = TTURN-OFF fSWITCH = Chopping frequency. Fall Time Tf (See Fig. 16) It is assumed that the energy dissipated in this part of the cycle takes the same form as that shown for the rise time : EON/OFF = [RDS (ON) IL2 Tf] 2/3
11/20
L6201 - L6202 - L6203
Quiescent Energy The last contribution to the energy dissipation is due to the quiescent supply current and is given by: EQUIESCENT = IQUIESCENT Vs T Total Energy Per Cycle ETOT = EOFF/ON + ELD + ECOM + + EON/OFF + EQUIESCENT The Total Power Dissipation PDIS is simply : PDIS = ETOT/T Tr = Rise time TLD = Load drive time Tf = Fall time Td = Dead time T = Period T = Tr + TLD + Tf + Td motor. The L6506 senses the voltage across the sense resistor RS to monitor the motor current: it compares the sensed voltage both to control the speed and during the brake of the motor. Between the sense resistor and each sense input of the L6506 a resistor is recommended; if the connections between the outputs of the L6506 and the inputs of the L6203 need a long path, a resistor must be added between each input of the L6203 and ground. A snubber network made by the series of R and C must be foreseen very near to the output pins of the I.C.; one diode (BYW98) is connected between each power output pin and ground as well. The following formulas can be used to calculate the snubber values: R VS/lp C = lp/(dV/dt) where: VS is the maximum Supply Voltage foreseen on the application; Ip is the peak of the load current; dv/dt is the limited rise time of the output voltage (200V/s is generally used). If the Power Supply Cannot Sink Current, a suitable large capacitor must be used and connected near the supply pin of the L6203. Sometimes a capacitor at pin 17 of the L6506 let the application better work. For motor current up to 2A max., the L6202 can be used in a similar circuit configuration for which a typical Supply Voltage of 24V is recommended.
DC Motor Speed Control Since the I.C. integrates a full H-Bridge in a single package it is idealy suited for controlling DC motors. When used for DC motor control it performs the power stage required for both speed and direction control. The device can be combined with a current regulator like the L6506 to implement a transconductance amplifier for speed control, as shown in figure 17. In this particular configuration only half of the L6506 is used and the other half of the device may be used to control a second Figure 17: Bidirectional DC Motor Control
12/20
L6201 - L6202 - L6203
As shown in Fig. 18 and Fig. 19, the controller connect directly to the two bridge BCD drivers. External component are minimalized: an R.C. network to set the chopper frequency, a resistive divider (R1; R2) to establish the comparator reference voltage and a snubber network made by R and C in series (See DC Motor Speed Control). Figure 18: Two Phase Bipolar Stepper Motor Control Circuit with Chopper Current Control BIPOLAR STEPPER MOTORS APPLICATIONS Bipolar stepper motors can be driven with one L6506 or L297, two full bridge BCD drivers and very few external components. Together these three chips form a complete microprocessor-tostepper motor interface is realized.
L6201 L6201PS L6202 L6203
L6201 L6201PS L6202 L6203
Figure 19: Two Phase Bipolar Stepper Motor Control Circuit with Chopper Current Control and Translator
L6201 L6201PS L6202 L6203 L6201 L6201PS L6202 L6203
13/20
L6201 - L6202 - L6203
It could be requested to drive a motor at VS lower than the minimum recommended one of 12V (See Electrical Characteristics); in this case, by accepting a possible small increas in the RDS (ON) resistance of the power output transistors at the lowest Supply Voltage value, may be a good solution the one shown in Fig. 20. Figure 20: L6201/1P/2/3 Used at a Supply Voltage Range Between 9 and 18V Figure 21: Typical RTh J-amb vs. "On Board" Heatsink Area (L6201)
L6201 L6201PS L6202 L6203
Figure 22: Typical Transient RTH in Single Pulse Condition (L6201)
THERMAL CHARACTERISTICS Thanks to the high efficiency of this device, often a true heatsink is not needed or it is simply obtained by means of a copper side on the P.C.B. (L6201/2). Under heavy conditions, the L6203 needs a suitable cooling. By using two square copper sides in a similar way as it shown in Fig. 23, Fig. 21 indicates how to choose the on board heatsink area when the L6201 total power dissipation is known since: RTh j-amb = (Tj max. - Tamb max) / Ptot Figure 22 shows the Transient Thermal Resistance vs. a single pulse time width. Figure 23 and 24 refer to the L6202. For the Multiwatt L6203 addition information is given by Figure 25 (Thermal Resistance JunctionAmbient vs. Total Power Dissipation) and Figure 26 (Peak Transient Thermal Resistance vs. Repetitive Pulse Width) while Figure 27 refers to the single pulse Transient Thermal Resistance.
Figurre 23: Typical RTh J-amb vs. Two "On Board" Square Heatsink (L6202)
14/20
L6201 - L6202 - L6203
Figure 24: Typical Transient Thermal Resistance for Single Pulses (L6202)
Figure 25: Typical RTh J-amb of Multiwatt Package vs. Total Power Dissipation
Figure 26: Typical Transient Thermal Resistance for Single Pulses with and without Heatsink (L6203)
Figure 27: Typical Transient Thermal Resistance versus Pulse Width and Duty Cycle (L6203)
15/20
L6201 - L6202 - L6203
DIM. MIN. a1 B b b1 D E e e3 F I L Z 0.38 0.51 0.85
mm TYP. MAX. MIN. 0.020 1.40 0.50 0.50 24.80 8.80 2.54 20.32 7.10 5.10 3.30 2.54 0.015 0.033
inch TYP. MAX.
OUTLINE AND MECHANICAL DATA
0.055 0.020 0.020 0.976 0.346 0.100 0.800 0.280 0.201 0.130
Powerdip 18
0.100
16/20
L6201 - L6202 - L6203
mm DIM. MIN. A A1 B C D E e H h L K 10 0.25 0.4 2.35 0.1 0.33 0.23 12.6 7.4 1.27 10.65 0.75 1.27 0.394 0.010 0.016 TYP. MAX. 2.65 0.3 0.51 0.32 13 7.6 MIN. 0.093 0.004 0.013 0.009 0.496 0.291
inch TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299 0.050 0.419 0.030 0.050
OUTLINE AND MECHANICAL DATA
SO20
0 (min.)8 (max.)
L
h x 45
A B e K H D A1 C
20
11 E
1
0 1
SO20MEC
17/20
L6201 - L6202 - L6203
mm MIN. 0.1 0 0.4 0.23 15.8 9.4 13.9 1.27 11.43 10.9 5.8 0 15.5 0.8 11.1 2.9 6.2 0.1 15.9 1.1 1.1 0.031 8 (typ.) 8 (max.) 10 0.394 0.228 0.000 0.610 0.429 TYP. MAX. 3.6 0.3 3.3 0.1 0.53 0.32 16 9.8 14.5 0.000 0.016 0.009 0.622 0.370 0.547 0.050 0.450 0.437 0.114 0.244 0.004 0.626 0.043 0.043 JEDEC MO-166 0.004 MIN. inch TYP. MAX. 0.142 0.012 0.130 0.004 0.021 0.013 0.630 0.386 0.570
Weight: 1.9gr
DIM. A a1 a2 a3 b c D (1) D1 E e e3 E1 (1) E2 E3 G H h L N S T
OUTLINE AND MECHANICAL DATA
(1) "D and E1" do not include mold flash or protusions. - Mold flash or protusions shall not exceed 0.15mm (0.006") - Critical dimensions: "E", "G" and "a3".
PowerSO20
N
N a2 b e A
R
c DETAIL B a1 E DETAIL A
DETAIL A e3 H
lead
D a3 DETAIL B
20 11
Gage Plane 0.35
slug
-C-
S E2 T E1 BOTTOM VIEW
L
SEATING PLANE G C
(COPLANARITY)
E3
1 10
h x 45
PSO20MEC
D1
0056635
18/20
L6201 - L6202 - L6203
mm MIN. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 21.9 21.7 17.4 17.25 10.3 2.65 4.25 4.73 1.9 1.9 3.65 4.55 5.08 17.5 10.7 22.2 22.1 0.49 0.88 1.45 16.75 19.6 20.2 22.5 22.5 18.1 17.75 10.9 2.9 4.85 5.43 2.6 2.6 3.85 0.862 0.854 0.685 0.679 0.406 0.104 0.167 0.186 0.075 0.075 0.144 0.179 0.200 0.689 0.421 0.874 0.87 1.7 17 1 0.55 0.95 1.95 17.25 0.019 0.035 0.057 0.659 0.772 0.795 0.886 0.886 0.713 0.699 0.429 0.114 0.191 0.214 0.102 0.102 0.152 0.067 0.669 TYP. MAX. 5 2.65 1.6 0.039 0.022 0.037 0.077 0.679 MIN. inch TYP. MAX. 0.197 0.104 0.063
DIM.
OUTLINE AND MECHANICAL DATA
Multiwatt11 V
19/20
L6201 - L6202 - L6203
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
20/20


▲Up To Search▲   

 
Price & Availability of L6201PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X