|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HER601 - HER604 6.0A HIGH EFFICIENCY RECTIFIER Features * * * * High Surge Current Capability Low Leakage and Forward Voltage Drop Plastic Material - UL Flammability Classification 94V-0 Low Power Loss, High Efficiency A B A Mechanical Data * * * * * Case: Molded Plastic Terminals: Axial Leads, Solderable per MIL-STD-202, Method 208 Polarity: Color Band Indicates Cathode Approx. Weight: 1.7 grams Mounting Position: Any R-6 Dim A B C Min 25.4 8.6 1.2 C D Max -- 9.1 1.3 All Dimensions in mm Maximum Ratings and Electrical Characteristics Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. Characteristic Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum dc Blocking Voltage Maximum Average Forward Rectified Current (Fig. 1) Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 6.0Adc Maximum dc Reverse Current at Rated dc Blocking Voltage TA = 25C Maximum Reverse Recovery Time (Note 1) Maximum Full Load Reverse Current Full Cycle Average 9.5mm lead length at TC = 55C Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range Symbol VRRM VRSM VDC I(AV) IFSM VF IR TRR IR RqJA TJ, TSTG HER601 50 35 50 HER602 100 70 100 6.0 250 1.2 10 60 150 100 -65 to +150 HER603 200 140 200 HER604 300 210 300 Units V V V A A V A ns A pF C Notes: 1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR=0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts. DS25005 Rev. D-3 1 of 2 HER601-HER604 I(AV), AVERAGE RECTIFIED CURRENT (A) 6 5 Derating A 4 Derating B 3 2 1 0 Recommended Method (See Derating "A") 2 Standard Method (See Derating "B") Ground Plane: 25mm equivalent copper surface area 0 20 40 60 80 100 120 140 Fig. 2, Printed Circuit Board Mounting Method TA, AMBIENT TEMPERATURE (C) Fig. 1, Forward Current Derating Curve IF, INSTANTANEOUS FORWARD CURRENT (A) 100 IFSM, PEAK FORWARD SURGE CURRENT (A) 2.0 1000 300 200 10 100 1.0 TJ = 25C Pulse Width = 300s 1% Duty Cycle 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 4, Peak Surge Current vs Cycles 100 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 3, Typical Forward Characteristics DS25005 Rev. D-3 2 of 2 HER601-HER604 |
Price & Availability of HER604 |