Part Number Hot Search : 
EMP210 746BT4 C3467 C471MPD A10513 ST21NFC FA5533 063CS
Product Description
Full Text Search
 

To Download DZ23C24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DZ23C2V7-DZ23C51
Vishay Telefunken
300 mW Dual Surface Mount Zener Diodes
Features
D D D D D
SOT-23 surface mount package 300 mW power dissipation rating Ideally suited for automatic insertion
DVZ for both diodes in one case is 5%
Common anode style available see AZ series
94 8550
Absolute Maximum Ratings
Tj = 25_C Parameter Test Conditions Power dissipation on fiberglass substrate Junction and storage temperature range Symbol Pd Tj=Tstg Value 300 -55...+150 Unit mW C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions on fiberglass substrate Symbol RthJA Value 420 Unit K/W
Document Number 85592 Rev. 1, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
DZ23C2V7-DZ23C51
Vishay Telefunken
Type DZ23C... 2V7 3V0 3V3 3V6 3V9 4V3 4V7 5V1 5V6 6V2 6V8 7V5 8V2 9V1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51
Marking
KV1 KV2 KV3 KV4 KV5 KV6 KV7 KV8 KV9 KVA KVB KVC KVD KVE KVF KVG KVH KVI KVJ KVK KVL KVM KVN KVO KVP KVQ KVR KVS KVT KVU KVV KVW
VZ V @ IZT=5mA 2.5 to 2.9 2.8 to 3.2 3.1 to 3.5 3.4 to 3.8 3.7 to 4.1 4.0 to 4.6 4.4 to 5.0 4.8 to 5.4 5.2 to 6.0 5.8 to 6.6 6.4 to 7.2 7.0 to 7.9 7.7 to 8.7 8.5 to 9.6 9.4 to 10.6 10.4 to 11.6 11.4 to 12.7 12.4 to 14.1 13.8 to 15.6 15.3 to 17.1 16.8 to 19.1 18.8 to 21.2 20.8 to 23.3 22.8 to 25.6 25.1 to 28.9 28 to 32 31 to 35 34 to 38 37 to 41 40 to 46 44 to 50 48 to 54
ZZT
W
ZZK
W
TC %/C -0.065 -0.060 -0.055 -0.055 -0.050 -0.035 -0.015 +0.005 +0.020 +0.030 +0.045 +0.050 +0.055 +0.065 +0.065 +0.070 +0.075 +0.080 +0.080 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.110 +0.110 +0.110 +0.110
@ IZT=5mA 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90 100 100 100
@ IZT=1mA 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 700 750 750
VR V @ IR=0.1mA - - - - - - - 0.8 1.0 2.0 3.0 5.0 6.0 7.0 7.5 8.5 9.0 10.0 11.0 12.0 14.0 15.0 17.0 18.0 20.0 22.5 25.0 27.0 29.0 32.0 35.0 38.0
1) Device on fiberglass substrate 2) Tested with IZT current pulses. Pulse width = 5 ms.
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 85592 Rev. 1, 01-Apr-99
DZ23C2V7-DZ23C51
Vishay Telefunken Dimensions in mm
top view
14372
Case: SOT23, molded plastic Mounting position: any Approx. weight: 0.008 grams
Document Number 85592 Rev. 1, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
DZ23C2V7-DZ23C51
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 85592 Rev. 1, 01-Apr-99


▲Up To Search▲   

 
Price & Availability of DZ23C24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X