Part Number Hot Search : 
EC3597BR 88SM4140 CJF100 2SK1826 0BDQ1G V4276 CS42L52 FN3038
Product Description
Full Text Search
 

To Download DF01S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005S-DF10S
Vishay Lite-On Power Semiconductor
1.0A Surface Mount Glass Passivated Bridge Rectifier
Features
D Glass passivated die construction D Diffused junction D Low forward voltage drop, high
current capability
D Surge overload rating to 50A peak D Designed for surface mount application D Plastic material - UL Recognition
flammability classification 94V-0
14 482
D This series is UL listed under recognized
component index, file number E95060
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type DF005S DF01S DF02S DF04S DF06S DF08S DF10S Symbol VRRM =VRWM =VR V Value 50 100 200 400 600 800 1000 50 1 -65...+150 Unit V V V V V V V A A C
Peak forward surge current Average forward current TA=40C Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current I2t Rating for fusing Diode capacitance Thermal resistance junction to ambient Test Conditions IF=1A TA=25C TA=125C VR=4V, f=1MHz on PC board with 5mm2 Type Symbol Min Typ Max Unit VF 1.1 V IR 10 mA IR 500 mA I2t 10.4 A2s CD 25 pF RthJA 110 K/W
Rev. A2, 24-Jun-98
1 (4)
DF005S-DF10S
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFAV - Average Forward Current ( A ) 1.0 C D - Diode Capacitance ( pF )
60 Hz resistive or inductive load
100
Tj = 25C f = 1 MHz Vsig=50 mV p-p
0.5
10
0
15595
1 40 100 120 140 80 60 Tamb - Ambient Temperature ( C ) 1
15598
10 VR - Reverse Voltage ( V )
100
Figure 1. Max. Average Forward Current vs. Ambient Temperature
10
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
100 IR - Reverse Current ( m A )
Tj = 125C
IF - Forward Current ( A )
10
1.0
1.0
0.1
Tj = 25C IF Pulse Width = 300 s 2% Duty Cycle
0.1
Tj = 25C
0.01 0.4
15596
0.01 0.8 1.0 1.2 VF - Forward Voltage ( V ) 0.6 1.4
15599
0 20 40 60 80 100 120 140 Percent of Rated Peak Reverse Voltage (%)
Figure 2. Typ. Forward Current vs. Forward Voltage
IFSM - Peak Forward Surge Current ( A ) 60 50 40 30 20 10 0 1
15597
Figure 5. Typ. Reverse Current vs. Percent of Rated Peak Reverse Voltage
Single Half Sine-Wave (JEDEC Method)
10 Number of Cycles at 60 Hz
100
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
2 (4)
Rev. A2, 24-Jun-98
DF005S-DF10S
Vishay Lite-On Power Semiconductor Dimensions in mm
14467
Case: molded plastic Polarity: as marked on case Approx. weight: 0.38 grams Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
DF005S-DF10S
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of DF01S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X